Part Number Hot Search : 
MC1413 SWSS017 A986A 1100S AR09089 74LVC1 29LV64 SDA3112
Product Description
Full Text Search
 

To Download MMBT3904-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0.1-oct.21.2008 MMBT3904-AU npn general purpose switching transistor voltage 40 volts 225 mwatts power absolute ratings thermal characteristics note 1: transistor mounted on fr-5 board 1.0 x 0.75 x 0.062 in. retemara pl obmy se ula v tinu )1eton(noitapissidrewopxa m tot 52 2 m tneibmaotnoitcnuj,ecnatsiserlamreh t ja 655 o w/c erutarepmetnoitcnu j j 051ot55- o c erutarepmetegarot s stg 051ot55- o c retemara pl obmy se ula vs tinu egatlovrettime-rotcello cv ceo 0 4v egatlovesab-rotcello cv cbo 0 6v egatlovesab-rettim ev ebo 0. 6v suounitnoc-tnerrucrotcello ci c 00 2a m s p w r t t top view 3 collector 3 collector 1 base 1 base 2 emitter 2 emitter mechanical case: sot-23, plastic terminals: solderable per mil-std-750, method 2026 approx. weight: 0.0003 ounces, 0.0084 grams marking: s1a data sot-23 unit inch(mm) 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00) features ? npn epitaxial silicon, planar design ? collector-emitter voltage vce = 40v ? collector current ic = 200ma ? transition frequency f t >300mhz @ i c =10madc, v ce =20vdc,f=100mhz ? ? lead free in comply with eu rohs 2002/95/ec directives. green molding compound as per iec61249 std. . (halogen free) acqire quality system certificate : ts16949 aec-q101 qualified ? ?
page . 2 rev.0.1-oct.21.2008 MMBT3904-AU electrical characteristics note 2: pulse test: pulse width < 300 us, duty cycle < 2.0%. storage and fall time equivalent test circuit switching time equivalent test circuits retemara pl obmy sn oitidnoctse t. ni m. py t. xa ms tinu egatlovnwodkaerbrettime-rotcello cv (br) oe cic i ,am0.1 =b0 =0 4--v egatlovnwodkaerbesab-rotcello cv (br) ob cic i ,au01 =e0 =0 6--v egatlovnwodkaerbesab-rettim ev (br) ob eie i ,au01 =c0 =0 . 6--v tnerrucffotucesa bi bl ve cv ,v03 =b ev 0.3 =--0 5a n tnerrucffotucrotcello ci cex ve cv ,v03 =b ev 0.3 =--0 5a n )2eton(niagtnerrucc dh ef ic v ,am1.0 =e cv 0.1= ic v ,am0.1 =e cv 0.1= ic v ,am01 =e cv 0.1= ic v ,am05 =e cv 0.1= ic v ,am001 =e cv 0.1= 04 07 001 06 03 - - - - - - - 003 - - - egatlovnoitarutasrettime-rotcelloc )2eton( v ce(sat) ic i ,am01 =ba m0.1= ic i ,am05 =ba m0.5= -- 2.0 3.0 v )2eton(egatlovnoitarutasrettime-esa bv be(sat) ic i ,am01 =ba m0.1= ic i ,am05 =ba m0.5= 56.0 - - - 58.0 59.0 v ecnaticapacesab-rotcello cc cbo vb ci ,v5 =e z hm1=f,0 =--0 . 4f p ecnaticapacesab-rettim ec ebo vb ei ,v5.0 =c, 0= zhm1=f -- 0 . 8f p emityale dd t vc cv ,v3 =e b, v5.0-= ic i ,am01 =ba m0.1= -- 5 3s n emitesi rr t vc cv ,v3 =e b, v5.0-= ic i ,am01 =ba m0.1= -- 5 3s n emitegarot ss t vc ci ,v3 =c a m01= ib i = 1b a m0.1=2 -- 0 0 2s n emitlla ff t vc ci ,v3 =c a m01= ib i = 1b a m0.1=2 -- 0 5s n
page . 3 rev.0.1-oct.21.2008 electrical characteristics curve 0 50 100 150 200 250 300 0.01 0.1 1 10 100 1000 collector current, i c (ma) hf e t j = 25 ?c t j = 100 ?c t j = 150 ?c v ce = 1v 0.000 0.200 0.400 0.600 0.800 1.000 1.200 1.400 0.01 0.1 1 10 100 1000 collector current, i c (ma) v be (v) t j = 25 ?c t j = 100 ?c t j = 150 v ce = 1v 0.1 1.0 0.01 0.1 1 10 100 collector current, i c (ma) v be (sat) (v ) t j = 25 ?c t j = 150 ?c i c /i b = 10 t j = 100 ?c 0.010 0.100 1.000 0.01 0.1 1 10 100 1000 collector current, i c (ma) v ce (sat) (v ) t j = 25 ?c t j = 150 ?c i c /i b = 10 1 10 0.1 1 10 100 reverse voltage, v r (v) capacitance (pf ) c ob (cb) c ib (eb) t j = 25 ?c fig. 1. typical h fe vs collector current fig. 2. typical v be vs collector current fig. 3. typical v ce (sat) vs collector current fig. 4. typical v be (sat) vs collector current fig. 5. typical capacitances vs reverse voltage
page . 4 rev.0.1-oct.21.2008 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7 plastic reel order information MMBT3904-AU sot-23 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70) unit inch(mm)
page . 5 rev.0.1-oct.21.2008 MMBT3904-AU part no_packing code_version mmbt3904 -au _r1_000a 1 for example : rb500v-40 _ r2 _ 00001 MMBT3904-AU _r2_000a 1 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not desi gned and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. MMBT3904-AU page . 6 rev.0.1-oct.21.2008


▲Up To Search▲   

 
Price & Availability of MMBT3904-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X