Part Number Hot Search : 
08017 STC6342T GRM21BR MAX3229 2042B Z100E UPD17 0Q101
Product Description
Full Text Search
 

To Download MC74HCT595ADG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 march, 2011 ? rev. 1 1 publication order number: mc74hct595a/d mc74hct595a 8-bit serial-input/serial or parallel-output shift register with latched 3-state outputs and lsttl compatible inputs high ? performance silicon ? gate cmos the mc74hct595a consists of an 8 ? bit shift register and an 8 ? bit d ? type latch with three ? state parallel outputs. the shift register accepts serial data and provides a serial output. the shift register also provides parallel data to the 8 ? bit latch. the shift register and latch have independent clock inputs. this device also has an asynchronous reset for the shift register. the hct595a directly interfaces with the spi serial data port on cmos mpus and mcus. the device inputs are compatible with standard cmos or lsttl outputs. features ? output drive capability: 15 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 4.5 to 5.5 v ? low input current: 1.0  a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 328 fets or 82 equivalent gates ? improvements over hc595 / hct595 ? improved propagation delays ? 50% lower quiescent power ? improved input noise and latchup immunity ? pb ? free packages are available* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com marking diagrams a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g,  = pb ? free package see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information soic ? 16 d suffix case 751b tssop ? 16 dt suffix case 948f 1 16 1 16 1 16 hct595ag awlyww hct 595a alyw   1 16 (note: microdot may be in either location)
mc74hct595a http://onsemi.com 2 logic diagram serial data input 14 11 10 12 13 shift clock reset latch clock output enable shift register latch 15 1 2 3 4 5 6 7 9 q a q b q c q d q e q f q g q h sq h a v cc = pin 16 gnd = pin 8 parallel data outputs serial data output pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 latch clock output enable a q a v cc sq h reset shift clock q e q d q c q b gnd q h q g q f ordering information device package shipping ? MC74HCT595ADG soic ? 16 (pb ? free) 48 units / rail mc74hct595adr2g soic ? 16 (pb ? free) 2500 tape & reel mc74hct595adtg tssop ? 16* 96 units / rail mc74hct595adtr2g tssop ? 16* (pb ? free) 2500 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free.
mc74hct595a http://onsemi.com 3 ??????????????????????? ??????????????????????? v cc dc supply voltage (referenced to gnd) ? 0.5 to + 7.0 v v in dc input voltage (referenced to gnd) ? 0.5 to v cc + 0.5 v v out dc output voltage (referenced to gnd) ? 0.5 to v cc + 0.5 v i in dc input current, per pin 20 ma i out dc output current, per pin 35 ma i cc dc supply current, v cc and gnd pins 75 ma p d power dissipation in still air, soic package? tssop package? 500 450 mw t stg storage temperature ? 65 to + 150  c t l lead temperature, 1 mm from case for 10 seconds (plastic dip, soic or tssop package) 260  c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. ?derating ? soic package: ? 7 mw/  c from 65  to 125  c tssop package: ? 6.1 mw/  c from 65  to 125  c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 4.5 5.5 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t a operating temperature range, all package types ? 55 + 125  c t r , t f input rise/fall time (figure 1) 0 500 ns this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hct595a http://onsemi.com 4 dc electrical characteristics (voltages referenced to gnd) symbol parameter test conditions v cc v guaranteed limit unit ? 55 to 25  c  85  c  125  c v ih minimum high ? level input voltage v out = 0.1 v or v cc ? 0.1 v |i out |  20  a 4.5 to 5.5 2.0 2.0 2.0 v v il maximum low ? level input voltage v out = 0.1 v or v cc ? 0.1 v |i out |  20  a 4.5 to 5.5 0.8 0.8 0.8 v v oh minimum high ? level output voltage, q a ? q h v in = v ih or v il |i out |  20  a 4.5 4.4 4.4 4.4 v v in = v ih or v il |i out |  6.0 ma 4.5 3.98 3.84 3.7 v ol maximum low ? level output voltage, q a ? q h v in = v ih or v il |i out |  20  a 4.5 0.1 0.1 0.1 v v in = v ih or v il |i out |  6.0 ma 4.5 0.26 0.33 0.4 v oh minimum high ? level output voltage, sq h v in = v ih or v il ii out i  20  a 4.5 4.4 4.4 4.4 v v in = v ih or v il ii out i  4.0 ma 4.5 3.98 3.84 3.7 v ol maximum low ? level output voltage, sq h v in = v ih or v il ii out i  20  a 4.5 0.1 0.1 0.1 v v in = v ih or v il ii out i  4.0 ma 4.5 0.26 0.33 0.4 i in maximum input leakage current v in = v cc or gnd 5.5 0.1 1.0 1.0  a i oz maximum three ? state leakage current, q a ? q h output in high ? impedance state v in = v il or v ih v out = v cc or gnd 5.5 0.5 5.0 10  a i cc maximum quiescent supply current (per package) v in = v cc or gnd l out = 0  a 5.5 4.0 40 160  a  i cc additional quiescent supply current v in = 2.4v, any one input v in = v cc or gnd, other inputs i out = 0  a 5.5 ? 55 c 25 to 125 c ma 2.9 2.4
mc74hct595a http://onsemi.com 5 ac electrical characteristics (c l = 50 pf, input t r = t f = 6.0 ns) symbol parameter v cc v guaranteed limit unit ? 55 to 25  c  85  c  125  c f max maximum clock frequency (50% duty cycle) (figures 1 and 7) 4.5 to 5.5 30 24 20 mhz t plh , t phl maximum propagation delay, shift clock to sq h (figures 1 and 7) 4.5 to 5.5 28 35 42 ns t phl maximum propagation delay, reset to sq h (figures 2 and 7) 4.5 to 5.5 29 36 44 ns t plh , t phl maximum propagation delay, latch clock to q a ? q h (figures 3 and 7) 4.5 to 5.5 28 35 42 ns t plz , t phz maximum propagation delay, output enable to q a ? q h (figures 4 and 8) 4.5 to 5.5 30 38 45 ns t pzl , t pzh maximum propagation delay, output enable to q a ? q h (figures 4 and 8) 4.5 to 5.5 27 34 41 ns t tlh , t thl maximum output transition time, q a ? q h (figures 3 and 7) 4.5 to 5.5 12 15 18 ns t tlh , t thl maximum output transition time, sq h (figures 1 and 7) 4.5 to 5.5 15 19 22 ns c in maximum input capacitance ? 10 10 10 pf c out maximum three ? state output capacitance (output in high ? impedance state), q a ? q h ? 15 15 15 pf c pd power dissipation capacitance (per package)* typical @ 25 c, v cc = 5.0 v pf 300 * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . timing requirements (input t r = t f = 6.0 ns) ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ??? ??? ??? ?????????? ?????????? ??? ??? ??? ????? ?????  c to ?55  c ???? ????  85  c ??? ???  125  c ???? ???? ???? t su ????????????????? ????????????????? ????????????????? ??? ??? ??? ????? ????? ????? ???? ???? ???? ??? ??? ??? ??? ??? ??? ???? ???? ????????????????? ????????????????? ??? ??? ????? ????? ???? ???? ??? ??? ??? ??? ???? ???? ???? ????????????????? ????????????????? ????????????????? ??? ??? ??? ????? ????? ????? ???? ???? ???? ??? ??? ??? ??? ??? ??? ???? ???? ????????????????? ????????????????? ??? ??? ????? ????? ???? ???? ??? ??? ??? ??? ???? ???? ???? ????????????????? ????????????????? ????????????????? ??? ??? ??? ????? ????? ????? ???? ???? ???? ??? ??? ??? ??? ??? ??? ???? ???? ???? ????????????????? ????????????????? ????????????????? ??? ??? ??? ????? ????? ????? ???? ???? ???? ??? ??? ??? ??? ??? ??? ???? ???? ????????????????? ????????????????? ??? ??? ????? ????? ???? ???? ??? ??? ??? ??? ???? ???? ???? ????????????????? ????????????????? ????????????????? ??? ??? ??? ????? ????? ????? ???? ???? ???? ??? ??? ??? ??? ??? ???
mc74hct595a http://onsemi.com 6 function table operation inputs resulting function reset serial input a shift clock latch clock output enable shift register contents latch register contents serial output sq h parallel outputs q a ? q h reset shift register l x x l, h, l l u l u shift data into shift register h d l, h, l d sr a ; sr n sr n+1 u sr g sr h u shift register remains unchanged h x l, h, l, h, l u u u u transfer shift register contents to latch register h x l, h, l u sr n lr n u sr n latch register remains unchanged x x x l, h, l * u * u enable parallel outputs x x x x l * ** * enabled force outputs into high impedance state x x x x h * ** * z sr = shift register contents d = data (l, h) logic level = low ? to ? high * = depends on reset and shift clock inputs lr = latch register contents u = remains unchanged = high ? to ? low ** = depends on latch clock input pin descriptions inputs a (pin 14) serial data input. the data on this pin is shifted into the 8 ? bit serial shift register. control inputs shift clock (pin 11) shift register clock input. a low ? to ? high transition on this input causes the data at the serial input pin to be shifted into the 8 ? bit shift register. reset (pin 10) active ? low, asynchronous, shift register reset input. a low on this pin resets the shift register portion of this device only. the 8 ? bit latch is not affected. latch clock (pin 12) storage latch clock input. a low ? to ? high transition on this input latches the shift register data. output enable (pin 13) active ? low output enable. a low on this input allows the data from the latches to be presented at the outputs. a high on this input forces the outputs (q a ? q h ) into the high ? impedance state. the serial output is not affected by this control unit. outputs q a ? q h (pins 15, 1, 2, 3, 4, 5, 6, 7) noninverted, 3 ? state, latch outputs. sq h (pin 9) noninverted, serial data output. this is the output of the eighth stage of the 8 ? bit shift register. this output does not have three ? state capability.
mc74hct595a http://onsemi.com 7 switching waveforms (v i = 0 to 3 v, v m = 1.3 v) serial input a (v i ) v m v m switch clock (v i ) v cc gnd valid t su t h figure 5. shift clock (v i ) output sq h t r t f v cc gnd 90% v m 10% 90% 50% 10% t plh t phl t tlh t thl t w 1/f max reset (v i ) output sq h shift clock (v i ) t w v m 50% v m v cc gnd v cc gnd t phl t rec t su v m v m v cc gnd latch clock (v i ) q a -q h outputs v m t plh t phl t tlh t thl 90% 50% 10% v cc gnd v cc gnd shift clock (v i ) latch clock (v i ) figure 3. v cc gnd t w figure 1. figure 2. figure 4. figure 6. output q output q 50% 50% 90% 10% t pzl t plz t pzh t phz v cc gnd high impedance v ol v oh high impedance output enable 50% test circuits *includes all probe and jig capacitance c l * test point device under test output *includes all probe and jig capacitance c l * test point device under test output connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k  figure 7. figure 8.
mc74hct595a http://onsemi.com 8 d r q sr a dq lr a d q sr b dq lr b r d q sr c dq lr c r d q sr d dq lr d r d q sr e dq lr e r d q sr f dq lr f r d q sr g dq lr g r d q sr h dq lr h r expanded logic diagram output enable latch clock serial data input a shift clock reset 13 12 14 11 10 15 1 2 3 4 5 6 7 9 q a q b q c q d q e q f q g q h serial data output sq h parallel data outputs
mc74hct595a http://onsemi.com 9 timing diagram shift clock serial data input a reset latch clock output enable q a q b q c q d q e q f q g q h serial data output sq h note: implies that the output is in a high ? impedance state.
mc74hct595a http://onsemi.com 10 package dimensions 0.25 (0.010) t b a m s s min min max max millimeters inches dim a b c d f g j k m p r 9.80 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 10.00 4.00 1.75 0.49 1.25 0.25 0.25 7 6.20 0.50 0.386 0.150 0.054 0.014 0.016 0.008 0.004 0 0.229 0.010 0.393 0.157 0.068 0.019 0.049 0.009 0.009 7 0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 1 8 9 16 ? a ? ? b ? d 16pl k c g ? t ? seating plane r x 45 m j f p 8 pl 0.25 (0.010) b m m soic ? 16 d suffix case 751b ? 05 issue j 6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch soldering footprint 16 89 8x
mc74hct595a http://onsemi.com 11 package dimensions tssop ? 16 dt suffix case 948f ? 01 issue b ??? ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  section n ? n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 16x ref k n n 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mc74hct595a/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74HCT595ADG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X