Part Number Hot Search : 
M5221 IXTA2 D22012P H4P041 T12N10G 765RTY AS2525 GFMB6
Product Description
Full Text Search
 

To Download MBR1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr10xx, mbrf10xx & mbrb10xx series vishay semiconductors formerly general semiconductor document number 88669 www.vishay.com 1-jul-02 1 schottky barrier rectifier reverse voltage 35 to 60v forward current 10a 0.08 (2.032) 0.24 (6.096) 0.42 (10.66) 0.63 (17.02) 0.12 (3.05) 0.33 (8.38) mounting pad layout to-263ab 0.380 (9.65) 0.411 (10.45) 0.320 (8.13) 0.360 (9.14) 0.591 (15.00) 0.624 (15.85) 1 2 0.245 (6.22) min k 0.027 (0.686) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) k 0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.140 (3.56) 0.090 (2.29) 0.110 (2.79) 0.047 (1.19) 0.055 (1.40) pin 1 pin 2 k - heatsink 0-0.01 (0-0.254) 0.060 (1.52) 0.405 (10.27) 0.383 (9.72) 0.191 (4.85) 0.171 (4.35) 0.600 (15.5) 0.580 (14.5) 0.560 (14.22) 0.530 (13.46) 0.037 (0.94) 0.027 (0.69) 0.140 (3.56) 0.130 (3.30) 0.350 (8.89) 0.330 (8.38) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.131 (3.39) 0.122 (3.08) 0.110 (2.80) 0.100 (2.54) 0.022 (0.55) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 12 pin dia. dia. pin 1 pin 2 0.676 (17.2) 0.646 (16.4) ito-220ac (mbrf10xx) to-220ac (mbr10xx) dimensions in inches and (millimeters) to-263ab (mbrb10xx) 0.154 (3.91) 0.148 (3.74) dia. 0.113 (2.87) 0.103 (2.62) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 0.160 (4.06) 0.140 (3.56) 0.037 (0.94) 0.027 (0.68) 0.205 (5.20) 0.195 (4.95) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 12 1.148 (29.16) 1.118 (28.40) 0.105 (2.67) 0.095 (2.41) 0.410 (10.41) 0.390 (9.91) 0.635 (16.13) 0.625 (15.87) 0.603 (15.32) 0.573 (14.55) pin 0.415 (10.54) max. pin 1 pin 2 case 0.370 (9.40) 0.360 (9.14) mechanical data case: jedec to-220ac, ito-220ac & to-263ab molded plastic body terminals: plated leads, solderable per mil-std-750, method 2026 polarity: as marked mounting position: any mounting torque: 10 in-lbs maximum weight: 0.08 ounce, 2.24 grams features ?plastic package has underwriters laboratory flammability classifications 94v-0 ?metal silicon junction, majority carrier conduction ?low power loss, high efficiency ?guardring for overvoltage protection ?for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ?high temperature soldering guaranteed: 250?/10 seconds, 0.25" (6.35mm) from case
mbr10xx, mbrf10xx & mbrb10xx series vishay semiconductors formerly general semiconductor www.vishay.com document number 88669 2 1-jul-02 maximum ratings (t c = 25? unless otherwise noted) parameter symbol mbr1035 mbr1045 MBR1050 mbr1060 unit maximum repetitive peak reverse voltage v rrm 35 45 50 60 v working peak reverse voltage v rwm 35 45 50 60 v maximum dc blocking voltage v dc 35 45 50 60 v maximum average forward rectified current (see fig. 1) i f(av) 10 a peak repetitive forward current at t c = 135? (sq. wave, 20 khz) i frm 20 a peak forward surge current 8.3ms single half sine-wave superimposed i fsm 150 a on rated load (jedec method) per leg peak repetitive reverse current per leg at t p = 2.0 s, 1kh z i rrm 1.0 0.5 a voltage rate of change (rated v r ) dv/dt 10,000 v/ s operating junction temperature range t j ?5 to +150 ? storage temperature range t stg ?5 to +175 ? rms isolation voltage (mbrf type only) from terminals 4500 (1) to heatsink with t = 1.0 second, rh 30% v isol 3500 (2) v 1500 (3) electrical characteristics (t c = 25? unless otherwise noted) parameter symbol mbr1035 mbr1045 MBR1050 mbr1060 unit maximum instantaneous forward voltage per leg (4) at i f = 10a, t c = 25? 0.80 at i f = 10a, t c = 125? v f 0.57 0.70 v at i f = 20a, t c = 25? 0.84 0.95 at i f = 20a, t c = 125? 0.72 0.85 maximum instantaneous reverse current t c = 25? 0.10 at rated dc blocking voltage (4) t c = 125? i r 15 ma thermal characteristics (t c = 25? unless otherwise noted) parameter symbol mbr mbrf mbrb unit maximum thermal resistance, junction to case r jc 2.0 4.0 2.0 ?/w notes: (1) clip mounting (on case), where lead does not overlap heatsink with 0.110 offset (2) clip mounting (on case), where leads do overlap heatsink (3) screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19? (4) pulse test: 300 s pulse width, 1% duty cycle ordering information product case package code package option mbr1035 - mbr1060 to-220ac 45 anti-static tube, 50/tube, 2k/carton mbrf1035 - mbrf1060 ito-220ac 45 anti-static tube, 50/tube, 2k/carton 31 13 reel, 800/reel, 4.8k/carton mbrb1035 - mbrb1060 to-263ab 45 anti-static tube, 50/tube, 2k/carton 81 anti-static 13 reel, 800/reel, 4.8k/carton
mbr10xx, mbrf10xx & mbrb10xx series vishay semiconductors formerly general semiconductor document number 88669 www.vishay.com 1-jul-02 3 0 50 100 150 2 4 6 8 10 12 0.1 1 10 100 25 50 75 125 150 175 0.01 0.1 1 10 100 0.1 10.0 0.1 1 10 100 100 1,000 4,000 100 100 1 0 0 20 40 60 80 100 0.001 0.01 0.1 1 10 20 0 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0.1 1 10 50 fig. 1 - forward current derating curve fig. 3 - typical instantaneous forward characteristics fig. 5 - typical junction capacitance fig. 2 - maximum non-repetitive peak forward surge current fig. 4 - typical reverse characteristics fig. 6 - typical transient thermal impedance case temperature ( c) average forward current (a) instantaneous forward voltage (v) instantaneous forward current (a) instantaneous reverse current (ma) reverse voltage (v) junction capacitance (pf) percent of rated peak reverse voltage (%) t, pulse duration (sec.) transient thermal impedance ( c/w) number of cycles at 60 hz peak forward surge current (a) resistive or inductive load t j = t j max. 8.3ms single half sine-wave (jedec method) pulse width = 300 s 1% duty cycle t j = 150 c t j = 25 c t j = 25 c t j = 125 c t j = 75 c mbr1635 - mbr1645 mbr1650 - mbr1660 mbr1635 - mbr1645 mbr1650 - mbr1660 mbr1635 - mbr1645 mbr1650 - mbr1660 mbr1635 - mbr1645 mbr1650 - mbr1660 t j = 25 c f = 1.0 mhz vsig = 50mvp-p ratings and characteristic curves (t a = 25 c unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of MBR1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X