Part Number Hot Search : 
MPC56 25256XE 936818 5H123 2SA1960 KSC3502E SP2526 ADE5566
Product Description
Full Text Search
 

To Download LT1086-MIG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary prelim.02/00 lt1086mig ?05 lt1086mig?05 lt1086mig?12 military version semelab plc. telephone +44(0)1455 556565. fax +44(0)1455 552612. e-mail: sales@semelab.co.uk website: http://www.semelab.co.uk 123 0.89 (0.035) 1.14 (0.045) 10.41 (0.410) 10.67 (0.420) 3.56 (0.140) 3.81 (0.150) 4.83 (0.190) 5.08 (0.200) 10.41 (0.410) 10.92 (0.430) 13.38 (0.527) 13.64 (0.537) 16.38 (0.645) 16.89 (0.665) 0.64 (0.025) 0.89 (0.035) 3.05 (0.120) bsc 2.54 (0.100) bsc dia. 12.07 (0.500) 19.05 (0.750) dia. to ? 257aa isolated metal package pin fixed adjustable 1 ground adjust 2 output output 3 input input case is isolated lt1086?mig positive adjustable regulator lt1086mig?05 fixed +5v regulator lt1086mig?12 fixed +12v regulator pinouts ordering information absolute maximum ratings (t case = 25c unless otherwise stated) low dropout 1.5 amp positive voltage regulator v in input voltage * p d power dissipation v in operating input voltage adjustable 5 volt 12 volt t j operating junction temperature range control power t stg storage temperature range t lead lead temperature (for 10 sec.) 30v internally limited 25v 20v 25v ?55 to 150c ?55 to 200c ?65 to 150c 300c features  low dropout performance  fixed or adjustable voltages  fixed output voltages of 5v & 12v  output current 1.5a  line regulation 0.015% / v typical.  load regulation 0.1% typical.  military temperature range ( ? 55 to +150 c) in v thermal limit adj v out v * although the devices ? maximum operating voltage is limited (20v for the 5v device, and 25v for the 12v and adjustable devices) the devices are guaranteed to withstand transient input voltages up to 30v. for input voltages greater than the maximum operating input voltage , some degradation of specifications will occur. for 5v and 12v devices operating at input-output voltage differentials >15v, a minimum external load of 5ma is required to maintain regulation. block diagram
preliminary prelim.02/00 lt1086mig ? 05 lt1086mig ? 05 lt1086mig ? 12 military version semelab plc. telephone +44(0)1455 556565. fax +44(0)1455 552612. e-mail: sales@semelab.co.uk website: http://www.semelab.co.uk v o output voltage v ref reference voltage reg (line) line regulation reg (load) load regulation see notes 1,2 v d dropout voltage see note 3 output parameter voltage test conditions min. typ. max. unit v in = 6.5 to 20v i o = 0 to 1.5a t j = ? 55 to 150 c v in = 13.5v to 25v i o = 0 to 1.5a t j = ? 55 to 150 c v in ? v out = 1.5 to 15v i o = 10ma to 1.5a t j = ? 55 to 150 c v in = 6.5 to 20v i o = 0 t j = ? 55 to 150 c v in = 13.5 to 25v i o = 0 t j = ? 55 to 150 c v in ? v out = 1.5 to 15v i load = 10ma t j = ? 55 to 150 c v in = 8v i o = 0 to 1.5a t j = ? 55 to 150 c v in = 15v i o = 0 to 1.5a t j = ? 55 to 150 c v in ? v out = 3v i o = 10ma to 1.5a t j = ? 55 to 150 c d v out = 50mv i out = 1.5a t j = ? 55 to 150 c d v out = 120mv i out = 1.5a t j = ? 55 to 150 c d v ref = 1% i out = 1.5a t j = ? 55 to 150 c 4.90 5 5.10 11.76 12 12.24 1.225 1.25 1.270 0.5 10 110 125 225 0.015 0.2 0.035 0.2 520 10 35 12 36 24 72 0.1 0.3 0.2 0.4 1.3 1.5 1.3 1.5 1.3 1.5 5 12 adj. 5 12 adj. 5 12 adj. 5 12 adj. electrical characteristics (t j = 25 c unless otherwise stated) v mv % mv % v description the lt1086 is designed to provide 1.5a with higher efficiency than currently available devices. all internal circuitry is designed to operate down to 1v input to output differential and the dropout voltage is fully specified as a function of load current. dropout is guaranteed at a maximum of 1.5v at maximum output current, decreasing at lower load currents. on-chip trimming adjusts the reference output voltage to 1%. current limit is also trimmed, minimising the stress on both the regulator and power source circuitry under overload conditions. the lt1086 is pin compatible with older 3 terminal adjustable regulators. a 10 m f output capacitor is required on these new devices; however, this is usually included in most regulator designs. unlike pnp regulators, where up to 10% of the output current is wasted as quiescent current, the lt1086 quiescent current flows into the load, increasing efficiency.
preliminary prelim.02/00 lt1086mig ? 05 lt1086mig ? 05 lt1086mig ? 12 military version semelab plc. telephone +44(0)1455 556565. fax +44(0)1455 552612. e-mail: sales@semelab.co.uk website: http://www.semelab.co.uk i cl current limit i q quiescent current minimum load current 4 reg (therm) thermal regulation r a ripple rejection i pin adjust pin current d i pin adjust pin current change t s temperature stability long term stability v n rms output noise r q jc thermal resistance junction ? case output parameter voltage test conditions min. typ. max. unit v in ? v out = 5v t j = ? 55 to 150 c v in ? v out = 25v t j = ? 55 to 150 c v in 20v t j = ? 55 to 150 c v in 25v t j = ? 55 to 150 c v in ? v out = 25v t j = ? 55 to 150 c t p = 30ms t a = 25 c t j = ? 55 to 150 cv in = 8v c out = 25 m f tantalum v in = 15v f = 120hz v in ? v out = 3v i o = 1.5a c adj = 25 m f t j = ? 55 to 150 c v in ? v out = 1.5 to 15v i o = 10ma to 1.5a t j = ? 55 to 150 c t j = ? 55 to 150 c t a = 125 c t = 1000 hrs f = 10hz to 10khz t a = 25 c control circuitry power transistor 1.5 1.6 2.5 0.075 0.15 510 510 510 0.008 0.04 60 68 54 60 60 75 55 120 0.2 5 0.5 0.3 1 0.003 tba tba 5 12 adj. 5 12 adj. electrical characteristics (t j = ? 55 to +150 c unless otherwise stated) a ma %/w db m a m a % % % c/w notes: 1. see thermal regulation specifications for changes in output voltage due to heating effects. load and line regulation are measured at a constant junction temperature by low duty cycle pulse testing. load regulation is measured at the output lead ? 1 / 8 ? from the package. 2. line and load regulation are guaranteed up to the maximum power dissipation of 15w. power dissipation is determined by the input - output differential and the output current. guaranteed maximum power dissipation will not be available over the full input - output voltage range. 3. dropout voltage is specified over the full output current range of the device. 4. minimum load current is defined as the minimum output current required to maintain regulation. at 25v input-output differential the device is guaranteed to regulate if the output current is greater than 10ma.


▲Up To Search▲   

 
Price & Availability of LT1086-MIG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X