Part Number Hot Search : 
A1400 SK38A G40C6 UPD78 EUA2032 24C02SC FDC5614P 167BG
Product Description
Full Text Search
 

To Download KTD2017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tssop-8 unit: mm 1:drain1 2 : source1 3 : source1 4:gate1 5:gate2 6 : source2 7 : source2 8:drain2 features low on resistance. 2.5v drive. mounting height 1.1mm composite type, facilitating high-density mounting. absolute maximum ratings ta = 25 parameter symbol rating unit drain-to-source voltage v dss 20 v gate-to-source voltage v gss 10 v drain current(dc) i d 5a drain current (pulse) (pw 10s) i dp 20 a allowable power dissipation p d 0.8 w total dissipation p t 1.3 w channel temperature t ch 150 storage temperature t stg -55 to +150 4008-318-123 sales@twtysemi.com 1 of 2 http://www.twtysemi.com smd type ic smd type ic KTD2017 product specification
smd type ic smd type ic switching time test circuit electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain-to source breakdown voltage v (br)dss i d =1ma, v gs =0 20 v drain cut-off current i dss v ds =20v,v gs =0v 1 a gate leakage current i gss v gs = 8v,v ds =0v 10 a gate cut-off voltage v gs(off) v ds =10v,i d =1ma 0.4 1.3 v forward transfer admittance y fs v ds =10v,i d = 5 a 11.2 16 s r ds(on)1 v gs =4v,i d =4a 17 23 m r ds(on)2 v gs =2.5v,i d =2a 20 29 m input capacitance c iss v ds = 10 v,f = 1 mhz 1500 pf output capacitance c oss v ds = 10 v,f = 1 mhz 350 pf reverse transfer capacitance c rss v ds = 10 v,f = 1 mhz 230 pf turn-on delay time t d(on) 19 ns rise time t r 190 ns turn-off delay time t d(off) 90 ns fall time t f 160 ns total gate charge q g 42 nc gate-source charge q gs 4nc gate-drain charge q gd 8nc diode forward voltage v sd i f =5a,v gs =0v 0.8 1.2 v static drain to source on-state resistance see specified test circuit v ds =10v,v gs =10v,i d =5a KTD2017 4008-318-123 sales@twtysemi.com 2 of 2 http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of KTD2017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X