Part Number Hot Search : 
BEL880 BYV26 DDLK0307 D391DL MBF9412B 2FWJ42N A11101F LF12ABV
Product Description
Full Text Search
 

To Download K1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cosmo electronics corp. document no. 6 9p00001 .1 - 1 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler ? schematic ? description the K1010 series consist of an infrared emitting diode, optically coupled to a phototransistor detector. they are packaged in a 4 - pin dip package and available in wide - lead spacing and smd option. 1 . anode 2. cathode 3. emitter 4. collector ? features 1. current transfer ratio ( ctr min. 50% at i f =5ma v ce =5v ) 2. high isolation voltage between input and output ( viso 5000vrms ) 3. pb free and rohs compliant 4. agency approvals ? ul1577 / cul c22.2 no.1 & ntc no.5, file no. e 169586 ? vde en60747, file no.101347 ? fimko en60065, file no . ncs/ f i 23149 a2 ? fimko en60950, file no. ncs/ f i 2 4584 a1 ? se mko en60065, file no. f i 016484 ? se mko en60950, file no. f i 016433 ? cqc gb4943/gb8898 - 2011 , file no.cqc 10001049555 / cqc08001023986 ? applicatio n s ? system appliances ? m easuring instr uments ? compu ter terminals ? p rogrammable controllers ? medical instruments ? p hysical and chemical equipment ? signal transmission between circuits of different potentials and impedances http://
cosmo electronics corp. document no. 6 9p00001 .1 - 2 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler ? outside dimension unit : mm 0.40 3.00 2.70 13.00 0.25 13.00 1.20 0.50 2.54 7.62 6.50 3.50 4.60 K10101x 0.25 10.000.4 1.00 0.100.1 1.20 2.54 6.50 7.62 0 ~ 10 3.50 4.60 K10104x 6.50 7.62 0.25 4.60 3.50 3.00 0.30 1.20 0.50 2.54 2.70 K10103x 0 ~ 10 0.25 4.60 3.50 1.20 2.54 6.50 7.62 10.16 0.90 0.25 0.90 0.25 11.80 0.25 +0.2 -0.5 K10106x tolerance 0.2mm 10.160.50 1.dual-in-line type. 2.surface mount type. 3.long creepage distance type 4.long creepage distance for surface mount type. ? device marking notes: cosmo 1010 817 yww y: year c ode / ww: week c ode : ctr r ank cosmo 1010 817 yww http://
cosmo electronics corp. document no. 6 9p00001 .1 - 3 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler ? absolute maximum ratings (ta=25 ) parameter symbol rating unit forward current i f 50 ma peak forward current i fm 1 a reverse voltage v r 6 v in put power dissipation p d 70 mw collector - emitter voltage v ceo 8 0 v emitter - collector voltage v eco 6 v collector current i c 50 ma output collector power dissipation p c 150 mw total power dissipation p tot 200 mw isolation voltage 1 minute v iso 5000 vrms operating temperature t opr - 55 to +115 storage temperature t stg - 55 to +125 soldering temperature 10 second s t sol 260 ? electro - optical characteristics (ta=25 ) parameter symbol conditions m in . t yp . m ax . u nit forward voltage v f i f =20ma - 1.2 1.4 v peak forward voltage v fm i fm =0.5a - - 3.0 v reverse current i r v r =4v - - 10 a input terminal capacitance c t v=0, f=1khz - 30 - pf output collector dark current i ceo v ce =20v , i f =0 - - 0.1 a i f =5ma, v ce =5v 50 - 600 current transfer ratio ctr i f =1ma, v ce =5v 15 - - % collector - emitter saturation v ce(sat) i f =20ma, i c =1ma - 0.1 0.2 v isolation resistance r is o dc500v 5x10 10 10 11 - floating capacitance c f v=0, f=1mhz - 0.6 1.0 pf cut - off frequency f c v cc =5v, i c =2ma, r l =100 - 80 - khz response time ( rise) t r - 4 18 s transfer charac - teristics response time ( fall) t f v ce =2v, i c =2ma, r l =100 - 3 18 s http://
cosmo electronics corp. document no. 6 9p00001 .1 - 4 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler fig.1 current transfer ratio vs. forward current current t ransfer r atio ctr ( % ) 1 2 5 2 0 5 0 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 3 5 0 4 0 0 4 5 0 5 0 0 t a = 2 5 0 1 0 v = 5 v 0 . 5 c e classification table of current transfer ratio is shown below. K1010 model no. ctr ( % ) K1010 a 80 ~ 160 K1010 b 130 ~ 260 K1010 c 200 ~ 400 K1010 d 300 ~ 600 K1010 e 50 ~ 600 forward c urrent i f (ma) fig.2 collector power dissipation fig.3 collector dark current vs. ambient temperature vs. ambient temperature collector power dissipation p c ( mw ) 25 0 -55 50 0 100 125 75 50 200 150 250 115 colle ctor dark current i ceo ( a ) -8 10 -55 0 25 10 -11 10 -10 -9 10 v =20v 10 -7 10 -6 10 -5 75 50 115 ce ambient temperature ta ( ) ambient temperature ta ( ) fig.4 forward current fig.5 forward current vs. ambient temperature vs. forward voltage forward current i f ( ma ) 60 10 -55 0 20 0 25 30 40 50 50 75 115 125 forward current i f ( ma ) 500 1.8 -25 1.6 1.2 1.0 1.4 20 2 5 10 50 ta=75 c 50 100 200 c 2.4 2.0 2.2 c c 25 c 0 1 ambient temperature ta ( ) forward voltage v f (v) http://
cosmo electronics corp. document no. 6 9p00001 .1 - 5 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler fig.6 collector current fig.7 relative current transfer ratio vs. collector - emitter voltage vs. ambient temperat ure collector current i c (ma) 0 0 1 5 10 2 3 4 6 5 7 5ma 9 8 20ma i =30ma 20 15 25 30 ta=25 10ma c f relative current transfer ratio ( % ) -55 0 -25 50 25 50 115 75 i =5ma v =5v 150 100 0 f c e collector - emitter voltage v ce (v) ambient temperature ta ( ) fig.8 collector - emitter saturation voltage fig.9 colle ctor - emitter saturation vs. ambient temperature voltage vs. forward current collector - emitter saturation voltage v ce ( v ) 0 -5 5 0 5 0 2 5 75 11 5 ic=1 m a 0 .0 2 0 .0 4 0 .0 6 0 .1 0 0 .0 8 0 .1 2 0 .1 6 0 .1 4 i = 20m a f collector - emitter saturation voltage v ce ( v ) 0 5 0 10 1 2 3 5 4 6 7 c t a=25 ic=7 ma ic=5m a ic= 3m a ic=1 ma ic=0.5 ma ambient temp erature ta ( ) forward current i f (ma) fig.10 response time (rise) fig.11 response time (fall) vs. load resistance vs. load resistance response rise time ( us ) 1 0 1 0 . 1 t r 0 . 5 0 . 2 0 . 1 1 2 5 1 0 2 0 1 0 0 5 0 i c = 2 m a v = 2 v t a = 2 5 c c e response fall time ( us ) 1 0 0 .1 1 0 .1 0 .2 1 0 .5 5 2 2 0 1 0 t a = 2 5 i c = 2 m a v = 2 v 1 0 0 5 0 c t f c e load resistance r l (k) load resistance r l (k) http://
cosmo electronics corp. document no. 6 9p00001 .1 - 6 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler ? test circuit f or response time v c e t r t f 9 0 % 1 0 % 2 1 3 4 r v c c v c e i f i f l http://
cosmo electronics corp. document no. 6 9p00001 .1 - 7 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler ? recommended soldering conditions (a) infrared reflow soldering ? peak reflow soldering ? time of peak reflow temp erature ? time of temperature higher than 230 ? time to preheat t emperature from 180~190 ? time(s) of reflow ? flux 2 60 or below (package surface temperature) 10 sec 30 - 60 sec 60 - 120 sec two rosin flux containing small amount of chlorine (the f lux with a maximum chlorine content of 0.2 wt% is recommended.) recommended temperature profile of infrared reflow 1 8 0 1 9 0 2 3 0 2 6 0 6 0 - 1 2 0 s e c 3 0 -6 0 s e c t (s ) temperature 1 0 s e c m a x . (b) wave soldering ? temperature ? time ? preheating conditions ? t ime ( s ) of reflow ? flux 260 or below (molten solder t emperature) 10 seconds or less 120 or below (package surface temperature) one rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (c) cautions ? fluxes avoid removing the residual flux with f reon - based and chlorine - based cleaning solvent . ? avoid shorting between portion of frame and leads. http://
cosmo electronics corp. document no. 6 9p00001 .1 - 8 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler numbering system K1010 x y (z) note s: K1010 = part no. x = lead f orm option (1,3,4,6) y = ctr r ank option (a ~ e ) z = tape and r eel option ( tld, tru) option description packing quantity 4 (tld) surface mount type package + tld tape & reel option 2000 un its per reel 4 (tru) surface mount type package + tru tape & reel option 20 00 un its per reel 6 (tld) long creepage distance for surface moun t type package + tld tape & reel option 2000 un its per reel 6 (tru) long creepage distance for surface mount type package + tru tape & reel option 2000 un its per reel recommended pad l ayout for s urface m ount l ead f orm u nit : mm 2.long creepage distance for surface mount type. 4 pin smd 4 pin l 1.surface mount type. http://
cosmo electronics corp. document no. 6 9p00001 .1 - 9 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler 4 - pi n smd c arrier tape & r eel tolerance 0.2mm http://
cosmo electronics corp. document no. 6 9p00001 .1 - 10 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler 4 - pin l c arrier t ape & r eel tolerance 0.2mm http://
cosmo electronics corp. document no. 6 9p00001 .1 - 11 - http://www.cosmo - ic.com cosmo k 10 1 0 series 4pin phototransistor p hoto c oupler ? application n otice the content of datasheet is the guidance for product use only. cosmo takes no responsibility to the accuracy of the information provided here. for continuously improving all of products, including quality, reliability, function...etc., cosmo reserves the right to change the specification, characteristics, data, materials, and structure of products without notice. please contact with cosmo to obtain the latest specification. it would be required to comply with the absolute maximum ratings listed in the specification. cosmo has no liability and responsibility to the damage caused by improper use of the products. cosmo products are intended to be designed for use in general electronics application list below: a. personal c omputer b. oa machine c. audio / video d. instrumentation e. electrical a pplication f. measurement equipment g. consumer electronics h. telecomm unication cosmo devices shall not be used or related with equipment requiring higher level of quality / reliab ility, or malfunction, or failure which may cause loss of human life, bodily injury, includes, without limitat ion: a. medical and other life sup porting equipments b. space application c. telecommunication equipment (trunk lines) d. nuclear power control e. equipment used for automotive vehicles, trains, ships...etc. this publication is the property of cosmo. no part of this publication may be re produced or copied in any form or any means electronically or mechanically for any purpose, in whole or in part without any written permission expressed f r o m cosmo. http://


▲Up To Search▲   

 
Price & Availability of K1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X