Part Number Hot Search : 
M48T128Y D74HC W5500 74AHC1G PP1DD 22041 GS431BI TDA7298
Product Description
Full Text Search
 

To Download JE1AXN-DC12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  220 compact economical power relays je-x relays mm inch ul file no.: e43028 csa file no.: lr26550 je-x ? compact size - height max. 18.7 mm .736 inch lower than jy relay (22.5 mm) (.886 inch) ? high contact capacity 5a 125 v ac ? safety-oriented between coil and contact terminals ? all plastic materials: ul flame retardance 94v-0 terminal la y out specifica tions distance of 9.16 mm .360 inch between common and coil terminals and 8.9 mm .350 inch between contacts give room to the land diameter width when the relay is mounted on pc board, and allow design of patterns with insulation distances of 6 mm .236 inch between common and coil and 5.9 mm .232 inch between contacts. ? 3 mm .118 inch or more insulation distance for close mounting can be kept easily with je-x relays. mm inch arrangement vde rating 5 a 125 v ~ (cos j = 0.4) 10 5 initial contact resistance, max. (by voltage drop 6 v dc 1a) contact coil minimum operating power 256 mw (196 mw for je1axn, je1xn) nominal operating power 400 mw 1 form a 1 form c 100 m w contact material silver alloy 3a (ac) 5 a (dc) 250 v ac, 30 v dc shock resistance vibration resistance unit weight approx. 9.2g .32 oz characteristics (at 25 c 77 f ) max. operating speed 20 cpm (at 70 c) operate time* 4 (at nominal voltage) approx. 10 ms release time(without diode)* 4 (at nominal voltage) approx. 2 ms min. 98 m/s 2 {10 g} min. 980 m/s 2 {100 g} functional* 5 destructive* 6 functional* 7 destructive 98 m/s 2 {10 g}, 10 to 55 hz at double amplitude of 1.6 mm 117.6 m/s 2 {12 g}, 10 to 55 hz at double amplitude of 2.0 mm remarks * 1 measurement at same location as ?nitial breakdown voltage?section * 2 detection current: 10 ma * 3 wave is standard shock voltage of 1.2 50 m s according to jec-212-1981 * 4 excluding contact bounce time * 5 half-wave pulse of sine wave: 6ms; detection time: 10 m s * 6 half-wave pulse of sine wave: 6ms * 7 detection time: 10 m s * 8 refer to 5. conditions for operation, transport and storage mentioned in * 7 ambient environment (page 49) ul/csa rating 3 a, 1/10 hp 277 v ac 5 a, 1/10 hp 125 v ac 5 a 30 v dc initial breakdown voltage * 2 between open contacts between contacts and coil 750 vrms 1,500 vrms surge voltage between coil and contact * 3 min. 5,000 v initial insulation resistance* 1 min. 100 m w (at 500 v dc) temperature rise (at 70 c) max. 45 c with nominal coil voltage and at nominal switching capacity expected life (min. operations) mechanical (at 180 cpm) electrical (at 20 cpm) (at rated load) 750 va, 150 w 5 10 6 nominal switching capacity 5 a 30 v dc, 5 a 125 v ac, 3a 250 v ac rating (resistive load) max. switching power max. switching voltage max. switching current conditions for operation, transport and storage* 8 (not freezing and condens- ing at low temperature) ?0 c to +70 c ?0 f to +158 f 5 to 85% r.h. ambient temp. humidity in case of 3 mm .118 inch land diameter 5.9 .233 3 dia. .118 dia. 3 dia. .118 dia. 4.45 .175 9.16 .361 coil coil com n.o. n.c. 4.45 .175 6.16 .243 mm inch 1.3 dia. .051 dia. 3 dia. .118 dia. 8.9 .350 0.9 .035 n.o. n.c. r1 8.9 .350 3 .118 n.o. n.c. r2 18.7 .736 14 .551 22 .866 http://
221 je-x types contact arrangement 1 form a coil voltage pick-up 70% v type flux-resistant type standard type 5 v dc 6 v dc 9 v dc 12 v dc 24 v dc 48 v dc je1axn-dc5v je1axn-dc6v je1axn-dc9v JE1AXN-DC12V je1axn-dc24v je1axn-dc48v je1axn-dc5v-h je1axn-dc6v-h je1axn-dc9v-h JE1AXN-DC12V-h je1axn-dc24v-h je1axn-dc48v-h 1 form c 5 v dc 6 v dc 9 v dc 12 v dc 24 v dc 48 v dc je1xn-dc5v je1xn-dc6v je1xn-dc9v je1xn-dc12v je1xn-dc24v je1xn-dc48v je1xn-dc5v-h je1xn-dc6v-h je1xn-dc9v-h je1xn-dc12v-h je1xn-dc24v-h je1xn-dc48v-h coil d a t a at 20 c 68 f typical applica tions ? home appliances oven, range, dryer, heater, air conditioner etc. ? automotive ? garage door opener ? personal computer ? programmable controller typical applica tions 1 n x h dc12v ex. je contact arrangement (note) standard packing: carton 100 pcs. case 500 pcs. pick-up voltage coil voltage protective construction 1a: 1 form a 1:1 form c n:70% of nominal voltage dc 5, 6, 9, 12, 24, 48 v nil: standard type h: flux-resistant type dimensions mm inch 5-1.3 dia. 5-.051 dia. pc board pattern (copper-side view) schematic (bottom view) 10.16 .400 7.62 .300 7.62 .300 4.45 .175 4.45 .175 com n.o. n.c. 3 4 5 1 2 14 .551 22 .866 0.5 .020 0.8 .031 4.45 .175 4.45 .175 0.4 .016 n.c. n.o. com 3 4 5 2 1 1.1 .043 1.2 .047 0.8 .031 3.9 .154 0.3 .012 3.9 .154 max. 18.2 .717 7.62 .300 10.16 .400 7.62 .300 tolerance: 0.1 .004 note: the above shows 1 form c type, and no. 5 terminal is eliminated on the 1 form a type. 5 nominal voltage, v dc pick-up voltage, v dc (max.) drop-out voltage, v dc (min.) nominal operating currrent, ma ( 10%) coil resistance, w ( 10%) nominal operating power, mw maximum allowable voltage, v dc (at 70 c) 3.5 0.5 80 62.5 400 6.5 6 4.2 0.6 67 90 400 7.8 9 6.3 0.9 44 202 400 11.7 12 8.4 1.2 33 360 400 15.6 24 16.8 2.4 17 1,440 400 31.2 48 33.6 4.8 8.3 5,760 400 62.4 max. 1mm .039 inch 0.1 .004 1 to 3mm .039 to .118 inch 0.2 .008 min. 3mm .118 inch 0.3 .012 dimension general tolerance
222 je-x no te soldering should be carried out within 3 s to 350 c 662 f or within 5 s at 250c 482 f . reference d a t a 1. max. switching power 0.5 1 3 5 30 50 200 250 100 voltage, v contact current, a ac resistive load dc resistive load 2. operate and release time 80 100 120 5 10 15 0 coil applied voltage, %v operate & release time, ms operate time release time max. min. max. min. 3. coil temperature rise (at 30c 86f ) 100 130 150 110 20 30 40 50 60 5a 3a 1.5a 0a coil applied voltage, %v temperature rise, c 4. coil temperature rise (contact carrying current: 5 a) 100 130 150 110 30 40 50 70 60 30 c 40 c 60 c coil applied voltage, %v temperature rise, c ? m atsus hi ta el ectric w or k s (europe ) ag adobe pdf-file produced january, 1999 / technical data may change without notice ? ? ? ? 2000 m a tsushita e l ect ric w o r ks group e u rope for ca utions for use , s e e re l a y t e c hnic a l infor m a t ion.


▲Up To Search▲   

 
Price & Availability of JE1AXN-DC12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X