Part Number Hot Search : 
LTC4303 RLP732B 4LC12 100EP89 K2125 PD5616S L0620 SL5240
Product Description
Full Text Search
 

To Download IRG4BC30F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter max. units v ces collector-to-emitter breakdown voltage 600 v i c @ t c = 25c continuous collector current 31 i c @ t c = 100c continuous collector current 17 a i cm pulsed collector current  120 i lm clamped inductive load current  120 v ge gate-to-emitter voltage 20 v e arv reverse voltage avalanche energy  10 mj p d @ t c = 25c maximum power dissipation 100 p d @ t c = 100c maximum power dissipation 42 t j operating junction and -55 to + 150 t stg storage temperature range soldering temperature, for 10 seconds 300 (0.063 in. (1.6mm from case ) c mounting torque, 6-32 or m3 screw. 10 lbfin (1.1nm)    

   
 
   e c g n-channel features features features features features  fast: optimized for medium operating frequencies ( 1-5 khz in hard switching, >20 khz in resonant mode).  generation 4 igbt design provides tighter parameter distribution and higher efficiency than generation 3  industry standard to-220ab package  generation 4 igbts offer highest efficiency available  igbts optimized for specified application conditions  designed to be a "drop-in" replacement for equivalent industry-standard generation 3 ir igbts benefits v ces = 600v v ce(on) typ. = 1.59v @v ge = 15v, i c = 17a 4/17/2000 parameter typ. max. units r jc junction-to-case ??? 1.2 r cs case-to-sink, flat, greased surface 0.5 ??? c/w r ja junction-to-ambient, typical socket mount ??? 80 wt weight 2.0 (0.07) ??? g (oz) thermal resistance absolute maximum ratings w t o -22 0 ab www.irf.com 1
 2 www.irf.com parameter min. typ. max. units conditions q g total gate charge (turn-on) ? 51 77 i c = 17a q ge gate - emitter charge (turn-on) ? 7.9 12 nc v cc = 400v see fig. 8 q gc gate - collector charge (turn-on) ? 19 28 v ge = 15v t d(on) turn-on delay time ? 21 ? t r rise time ? 15 ? t j = 25 c t d(off) turn-off delay time ? 200 300 i c = 17a, v cc = 480v t f fall time ? 180 270 v ge = 15v, r g = 23 ? e on turn-on switching loss ? 0.23 ? energy losses include "tail" e off turn-off switching loss ? 1.18 ? mj see fig. 10, 11, 13, 14 e ts total switching loss ? 1.41 2.0 t d(on) turn-on delay time ? 20 ? t j = 150 c, t r rise time ? 16 ? i c = 17a, v cc = 480v t d(off) turn-off delay time ? 290 ? v ge = 15v, r g = 23 ? t f fall time ? 350 ? energy losses include "tail" e ts total switching loss ? 2.5 ? mj see fig. 13, 14 l e internal emitter inductance ? 7.5 ? nh measured 5mm from package c ies input capacitance ? 1100 ? v ge = 0v c oes output capacitance ? 74 ? pf v cc = 30v see fig. 7 c res reverse transfer capacitance ? 14 ?? = 1.0mhz parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage 600 ?? vv ge = 0v, i c = 250a v (br)ecs emitter-to-collector breakdown voltage  18 ?? vv ge = 0v, i c = 1.0a ? v (br)ces / ? t j temperature coeff. of breakdown voltage ? 0.69 ? v/ cv ge = 0v, i c = 1.0ma ? 1.59 1.8 i c = 17a v ge = 15v v ce(on) collector-to-emitter saturation voltage ? 1.99 ? i c = 31a see fig.2, 5 ? 1.7 ? i c = 17a , t j = 150 c v ge(th) gate threshold voltage 3.0 ? 6.0 v ce = v ge , i c = 250a ? v ge(th) / ? t j temperature coeff. of threshold voltage ? -11 ? mv/ cv ce = v ge , i c = 250a g fe forward transconductance  6.1 10 ? sv ce = 100v, i c = 17a ?? 250 v ge = 0v, v ce = 600v ?? 2.0 v ge = 0v, v ce = 10v, t j = 25 c ?? 1000 v ge = 0v, v ce = 600v, t j = 150 c i ges gate-to-emitter leakage current ?? 100 n a v ge = 20v electrical characteristics @ t j = 25c (unless otherwise specified) i ces zero gate voltage collector current v a switching characteristics @ t j = 25c (unless otherwise specified) ns ns  pulse width 80s; duty factor 0.1%.  pulse width 5.0s, single shot. notes:  repetitive rating; v ge = 20v, pulse width limited by max. junction temperature. ( see fig. 13b )  v cc = 80%(v ces ), v ge = 20v, l = 10h, r g = 23 ? , (see fig. 13a)  repetitive rating; pulse width limited by maximum junction temperature.
 www.irf.com 3 fig. 1 - typical load current vs. frequency (for square wave, i=i rms of fundamental; for triangular wave, i=i pk ) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 1 10 100 1000 1 10 ce c i , collector-to-emitter current (a) v , collector-to-emitter volta g e (v) t = 150 c t = 25 c j j v = 15v 20s pulse width ge a 1 10 100 1000 5678910111213 c i , collector-to-emitter current (a) ge t = 25 c t = 150 c j j v , gate-to-emitter volta g e (v) a v = 50v 5s pulse width cc load current ( a ) 0 10 20 30 40 50 0.1 1 10 100 f, fre q uenc y ( khz ) a 60% of rated voltage i ideal diodes square wave: for both: d uty cycle: 50% t = 125 c t = 90 c gate drive as specified sink j triangular wave: i clamp voltage: 80% of rated power dissipation = 21w
 4 www.irf.com fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - typical collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature 1.0 1.5 2.0 2.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 ce v , collector-to-emitter voltage (v) v = 15v 80s pulse width ge a t , junction temperature ( c ) j i = 8.5a i = 17a i = 34a c c c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 t , rectangular pulse duration (sec) 1 thjc d = 0.50 0.01 0.02 0.05 0.10 0.20 s in g le p u l s e (thermal response) thermal response (z ) p t 2 1 t dm n otes: 1. d uty factor d = t / t 2. peak t = p x z + t 12 j dm thjc c 0 10 20 30 40 25 50 75 100 125 150 maxim um d c collector c urrent (a) t , case temperature ( c) c v = 15v ge
 www.irf.com 5 fig. 10 - typical switching losses vs. junction temperature fig. 9 - typical switching losses vs. gate resistance fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 7 - typical capacitance vs. collector-to-emitter voltage 0 400 800 1200 1600 2000 1 10 100 ce c, capacitance (pf) v , collector-to-emitter volta g e (v) a c ies c res c oes v ge = 0v f = 1 mhz cies = cge + cgc + cce shorted cres = cce coes = cce + cgc 0 4 8 12 16 20 0 102030405060 ge v , gate-to-emitter voltage (v) g q , total gate char g e (nc) a v = 400v i = 17a ce c 1.30 1.35 1.40 1.45 1.50 0 102030405060 total switching losses (mj) a v = 480v v = 15v t = 25 c i = 17a r , gate resistance ( ? ) g cc ge j c 0.1 1 10 -60 -40 -20 0 20 40 60 80 100 120 140 160 total switching losses (mj) a t , junction temperature ( c) j r = 23 ? v = 15v v = 480v i = 8.5a i = 17a i = 34a g ge cc c c c
 6 www.irf.com fig. 12 - turn-off soa fig. 11 - typical switching losses vs. collector-to-emitter current 0.0 1.0 2.0 3.0 4.0 5.0 6.0 0 10203040 c total switching losses (mj) i , collector-to-emitter current ( a ) a r = 23 ? t = 150 c v = 480v v = 15v g j cc ge 1 10 100 1000 1 10 100 1000 c ce ge v , collector-to-em itter voltage (v) i , collector-to-emitter current (a) safe operating area v = 20v t = 125 c ge j
 www.irf.com 7 480v 4 x i c @ 25c d.u.t. 50v l v * c   * driver same t y p e as d.u.t.; vc = 80% of vce ( max ) * note: due to the 50v p ow er su p p l y , p ulse width and inductor w ill increase to obtain rated id. 1000v fig. 13a - clamped inductive load test circuit fig. 13b - pulsed collector current test circuit 480f 960v 0 - 480v r l = t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% v c i c e on e off ts on off e = (e +e )    fig. 14b - switching loss waveforms 50v driver* 1000v d.u.t. i c c v     l fig. 14a - switching loss test circuit * driver same type as d.u.t., vc = 480v
 8 www.irf.com 

      0.55 (.022) 0.46 (.018) 3 x 2.92 (.115) 2.64 (.104) 1.32 (.052) 1.22 (.048) - b - 4.69 (.185) 4.20 (.165) 3.78 (.149) 3.54 (.139) - a - 6.47 (.255) 6.10 (.240) 1.15 (.045) m in 4.06 (.160) 3.55 (.140) 3 x 3.96 ( .160 ) 3.55 ( .140 ) 3 x 0.93 ( .037 ) 0.69 ( .027 ) 0.36 (.014) m b a m 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 1.40 (.055) 1.15 (.045) 3 x 2.54 (.100) 2x 1 2 3 4 conforms to jedec outline to-220ab dimensions in millimeters and ( inches ) lead assignments 1 - g a te 2 - c o lle c to r 3 - e m itt e r 4 - c o lle c to r notes: 1 dimensions & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 d im e n s io n s a r e s h o w n m illim et e r s ( inches ) . 4 conforms to jedec outline to -220a b . ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 ir european regional centre: 439/445 godstone rd, whyteleafe, surrey cr3 obl, uk tel: ++ 44 (0)20 8645 8000 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 (0) 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 011 451 0111 ir japan: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo 171 tel: 81 (0)3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 (0)838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673 tel: 886-(0)2 2377 9936 data and specifications subject to change without notice. 4/00
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRG4BC30F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X