Part Number Hot Search : 
CY622 TX1089 CX258 CNY35X CD4020B 16YXA3 SG2001L CNY35X
Product Description
Full Text Search
 

To Download IL-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in mm (inches). IL-S C 5 p C s 2 t 2 C e f series no. of contacts contact type p C pin contact arrangement s C single row contact pitch 2.0mm (.079") termination t C straight through hole l C right angle through hole ux C bottom through hole applicable pcb thickness: 1.2 to 1.6 (.047 to .063) terminal length: 3.5mm (.138") dip side kinked (except bottom type) IL-S series connectors 2.0mm (.079") contact spacing, pcb-to-cable (crimp type) connectors dimensions and specifications subject to change without notice. 65 ? ? ? ? ? ? ? ? ? ? ? ? ? ? general specifications number of contacts 2 to 15 (bottom type C 2 to 12) contact spacing 2.0mm (.079"), single row current rating 3 amps operating voltage 300 vac, 400 vdc dielectric withstanding voltage 1,000 vac r.m.s. (one minute) insulation resistance 100 megohms min. contact resistance 20 milliohms max. applicable wire #24 to #28 awg, stranded applicable pcb thickness 1.2 to 1.6mm (.047" to .063") operating temperature -40 c to +85 c materials and finishes description materials/finishes insulator 6-6 nylon (ul94v-o, light brown) pin contact brass/tin plating over nickel socket contact phosphor bronze/tin plated IL-S series connectors are low profile connectors with 2.0mm (.079") contact spacing for pcb-to-cable applications. high reliable crimp termination socket contacts permit fast and simple semi-automatic termination, resulting in labor and cost savings. IL-S series connectors are ideal for use in vtr, television, audio and other consumer electronic products. additional applications include oa equipment, computers, measuring equipment, telecommunications, and vending machines. features ? box type pin header prevents mismating ? highly reliable socket contacts ? both semi-automatic crimp termination machine and hand crimping tool are available ? design prevents flux wicking ? pin headers are available in straight, right angle and bottom through hole types 4.5 (.177) 4.6 (.181) 7.5 (.295) 4.5 (.177) 4.6 (.181) 9.2 (.362) 9 (.362) ordering information pin header IL-S C 5 s C s 2 c 2 series no. of contacts contact type s C socket contact arrangement s C single row contact spacing 2.0 (.079) termination crimp applicable wire size awg #28 to #24 modification code socket housing connector profile (ref.)


▲Up To Search▲   

 
Price & Availability of IL-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X