Part Number Hot Search : 
25X10 ISL9005A TQ144 FN4727 CNN100 TIP57 LT1169 201346B
Product Description
Full Text Search
 

To Download IFRM12N1707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  22/4/2011 ifrm 12n1707 inductive sensors special versions inductive sensors www.baumer.com general data mounting type shielded special type high temperature nominal sensing distance sn 4 mm hysteresis 3 ... 20 % of sr electrical data switching frequency < 2 khz voltage supply range +vs 12 ... 30 vdc current consumption max. 12 ma output circuit npn make function (no) voltage drop vd < 3 vdc output current < 100 ma short circuit protection yes reverse polarity protection yes mechanical data type cylindrical threaded housing material brass nickel plated dimension 12 mm housing length 40 mm connection types cable tefon, 1 m ambient conditions operating temperature -25 ... +100 c protection class ip 67 photo connection diagram output +v s bu (3) 0 v bn (1) npn bk (4) z dimension drawing sw 17 40 m12 x 1 with integral electronics of up to +100 c


▲Up To Search▲   

 
Price & Availability of IFRM12N1707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X