Part Number Hot Search : 
M74LS14 Z1021A SE145 GL7912 ES52F5 UNR52 15KPA40 200BZ
Product Description
Full Text Search
 

To Download HF50ACB201209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2013 chip beads for signal line hfxxacb series hfxxacb2012 [0805 inch]* hfxxacb3216 [1206 inch] hfxxacb3225 [1210 inch] hfxxacb4532 [1812 inch] * dimensions code jis[eia] emc components
(2/17) 001-01 / 20130722 / e9415_hf_acb.fm emc components reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 12 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 7 5% rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious d amage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders
(3/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components chip beads for signal line features noise reduction solution for general signal lines. lineup includes 4 sizes from 201209 to 453215. achieves various frequency characteristics by using 3 materials with different features. there is no directivity. application signal line noise removal for dscs, dvcs, pcs, tvs, printers, game machines, smart gr ids, wireless base station s, industrial eq uipment, automobiles, etc. part number construction operating temperature range, package quantity, product weight  operating temperature range includes self-temperature rise.  the storage temperature range is for after the circuit board is mounted. overview of the hfxxacb series hf70 acb 201209 - t material name series name lwt dimensions packaging style (mm) hf70 201209 2.01.250.9 t taping hf50 321611 3.21.61.1 hf30 322513 3.22.51.3 453215 4.53.21.5 type temperature range package quantity individual weight operating temperature  storage temperature  c  c   pieces/reel  mg  hfxxacb2012 C40 to +125 C40 to +125 2,000 10 hfxxacb3216 C40 to +125 C40 to +125 2,000 22 hfxxacb3225 C40 to +125 C40 to +125 2,000 46 hfxxacb4532 C40 to +125 C40 to +125 1,000 94 product compatible with rohs directive halogen-free compatible with lead-free solders rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://www.t dk.co.jp/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components overview of the hfxxacb series recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 230c 30 to 60s 250 to 260c 10s natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature
(5/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series hfxxacb2012 type shape & dimensions recommended land pattern terminal electrode ferrite insulation resin 2.000.20 0.900.20 1.250.20 0.300.20 0.300.20 dimensions in mm 1.0 1.0 1.0 1.0 dimensions in mm
(6/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb2012 type electrical characteristics characteristics specification table impedance [100mhz] dc resistance (  )max. rated current (ma)max. part no. (  ) tolerance 10 25% 0.1 600 hf70acb201209-t 11 25% 0.1 600 HF50ACB201209-t 7 25% 0.1 600 hf30acb201209-t
(7/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb2012 type electrical characteristics z, x, r vs. frequency characteristics hf70acb201209 HF50ACB201209 hf30acb201209 r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( ) r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( ) r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( )
(8/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series hfxxacb3216 type shape & dimensions recommended land pattern terminal electrode ferrite insulation resin 3.200.20 1.100.20 1.600.20 0.300.20 0.300.20 dimensions in mm 1.1 2.2 1.1 1.4 dimensions in mm
(9/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb3216 type electrical characteristics characteristics specification table impedance [100mhz] dc resistance (  )max. rated current (ma)max. part no. (  ) tolerance 26 25% 0.2 500 hf70acb321611-t 31 25% 0.2 500 hf50acb321611-t 19 25% 0.2 500 hf30acb321611-t
(10/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb3216 type electrical characteristics z, x, r vs. frequency characteristics hf70acb321611 hf50acb321611 hf30acb321611 r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( ) r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( ) r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( )
(11/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb3225 type shape & dimensions recommended land pattern terminal electrode ferrite insulation resin 3.200.20 1.300.20 2.500.20 0.300.20 0.300.20 dimensions in mm 2.3 1.1 2.2 1.1 dimensions in mm
(12/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb3225 type electrical characteristics characteristics specification table impedance [100mhz] dc resistance (  )max. rated current (ma)max. part no. (  ) tolerance 52 25% 0.3 400 hf70acb322513-t 60 25% 0.3 400 hf50acb322513-t 31 25% 0.3 400 hf30acb322513-t
(13/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb3225 type electrical characteristics z, x, r vs. frequency characteristics hf70acb322513 hf50acb322513 hf30acb322513 r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( ) r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( ) r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( )
(14/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb4532 type shape & dimensions recommended land pattern terminal electrode ferrite insulation resin 4.500.25 1.500.25 3.200.25 0.300.20 0.300.20 dimensions in mm 1.5 3.0 1.5 3.0 dimensions in mm
(15/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb4532 type electrical characteristics characteristics specification table impedance [100mhz] dc resistance (  )max. rated current (ma)max. part no. (  ) tolerance 120 25% 0.4 300 hf70acb453215-t 125 25% 0.4 300 hf50acb453215-t 70 25% 0.4 300 hf30acb453215-t
(16/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series y hfxxacb4532 type electrical characteristics z, x, r vs. frequency characteristics hf70acb453215 hf50acb453215 hf30acb453215 r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( ) r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( ) r z 1000 100 10 1 1 10 100 1000 x frequency ( mhz ) z, x, r ( )
(17/17) 001-01 / 20130722 / e9415_hf_acb.fm ? all specifications are subject to change without notice. emc components hfxxacb series packaging style reel dimensions tape dimensions ty p e w1 w2 n hfxxacb2012 8.4+2.0/C0.0 14.4max. ?60min. hfxxacb3216 8.4+2.0/C0.0 14.4max. ?60min. hfxxacb3225 8.4+2.0/C0.0 14.4max. ?60min. hfxxacb4532 13.00.3 17.01.4 ?61min. dimensions in mm ty p e a b f p1 w k t hfxxacb2012 1.40.1 2.250.1 3.50.05 4.00.1 8.00.3 1.25max. 0.3max. hfxxacb3216 1.750.1 3.450.1 3.50.05 4.00.1 8.00.3 1.4max. 0.3max. hfxxacb3225 2.60.1 3.450.1 3.50.05 4.00.1 8.00.3 1.6max. 0.35max. hfxxacb4532 3.370.1 4.750.1 5.50.05 8.00.1 12.00.3 1.8max. 0.4max. ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 n w2 dimensions in mm w1 1.0 w f p1 b a 4.00.1 2.00.05 1.750.1 1.5 +0.1 0 t k taping 200min. 300min. drawing direction 40 to 80 dimensions in mm


▲Up To Search▲   

 
Price & Availability of HF50ACB201209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X