Part Number Hot Search : 
LR80S05 2N5681 LC822152 PRC202 DL640D MAX9016 MAX423 LC7232
Product Description
Full Text Search
 

To Download HEF4030B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the HEF4030B is a quad 2-input exclusive-or gate. the outputs are fully buffered for the highest noise immunity and pattern insensitivity to output impedance. it operates over a recommended v dd power supply range of 3 v to 15 v referenced to v ss (usually ground). unused inputs must be connected to v dd , v ss , or another input. 2. features and benefits ? fully static operation ? 5 v, 10 v, and 15 v parametric ratings ? standardized symmetrical output characteristics ? specified from ? 40 ? c to +125 ? c ? complies with jedec standard jesd 13-b ? inputs and outputs are protected against electrostatic effects 3. ordering information 4. functional diagram HEF4030B quad 2-input exclusive-or gate rev. 4 ? 13 november 2013 product data sheet table 1. ordering information all types operate from ? 40 ? c to +125 ? c type number package name description version HEF4030Bp dip14 plastic dual in-line package; 14 leads (300 mil) sot27-1 HEF4030Bt so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 fig 1. functional diagram fig 2. logic diagram (one gate) ddd           % $ % $ % $ % $     < < < < mna788 y a b
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 2 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate 5. pinning information 5.1 pinning 5.2 pin description 6. functional description [1] h = high voltage level; l = low voltage level fig 3. pin configuration +()%  $ 9 ''  % %  < $  < <  $ <  % % 9 6 6 $ ddd               table 2. pin description symbol pin description 1a, 2a, 3a, 4a 1, 5, 8, 12 data input 1b, 2b, 3b, 4b 2, 6, 9, 13 data input 1y, 2y, 3y, 4y 3, 4, 10, 11 data output v ss 7 ground (0 v) v dd 14 supply voltage table 3. functional table [1] input output na nb ny lll lhh hl h hhl
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 3 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate 7. limiting values [1] for dip14 packages: above t amb = 70 ? c, p tot derates linearly with 12 mw/k. [2] for so14 packages: above t amb = 70 ? c, p tot derates linearly with 8 mw/k. 8. recommended operating conditions table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to v ss = 0 v (ground). symbol parameter conditions min max unit v dd supply voltage ? 0.5 +18 v i ik input clamping current v i < ? 0.5 v or v i >v dd + 0.5 v - ? 10 ma v i input voltage ? 0.5 v dd + 0.5 v i ok output clamping current v o < ? 0.5 v or v o >v dd + 0.5 v - ? 10 ma i i/o input/output current - ? 10 ma i dd supply current - 50 ma t stg storage temperature ? 65 +150 ?c t amb ambient temperature ? 40 +125 ?c p tot total power dissipation t amb = ? 40 ? c to + 125 ?c dip14 [1] -750mw so14 [2] -500mw p power dissipation per output - 100 mw table 5. recommended operating conditions symbol parameter conditions min typ max unit v dd supply voltage 3 - 15 v v i input voltage 0 - v dd v t amb ambient temperature in free air ? 40 - +125 ?c ? t/ ? v input transition rise and fall rate v dd = 5 v --3.75 ? s/v v dd = 10 v --0.5 ? s/v v dd = 15 v --0.08 ? s/v
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 4 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate 9. static characteristics table 6. static characteristics v ss = 0 v; v i =v ss or v dd ; unless otherwise specified. symbol parameter conditions v dd t amb = ? 40 ?c t amb = +25 ?c t amb = +85 ? c t amb = +125 ?c unit min max min max min max min max v ih high-level input voltage ?i o ? < 1 ? a 5 v 3.5 - 3.5 - 3.5 - 3.5 - v 10 v7.0-7.0-7.0- 7.0 - v 15 v 11.0 - 11.0 - 11.0 - 11.0 - v v il low-level input voltage ?i o ? < 1 ? a 5 v - 1.5 - 1.5 - 1.5 - 1.5 v 10 v - 3.0 - 3.0 - 3.0 - 3.0 v 15 v - 4.0 - 4.0 - 4.0 - 4.0 v v oh high-level output voltage ?i o ? < 1 ? a 5 v 4.95 - 4.95 - 4.95 - 4.95 - v 10 v 9.95 - 9.95 - 9.95 - 9.95 - v 15 v 14.95 - 14.95 - 14.95 - 14.95 - v v ol low-level output voltage ?i o ? < 1 ? a 5 v - 0.05 - 0.05 - 0.05 - 0.05 v 10 v - 0.05 - 0.05 - 0.05 - 0.05 v 15 v - 0.05 - 0.05 - 0.05 - 0.05 v i oh high-level output current v o = 2.5 v 5 v - ? 1.7 - ? 1.4 - ? 1.1 - ? 1.1 ma v o = 4.6 v 5 v - ? 0.64 - ? 0.5 - ? 0.36 - ? 0.36 ma v o = 9.5 v 10 v - ? 1.6 - ? 1.3 - ? 0.9 - ? 0.9 ma v o = 13.5 v 15 v - ? 4.2 - ? 3.4 - ? 2.4 - ? 2.4 ma i ol low-level output current v o = 0.4 v 5 v 0.64 - 0.5 - 0.36 - 0.36 - ma v o = 0.5 v 10 v 1.6 - 1.3 - 0.9 - 0.9 - ma v o = 1.5 v 15 v 4.2 - 3.4 - 2.4 - 2.4 - ma i i input leakage current 15 v - ? 0.1 - ? 0.1 - ? 1.0 - ? 1.0 ? a i dd supply current all valid input combinations; i o =0a 5 v - 0.25 - 0.25 - 7.5 - 7.5 ? a 10 v - 0.5 - 0.5 - 15.0 - 15.0 ? a 15 v - 1.0 - 1.0 - 30.0 - 30.0 ? a c i input capacitance ---7.5-- - -pf
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 5 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate 10. dynamic characteristics [1] the typical value of the propagation delay and output transi tion time can be calculated with the extrapolation formula (c l in pf). table 7. dynamic characteristics t amb = 25 ? c; for waveforms see figure 4 ; for test circuit, see figure 5 ; unless otherwise specified. symbol parameter extrapolation formula [1] v dd min typ max unit t phl high to low propagation delay 57 + 0.55 ? c l 5 v - 85 175 ns 24 + 0.23 ? c l 10 v - 35 75 ns 22 + 0.16 ? c l 15 v - 30 55 ns t plh low to high propagation delay 47 + 0.55 ? c l 5 v - 75 150 ns 19 + 0.23 ? c l 10 v - 30 65 ns 17 + 0.16 ? c l 15 v - 25 50 ns t thl high to low output transition time 10 + 1.00 ? c l 5 v - 60 120 ns 9 + 0.42 ? c l 10 v - 30 60 ns 6 + 0.28 ? c l 15 v - 20 40 ns t tlh low to high output transition time 10 + 1.00 ? c l 5 v - 60 120 ns 9 + 0.42 ? c l 10 v - 30 60 ns 6 + 0.28 ? c l 15 v - 20 40 ns table 8. dynamic power dissipation v ss = 0 v; t r = t f ? 20 ns; t amb = 25 ? c. symbol parameter v dd typical formula where p d dynamic power dissipation 5 v p d = 1100 ? f i + ? (f o ? c l ) ? v dd 2 ( ? w) f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; ? (f o ? c l ) = sum of the outputs; v dd = supply voltage in v. 10 v p d = 4900 ? f i + ? (f o ? c l ) ? v dd 2 ( ? w) 15 v p d = 14400 ? f i + ? (f o ? c l ) ? v dd 2 ( ? w)
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 6 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate 11. waveforms measurement points are given in table 9 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 4. input to output propagation delays and output transition times ddd q$q%lqsxw q<rxwsxw w 3/+ w 3+/ 9 9 , 9 0 9 0 9 2+ 9 2/ w 7+/ w 7/+     w u w i table 9. measurement points supply voltage input output v dd v m v m 5 v to 15 v 0.5v dd 0.5v dd test data is given in table 10 . definitions for test circuit: dut = device under test. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. fig 5. test circuit for measuring switching times v dd v i v o 001aag182 dut c l r t g table 10. test data supply voltage input load v dd v i t r , t f c l 5 v to 15 v v ss or v dd ? 20 ns 50 pf
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 7 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate 12. package outline fig 6. package outline sot27-1 (dip14) unit a max. 1 2 (1) (1) b 1 cd (1) z ee m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot27-1 99-12-27 03-02-13 a min. a max. b max. w m e e 1 1.73 1.13 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2.2 4.2 0.51 3.2 0.068 0.044 0.021 0.015 0.77 0.73 0.014 0.009 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.087 0.17 0.02 0.13 050g04 mo-001 sc-501-14 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 14 1 8 7 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. dip14: plastic dual in-line package; 14 leads (300 mil) sot27-1
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 8 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate fig 7. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m so14: plastic small outline package; 14 leads; body width 3.9 mm sot108-1
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 9 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate 13. abbreviations 14. revision history table 11. abbreviations acronym description dut device under test table 12. revision history document id release date data sheet status change notice supersedes HEF4030B v.4 20131113 product data sheet - HEF4030B_cnv v.3 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? changes in ?general description? and ?features and benefits?. HEF4030B_cnv v.3 19950101 product specification - -
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 10 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
HEF4030B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 4 ? 13 november 2013 11 of 12 nxp semiconductors HEF4030B quad 2-input exclusive-or gate export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors HEF4030B quad 2-input exclusive-or gate ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 13 november 2013 document identifier: HEF4030B please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 1 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 functional description . . . . . . . . . . . . . . . . . . . 2 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 recommended operating conditions. . . . . . . . 3 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 5 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 10 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 10 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 11 16 contact information. . . . . . . . . . . . . . . . . . . . . 11 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12


▲Up To Search▲   

 
Price & Availability of HEF4030B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X