Part Number Hot Search : 
31E12 HMC33709 10002 FS7M0680 AT3102S TLRE53TF 20000 C330M
Product Description
Full Text Search
 

To Download GT23MABE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gC3 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com c&k gt series sealed ultraminiature toggle switches features/benefits ? sealed against solder and cleaning process contaminants ? ultraminiature size, smallest footprint available ? thru-hole and surface mount models ? high temperature materials (ul 94v-0) ? rohs compliant and compatible t ypical applications ? hand-held telecommunications ? small instrumentation specifications contact rating: 0.4 va max. @ 20 v ac or dc max. mechanical & electrical life: 40,000 make-and-break cycles at full load. contact resistance: below 50 m typ. initial @ 2-4 v dc, 100 ma. insulation resistance: 10 9 min. dielectric strength: 500 vrms min. @ sea level. operating temperature: C0?oto 85?. solderability: per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). p ackaging: surface mount switches shipped in anti-static tape and reel packaging per eia 481-3, see page g-48 for drawings and reel information. tape and cover strip are conductive for use near statically sensitive components, consult customer service center . materials housing and base: glass filled nylon 6/6 or 4/6, flame retardant, heat stabilized (ul 94v-0). actuator: glass filled nylon 6/6, flame retardant, heat stabilized (ul 94v-0), with standard internal o-ring seal. switch support: brass, tin plated. movable contacts: copper alloy, with gold plate over nickel plate. stationary contacts: copper alloy, with gold plate over nickel plate. terminals: gold. terminal seal: epoxy. all terminals insert molded. note: for the latest information regarding rohs compliance, please go to: www .ittcannon.com/r ohs. note: specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center . how to order complete part numbers for gt series sealed ultraminiatur e t oggle switches ar e shown on pages gC3 thru g?C. schematic spst note: pins 4 and 6 not connected open n/a 3-1 conn. t erms. off none on gt12mcbe schematic spdt note: pins 4 and 6 not connected 2-3 open 2-1 conn. terms. on none on on off on gt11mcbe gt13mcbe switch function pos.1 pos. 2 pos. 3 p ar t number gt11mcbe spdt g to g gle gt12-omit hole 2. pc mounting ep o xy se a l .170 dia. .015 t yp. (0,38 ) .100 (2,54 ) .177 (4,50 ) .150 (3,81 ) .160 (4,06 ) .020 t y p. (0,51 ) .100 (2,54 ) .066 dia. .063 (1,60 ) .228 (5,79 ) .130 t yp. (3,30 ) actu a to r sh o wn i n p os . 1 te rm inal no s. fo r re fe re n ce o nly gt 12 mo de l te rm inal s 1,3, 4 & 6 o nly 1 3 4 6 .276 (7,01 ) c&k mar ki n g on op p o si te s ide 1 2 3 4 6
gC4 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k gt series sealed ultraminiature toggle switches schematic dpst open n/a 3-1 conn. terms. off none on gt22mcbe schematic dpdt 2-3, 5-6 open 2-1, 5-4 conn. terms. on none on on off on gt21mcbe gt23mcbe switch function pos.1 pos. 2 pos. 3 part number schematic spst open n/a 3-1 conn. t erms. off none on gt12mabe schematic spdt 2-3 open 2-1 conn. terms. on none on on off on gt11mabe gt13mabe switch function pos.1 pos. 2 pos. 3 part number schematic dpst open n/a 3-1, 6-4 conn. t erms. off none on gt22mabe schematic dpdt 2-3, 5-6 open 2-1, 5-4 conn. terms. on none on on off on gt21mabe GT23MABE switch function pos.1 pos. 2 pos. 3 p ar t number gt21mcbe dpdt gt11mabe horizontal actuation spdt gt21mabe horizontal actuation dpdt 1 2 3 4 5 6 c&k mar ki n g on op p o si te s ide 1 3 4 6 actua to r sh o wn i n p os . 1 te r minal no s. fo r re fe re n ce o nly gt 22 mo de l te rm inal s 1,3, 4 & 6 o nly ep o xy se a l .170 dia. .015 t yp. (0,3 8) .10 0 (2,54 ) .177 (4,50 ) .150 (3,81 ) .160 (4,06 ) .020 t y p. (0,51 ) .100 (2,54 ) .066 dia. .063 (1,60 ) .228 (5,79 ) .130 t yp. (3,30 ) .276 (7,01 ) gt22-omit holes 2 & 5. pc mounting gt22 models actuator shown in pos. 1 g to g gle gt22-omit holes 2 & 5. pc mounting gt12-omit hole 2. pc mounting actuator shown in pos. 1 gt12 models
gC5 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com c&k gt series sealed ultraminiature toggle switches schematic spst open n/a 3-1 conn. terms. off none on gt12mavbe schematic spdt 2-3 open 2-1 conn. terms. on none on on off on gt11mavbe gt13mavbe switch function pos.1 pos. 2 pos. 3 part number schematic spst note: pins 4 and 6 not connected open n/a 3-1 conn. terms. off none on gt12mv3be schematic spdt note: pins 4 and 6 not connected 2-3 open 2-1 conn. terms. on none on on off on gt11mv3be gt13mv3be switch function pos.1 pos. 2 pos. 3 p art number schematic dpst open n/a 3-1, 6-4 conn. terms. off none on gt22mavbe schematic dpdt 2-3, 5-6 open 2-1, 5-4 conn. t erms. on none on on off on gt21ma vbe gt23mavbe switch function pos.1 pos. 2 pos. 3 part number gt11mv3be spdt gt21ma vbe v ertical actuation dpdt gt11mavbe vertical actuation spdt g to g gle actuator shown in pos. 1 gt12 models gt12 omit hole 2. pc mounting gt12 models actuator shown in pos. 1 gt22 omit holes 2 & 5. pc mounting actuator shown in pos. 1 gt22 models: 1, 3, 4 & 6 terminals only. gt12 omit hole 2. pc mounting
gC6 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k gt series sealed ultraminiature toggle switches gt11mscbe spdt gt11msabe horizontal actuation spdt gt21mv3be dpdt standar d with tape & r eel packaging, see page g-47. standard with tape & reel packaging, see page g-47. smt smt g to g gle gt12-omit pad 2. pc mounting sc h em at ic sp st not e : pi n s 4 an d 6 not co nn ec t ed open n/a 3 -1 conn. te rm s. off no n eon gt12msc b etr sc h em at ic sp d tn ote: pi n s 4 an d 6 not co nn ec t ed 2-3 open 2-1 conn. te rm s. on no n eon on off on gt11msc b etr gt13msc b etr sw itc h functi on pos.1 p os. 2 pos. 3 part number sc h em at ic sp st open n/a 3 -1 conn. te rm s. off no n eon gt12msabetr sc h em at ic sp d t 2-3 open 2-1 conn. te rm s. on no n eon on off on gt11msabetr gt13msabetr sw itc h functi on pos.1 p os. 2 pos. 3 part number sc h em at ic dpst open n/ a 3-1, 6-4 conn. te rm s. off no n eon gt22mv3b e sc h em at ic dpdt 2-3, 5-6 open 2-1, 5-4 conn. te rm s. on no n eon on off on gt21mvbe gt23mvbe sw itc h functi on pos.1 p os. 2 pos. 3 part number gt12 models actuator shown in pos. 1 gt12-omit pad 2. pc mounting pc mounting gt22 models: 1, 3, 4 & 6 terminals only. actuator shown in pos. 1 (0,38 ) x (0,51) .015 x .020 t y p. .020 t y p. (0,51 ) .200 (5,08 ) .053 (1,35 ) .050 t y p. (1,27 ) .340 (8,64 ) .066 dia. .150 (3,81 ) .276 (7,01 ) .273 (6,93 ) .215 (5,46 ) 3 2 1 te rm no s . f o r re fe re n ce o nly actua to r sh o wn in po s .1 .100 t y p. (2,54 ) gt 12 mo de l te rm s. 1 & 3 o nly 3 1 ep o xy se a l .109 (2,77 )
gC7 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com tape & reel for part numbers gt11msabe, gt12msabe, gt13msabe for part numbers gt11mscbe, gt12mscbe, gt13mscbe, gt21mscbe, gt22mscbe, gt23mscbe, outside diameter 13.00 (330,0) pilot hole .512 (13,0) quantity per reel 600 reel information outside diameter 13.00 (330,0) pilot hole .512 (13,0) quantity per reel 200 reel information c&k gt series sealed ultraminiature toggle switches schematic dpst open n/a 3-1, 6-4 conn. terms. off none on gt22mscbetr schematic dpdt 2-3, 5-6 open 2-1, 5-4 conn. terms. on none on on off on gt21mscbetr gt23mscbetr switch function pos.1 pos. 2 pos. 3 part number standard with tape & reel packaging, see page gC7. gt21mscbe dpdt smt g to g gle gt22-omit pads 2 & 5. pc mounting actuator shown in pos. 1 gt22 models


▲Up To Search▲   

 
Price & Availability of GT23MABE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X