Part Number Hot Search : 
JHV348 CDP1853D 00405 154M0 VFC219SA 00405 75733 L7421
Product Description
Full Text Search
 

To Download FHX35LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  item symbol unit drain-source voltage v ds v 4.0 gate-source voltage v gs v -3.0 total power dissipation p t* mw 290 storage temperature t stg c -65 to +175 channel temperature t ch c 175 rating absolute maximum rating (ambient temperature ta=25 c) *note: mounted on al 2 o 3 board (30 x 30 x 0.65mm) eudyna recommends the following conditions for the reliable operation of gaas fets: 1. the drain-source operating voltage (v ds ) should not exceed 3 volts. 2. the forward and reverse gate currents should not exceed 0.2 and -0.075 ma respectively with gate resistance of 4000 ? . 3. the operating channel temperature (t ch ) should not exceed 80 c. item saturated drain current transconductance pinch-off voltage gate source breakdown voltage noise figure associated gain symbol i dss 15 40 85 40 60 - -0.2 - -1.0 -2.0 1.2 1.6 -3.0 -- 8.5 10.0 - v ds = 2v, i ds = 1ma v ds = 3v, i ds = 10ma f = 12ghz v ds = 2v, i ds = 10ma v ds = 2v, v gs = 0v i gs = -10 a ma ms v db db v g m v p v gso nf g as test conditions unit limit typ. max. min. electrical characteristics (ambient temperature ta=25 c) note: rf parameters are measured on a sample basis as follows: lot qty. sample qty. accept/reject 1200 or less 125 (0,1) 1201 to 3200 200 (0,1) 3201 to 10000 315 (1,2) 10001 or over 500 (1,2) available case styles: lg channel to case thermal resistance - 220 300 c/w r th features ?low noise figure: 1.2b (typ.)@f=12ghz ?high associated gain: 10.0db (typ.)@f=12ghz ?lg 0.25m, wg = 280m ?gold gate metallization for high reliability ?cost effective ceramic microstrip (smt) package ?tape and reel packaging available description the FHX35LG is a high electron mobility transistor(hemt) intended for general purpose, low noise and high gain amplifiers in the 2-18ghz frequency range. this device is packaged in cost effective, low parasitic, hermetically sealed(lg) or epoxy-sealed(lp) metal-ceramic packages for high volume telecommunication, dbs, tvro, vsat or other low noise applications. eudyna stringent quality assurance program assures the highest reliability and consistent performance. 1 edition 1.1 july 1999 FHX35LG super low noise hemt
2 FHX35LG super low noise hemt power derating curve drain current vs. drain-source voltage 100 50 150 200 250 300 0 0 50 100 150 lg 200 1 0 23 ambient temperature ( c) drain-source voltage (v) total power dissipation (mw) 30 40 50 20 10 drain current (ma) v gs =0v -0.2v -0.6v -0.8v -1.0v -0.4v
3 FHX35LG super low noise hemt gas output power vs. input power f=12ghz v ds =3v i ds =15ma -5 0 5 10 input power (dbm) 15 25 10 5 output power (dbm) associated gain (db) nf & gas vs. temperature f=12ghz v ds =3v i ds =10ma 100 200 0 300 400 ambient temperature (  k) 2.0 1.5 1.0 15 10 5 noise figure (db) nf & gas vs. i ds f=12ghz v ds =3v v ds =3v i ds =10ma 12 10 8 7 9 11 10 20 30 drain current (ma) noise figure (db) associated gain (db) nf & gas vs. frequency 2 1 3 2 1 3 0 10 5 15 20 0 4681012 20 18 frequency (ghz) noise figure (db) associated gain (db) nf gas gas nf nf
4 f = 12 ghz v ds = 3v i ds = 10ma  opt = 0.56  175  rn/50 = 0.08 nfmin = 1.2db typical noise figure circle +j250 +j100 +j50 +j25 +j10 0 -j10 -j25 -j100 -j250  opt 2.0 2.5 3.0 1.5 20 15 10 5 0 20 15 10 5 0 4681012 20 v ds = 3v i ds = 15ma ga(max) frequency (ghz) ga(max) and |s 21 | 2 vs. frequency gain (db) |s 21 | 2 noise parameters v ds = 3v, i ds = 10ma freq. (ghz)  opt (mag) (ang) nfmin (db) rn/50 2 4 6 8 10 12 14 16 18 0.81 0.74 0.69 0.64 0.60 0.56 0.53 0.50 0.48 32 63 93 127 148 175 -162 -139 -117 0.40 0.50 0.68 0.86 1.03 1.20 1.38 1.54 1.70 0.58 0.42 0.30 0.20 0.12 0.08 0.08 0.10 0.14 FHX35LG super low noise hemt
5 +j250 +j100 +j50 +j25 +j10 0 -j10 -j25 -j50 -j100 -j250 s 11 s 22 180  +90  0  -90  s 21 s 12 scale for |s 21 | scale for |s 12 | .04 .08 .12 .16 21 3 4 4 8 4 12 8 12 0.1 ghz 0.1 ghz 20 ghz 20 ghz 20 ghz 20 ghz 12 12 8 8 4 4 100 25 50  0.1ghz 0.1 ghz s-parameters v ds = 3v, i ds = 10ma frequency s11 s21 s12 s22 (mhz) mag ang mag ang mag ang mag ang 100 .996 -3.5 4.576 177.2 .002 81.2 .516 -2.5 500 .994 -12.1 4.548 169.0 .012 79.3 .517 -10.2 1000 .982 -23.5 4.471 158.5 .023 73.1 .513 -19.9 2000 .950 -44.7 4.304 139.3 .043 57.9 .498 -38.0 3000 .912 -64.6 4.026 121.0 .059 44.6 .483 -54.9 4000 .867 -84.0 3.742 103.1 .071 31.8 .462 -71.9 5000 .821 -101.6 3.436 86.6 .079 20.0 .446 -87.6 6000 .783 -117.5 3.132 71.6 .085 9.8 .439 -102.2 7000 .757 -130.9 2.881 57.9 .087 0.9 .441 -115.3 8000 .738 -142.8 2.659 45.0 .088 -7.1 .452 -126.7 9000 .726 -153.8 2.497 32.4 .090 -15.3 .468 -136.9 10000 .707 -164.5 2.347 20.2 .092 -21.7 .480 -146.1 11000 .680 -174.1 2.206 8.4 .090 -27.8 .494 -156.0 12000 .654 176.1 2.101 -3.4 .090 -35.5 .503 -164.8 13000 .638 166.0 2.035 -15.1 .091 -42.6 .514 -173.8 14000 .626 157.1 2.003 -26.2 .093 -49.6 .537 178.4 15000 .607 147.8 1.975 -37.6 .094 -55.8 .559 171.0 16000 .565 138.4 1.917 -50.1 .097 -64.7 .564 162.7 17000 .528 127.2 1.924 -62.9 .102 -73.3 .567 154.4 18000 .484 112.8 1.966 -77.1 .109 -86.2 .572 142.7 19000 .421 93.5 1.932 -91.7 .116 -96.2 .581 133.1 20000 .380 74.2 1.991 -107.4 .127 -110.9 .547 124.3 FHX35LG super low noise hemt
6 0.5 (0.02) 1.0 (0.039) 1.3 max (0.051) 0.1 (0.004) 1.5  0.3 (0.059) 1.78  0.15 (0.07) 1.5  0.3 (0.059) 4.78  0.5 case style "lg" metal-ceramic hermetic package unit: mm(inches) 1. gate 2. source 3. drain 4. source 1.5  0.3 (0.059) 1.78  0.15 (0.07) 1.5  0.3 (0.059) 4.78  0.5 1 2 3 4 FHX35LG super low noise hemt


▲Up To Search▲   

 
Price & Availability of FHX35LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X