Part Number Hot Search : 
ASI10519 LLZ30A SQM85N15 B2566 ASI3001 F9530 C3225M18 2SC40
Product Description
Full Text Search
 

To Download F547F549 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed 1 inclusive of 25oc tolerance, operating temperature range, input voltage change, load change, refow, and one year aging. 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. notes: *a 0.01f capacitor should be placed between v dd (pin 4) and gnd (pin 2) to minimize power supply line noise. *dimensional drawing is for reference to critical specifcations defned by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifcations subject to change without notice. 4.000 ~ 54.000 mhz -40oc ~ +85oc 2.5v 5% 7ma 45% ~ 55% 5ns 5ns 10% v dd 90% v dd min 4ma min -4ma min 15pf 10a 10ms 100ns 10ms -140bc/hz typ. @ 10khz offset 3ps rms typ. 260oc / 10 seconds 1 au parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) output symmetry (50% v dd ) rise time (10% ~ 90% v dd ) (t r ) fall time (90% ~ 10% v dd ) (t f ) output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (hcmos) standby current start-up time (t s ) output disable time 2 output enable time 2 phase noise period jitter maximum soldering temp / time moisture sensitivity level (msl) termination finish ? electrical characteristics max (unless otherwise noted) output (pin 3) active active high z ? en a b le / d isa b le fun ctio n pin 1 open '1' level v ih 70% v dd '0' level v il 30% v dd feat u res ? 2.5v operation ? hcmos output ? low power consumption ? tape and reel (1,000 pcs. std) frequency stability 1 15ppm 15ppm 10ppm 10ppm 8ppm 8ppm operating temperature (oc) -20 ~ +70 -40 ~ +85 -20 ~ +70 -40 ~ +85 -20 ~ +70 -40 ~ +85 frequency range (mhz) 4.000 - 54.000 4.000 - 54.000 4.000 - 54.000 4.000 - 54.000 4.000 - 54.000 4.000 - 54.000 f547f f547r f549f f549r f54s f54sr model number part number 809a-frequency-xxxxx 809c-frequency-xxxxx 810a-frequency-xxxxx 810c-frequency-xxxxx 813a-frequency-xxxxx 813c-frequency-xxxxx ? part nu m b er selectio n learn more - internet required hcmos 5x3.2mm 2.5v smd oscillator rev. 1/21/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f547 / f549 series page 1 of 2 all dimensions are in millimeters. # 1 # 2 # 4 # 3 # 4 # 1 # 2 # 3 r e co m m e nded s o ld e r p a d layout 5 .0 0 .2 1 .0 5 0.1 2 .6 1 .1 0 .7 1 .6 2 .6 1 .3 1 .6 1 .0 t est p o ints. n o c o nn ect. 3 .2 0 .2 pin connection #1 e/d #3 output #2 gnd #4 v dd
41 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed hcmos 5x3.2mm 2.5v smd oscillator rev. 1/21/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f547 / f549 series page 2 of 2 rohs compliant / pb free model: f540l series ? tape specificatio n s (millimeters) model f547/549 series a ? 1.5 b 4.0 c 8.0 d 5.5 e 12.0 f 1.5 std reel qty 1,000 ? reel specificatio n s (millimeters) g 2.0 h ? 13 i ? 20.2 j ? 62 k ? 180 l 13.5 m 1.6 model f547/549 series


▲Up To Search▲   

 
Price & Availability of F547F549

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X