Part Number Hot Search : 
SWTS901 FN3920 MRF174 3362X254 PS2156 SMBJ12CA NJU4066B C556A
Product Description
Full Text Search
 

To Download E3T-FD11N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r subminiature photoelectric sensor e3t omron?s next generation of sub-miniature photoelectric sensors h utilizes omron?s ?hyper led? technology to achieve the industry?s smallest visible red beam h self-contained sensor ideal for space-restricted applications h ?pin-point? beam for detecting extremely small objects h offered in both flat and rectangular body styles h retroreflective model employs omron?s free-angle optics technology (fao) to detect objects as small as 2 mm dia. h convergent-beam model spot diameter is 0.15 mm h through-beam model is capable of sensingdistancesof1meterwitha2mm target diameter h ce conformance h robotic cable versions available (see note 2, below.) ordering information j photoelectric sensors sensor type sensing method y p through-beam retroreflective diffuse reflective convergent-beam appearance side-view flat side-view flat side-view p p sensing d istance 1m 500 mm 10 to 200 mm 5to30mm 5to15mm 5to30mm part number light-on npn e3t-st11 e3t-ft11 e3t-sr11 E3T-FD11N e3t-sl11 e3t-sl21 g pnp e3t-st13 e3t-ft13 e3t-sr13 e3t-fd13n e3t-sl13 e3t-sl23 dark-on npn e3t-st12 e3t-ft12 e3t-sr12 e3t-fd12n e3t-sl12 e3t-sl22 pnp e3t-st14 e3t-ft14 e3t-sr14 e3t-fd14n e3t-sl14 e3t-sl24 note: 1. all through-beam models are packaged and sold as pairs (one transmitter and one receiver). 2. e3t sensors a re available with robotic cable. to order, add the letter ?r? to the end of the part number. example: e3t-st11r 3. 5-m cable models a re available. to order, add the desigination 5 m to the end of the part number. example: e3t-t11 5m
e3t e3t 2 j accessories (order separately) slits (apertures) slits for sensor models slit width sensing distance minimum sensing object (typical) comments part number e3t-st1 j 0.5 dia. 50 mm 0.5 mm wide one each for emitter d r i e39-s63 3 s j 1dia. 100 mm 1mmwide and receiver slits for sensor models slit width sensing distance minimum sensing object (typical) comments part number e3t-ft1 j 0.5 dia. 50 mm 0.5 mm wide one each for emitter d r i e39-s64 3 j 1dia. 100 mm 1mmwide and receiver reflectors item sensing distance minimum sensing object (typical) part number compact retroreflective model 10 to 200 mm 2mmwide e39-r4 (see note.) 10 to 100 mm e39-r37 note: e39-r4 reflector included with the e3t-sr1 j (can also be ordered separately). adjustable aperture for sensor models appearance part number e3t-st1 j e39-e10 mounting brackets for sensor models appearance comments part number e3t-s j two mounting brackets are required for through-beam models. e39-l116 e39-l117 e39-l118 e3t-f j e39-l119 e39-l120
e3t e3t 3 specifications j ratings/characteristics sensing method through-beam retroreflective convergent beam diffuse reflective shape side-view flat side-view flat output type npn pnp npn pnp npn pnp npn pnp npn pnp npn pnp part number light-on -st11 -st13 -ft11 -ft13 -sr11 -sr13 -sl11 -sl13 -sl21 -sl23 -fd11 -fd13 dark-on -st12 -st14 -ft12 -ft14 -sr12 -sr14 -sl12 -sl14 -sl22 -sl24 -fd12 -fd14 sensing distance 1m (adjustable aperture is available) 500 mm 10 to 200 mm (with the e39-r4) 5to15mm (50 x 50 mm kodak white card) 5to30mm (50 x 50 mm kodak white card) 5to30mm (50 x 50 mm kodak white card) standard sensing target 2 mm dia. min. 10 mm dia. min. --- min. sensing target (typical) 2 mm dia. min. 2mmdia. (sensing distance at 100 mm) 0.15 mm dia. (sensing distance at 10 mm) hysteresis --- 2mmmax. 6mmmax. 6mmmax. optical l emitter 3 to 10 3 to 13 2 to 5 --- p angle receiver 3 to 70 3 to 70 --- light source (wave length) red led (?pin-point? led) ( =670 nm) power supply voltage 12 to 24 vdc 10%, ripple (p-p) 10% max. 24 vdc 10% c u r r e n t c o n s u m p t i o n 1 2 m a m a x e m i t t e r / r e c e i v e r 2 0 m a m a x c urrent consumpt i on 1 2 m a max. em i tter / rece i ver 2 0 m a max. output open collector, load current: 50 ma max. at 24 vdc, residual voltage: 1 v max., operation mode: light-on or dark-on (separate models) circuit protection (see precautions section.) protection from reversed and output short-circuit protection from reversed polarity, output short-circuit, and mutual interference response time 1 ms max. each for on and off ambient light i i t incandes- cent lamp 5,000 ? xmax. g immunity sunlight 10,000 ? xmax. ambient operating -- 2 5 cto55 c(--13 f to 131 f) temperature storage -- 4 0 cto70 c(--40 f to 158 f) with no icing or condensation ambient h i d i operating 35% to 85% rh humidity storage 35% to 95% rh (with no condensation) insulation resistance 20 m ? min. (at 500 vdc) dielectric strength 1,000 vac, 50/60 hz for 1 min vibration resistance 10 to 2,000 hz, 1.5-mm double amplitude or 300 m/s 2 (approx. 30g) for 0.5 hrs each in x, y, and z axis shock resistance 1,000 m/s 2 (approx. 100g) 3 times each in x, y, and z axis enclosure rating iec60529: ip67 connection method pre-leaded (standard length: 2 m), optional 5-m cable, optional robotic cable weight (with packaging) approx. 40 g approx. 20 g materials case pbt lens and cover polycarbonate accessories included two each of m2 mounting screws, spring washers, and flat washers, and reflector (e39-r4: retroreflective model only)
e3t e3t 4 en g ineerin g data j excess gain vs. set distance (typical) e3t-st1 j (through-beam) e3t-sr1 j with e39-r4 (retroreflective) e3t-sl1 j (convergent beam) set distance (mm) set distance (mm) set distance (mm) white paper black paper excess gain ratio excess gain ratio e3t-ft1 j (through-beam) e3t-sl2 j (convergent beam) e3t-fd1 j (diffuse reflective) white paper black paper white paper black paper excess gain ratio set distance (mm) excess gain ratio excess gain ratio set distance (mm) set distance (mm) excess gain ratio 2000 1600 1200 800 400 0 operation level operation level operation level operation level operation level operation level
e3t e3t 5 j parallel operating range (typical) e3t-st1 j with slit (aperture) (through-beam) distance x (mm) 1-dia. slit distance y (mm) distance y (mm) 0.5-dia. slit distance x (mm) 0.5-dia. slit 1-dia. slit without slit distance x (mm) 400 800 1,200 1,600 2,000 e3t-sr1 j with e39-r4 (retroreflective) distance y (mm) e3t-st1 j with slit (enlarged graph) (through-beam) e3t-ft1 j with slit (through-beam) e3t-ft1 j with slit (enlarged graph) (through-beam) 1-dia. slit 0.5-dia. slit distance x (mm) distance x (mm) 1-dia. slit 0.5-dia. slit without slit 400 800 600 200 1,000 distance y (mm) distance y (mm) j angle characteristics (typical) e3t-sl1 j (up and down) e3t-sl1 j (left and right) angle ( ) angle ( ) sensing target: 100 x 100 mm white paper sensing target: 100 x 100 mm white paper sensing distance change rate (%) sensing distance change rate (%)
e3t e3t 6 j close-distance sensing capability (typical) e3t-sl1 j ,e3t-sl2 j ,e3t-fd1 j sensing distance (mm) e3t-sl1 j e3t-sl2 j e3t-fd1 j j white paper j black paper j sensing target size vs. sensing distance (typical) sensing distance (mm) e3t-fd1 j , e3t-sl2 j e3t-sl2 j e3t-fd1 j sensing distance (mm) e3t-sl1 j min. sensing target dia. (mm) min. sensing target dia. (mm) sensing target: pin-gauge, stainless steel j operation range (typical) e3t-sl1 j (convergent beam) sensing distance x (mm) operating position y (mm) e3t-sl2 j (convergent beam ) e3t-fd1 j (diffuse reflective) sensing distance x (mm) sensing distance x (mm) operating position y (mm) operating position y (mm) sensing target: 50 x 50 mm white paper sensing target: 50 x 50 mm white paper sensing target: 50 x 50 mm white paper
e3t e3t 7 j sensing distance characteristics of adjustable aperture (when completing optical axis adjustment) e3t-sl1 j with e39-e10 sensitivity adjustment level sensing distance (m) o p eration j output circuits npn models e3t- jjj 1 e3t- jjj 2 operation mode light-on dark-on output circuit operation indicator (orange) stability indicator (green) photo- electric sensor main circuit brown black blue 12 to 24 vdc 50 ma max. load 0v pnp models e3t- jjj 3 e3t- jjj 4 operation mode light-on dark-on output circuit operation indicator (orange) stability indicator (green) photo- electric sensor main circuit brown black blue 12 to 24 vdc 50 ma max. receiver (through-beam models), retroreflective, diffuse reflective, and convergent beam models load internal circuit emitter (through-beam models) brown blue 12 to 24 vdc photo- electric sensor main circuit
e3t e3t 8 j timing chart diffuse and convergent beam light-on dark-on g operation indicator (orange) target present target not present on off output transistor on off load energized de-energized operation indicator (orange) target present target not present on off output transistor on off load energized de-energized retroreflective/through-beam light-on dark-on / g operation indicator (orange) target present target not present on off output transistor on off load energized de-energized operation indicator (orange) target present target not present on off output transistor on off load energized de-energized dimensions unit: mm (inch) j side-view sensors through-beam models e3t-st11 e3t-st12 e3t-st13 e3t-st14 lens: 1.7 dia. emitter 7(0.28) lens: 2 dia. operation indicator stability indicator receiver 7 (0.28) mounting holes two, m2 (0.59) emitter receiver two, 2.2 dia. 9.5 (0.37) 14.6 (0.57) 18.5 (0.73) polyvinyl chloride-covered cable, 2.4-mm dia. (7/0.127 dia.), robotic cable (20/0, 0.08-mm dia.), 2 conductors, emitter 3 conductors, receivers standard length: 2 m
e3t e3t 9 retroreflective models e3t-sr11 e3t-sr12 e3t-sr13 e3t-sr14 two, 2.2 dia. polyvinyl chloride-covered cable, 2.4-mm dia. (7/0.127 dia.), robotic cable (20/0, 0.08-mm dia.), 3 conductor standard length: 3 m 11 (0.43) 20.6 (0.81) 24.5 (0.96) mounting holes two, m2 (0.59) len: 2 dia. emitter and receiver operation indicator stability indicator 7 (0.28) convergent-beam models e3t-sl11 e3t-sl21 e3t-sl12 e3t-sl22 e3t-sl13 e3t-sl23 e3t-sl14 e3t-sl24 lens 3.7 2 receiver two, 2.2 dia. mounting holes two, m2 operation indicator stability indicator lens 4.4 2 emitter 7 (0.28) 20.6 (0.81) 24.5 (0.96) (0.59) 11 (0.43) polyvinyl chloride-covered cable 2.4-mm dia. (7/0.127 dia.), robotic cable (20/0, 0.08-mm dia.), 3 conductor standard length: 3 m
e3t e3t 10 unit: mm (inch) j flat thin sensors through-beam emitter and receiver models e3t-ft11 e3t-ft12 e3t-ft13 e3t-ft14 two, m2 two, 2.2 dia. optical axis two, r2 mounting holes operation indicator (see note below) stability indicator (see note.) lens 1.3 dia. polyvinyl chloride-covered cable 2.4-mm dia. (7/0.127 dia.), robotic cable (20/0, 0.08-mm dia.) 3 conductor standard length: 2 m note: for e3t-ft11 and e3t-ft12 receivers only. 19 (0.75) 15.8 (0.62) 12 (0.47) 0.2 (0.008) 3.5 (0.13) (0.31) diffuse reflective models e3t-fd11-n e3t-fd12-n e3t-fd13-n e3t-fd14-n two, m2 emitter optical axis two, 2.2 dia. 0.2 lens 1.5 dia. receiver mounting holes operation indicator stability indicator lens 3.1 dia. polyvinyl chloride-covered cable, 2.4-mm dia. (7/0.127 dia.), robotic cable (20/0, 0.08-mm dia.) 3 conductor standard length: 2 m two, r2 24 (0.94) 3.5 (0.14) 20.8 (0.82) (0.31) 12 (0.47) 1.75 j reflectors retroreflector e39-r4(providedwiththee3t-sr1 j ) two, 2.2 dia. 23 (0.91) 4.9 (0.19) 13.7 (0.54)
e3t e3t 11 e39-r37 reflector 301 stainless steel note: a reflector and a stainless steel mounting plate are supplied together as a set. reflector 0.6 (with adhesive) stainless steel mounting plate 0.5 two 3.1 dia 13.7 (0.54) 23 (0.91) j slits/apertures (order separately) e39-s63(usewithe3t-st1 j ) two, 2.2 dia. material: 0.2-mm-thick stainless steel (301 stainless) shownwithsensor notch note: align the notch direction of the slit when installing on the emitter and receiver. 1.0 0.05 dia. 0.5 0.05 dia. 1dia. 0.5 dia. 7.4 (0.29) 7.4 (0.29) 9.7 (0.38) 12.3 (0.48) 4.1 (0.16) 12.6 (0.50) e39-s64 (use with e3t-ft1 j ) adjustable aperture 2dia. with the adjustable aperture unit in place optical axis e39-e10(usewithe3t-st1 j ) 7.4 (0.29) 15.1 (0.59) 18.7 (0.74) use of e39-e10 adjustable aperture (example dark-on: e3t-st12/st14) (at min.) (at center) (at max.) indicator adjuster for dark-on: 1. mount the unit on the receiver. 2. set the adjuster of the unit to max (factory setting is at max). 3. adjust the optical axis (align) and tighten mounting hardware. 4. place a target between emitter and receiver and gradually turn the adjuster counterclockwise toward the min side. stop turning the adjuster when the op- eration indicator and stability indicator (green) turn on. 5. remove the target and confirm that the operation indicator is off and the stability indicator (green) is on. note: for light-on, adjustment is similar, except that indicators would operate in opposite manner as with dark-on.
e3t e3t 12 r1.5 max. material: 1.2-mm-thick stainless steel (ss 304) e39-l116 (use with e3t-st1 j ) two, r1.7 two, r2 two, r2 two, r1.1 two, r1.2 four, r2 three, m2 two, m2 12 17.8 (0.70) 31.2 (1.23) 9.7 (0.38) 10 (0.39) 10.3 (0.41) 17.8 (0.70) 20.5 (0.81) 7 (0.28) 31 (1.22) 24.5 (0.96) 31.2 (1.23) unit: mm (inch) j mounting brackets e39-l116 (use with e3t-s jjj ) order separately
e3t e3t 13 order brackets separately. e39-l117 (use with e3t-s jjj ) r1 max. material: 1.2-mm-thick stainless steel (ss 304) e39-l117 (shown with e3t-st1 j ) two, r1.7 two, r2 two, r2 two, r1.1 four, r2 three, m2 two, m2 12 two, r1.7 20.5 (0.80) 23 (0.91) 11.2 (0.44) 11.2 (0.44) 3.4 (0.13) 23 (0.91) 4.5 (0.18) 10.2 (0.40) 18 (0.71) 11.2 (0.44) 10.3 (0.41) 11.2 (0.44)
e3t e3t 14 unit: mm (inch) order brackets separately. e39-l118 (use with e3t-s jjj ) 7.7 (0.30) material: 1.2-mm-thick stainless steel (ss 304) e39-l118 (shown with e3t-st1 j ) two, r1.7 four, r2 two, r1.1 four, r2 three, m2 two, m2 12 11.5 (0.45) 22.7 (0.89) 11.5 (0.45) 15 (0.59) 23 (0.91) 5 (0.20) 20.5 (0.81) 15 (0.59) 13.2 (0.52) 23 (0.91) 16.3 (0.64)
e3t e3t 15 mounting brackets for e3t-ft1 j /e3t-fd1 j 8 (0.31) 8 (0.31) e39-l119 e39-l120 two, m2 4 e39-l119 shown with e3t-f j 1 j four, m2 tapping holes two, m2 4 e39-l120 (shownwithe3t-f j 1 j ) four, m2 tapping holes 10.5 (0.41) 12 (0.47) 16 (0.63) 9 (0.35) 7 (0.28) 10.6 (0.42) 22.5 (0.89) 16 (0.63) 12 (0.47) 2.4 (0.09) 2.4 (0.09) 3.2 13.5 (0.53) 8 (0.31) 9 (0.35)
e3t e3t precautions caution avoid damage to the e3t: never apply ac power to the e3t. j avoid damage to the e3t ? do not exceed the rated voltage on the e3t. ? do not short-circuit the load connected to the e3t. ? when supplying power to the e3t, make sure that the polarity of the power is correct. j operating environment to avoid malfunction, do not install the e3t in the following environments: ? locations where the e3t is exposed to intense sunlight. ? locations with high humidity and where condensation may result. ? locations with corrosive gas. ? locations with vibration or shock affecting the e3t. j high-tension lines to avoid sensor damage or malfunctioning due to induction noise, do not place the power supply lines of the photoelectric sensor within the same conduit as power lines or high-tension lines. j cable the cable can be extended up to 100 m provided that cable thickness does not exceed the 0 .3 mm 2 maximum. j power supplies if a switching regulator is connected to the e3t, you must ground the fg (frame ground) and g (ground) terminals, or the switching noise of the switching regulator may cause the e3t to malfunction. j water resistance ? do not use the e3t underwater, outdoors, or in the rain. ? use m2 screws and washers to mount the e3t. when mounting the e3t, never strike the e3t with a hammer, or the e3t will lose its watertight properties. j load short-circuit protection the e3t incorporates a load short-circuit p rotection function. if the load short-circuits, the output of the e3t will be turned off. recheck the wiring and turn on the e3t again to reset the load short-circuit p rotection function. the load short-circuit p rotection function will work if there is a current flow that is 2.4 times larger than the rated load current. when using an inductance load, be sure that the inrush current will not exceed 2.4 times larger than the rated current. j cleaning do not apply paint thinner when cleaning the e3t. paint thinner will damage the casing of the e3t. j indicators the following graphs indicate the status o f each operation level. stable operation range unstable operation range stable operation range operation level x 1.2 operation level operation level x 0.8 stability indicator (green) operation indicator (orange) on off on on off off on note: when the e3t?s operation level is set to the stable operation range, the e3t will be in its most reliable operation without being influenced by temperature, voltage fluctuation, dust, or mounting changes. light be sure to use the e3t within the stable operating range. e3t- jjj 1 e3t- jjj 3 e3t- jjj 2 e3t- jjj 4 j turning on power supply ? the e3t will be ready for sensing 100 ms after the power is turned on. ? if the e3t is connected to a power source different from one for loads, be sure to turn on the power supply to the e3t first. cat. no. e262-e3-3 1/02 specifications subject to change without notice. printed in u.s.a. omron electronics llc oneeastcommercedrive schaumburg, il 60173 note: dimensions shown are in millimeters. to convert millimeters to inches divide by 25.4. 1-800-55-omron omron canada, inc. 885 milner avenue scarborough, ontario m1b 5v8 416-286-6465 r omron on--line global -- http://www.omron.com usa -- http://www.omron.com/oei canada -- http://www.omron.com/oci !


▲Up To Search▲   

 
Price & Availability of E3T-FD11N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X