Part Number Hot Search : 
EA1006AE LTC372 78L06M FM101 LM134 40014 MC79M12 DFLT6V0A
Product Description
Full Text Search
 

To Download DAN202C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c303c3 issued date : 2010.11.02 revised date : page no. : 1/6 DAN202C3 cystek product specification switching diode DAN202C3 features ? fast switching speed. ? ultra small surface mount package ? high conductance ? pb-free package equivalent circuit outline applications ? for general purpose switching applications. ordering information device package shipping marking DAN202C3 sot-523 (pb-free) 3000 pcs / tape & reel n sot-523 DAN202C3 common cathode anode 1anode anode 2anode 3common cathode
cystech electronics corp. spec. no. : c303c3 issued date : 2010.11.02 revised date : page no. : 2/6 DAN202C3 cystek product specification absolute maximum ratings @t a =25 parameters symbol min max unit repetitive peak reverse voltage v rrm - 110 v continuous reverse voltage v r - 100 v average rectified forward current (single) i o - 150 ma repetitive peak forward current i fm 300 ma non-repetitive peak forward current @square wave, tj=125 prior to surge t=1 s t=1ms t=1s i fsm - - - 4 1 0.5 a a a power dissipation( note 1 ) p d 150 mw operating junction temperature range t j -55 +150 c storage temperature range t stg -65 +150 c note 1: device mounted on an fr-4 pcb. electrical characteristics @ ta=25 unless otherwise specified parameters symbol conditions min typ. max unit reverse breakdown voltage v r(br) i r =100 a 100 - - v forward voltage v f i f =1ma i f =10ma i f =50ma i f =150ma - - 715 855 1 1.25 mv mv v v reverse current i r v r =25v v r =100v - - 30 2.5 na a diode capacitance cd v r =0v, f=1mhz - - 2 pf reverse recovery time trr when switched from i f =10ma to i r =10ma,r l =100? , measured at i r =1ma - - 4 ns thermal characteristics symbol parameter conditions value unit rth, j-a thermal resistance from junction to ambient note 1 833 /w note 1: device mounted on an fr-4 pcb.
cystech electronics corp. spec. no. : c303c3 issued date : 2010.11.02 revised date : page no. : 3/6 DAN202C3 cystek product specification typical characteristics power derating curve 0 20 40 60 80 100 120 140 160 0 25 50 75 100 125 150 ambient temperature---t a () power dissipation---pd(mw) m ounting on glass ep oxy pcbs forward current vs forward voltage 0.1 1 10 100 0.2 0.4 0.6 0.8 1 1.2 forward voltage---v f (v) forward current---i f (ma) ta= - 40 ta= 2 5 ta=8 5 reverse leakage current vs reverse voltage 0.001 0.01 0.1 1 10 100 0 1020304050 reverse voltage---v r (v) reverse leakage current---i r( a) ta= 125 ta= 25 ta= 150 ta=55 ta=85 capacitance vs reverse voltage 0.52 0.56 0.6 0.64 0.68 00.20.40.6 reverse voltage---v r (v) diode capacitance ---c d (pf) 0.8 f=1mhz ta=25
cystech electronics corp. spec. no. : c303c3 issued date : 2010.11.02 revised date : page no. : 4/6 DAN202C3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c303c3 issued date : 2010.11.02 revised date : page no. : 5/6 DAN202C3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c303c3 issued date : 2010.11.02 revised date : page no. : 6/6 DAN202C3 cystek product specification sot-523 dimension (c forming) *: typical inches n h f 12 3 j a b c d e g i k l m o style: pin 1.anode 2.anode 3.common cathode 3-lead sot-523 plastic surface mounted package cystek package code: c3 marking: 3e_ _ : hfe rank code n millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.0079 0.0157 0.20 0.40 i *0.0197 - *0.50 - b 0.0591 0.0669 1.50 1.70 j 0.0610 0.0650 1.55 1.65 c 0.0118 0.0197 0.30 0.50 k 0.0276 0.0315 0.70 0.80 d 0.0295 0.0335 0.75 0.85 l 0.0224 0.0248 0.57 0.63 e 0.0118 0.0197 0.30 0.50 m 0.0020 0.0059 0.05 0.15 f 0.0039 0.0118 0.10 0.30 n 0.0039 0.0118 0.10 0.30 g 0.0039 0.0118 0.10 0.30 o 0 0.0031 0 0.08 h *0.0197 - *0.50 - notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of DAN202C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X