Part Number Hot Search : 
AT25F BA7725S SMCJ75CA 74LVC16 LB1274 0TQCN 7014ACGZ APTGT1
Product Description
Full Text Search
 

To Download CMDA7DY7A1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  engineered to light up y our design www .vcclite.com 1.800.522.5546 cml and chicago miniature lamp are registered trademarks of visual communications company, llc. cmda7 series high brightness right angle surface mount led description and features electro-optical characteristics and ratings absolute maximum ratings to = 25 c features ? high brightness ? small size ? industry standard footprint ? non-diffused optics ? right angle emitting ? compatible with ir solder profiles ? ideal for use with light pipes ? available in 8 mm tape on 7" diameter reel ? packaged 3,000 pieces per reel applications ? lcd backlighting ? push button backlighting ? front panel indicator ? symbol indicator ? microdisplays ? small message panel signage caution: cmda6ag and cmda6cb are class 1 esd sensitive per mil-std-1686. please observe appropriate precautions during handling and processing. the model numbers listed above are standard off the shelf parts. for the user who may have a requirement calling for various color/electrical specifications, a part number can be determined by calling the factory. no tes: 1. all dimensions are in inches (mm) 2. 1 micro second @ 10% duty cycle part diffusion package t est for ward for ward luminous luminous peak viewing number color color current v oltage v oltage intensity intensity w avel engt h angle (ma) t yp. (v) max. t yp. ( v ) min. (mcd) t yp. ( mcd ) (nm) ( degrees) cmda7cb7a1s blue non-diffused clear 20 3.4 3.9 16 60 469 130 cmda7ag7a1s green non-diffused clear 20 3.4 3.9 40 150 520 130 CMDA7DY7A1S amber non-diffused clear 20 1.9 2.4 25 95 595 130 cmda7ba7a1s orange non-diffused clear 20 1.9 2.4 25 95 609 130 cmda7ar7a1s red non-diffused clear 20 1.9 2.4 25 95 637 130 output part power operating storage peak for ward reverse v oltage lead solder t ime number dissipation t emperature t emperature current max. (ir = 100 ma) a t 230 c (mw) (c) (c) (see note 2) (ma) (v) ( seconds) cb 98 -30 to +85 -40 to +85 100 5 1 0 ag 98 -30 to +85 -40 to +85 100 5 1 0 dy 75 -30 to +85 -40 to +85 100 5 1 0 ba 75 -30 to +85 -40 to +85 100 5 10 ar 75 -30 to +85 -40 to +85 100 5 1 0


▲Up To Search▲   

 
Price & Availability of CMDA7DY7A1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X