Part Number Hot Search : 
SLE4406 4FST3 RN1102F CDBV0520 TFMBJ65 2J102K 2K30A 2J102K
Product Description
Full Text Search
 

To Download BWP20-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c-33 (a) photo electric sensor (b) fiber optic sensor (c) door/area sensor (d) proximity sensor (e) pressure sensor (f) rotary encoder (g) connector/ socket (h) temp. controller (i) ssr/ power controller (j) counter (k) timer (l) panel meter (m) tacho/ speed/ pulse meter (n) display unit (o) sensor controller (p) switching mode power supply (q) stepper motor& driver&controller (r) graphic/ logic panel (s) field network device (t) software (u) other area sensor bwp series area sensor features area sensor with plastic case 13mm slim body with fresnel lens adoption of plastic(pc/abs) injection case various functions; stop transmission, interference prevention, lightening/fashing job indicator, light on/dark on operation by switch easy to recognize at side, front, and long-distance by high brightness led of emitter and receiver fast response time up to 7ms 4 models with various optical axes (8 to 20ea) and sensing height (140 to 380mm) protection structure ip40(iec standard) specifications model npn open collector output BWP20-08 bwp20-12 bwp20-16 bwp20-20 pnp open collector output BWP20-08p bwp20-12p bwp20-16p bwp20-20p sensing type through-beam sensing distance 0.1 to 5m sensing target opaque materials of min.?30mm optical axis pitch 20 mm number of optical axis 8ea 12ea 16ea 20ea sensing width 140 mm 220 mm 300 mm 380 mm power supply 12-24vdc 10%(ripple p-p : max. 10%) protection circuit built-in current consumption emitter : max. 80ma, receiver : max. 80ma control output npn or pnp open collector output ? load voltage : max. 30vdc ? load current : max. 150ma ? residual voltage - npn : max. 1v, pnp : min. 2.5v operation mode light on/dark on by switch short-circuit protection built-in response time max. 6ms(frequency b selection is max. 7ms) light source infrared led(850nm modulated) synchronization type synchronized by synchronous line interference protection interference protection by transmission frequency selection environ - ment ambient illumination sunlight : max. 10,000 ? (received light side illumination) ambient temperature -10 to 55 , storage : -20 to 60 ambient humidity 35 to 85%rh , storage : 35 to 85%rh noise resistance 240v the square wave noise (pulse width: 1 ? ) by the noise simulation dielectric strength 1,000vac 50/60hz for 1minute insulation resistance min. 20m?(at 500vdc megger) vibration 1.5mm amplitude or 300m/s 2 at frequency of 10 to 55hz(for 1 min.) in each of x, y, z directions for 2 hour shock 500m/s2(approx. 50g) in each of x, y, z directions for 3 times protection ip40(iec standard) material case : pc/abs, sensing part : pmma cable ?3.5mm, 4-wire, length : 3m(emitter: ?3.5mm, 4-wire, length : 3m) (awg 24, core diameter : 0.08mm, number of cores : 40, insulator out diameter : ?1mm) approval unit weight approx. 280g approx. 320g approx. 360g approx. 430g the temperature or humidity mentioned in environment indicates a non freezing or condensation environment. please read caution for your safety in operation manual before using.
c-34 bwp series bracket is sold separately. (unit: mm) (unit: mm) dimensions mounting of bracket model a bk-bwp-p bracket model b c BWP20-08 134 bk-bwp-p08 194 180 bwp20-12 214 bk-bwp-p12 274 260 bwp20-16 294 bk-bwp-p16 354 340 bwp20-20 374 bk-bwp-p20 434 420 model a b c BWP20-08 140 180 190 bwp20-12 220 260 270 bwp20-16 300 340 350 bwp20-20 380 420 430 sold separately sold separately sold separately it is able to mount parallel or l-shaped bracket together. flat bracket(bk-bwp-st) l-shaped bracket(bk-bwp-l) protection bracket(bk-bwp-p ) 15 36.6 0.4 r0.5 r2.1 1.6 13 15 20 35 20 5 12.3 16 6 34 41 0.4 2-?5 through 13.5 35 17.5 7.5 7 7 60 67 b m415mm bolt 75 18 50 14.6 6 28 28 20 57 66.5 4.6 a m415mm bolt 36.6 30 54 47 29 14.6 6 20 57 66.5 4.6 15 15 a m415mm bolt 17.5 7 7 20 27 60 67 c ?4.6 pass ?4.6 4-r2.3 18 75 50 40 15 ?2.2 r9 6 31 5-r3 20 13 2-4.6 28 35 12.3 5 14.3 1.6 30 top level optical axis mark job indicator(red) job indicator(red) frequency b indicator (yellow) frequency a indicator (green) operation indicator (red) stability indicator (green) operation mode switch 1st optical axis mark 2-?4.2(m4 bolt) cable : ?3.5, 3m optical axis pitch: 20 a(optical axis height) c b 25 5 13 57 66.5 use m4 bolt for installing sensor, and tightening torque should be under 20kgf . cm
c-35 (a) photo electric sensor (b) fiber optic sensor (c) door/area sensor (d) proximity sensor (e) pressure sensor (f) rotary encoder (g) connector/ socket (h) temp. controller (i) ssr/ power controller (j) counter (k) timer (l) panel meter (m) tacho/ speed/ pulse meter (n) display unit (o) sensor controller (p) switching mode power supply (q) stepper motor& driver&controller (r) graphic/ logic panel (s) field network device (t) software (u) other area sensor feature data input/output circuit and connection diagram operation timing diagram if the receiver out(black) line and the emitter job(black) line are not connected each other, the job indicator of the emitter is not operated and maintain the light status. the waveforms of operation indicator, job indicator, and control output are the state of operation for light on, but in case of dark on, it is opposite operation against light on mode. main circuit main circuit overcurrent protection circuit (blue)0v (blue)0v (black)out (brown)+v (black)job (white)sync (white)sync (brown)+v 12-24vdc load + - emitter receiver main circuit main circuit overcurrent protection circuit (blue)0v (blue)0v (black)out (brown)+v (black)job (white)sync (white)sync (brown)+v 12-24vdc load + - emitter receiver on level off level stability indicator (green) operation indicator (red) job indicator control output on off on off on off on off unstable light on level unstable light off level stable light off level high incident light level low stable light on level npn open collector output pnp open collector output parallel shifting characteristic angle characteristic measuring method data measuring method data receiver emitter ? l sensing distance l(mm) 5 3 2 1 0.1 250 150 50 0 50 150 250 left center right 4 sensing area ?(mm) receiver emitter l sensing distance l(mm) 8 6 4 2 50 30 10 0 10 30 50 left center right operation angle
c-36 bwp series when selecting test mode, emit is stopped and green &yellow led of emitter fashes. it is available to check whether sensor operates properly with stopping the transmission in test mode. it is changed to light off status when emit the transmission is stopped, control output is off in light on mode and on in dark on mode. job indicator will be lighted and fashed to make out work sensing operation more easily. in case of using 2pcs of sensor in serial or parallel in order to extend sensing width, it may cause sensing error because of light interference. this function is operating a sensor in transmission frequency a and another sensor in transmission frequency b to avoid these sensing errors by the light interference. job indicator(red) job indicator(red) frequency b indicator(yellow) frequency a indicator(green) operation indicator(red) stability indicator(green) operation mode switch o n receiver emitter structure functions operation mode switch frequency a, b indicator sensor ? (transmission frequency a) freq.a on frequency b(yellow) frequency a(green) sensor ? (transmission frequency b) freq.b on frequency b(yellow) frequency a(green) operation mode switch job indicator operation lighting on lighting indicator flashing on flashing indicator mounting of bracket test(stop transmission) the control output is on when it is light on in light on and the control output is on when it is light off in dark on. it is available to select with user's preference. operation mode switch control output operation light on light on on it is on when it is light on. dark on on dark on it is on when it is light off. light-on / dark-on operation mode lightening/flashing job indicator interference prevention control output pulse for test input no function switch off switch on transmission frequency selection frequency a frequency b light on/dark on selection light on operation dark on operation steady/fashing light of job indicator selection job indicator with steady light job indicator with flashing light job/test selection normal mode test mode off off on on t 1 t 1 t 2 t 2 t1 50ms t2 20ms normal abnormal on test switch control output light on
c-37 (a) photo electric sensor (b) fiber optic sensor (c) door/area sensor (d) proximity sensor (e) pressure sensor (f) rotary encoder (g) connector/ socket (h) temp. controller (i) ssr/ power controller (j) counter (k) timer (l) panel meter (m) tacho/ speed/ pulse meter (n) display unit (o) sensor controller (p) switching mode power supply (q) stepper motor& driver&controller (r) graphic/ logic panel (s) field network device (t) software (u) other area sensor receiver2 emitter receiver receiver sensing target sensing target reflecting light reflecting light bottom wall display classifcation list light on light off flashing by 0.3 sec. flashing simultaneously by 0.3 sec. cross-flashing by 0.3 sec. operation indicator item emitter receiver indicator indicator control output green yellow job indicator green red job indicator power on - - - - - freq. a operation - - - - - freq. b operation - - - - - test off stable light on - - on unstable light on - - on unstable light off - - off stable light off - - off flashing function on - - off synchronous line malfunction - - off overcurrent - - off the operation of 'operation indicator(red)', 'job indicator (red)', 'control output' is for light on, in case of dark on, it is opposite operation against light on. (in case, malfunction of synchronous line and over current, control output is off regardless of the mode.) sensing distance(l) installation allowable distance(d) 0.1 to 1m min. 0.2m min. 1m min. 0.3m it may be a little different based on installation environment. emitter emitter receiver receiver cable cable cable emitter1 emitter1 emitter1 emitter1 emitter2 emitter1 emitter2 emitter2 emitter2 emitter2 emitter2 emitter2 receiver1 receiver1 receiver1 receiver1 receiver1 receiver1 receiver2 receiver2 receiver2 receiver2 receiver2 receiver2 cable emitter1 emitter2 receiver1 receiver2 baffle emitter1 emitter2 receiver1 receiver2 l(m) d(m) installation for direction of installation for prevention of interference baffle should be installed between 2 sets. emitter and receiver should be installed as same up/down position. troubleshooting for reflection from the surface of wall and flat when installing it as below the light reflected from the surface of wall and flat will not be shaded. please, check whether it operates normally or not with a sensing target before using. (interval distance : min. 0.3m) transmission direction should be opposite between 2 sets it may cause interference when installing more than 2 sets of the sensor. in order to avoid the interference of the sensor, please install as following figures and use the interference protection function. it should be installed out of the interference distance malfunction cause troubleshooting non-operation power supply supply rated power. cable incorrect connection or disconnection check the wiring. rated connection failure use it within rated sensing distance. non-operation in sometimes pollution by dirt of sensor cover remove dirt by soft brush or cloth. connector connection failure check the assembled part of the connector. control output is off even though there is not a target object. out of rated sensing distance use within rated sensing distance. there is an obstacle to cut off the light emitted between emitter and receiver remove the obstacle. there is a strong electric wave or noise generated by motor, electric generator, high voltage line etc. put away the strong electric wave or noise generator. led displays for synchronous line malfunction synchronous line incorrect connection or disconnection check the wiring. break of synchronous circuit of emitter or receiver contact our company. led displays for over current control output line is shorten check the wiring. over load check the rated load capacity.


▲Up To Search▲   

 
Price & Availability of BWP20-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X