Part Number Hot Search : 
T4700M 1N4741A N327AD 4805D BH61331 A1232 1H222 SCI01
Product Description
Full Text Search
 

To Download AUT1156-0UY-014V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ???? 24 led cluster single & index dual contact automotive 15mm bayonet based lamps ? series aut1157,? aut1156? patent pending features options applications maintenance free, easy installation solid-state, high shock / vibration resistant built-in current limiting resistors long life 100,000+ hours (10 years) low power consumption, high intensity major power savings major reduction in heat generation three-year lamp warranty other voltages available other bases available other colors available auto/aircraft auto signal recreation vehicles trucks ?for aftermarket use. may not comply with sae or u.s. dot standards.? ? note: ?led brake/tail lamps may not work with some older thermal flasher units.? ?an led brake/tail lamp will require an electronic flasher/blinker unit which is commonly available at? ?your local auto parts store. brake/turn/tail ? for 12/14 volt applications aut1157-0er-014v other voltages: 24v, 28v, 36v, 48v red ? replacement for: ? incandescent 1157, 2057, & european p21/5w bulbs base size: 15mm base type: index dual- contact (dc)?bayonet output colors: super red 633nm super yellow 595nm operating voltage: ? 12-14vdc forward current (max):
160ma total light output: red (end lumens/end footcandles): 100 yellow (end lumens/end footcandles): 72 number of leds: 24 turn/running light for 12/14 volt applications aut1157-0uy-014v other voltages: 24v, 28v, 36v, 48v yellow turn signal for 12/14 volt applications AUT1156-0UY-014V other voltages: 24v, 28v, 36v, 48v yellow replacement for: incandescent 1156 base size: 15mm base type: single contact (sc)?bayonet output colors: ? super yellow 595nm super red 633nm operating voltage:? 12-14vdc forward current (max):
160ma total light output:? (yellow) (end lumens/end footcandles): 72 (red) (end lumens / end footcandles): 100 number of leds: ? 24 brake aut1156-0er-014v other voltages: 24v, 28v, 36v, 48v red ? replacement for: ? incandescent # 1156 base size: 15mm base type: single contact (sc)?bayonet output color: cool white 8000k operating voltage: ? 12-14vdc forward current (max):
120ma total light output: (end lumens/end footcandles): 124 number of leds: 24 back-up ? for 12/14 volt applications aut1156-0cw-014v other voltages: 24v, 28v, 36v, 48v white viewing angle ? 25o special notes 1) for best results, led lamp output color should be same as lens/ filter color above the lamp.? 2) led lamps shown are for most standard applications. 3) some applications may require custom or modified configuration of the led lamp. 4) led lamps shown are for direct dc or ac voltage supply. external resistor, relays or special circuits may require special led lamps. 23105 kashiwa ct, torrance, ca? 90505 - ph:? (800) 579-4875/(310) 534-1505 - fax: (310) 534-1424 ? copyright 1997-2001 ledtronics, inc. all rights reserved - contact webmaster@ledtronics.com 15mm bayonet based lamps (automotive); series aut1156, aut1157 http://www.datasheets.led.net/pages/15mm_auto_bayonet/137a.htm [4/25/2002 4:20:55 pm]


▲Up To Search▲   

 
Price & Availability of AUT1156-0UY-014V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X