![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
october 2006 rev 8 1/17 17 stb80NF55-06 - stb80NF55-06-1 stp80NF55-06 - stp80NF55-06fp n-channel 55v - 0.005 ? - 80a - t o -220 /fp - i 2 p ak - d 2 pa k st r i pfet? ii p o w e r mosfet general f eatures exc e ptional dv /dt capability 10 0% avala n che t e st ed ap plic at ion o r ie nt ed c h a r a ct e r i za tion description this p o w e r mos f et is th e lat e st de v e lop m en t o f stm i cr oe lectr o n i s u n iqu e "sing l e f e at ur e siz e ?" st r i p- based p r o c e ss . th e re su lti ng t r an sist or sho w s e x t r eme l y hig h pa c k in g de nsity f o r lo w o n - r e sista n ce , r u g ged a v a l anche ch ar act e r i st ics an d le ss cr it ical alig nme n t st ep s t her ef or e a remar k ab le man u f a c t ur ing reproducibility . applications switching application internal sc hematic di a g ram ty p e v ds s r ds (on ) i d stb80nf55-0 6 55 v < 0.0065 ? 80a (1) 1. limited by p a ckage stb80 nf5 5-06-1 5 5 v < 0 .0065 ? 80a (1) stp80nf55-0 6 55 v < 0.0065 ? 80a (1) stp80n f55 - 06fp 5 5 v < 0 .0065 ? 60a (1) 1 2 3 t o -2 20 t o -2 20fp d2p a k i2pak 1 3 1 2 3 1 2 3 www .s t.c om order codes p a r t n u mber ma rking p ac k a g e p a c k a g ing stb80 n f5 5-06t4 b 80 nf5 5 -06 d 2p ak t a p e & reel stb80n f55 - 06-1 b 8 0 nf55-06 -1 i2p a k t u b e stp8 0nf55-06 p80 n f5 5-06 t o -220 t u be stp80nf55 - 0 6 fp p8 0nf55-06 fp t o -22 0 fp t u be http://
contents stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 2/17 contents 1 e lectrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 e lectrical c h aracteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2. 1 e lectr i cal char acter i stics (cur v e s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 t est cir cuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 p ac ka g e mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 p ac ka gi ng mec h ani c al dat a . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6 r e v ision histor y . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp electrical ratings 3/17 1 electrical ratings t a b l e 1. ab sol u t e maxi m u m ra ti ngs sy mbol p a r a mete r va l u e unit t o -220 / d2/ i2p a k t o-220f p v ds dr a i n-sou r ce v o ltage (v gs = 0) 55 v v gs ga te -so u rce v o ltag e 20 v i d (1) 1. limited by package dr a i n current (contin uou s) at t c = 25 c 80 60 (2) 2. limited only by maximu m temp erature allowed a i d (1) dr a i n current (contin uou s) at t c = 1 00c 80 42 (2) a i dm (3 ) 3. pulse w i dth limited b y safe operating area dr a i n current (pulse d) 320 240 (2) a p to t t o ta l dissipa ti on at t c = 25c 3 0 0 45 w der a ting f a ct or 2 0 .30 w /c d v/d t (4 ) 4. ) i sd 80a, di/dt 400a/s, v dd v ( b r)dss , t j t jm ax p e ak d i od e re co v e r y v o l t a ge slop e 7 v/ns e as (5) 5. star tin g t j = 25 o c, i d = 40a, v dd = 45v sing le pul se a v al anche en erg y 1 . 3 j v iso insula ti on withstand v o lta ge (dc) -- 25 00 v t j t stg o p e r at in g ju nct i on t e m p e r at ur e stor ag e temp er a t u r e -55 to 175 c t a b l e 2. ther m a l da ta symbol p a ra meter va l u e unit t o - 2 20 / d2/ i 2 p a k t o-220f p r th jc th er ma l re sista n ce jun ctio n -case max 0 .5 3.33 c/w r th j a t h e r m a l r e si st an ce ju nct i on -a mb ie n t ma x 6 2. 5 c / w t l maxim u m le ad te mperatu r e f o r so lde r ing pur pose 300 c electrical characteristics stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 4/17 2 electrical c h aracteristics (t case =25c unles s otherwis e s p ecified) t ab l e 3. on/ o f f st at es symb o l p ara meter t est co nd iti o ns mi n. t y p. ma x. un it v (br)d s s dr ai n-source brea kdo w n v o ltage i d = 25 0 a, v gs = 0 55 v i dss zero ga te v o ltage drain c u rrent (v gs = 0) v ds = max r a ting, v ds = max r a tin g @125c 1 10 a a i gss gate bo dy l eakag e cu rrent (v ds = 0 ) v gs = 20v 1 00 n a v gs(th ) g a te threshold v o ltage v ds = v gs , i d = 25 0a 23 4 v r ds (on) static drain-sou r ce o n r e sistance v gs = 10v , i d = 40 a 0.005 0.00 65 ? t a b l e 4. dy nami c sy mbol p a ram e ter t est cond iti o ns min . t y p. max. un it g fs (1 ) 1. pulsed: p u lse duration = 30 0s, d u ty cycle 1.5% f o rw a r d transcond uctance v ds =15 v , i d = 40a 15 0 s c is s c os s c rss input capacitance output capaci t an ce r e v e rs e tr an sf e r capacitance v ds = 2 5v , f= 1 mhz, v gs =0 440 0 102 0 35 0 pf pf pf q g q gs q gd t o ta l g a t e ch ar ge gate-source char ge gate-dr a in char ge v dd = 44v , i d = 80 a v gs =10 v 14 2 29 60.5 18 9 nc nc nc t a b l e 5. sw i t c h i ng t i me s sy mbol p a rame te r t est cond iti o ns mi n. t y p . max. un i t t d(o n ) t r t d(o f f) t f t u r n -on dela y time ri se time t u r n -off dela y time f a ll ti me v dd = 50 v , i d = 40a, r g =4 .7 ?, v gs =10 v (s ee fig u re 15 ) 27 15 5 12 5 65 ns ns ns ns stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp electrical characteristics 5/17 t a b l e 6. so ur c e dra i n diod e symb ol p a rameter t est co nd iti ons mi n t yp. m ax un it i sd source -d r a i n cu rrent 80 a i sdm (1 ) 1. pulse w i dth limited b y safe operating area source -d r a i n cu rrent (p ulsed ) 3 2 0 a v sd (2 ) 2. pulsed: p ulse duration = 30 0s, d uty cycle 1.5% f o rw ard on v o ltage i sd =8 0a, v gs =0 1. 5 v t rr q rr i rr m re v e rse reco v e r y time re v e rse reco v e r y ch arge re v e rse reco v e r y c u rr ent i sd =8 0a, di/dt = 100a/s , v dd =35 v , t j = 1 50c 10 0 0. 3 2 6.5 ns c a electrical characteristics stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 6/17 2. 1 electrical c h aracterist ics (cur ves) figure 1 . saf e ope rat i n g a r ea f o r t o -2 20/ d 2 pa k / i 2 pa k figur e 2. t h erma l imped a nce f o r t o -2 20/ d2p ak/ i2p a k figure 3 . saf e ope rat i n g a r ea f o r t o -2 20f p f igur e 4. t h erma l imped a nce f o r t o -2 20f p f i g u r e 5. ou t p u t c h ara c t e ri si cs f i g u r e 6 . t r an s f er c h a r ac te ris t ic s stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp electrical characteristics 7/17 f i gu re 7. t r a n sc ondu ct anc e fig u re 8 . sta t ic dra i n - s our ce on re sist anc e fi g u re 9 . g a te c h ar g e v s ga te - s o u r c e v o lt a g e f i g u r e 10 . c a p ac it an c e v a ri at io n s f i gu re 11 . n o rmalized gat e t h res hold v o lt a g e vs t e mpe r at ure fig u re 1 2 . n ormal i z ed on re si st anc e vs te mper atu r e electrical characteristics stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 8/17 figure 1 3 . s our ce -d rain diode f o rwar d c h a r ac te ri sti c s figur e 14. nor m a l iz e d b vdss vs temp era t ure stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp test circuit 9/17 3 t est cir c uit figure 1 5 . s wit c hing times t e s t cir c uit f o r re si st iv e l o ad fi gur e 16. g a t e c h ar g e te st c i r c ui t f i g u r e 17 . t es t ci r c ui t f o r in du c t i v e lo a d s w it c h ing and diod e rec o v e r y times fi gur e 18. unc l ampe d ind u ct i ve l o ad t est ci r c ui t figure 1 9 . u nc la mped indu ct iv e wa ve f o rm package mechanical data stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 10/17 4 p a c k a g e mec h anical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp package mechanical data 11/17 dim. mm. i n c h m i n. typ m ax. m i n. typ. m a x. a 4 .40 4 .60 0. 173 0 . 181 b 0 .61 0 .88 0. 024 0 . 034 b 1 1 . 15 1 . 70 0. 045 0 . 066 c 0 .49 0 .70 0. 019 0 . 027 d 1 5 . 25 15 .75 0 .60 0 .620 e 10 10 . 40 0. 393 0 . 409 e 2 .40 2 .70 0. 094 0 . 106 e 1 4 . 95 5 . 15 0. 194 0 . 202 f 1 .23 1 .32 0. 048 0 . 052 h 1 6 . 20 6 . 60 0. 244 0 . 256 j1 2 . 40 2 . 72 0. 094 0 . 107 l 13 14 0. 511 0 . 551 l 1 3 . 50 3 . 93 0. 137 0 . 154 l2 0 1 6. 4 0 0. 6 4 5 l3 0 2 8. 9 0 1. 1 3 7 ?p 3 . 75 3 . 85 0. 147 0 . 151 q 2 .65 2 .95 0. 104 0 . 116 to- 2 20 m e chanical data package mechanical data stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 12/17 to -24 7 m e cha nical data 1 dim. mm. i nc h m i n. t y p m ax. m i n. t yp. m a x . a 4 .4 4.6 0.1 73 0. 181 a 1 2 . 49 2.6 9 0.0 98 0. 106 a 2 0 . 03 0.2 3 0.0 01 0. 009 b 0 .7 0.9 3 0.0 27 0. 036 b 2 1 . 14 1.7 0.0 44 0. 067 c 0 .45 0.6 0.0 17 0. 023 c 2 1 . 23 1.3 6 0.0 48 0. 053 d 8 .95 9.3 5 0.3 5 2 0 . 368 d1 8 0 .3 15 e 1 0 10. 4 0 .3 93 e 1 8.5 0.3 3 4 g 4 .88 5.2 8 0.1 9 2 0 . 208 l 1 5 1 5.8 5 0.5 90 0. 625 l 2 1 . 27 1.4 0.0 50 0. 055 l 3 1 . 4 1 .7 5 0 .0 55 0. 068 m 2 .4 3.2 0.0 94 0. 126 r0 . 4 0 . 0 1 5 v2 0 o 4 o d 2 p ak m echanical data 3 stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp package mechanical data 13/17 dim. mm. i n c h m i n . t y p m ax . m i n . t yp . m ax . a 4 .4 0 4 .6 0 0 .1 7 3 0 .1 8 1 a1 2. 40 2. 72 0. 09 4 0 . 1 0 7 b 0 .6 1 0 .8 8 0 .0 2 4 0 .0 3 4 b1 1. 14 1. 70 0. 04 4 0. 06 6 c 0 .4 9 0 .7 0 0 .0 1 9 0 .0 2 7 c2 1. 23 1. 32 0. 04 8 0 . 0 5 2 d 8 .9 5 9 .3 5 0 .3 5 2 0 .3 6 8 e 2 .4 0 2 .7 0 0 .0 9 4 0 .1 0 6 e1 4. 95 5. 15 0. 19 4 0. 20 2 e 1 0 10 . 40 0. 39 3 0. 41 0 l 1 3 1 4 0. 51 1 0. 55 1 l1 3. 50 3. 93 0. 13 7 0. 15 4 l2 1. 27 1. 40 0. 05 0 0. 05 5 to- 262 (i 2 p ak) m e chan i c al dat a package mechanical data stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 14/17 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm . i n c h m i n. ty p m ax . m i n . t yp. m a x. a 4 .4 4. 6 0 . 1 73 0 . 18 1 b 2 .5 2. 7 0 . 0 98 0 . 10 6 d 2 . 5 2 . 75 0 . 09 8 0 .1 08 e 0 .4 5 0 .7 0 . 01 7 0 .0 27 f 0 .7 5 1 0 . 03 0 0 .0 39 f1 1 . 15 1. 7 0 . 0 45 0 . 06 7 f2 1 . 15 1. 7 0 . 0 45 0 . 06 7 g 4 .9 5 5 .2 0 . 19 5 0 .2 04 g1 2. 4 2 .7 0 . 09 4 0 .1 06 h 1 0 1 0.4 0 .39 3 0.4 09 l 2 16 0. 6 30 l3 28 .6 3 0 .6 1 . 12 6 1 .2 04 l4 9. 8 1 0.6 .0 38 5 0.4 17 l5 2. 9 3 .6 0 . 11 4 0 .1 41 l6 15 .9 1 6 .4 0 . 62 6 0 .6 45 l7 9 9 .3 0 . 35 4 0 .3 66 ? 3 3. 2 0. 1 18 0 . 12 6 to -220fp mechanical data stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp packaging mechanical data 15/17 5 p a c k a g ing mec h anical data tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. ma x. a 330 12.992 b 1.5 0.059 c 12. 8 13. 2 0. 504 0. 5 20 d 20. 2 0795 g 24. 4 26. 4 0. 960 1. 0 3 9 n 100 3. 937 t 30. 4 1 . 1 97 base qty bulk qty 1000 1000 reel mechanical data dim. mm inc h min. max. min. ma x . a0 10. 5 10. 7 0 . 413 0.421 b0 15.7 15. 9 0. 618 0. 626 d 1. 5 1. 6 0. 059 0. 063 d1 1.59 1.61 0. 062 0. 063 e 1. 6 5 1 . 85 0. 065 0. 073 f 11 . 4 11 . 6 0. 449 0. 456 k0 4. 8 5 . 0 0. 189 0. 197 p0 3.9 4. 1 0. 153 0. 161 p1 1 1 . 9 12. 1 0 .468 0.476 p2 1.9 2.1 0. 075 0. 082 r 5 0 1 . 574 t 0 . 25 0 . 35 0. 0098 0. 0137 w 23. 7 24.3 0. 933 0.956 t ape m e chanical da t a revision history stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 16/17 6 re vision histor y t a b l e 7 . r e vi si on hi st o r y date re vision c h ang e s 21-jun-2004 5 complete version 13-mar-2005 6 package inserted: i 2 pa k 20-jul-2006 7 new template, no content change 24-oct-2006 8 corrected value on table 1.: absolute maximum ratings stb80NF55-06 - stb80NF55-06-1 - stp80NF55-06 - stp80NF55-06fp 17/17 pl ea se r e ad c a re fu lly : inf or m at i on i n t hi s d ocumen t i s p r o vi ded so l el y i n co nnecti on wi th st pr oducts. s t mi cr oelect roni cs nv an d i t s su bsi d i a r i e s (? st ?) re ser ve th e ri ght t o ma ke ch anges , co rr ec ti o ns, mo di f i c at i on s o r i m p r o vem ent s , t o t hi s d ocume nt , and t he pr oducts a nd ser vi c es de scr i bed h e r ei n at any t i me, with ou t no tic e. al l st pr odu ct s a r e s o l d pu rs ua nt to s t ? s t e r m s an d co nd it i o n s of sal e . pur c h a s e r s a r e so le l y r e s pon si bl e fo r t h e c hoi c e , se le ct i o n an d us e o f th e s t pr od uc ts an d s e r v i c e s d e s c r i b e d he re in , and st as s u m es no li a b i l i t y wh at so ev er r e l a t i n g t o t h e cho i ce, se le ct i o n o r u se o f t h e s t pr odu ct s a nd s e r v i c e s de sc ri be d he re in . no l i c e nse , e x p r e s s o r i m pl i e d , b y e s t o p pel or ot he rw is e, t o an y i n t e l l e c t u a l pr op er ty ri gh t s i s gr an te d u nde r t h i s doc ume n t . i f an y pa rt of t h i s do cume n t re f e r s t o an y t h i r d pa rt y p r o duc t s or se rv ic es i t sh al l n o t be d e e m ed a li ce ns e gr an t b y st fo r t h e use of su ch t h i r d p a r t y pr od uc ts or ser vi c es, or an y in t el l e ct ual p r o per t y c ont a i n ed t her e i n or con si dered as a war r ant y c over i n g t he u se i n a ny manner w hat s oev er of s uch th i r d p a r t y pr od uct s o r se rv i ces or a n y i n t e ll e c t u a l pr op er t y co nt ai ne d t her ei n . unle ss o t her w ise se t for t h in s t ?s t e rms and co nditions o f sa le s t disc laims an y ex pres s or imp l ied warrant y wit h r espe ct to th e use and/or sa le of st p roduct s in cluding withou t limit ation imp l ied warrant ie s of merch antab il it y, fitne ss f or a parti cul ar p urpos e (and t heir e quivale nts under the laws of any j urisdiction), o r inf rin gement o f any pat e nt, copy right or oth e r in tel lect ual pro pert y rig ht. unle ss e xpre ssly appr oved in writing b y an aut horized st re pres enta tive, st p roduct s are not reco mmended , author iz ed or warrant ed f or us e in milita ry, air cra ft, sp ace, l i f e sa ving, or l i f e su staining appl ications, nor in p roduct s or sy ste ms where failure or malf unction may resu lt in per sonal inj ury , deat h, or s eve re prop erty o r environme ntal d amage. st p roduct s whic h are not s pecified as "automo t ive grade " may only b e used in autom otive app l ications a t user?s own risk. res al e of st pr oduct s wi t h pr ovisions d i f f er ent f r o m t he s t at eme nt s and/ or t echni c al feat ur es s et f o rt h i n this d ocume nt s hal l imme di at el y v o i d an y wa rr an t y g r a n t e d by st fo r th e s t p r o duc t or se rv i c e de scr i b e d h e r e i n a n d sh al l no t cr ea te or e x t e n d i n any man n e r wha t s o e v er , an y l i ab il ity of st. st a nd t h e s t lo go a r e tr ad ema r k s or re gi st er ed t r ad emar ks of s t i n va ri ou s co un tr i es. in f o r m at i on i n t h i s do cu men t su pe rs ed es a nd r e p l a c e s al l i n fo rma t i o n pr ev io us ly s u p p l i e d . th e st l o g o is a re gi ste r e d tr ad ema r k o f s t m icr o e l e c t r o n i c s . a ll ot he r n a m es a r e th e pr op er ty of th ei r r e s p e c tiv e ow n e r s . ? 2 0 0 6 s t mic r o e l ec tr on ic s - a l l ri gh ts re se rv ed s t mi cr oe le ctr o n i c s gr ou p of co mp an ie s aus t r al i a - b el gi um - b r a zi l - can ada - ch ina - cz ech rep ubl i c - f i nl and - fr ance - ger m any - ho ng k ong - i ndi a - is rael - i t a l y - ja pa n - ma la ys ia - ma lt a - mo ro cc o - s i n g a p o r e - s p a i n - s w e d e n - sw i t ze rl an d - u n ite d ki ng do m - un i t e d s t a t e s of a m eri c a www .s t.co m |
Price & Availability of 80NF55-06
![]() |