Part Number Hot Search : 
STPS360 SB530 2SC560 C251A P1402CL GDZ13A GBU2508 CM1442
Product Description
Full Text Search
 

To Download 7N60K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 7N60K power m o sfet www.unisonic.com.tw 1 of 6 copyright ? 2013 unisonic technologies co., ltd qw-r502-776.c 7.4 a , 600v n-channel power mosfet ? descripti on t he u t c 7N60K is a hi g h voltag e po w e r mosf et and is desig ne d to have better characteristics, such as fast s w itc h ing time , lo w gate char ge, lo w on-state resistance and hav e a high rugged avalanche characteristics. t h is po w e r mos f et is usuall y used at high sp ee d s w itching a p p licat ions in s w itc h i ng po w e r sup p lies a n d ada ptors. ? features * r ds ( on ) < 1 . 2 ? @ v gs = 10v * ultra lo w gate charg e (t y p ic al 29 n c ) * lo w rev e rse t r ansfer ca pacit ance ( c r ss = t y pi ca l 16 p f ) * f a st s w itchi ng capa bil i t y * ava l an ch e energy t e ste d * improved dv/dt capa bilit y, hi g h rug ged ness ? sy mbol ? or de r i ng i n form at i o n ordering n u m ber package pi n assi gn me nt packing lea d f r ee halo ge n f r ee 1 2 3 7n60 kl-t a3-t 7n60 kg-t a3-t t o -220 g d s tube 7n60 k l-t f 3-t 7n60 kg-t f 3 -t t o -220f g d s tube 7n60 kl-t q2-r 7n60 kg-t q2-r t o -263 g d s tape reel 7n60 kl-t q2-t 7n60 kg-t q2-t t o -263 g d s tube note: pin assignment: g: ga te d: drain s: source http://
7N60K power m o sfet unisonic technologi es co., ltd 2 of 6 w w w . uniso nic.co m.t w q w - r 5 0 2 - 7 7 6 . c ? absolute maxi mu m ra ting s (t c = 25c, unless other w i se specifie d) paramet er symbol rat i ngs unit drain-s ource voltag e v ds s 600 v gate-source voltage v gss 30 v avala n che c u r r ent (note 2) i ar 7.4 a drain current contin uo us i d 7.4 a pulse d (note 2 ) i dm 29.6 a avalanche energy singl e puls ed ( note 3) e as 220 mj repetitiv e (not e 2) e ar 14.2 mj peak di ode r e cover y dv/dt (n ote 4) dv/dt 4.5 v/ns power dissipation t o -220 p d 142 w t o -220f 48 to-263 50 junctio n t e mperature t j + 150 c storage t e mperature t st g -55 ~ +150 c notes: 1. absol u te ma xi mum ratings ar e those val ues be yo nd w h ich the dev ice cou l d be perm ane n t l y dam ag ed. absol u te ma xi mum ratings ar e stress ratings onl y an d functi onal devic e op er atio n is not i m plie d. 2. repetitiv e rati ng : pulse w i dth lim ited b y m a xim u m juncti on temperature 3. l = 9mh, i as = 7a, v dd = 90v, r g = 2 5 ? , sta r ting t j = 25c 4. i sd 7.4a, di/dt 200a/ s, v dd bv ds s , starti ng t j = 25c ? th er mal dat a paramet er symbol rat i ngs unit junction to ambient to-220/to-220f/to-263 ja 62.5 c/w junction to case t o -220 jc 0.88 c/w t o -220f 2.6 to-263 2.5
7N60K power m o sfet unisonic technologi es co., ltd 3 of 6 w w w . uniso nic.co m.t w q w - r 5 0 2 - 7 7 6 . c ? electric al ch ara cteri s tic s (t c = 25c, unless oth e r w is e specifi ed) parameter symbol test conditions min typ max unit off characteristics drain-s ource breakd o w n vo l t age bv ds s v gs = 0 v , i d = 250 a 600 v drain-s ource l eaka ge curr en t i ds s v ds = 600v, v gs = 0v 1 a gate- source l eaka ge curr en t fo rw ard i gss v gs = 30v, v ds = 0v 100 na reverse v gs = -30v, v ds = 0v -100 na breakd o w n vo l t age t e mperature coefficient bv ds s / t j i d = 250 a,ref e rence d to 25c 0.67 v/c on characteristics gate threshold voltage v gs ( th ) v ds = v gs , i d = 250 a 2.5 4.5 v static drain-source on-state resistance r ds ( on ) v gs = 10v, i d = 3.7a 1.0 1.2 ? dynamic characteristics input cap a cita nce c iss v ds = 25v, v gs =0v, f= 1.0 mhz 140 0 pf output capac itance c oss 180 pf reverse transfer capacitance c rss 16 21 pf switching characteristics turn-on delay time t d ( on ) v dd = 300v, i d =7.4a, r g =2 5 ? (note 1, 2) 70 ns t u rn-on rise t i me t r 90 170 ns turn-off delay time t d ( off ) 140 ns turn-off fall time t f 55 130 ns switching characteristics t o tal gate charge q g v ds = 480v, i d =7 .4 a, v gs =10v (note 1, 2) 29 38 nc gate-source c harg e q gs 7 nc gate-drain charge q gd 14.5 nc drain-source diode characteristics and maximum ratings drain-s ource diod e f o r w ard voltage v sd v gs = 0 v , i s = 7.4 a 1.4 v maximum co ntinuo us drai n-s ource di od e fo rw ard c u rren t i s 7.4 a maximum puls ed drai n-so urc e diod e fo rw ard cu rren t i sm 29.6 a reverse recover y t i me t r r v gs = 0 v , i s = 7.4 a, di f / dt = 100a/ s (note 1) 320 ns reverse recover y charge q rr 2.4 c notes: 1. pulse t e st: pulse w i dth 30 0 s , d u ty cy cl e 2% 2. essentially independent of operating temperature
7N60K power m o sfet unisonic technologi es co., ltd 4 of 6 w w w . uniso nic.co m.t w q w - r 5 0 2 - 7 7 6 . c ? test circuits and waveforms same type as d.u.t. l v dd driver v gs r g - v ds d.u.t. + * d v/dt controlled by r g * i sd co ntro l l e d by pu l se pe rio d * d. u. t.-d e vice u n de r t e st - + peak diod e r eco v e r y d v /d t t est circu i t p. w. period d= v gs (d r i ve r) i sd (d .u .t . ) i fm , b ody di od e fo rward c u rren t di /d t i rm bo dy dio de r e ve rse curre nt bo dy di ode reco very dv/dt bod y diode forward voltage drop v dd 10 v v ds (d.u.t. ) v gs = p.w. period peak dio d e r eco v e r y d v /d t w a v e fo rms
7N60K power m o sfet unisonic technologi es co., ltd 5 of 6 w w w . uniso nic.co m.t w q w - r 5 0 2 - 7 7 6 . c ? test circuits and waveforms (cont.) v gs d.u.t. r g 10v v ds r l pulse width 1 s duty factor 0.1% v dd s w itch ing t est circu i t sw it c h i n g w ave f o r m s 50 k ? 0.3f dut same type as d.u.t. 0 . 2f 12v v gs 3ma v ds gate ch arg e t est circu i t gate charge wav e form unc l a m pe d in duc ti v e s w i t c h ing te s t circ uit unc l a m pe d in duc ti v e s w i t c h ing wav e forms
7N60K power m o sfet unisonic technologi es co., ltd 6 of 6 w w w . uniso nic.co m.t w q w - r 5 0 2 - 7 7 6 . c ? typical characteristics drain current, i d (a) drain current, i d (a) drain current, i d (a) drain current, i d (a) ut c as s um es no r es pons i b ilit y f o r e q u ip m e n t f a ilu r e s t h a t r e s u lt f r o m u s in g p r oduc t s at v al ues t hat exceed, ev en m o m ent ar i l y , r a t ed v a l ues ( s uc h as m a x i m u m r a t i n g s , op era t i ng c o ndi t i on ra nges , o r ot her par am et er s ) l i s t ed i n pr oduc t s s pec i f i c at i ons of any and al l ut c pr oduc t s des c r i bed or c ont ai ned her ei n. ut c pr oduc t s are not des i gned f or us e i n l i f e s uppor t appl i anc es , dev i c es or s y s t em s w her e m a l f unc t i on of t hes e pr oduc t s c an be r eas ona bl y ex pec t ed t o res u l t i n per s ona l i n j u r y . re pro duc t i on i n w hol e or i n pa rt i s pr ohi bi t ed w i t hout t he pri o r w r i t t en c ons ent o f t he c o p y r i ght ow ner. t he i n f o r m at i o n pr es ent e d i n t h i s doc um en t do es not f o r m p a rt of any quo t a t i on or c ont r a c t , i s bel i e v ed t o be ac c u r a t e and r el i a bl e and m ay b e c hanged w i t hout n ot i c e.


▲Up To Search▲   

 
Price & Availability of 7N60K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X