Part Number Hot Search : 
20M250 BFT44 SB860 CM3110 LB1955 PRODUCTS 2SB64 L113611
Product Description
Full Text Search
 

To Download 2N683 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0249, rev . 1 (1 2 0183) ?2011 microsemi corporation page 1 of 6 2n682, 2N683, 2n685 ? 2n692 an d 2n5206 available on commercial versions pnpn silicon, revers e - blocking , power triode thyristors qualified per mil - prf - 19500/108 qualified levels : jan and jantx description this sil icon controlled rectifier device is military qualified up to a jan tx level for high - reliability applications. microsemi also offers numerous other products to meet higher and lower power voltage regulation applications. to - 208 / to -48 package impor tant: for the latest information, visit our website http://www.microsemi.com . features ? jedec registered 2n682, 2N683, 2n685 , 2n687 ? 2n692 and 2n5206 . ? jan and jantx qualification s are available per mil - prf - 19500/ 108. ? rohs compliant versions available (commercial grade only) . applications / benefits ? a general purpose, reverse - blocking thyristor . m axim um ratings msc ? law rence 6 lake street, lawrence, ma 01841 tel: 1 - 800- 446- 1158 or ( 978) 620 - 2600 fax: (978) 689 - 0803 msc ? ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction temperature t j - 65 to +125 o c storage temp erature t stg - 65 to +1 50 o c gate v ol tage v gm 5 v(pk) maximum average dc output current (1) i o 16 a non - repetitive p eak o n - s tate c urrent (2) @ t = 7 ms i ts m 150 a notes : 1. this average forward current is for a maximum case temperature of +65 c, and 180 electrical degrees of conducti on. 2. surge rating is non - recurrent and applies only with device in the conducting state. the peak rate of surge current must not exceed 100 amperes during the first 10 s after switching from the off (blocking) state to the on (conducting) state. this time is measured from the point where the thyristor voltage has decayed to 90 percent of its initial blocking value .
t4 - lds - 0249, rev . 1 (1 2 0183) ?2011 microsemi corporation page 2 of 6 2n682, 2N683, 2n685 ? 2n692 an d 2n5206 mechanical and packaging ? case: nicke l plated copper . ? terminals: nickel plated steel, solder dipped . ? marking: manufacturer?s id, p art n umber, d ate c ode, p olarity . ? polarity: terminal 1: g ate, t erminal 2: c athode, t erminal 3 (stud): a node . ? w eight: 12.36 grams . ? see package dimensions on last page. part nomenclature jan 2n682 (e3) reliability level j an = jan level jantx = jan tx level cds (reference jans) blank = commercial jedec type number ( see elec trical characteristic s t able ) rohs compliance e3 = rohs c ompliant ( available on commercial grade only ) blank = non - rohs c ompliant symbols & definitions symbol definition v aa anode power supply voltage (dc).
t4 - lds - 0249, rev . 1 (1 2 0183) ?2011 microsemi corporation page 3 of 6 2n682, 2N683, 2n685 ? 2n692 an d 2n5206 electrical characteristic s parame t ers / t e st co nd itio n s s y m b ol mi n . max. u n it repetitive peak reverse voltage and repetitive peak off - state voltage 2n682 2N683 2n685 2n686 2n687 2n688 2n689 2n690 2n691 2n692 2n5206 v rrm (1) and v drm 50 100 200 250 300 400 500 600 700 800 1,000 v (pk) (1) values applicable to zero or negative gate voltage (v gm ). parame t ers / t e st co nd itio n s s y m b ol mi n . max. u n it holding current: bias condition d; v aa = 24 v maximum; i tm = i f1 = 1 a i t = i f2 = 100 ma trigger voltage s ource = 10 v trigger pw = 100 s (minimum) r 2 = 20 i h 50 ma reverse blocking current ac method, bias condition d; f = 60 hz, v rrm = rated i rrm1 2 ma (pk) forward blocking current ac method, bias condition d; f = 60 hz; v drm = rated i drm1 2 ma (pk) gate tri gger voltage and current v 2 = v d = 6 v; r l = 50 ; r e = 20 maximum v gt 1 i gt 1 3 35 v ma forward on voltage i tm = 50 a(pk) (pulse); pulse width = 8.5 ms; maximum; duty cycle = 2 percent maximum v tm 2 v (pk) reverse gate current v g = 5 v i g 250 ma
t4 - lds - 0249, rev . 1 (1 2 0183) ?2011 microsemi corporation page 4 of 6 2n682, 2N683, 2n685 ? 2n692 an d 2n5206 electrical characteristics (continued) parame t ers / t e st co nd itio n s s y m b ol mi n . max. u n it reverse blocking current ( t c = +120 oc ) ac method, bias condition d; f = 60 hz; v rrm = rated i rrm2 5 ma (pk) forward blocking current ( t c = +120 oc ) ac method, bias condition d; f = 60 hz; v drm = rated i drm2 5 ma (pk) gate trigger voltage ( t c = +120 oc ; r e = 20 max ) v 2 = v dm = 50 v ; r l = 140 v 2 = v dm = 100 v ; r l = 140 v 2 = v dm = 200 v ; r l = 140 v 2 = v dm = 250 v; r l = 650 v 2 = v dm = 300 v; r l = 650 v 2 = v dm = 400 v; r l = 3 k v 2 = v dm = 500 v; r l = 3 k v 2 = v dm = 600 v; r l = 3 k v 2 = v dm = 700 v; r l = 3 k v 2 = v dm = 800 v; r l = 3 k v = v = 1 000 v; r = 3 k 2n682 2N683 2n685 2n686 2n687 2n688 2n689 2n690 2n691 2n692 2n5206 v gt 2 .25 v reverse blocking current ( t c = - 65 oc ) ac method, bias condition d; f = 60 hz; v rrm = ra ted i rrm3 2 ma (pk) forward blocking current ( t c = - 65 oc ) ac method, bias condition d; f = 60 hz; v drm = rated i drm3 2 ma (pk) gate trigger voltage and current ( t c = - 65 oc ) v 2 = v d = 6 v; r l = 50 ; r e = 20 maximum v gt 3 i gt 2 3 80 v ma expone ntial rate of voltage rise bias condition d; t c = +120c minimum, dv/dt = 25 v/s; repetition rate = 60 pps; test duration = 15 s; c = 1.0 f; r l = 50 v aa = 50 v v aa = 100 v v aa = 200 v v aa = 250 v v aa = 300 v v aa = 400 v v aa = 500 v v aa = 600 v v aa = 700 v v aa = 800 v v aa = 1,000 v 2n682 2N683 2n685 2n686 2n687 2n688 2n689 2n690 2n691 2n692 2n5206 v d 47 95 190 240 285 380 475 570 665 760 950 v
t4 - lds - 0249, rev . 1 (1 2 0183) ?2011 microsemi corporation page 5 of 6 2n682, 2N683, 2n685 ? 2n692 an d 2n5206 electrical characteristics (continue d) parame t ers / t e st co nd itio n s s y m b ol mi n . max. u n it circuit - commutated turn - off time t c = +120c minimum; i tm = 10 a; t on = 100 50 s; di/dt = 5 a/s minimum; di/dt = 8 a/s maximum; reverse voltage at t 1 = 15 v minimum; repetition rate = 60 pps maximum; di/dt = 20 v/s; gate bias conditions; gate source voltage = 0 v; gate source resistance = 100 v dm = v drm = 50 v (pk); v rrm = 50 v maximum v dm = v drm = 100 v (pk); v rrm = 100 v maximum v dm = v drm = 200 v (pk); v rrm = 200 v maximum v dm = v drm = 250 v (pk); v rrm = 250 v maximum v dm = v drm = 300 v (pk); v rrm = 300 v maximum v dm = v drm = 400 v (pk); v rrm = 400 v maximum v dm = v drm = 500 v (pk); v rrm = 500 v maximum v dm = v drm = 600 v (pk); v rrm = 600 v maximum v dm = v drm = 700 v (pk); v rrm = 700 v maximum v dm = v drm = 800 v (pk); v rrm = 800 v maximum v dm = v drm = 1,000 v (pk); v rrm = 1,000 v max . 2 n682 2N683 2n685 2n686 2n687 2n688 2n689 2n690 2n691 2n692 2n5206 t off 30 30 30 30 30 30 40 40 60 60 60 s gate controlled turn - on time v aa = 50 v for 2n682 v aa = 100 v for 2N683 , 2n685 through 2n692 and 2 n5206 i tm = 10 a; v gg = 10 v; r e = 25 t p1 = 15 5 s; 4 a/s di/dt 200 a/s. 2n682, 2N683, 2n685 through 2n692 and 2n5206 t on 5 s
t4 - lds - 0249, rev . 1 (1 2 0183) ?2011 microsemi corporation page 6 of 6 2n682, 2N683, 2n685 ? 2n692 an d 2n5206 package dimensions notes: 1. dimensions are in inches. millimeters are given for general information only. 2. device cont our, except on hex head and noted terminal dimensions, is optional within zone defined by cd and oah, cd not to exceed actual hf. 3. contour and angular orientation of terminals 1 and 2 with respect to hex portion and to each other are optional. 4. cha mfer or undercut on one or both ends of the hexagonal portion are optional. 5. square or radius on end of terminal is optional. 6. minimum difference in terminal lengths to establish datum line for numbering terminals. 7. dimension sd is pitch diamet er of coated threads. 8. in accordance with asme y14.5m, diameters are equivalent to x symbology. dimensions ltr inches millimeters notes min max min max b .115 .139 2.92 3.53 3 b1 .210 .300 5.33 7.62 3 cd .543 13.8 2 ch .550 14.00 e2 .125 3.17 6 hf .544 .563 13.8 14.3 ht .075 .200 1.9 5.08 4 oah 1.193 30.3 2 s .120 3.05 3 sd ? - 28 unf 2a sl .422 .453 10.7 11.5 su .090 2.29 t .125 .165 3.17 4.19 t1 .060 .075 1.52 1.9 ud .220 .2 49 5.59 6.32 terminal 1 gate terminal 2 cathode 5 terminal 3 anode (stud) 7


▲Up To Search▲   

 
Price & Availability of 2N683

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X