Part Number Hot Search : 
Z86C27 CAT24C MB89P 300DT MAX5884 2SB16 A6169 C4288
Product Description
Full Text Search
 

To Download 28020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for perfect straight cuts in wood, non- ferrous metals, plastic and pc cards. bench circular saw ks 230 the 58mm diameter super-cut blade cuts soft woods u p to 8mm. the 85w vde tested motor is quiet, operates off 220 - 240v and has a prolong ed life expectancy. cutting performance: in wood up to 8mm, plastics (pertinax too) to approx. 3mm, non-ferrous metals to approx. 1.5mm. even fibreglass reinforced pc cards can be c ut with the tungsten blade. the side door allows easy sawdust removal. overall size approx. 2 40 x 180 x 80mm. weight approx. 1.8kg. no 27 006
important: power transmission by toothed belt via ball bearing s, housed in sturdy casing, ensures the right blade speed for the job (approx. 5,000rpm) wi th a doubling of torque (approx.). above all, it ensures good cutting depth. graduated mitre stop. machined, die-cast aluminium table of 160 x 160mm. quiet, high performance vde approved motor for prolonged use. base of abs with a sawdust door on the right. super-cut blade 58mm diameter, 80 teeth, individually set and sharpened, is included. adjustable fence with scale. very important when sawing: our vacuum cleaner adaptor for a cleaner work environment. we recommend the use of our vacuum cleaner controller as/e or our compact workshop vacuum cleaner cw- matic . saw blades for bench circular saw ks 230
crosscut 'super-cut' blade 58mm diameter (10mm bore). 80 alternately set teeth . ideal for hard and soft wood as well as plastic and pertinax. for fast, clean cuts. teeth a re individually set and sharpened. superior cutting power! no 28 014 solid carbide saw blade 50mm diameter (10mm bore) 0.5mm thick. fine toothed : ideal for cutting fibreglass sheets up to 3mm, non-ferrous metals, duro-plastics and other 'difficult' materials. no 28 011 diamond blade 50mm diameter (10mm bore). with 0.5mm layer of clas s 'd107' diamond for cutting ceramics, as well as fibreglass sheets. no 28 012 hss saw blade 50mm diameter (10 mm bore), fine teeth. designed fo r precision cutting.
no 28 020 tungsten tipped saw blade 50mm ? x 1.1mm (10mm bore).10 teeth. used to cut ha rd and soft woods, pc cards, pertinax and aluminium. no 28 016 tungsten tipped saw blade 50mm ? x 1.1mm (10mm bore). 20 teeth. for extremely clean cuts of balsa, plywood. can also be used for cutting pc cards and polycarbonate . no 28 017


▲Up To Search▲   

 
Price & Availability of 28020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X