330 verpackt im gurt nach din iec 60286-3 tape on reel packaging according to din iec 60286-3 verpackungseinheit: 280 stck packaging unit: 280 pcs abspulrichtung - reel off direction 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm -0,03 1,5 1 a1 a13 30,48 33,5 36,83 1,27 7 1,55 3,05 1,27 24 x 1,27 = 32,5 leiterplatten-layout vorschlag fr smt pcb-layout proposal for smt a1 0,03 34,9 0,03 0,3 1,2 1,1 -0,03 7,6 2,6 0,8 1,6 5,5 2,21 1,27 24 x 1,27 = 30,48 a1 16 56 ba 7-13 - 8mm bauh?he type7-13 - low profile prior notice. contact one of the erni companies date 14.01.2014 e index smcb female smc-b 50-smd-type7-13 federl. smc-b 50-smd-ba7-13 154807 3:1 information: tolerances scale all dimensions in mm class i subject to modification without a3 designation www.erni.com before using. drawing will not be updated. all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be obse rved. ansaughaube hood 0,03 34,9 5,2 17,76 6,25 0,635 -0,05 0,75 4,2 6,55
|