Part Number Hot Search : 
66012 FD400D1V MOC8080 MX29L 5STP800 AN126 MAX307 NJM2574
Product Description
Full Text Search
 

To Download ZSE30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  straight type elbow type high precision, 2-color display digital pressure switch series ZSE30/ise30 with one-touch fittings are newly introduced. 16-2-1 zse ise pse z i se3 ps z i se 1 2 zsp isa2 is zsm pf2 if data
abnormal conditions can be detected at a glance! set kpa pressure out set kpa pressure out set kpa pressure out set kpa pressure out set kpa pressure out with one-touch fitting (?, ?, ?/32", ?/4") reduced dimensions in piping direction 2-color digital display allows you to choose the setting according to your application requirements. 4 different display settings are available. 17.8 mm reduction ? straight type 12.4 mm reduction ? elbow type ? comparison when one-touch fittings (kq2h06-m5 / kq2l06-m5) are connected to the piping ports (m5 x 0.8) 14.4 32.2 22.4 34.8 12.4 mm 17.8 mm kq2h06-m5 kq2l06-m5 ? this photo shows 2 display colors simultaneously for product presentation purposes. in actual application, only one color is displayed at a time. 16-2-2
plug-type connectors take the b urden out of wiring work and maintenance. raised rubber b utton controls are clearly set apart, simple to operate, soft to the touch. this function allows uniformity in the numbers displayed. space-saving improvement economical use of space high-precision r esolution: 1/1000 switches for vacuum and positive pressure can be easily distinguished. the different display panel frame colors easily tell them apart. v ariations applicable panel thickness is up to 6 mm. (panel mounting) w ith analog output display calibration old model new model old model zse4e ise4e 103.5 34.5 compact profile j ust one panel opening is required for stackable displays, which can be mounted either horizontally or vertically. 126 40 more user-friendly controls each display required its own panel opening. new model ZSE30 ise30 v acuum/low pressure (ZSE30) p ositive pressure (ise30) blue gray in addition to the conventional voltage output type (1 to 5 v) current output type (4 to 20 ma) is now available. ?convenient when longer wiring is required ?excellent noise resistance rated pressure r ange setting/display resolution 0.2 kpa 0.001 mpa output switch output analog output npn/pnp open collector (1 output) v oltage output: 1 to 5 v; current output: 4 to 20 ma 45 ma or less (70 ma or less for current output) p anel mount/bracket current consumption option v acuum/low pressure ZSE30 p ositive pressure ise30 100 kpa ?00 kpa 0 1 mpa 0 16-2-3 zse ise pse z i se3 ps z i se 1 2 zsp isa2 is zsm pf2 if data
high precision, 2-color display digital pressure switch series ZSE30/ise30 how to order option part no. when optional parts are required separately, use the following part n umbers to place an order. option part no. zs-27-a zs-27-b zs-27-c zs-27-d note lead wire length: 2 m with mounting screws (m3 x 5l: 2 pcs.) with m3 x 8l (2 pcs.) with m3 x 8l (2 pcs.) lead wire with connector bracket p anel mount adapter p anel mount adater + front protective cover ZSE30 01 ise30 01 25 m 25 m for vacuum/low pressure for positive pressure unit specifications nil m with unit switching function fixed si unit (international system of units) note) note) fixed unit: f or vacuum/low pressure: kpa f or positive pressure: mpa npn output pnp output 1 to 5 v output 4 to 20 ma output output specifications 25 65 26 28 option 2 nil a none bracket b d p anel mount p anel mount adapter + f ront protective cover without lead wire lead wire with connector (lead wire length: 2 m) option 1 nil l r 1/8 (with m5 female thread) npt 1/8 (with m5 female thread) ? one-touch fitting ?/32" one-touch fiting ? one-touch fitting ?/4" one-touch fitting ? one-touch fitting ?/32" one-touch fitting ? one-touch fitting ?/4" one-touch fitting 01 t1 c4h c6h n7h c4l c6l n7l piping specifications elbow type straight type 16-2-4
specifications rated pressure range regulating pressure range proof pressure min. regulating unit fluid po w er supply voltage current consumption switch output repeatability analog output hysteresis display display accuracy indicator light t emperature characteristics standard note 1) max. load current max. applied voltage residual voltage response time short circuit protection v oltage output note 2) current output note 3) hysteresis mode window comparator mode ZSE30 (vacuum/low pressure) ?00.0 to 100.0 kpa ?01.0 to 101.0 kpa 500 kpa 0.2 kpa 0.2% f.s. 2 digit or less 2% f.s. 2 digit (at 25 c ambient temperature) ise30 (positive pressure) 0.000 to 1.000 mpa ?.100 to 1.000 mpa 1.5 mpa 0.001 mpa 0.2% f.s. 1 digit or less 2% f.s. 1 digit (at 25 c ambient temperature) air, inert gas, non-flammable gas 12 to 24 vdc, ripple (p-p) 10% or less (with power supply polarity protection) 45 ma or less (at no load) npn or pnp open collector output: 1 output 80 ma 30 v (with npn output) 1 v or less (with load current of 80 ma) 2.5 ms or less (response time selections with anti-chattering function: 20, 160, 640, 1280 ms) ye s output voltage: 1 to 5 v 2.5% f.s. or less (with rated pressure range) linearity: 1% f.s. or less, output impedance: approx. 1 k ? output current: 4 to 20 ma 2.5% f.s. or less (with rated pressure range) linearity: 1% f.s. or less maximum load impedance: 300 ? with power supply voltage of 12 v; 600 ? with power supply voltage of 24 v minimum load impedance: 50 ? adjustable (can be set from 0) 3 1/2 digit, 7-segment indicator, 2-color display (red and green) sampling cycle: 5 times/s light up when output is on (green) 2% f.s. or less (based on 25 c) ip40 operating: 0 to 50 c, stored: ?0 to 60 c (no freezing or condensation) operating and stored: 35 to 85% rh (no condensation) 1000 vac for 1 min. between live parts and enclosure 50 m ? or more between live parts and enclosure (at 500 vdc) 10 to 150 hz, 1.5 mm or 20 m/s 2 amplitude in x, y, z directions for 2 hours each 100 m/s 2 in x, y, z directions 3 times each compliant with ce marking and ul (csa) standards piping specifications part port size w etted part material w eight one-touch fitting straight type one-touch fitting elbow type with lead wire with connector (2 m) without lead wire with connector 01 r 1/8 m5 x 0.8 81 g 43 g t1 npt 1/8 m5 x 0.8 c4h ? mm ?/32 inch c6h ? mm o-ring: nbr 76 g 38 g n7h ?/4 inch sensor pressure receiving area: silicon, piping port: c3602 (electroless nickel plated), o-ring: hnbr c4l ? mm ?/32 inch c6l ? mm o-ring: nbr, fitting: pbt 78 g 40 g n7l ?/4 inch note 1) when switch output is selected, analog output is not available. note 2) when voltage output is selected, a simultaneous selection of switch output and current output is not available. note 3) when current output is selected, a simultaneous selection of switch output and voltage output is not available. enclosure operating temperature range operating humidity range withstand voltage insulation resistance vibration resistance impact resistance environmental resistance 16-2-5 zse ise pse z i se3 ps z i se 1 2 zsp isa2 is zsm pf2 if data series ZSE30/ise30 high precision, 2-color display digital pressure switch
(standard: factory setting) (reversed) (standard: factory setting) (reversed) setting initial setting measuring mode initial setting pressure setting measuring mode initial setting mode press and hold the set button for 2 seconds or longer. display monitor will be per figure a below, and the switch will now be in the display color setting mode. if the unit specification indicated at the time of ordering is ?? the fixed si unit will be used. if it is nil, refer to ?nit switching function on page 16-2-8. the switch output response time can be set arbitrarily. chattering can be prevented with a response time setting. while the current response time is displayed, press the up or down button to select a new response time. this function stores the measuring pressure that is set during the auto preset mode as a basic value. while the current setting is displayed, press the up or down button to select it as an auto preset setting. press the set button to set the response time and proceed to the auto preset setting. if the operating mode is the window comparator mode, press the set button to return to the measuring mode. the type of switch output can be set arbitrarily. while the current output type is displayed, press the down button to switch between normally open and normally closed . pressure out figure a pressure out on: red this mode will let you select the switch operating mode. while the current operating mode is displayed, press the up or down button to select a newly desired operating select the color for lcd display. press the up or down button to choose a display color. press the set button to set the color and proceed to the operating mode setting. if the analog output is set, press the up or down button and select the desired display color from (green) or (red). press the set button to exit this mode and return to the measuring mode. pressure out pressure out pressure out on: green on/off: red on/off: green pressure out pressure out hysteresis mode window comparator mode normally open normally closed pressure out pressure out pressure out pressure out pressure out pressure out pressure out 2.5 ms 20 ms 160 ms 640 ms 1280 ms pressure out pressure out manual auto press the button. on off hysteresis (h) p1 on off n1 hysteresis (h) on off p2 p1 hysteresis (h) hysteresis (h) on off n2 n1 hysteresis (h) hysteresis (h) press the button. press the button. press the button and hold for 2 sec. or longer. enter the set value of the pressure to perform switch output. set the output type, response time, and display color s witching. detects and displays the pressure and performs switch operations. other functions such as the value clear function can be set according to the application purpose. press the set button to set the output type and proceed to the response time setting. 3. output type setting 4. response time setting 5. a uto preset setting press the set button to set the auto preset and return to the measuring mode. 1. display color setting 2. operating mode setting press the set button to set the mode and proceed to the output type setting. set set set set 16-2-6 series ZSE30/ise30
pressure setting manual setting press the set button in the measuring mode to display the set value. and the current set value blink alternately. press the set button to display the next set value. press the up or down button to change the value. (refer to ?ow to set value on the lower right hand corner of this page.) hysteresis mode in this mode, hysteresis (h) and the set value for hysteresis are displayed alternately after setting p1. press the set b utton to return to the normal measuring mode. press the up or down button to change the value. (refer to ?ow to set value below right.) window comparator mode in this mode, p2 and the current set value are displayed alternately after setting p1. press the set button to display the next set value ( : hysteresis). press the up or down b utton to change the value. (refer to ?ow to set value?at right.) next, and the set value for hysteresis will be displayed alternately. press the set button to return to the normal measuring mode. press the up or down button to change the value. (refer to ?ow to set value?at right.) 1. a uto preset preparation mode while in the measuring mode, press the set button to activate the auto preset preparation mode, and will be displayed. proceed to prepare the devices to perform the pressure setting. while is still displayed, press both the up and down buttons simultaneously to return to the measuring mode. 2. a uto preset setting press the set button to activate the mode to execute auto preset functions. when is displayed, start the system operation and change the pressure. the set value will be automatically detected and stored. while is still displayed, press the set button to complete the setting and return to the normal measuring mode. pressure out alternately displayed pressure out normally open normally closed pressure out pressure out pressure out 1. press the up or down button to change the set v alue. the first digit blinks. 2. press the up or down button to set the value arbitrarily. (if there is no button operation for more than 10 seconds, the current value will be automatically set and the function will return to the set value display mode.) 3. with every push of the set b utton, the next (higher) digit blinks. when the left-most digit is zero, ? or ? will blink. if the set button is pressed while the left-most digit is b linking, the right-most digit will now blink. 4. press and hold the set button for 1 second or longer to return to the set value display mode. how to set value to enter a value such as the one for pressure setting: 1st digit 2nd digit 3rd digit a uto preset setting pressure set value can be verified without holding or stopping the switch output operation. 16-2-7 zse ise pse z i se3 ps z i se 1 2 zsp isa2 is zsm pf2 if data series ZSE30/ise30 high precision, 2-color display digital pressure switch
0 applied pressure + : f actory setting display value set prior to shipment : display calibration range 5% r.d. ( 2.5% r.d.) displayed pressure value setting function setting display calibration during measuring mode, press the set and down buttons simultaneously and hold for 2 seconds or longer. and current measured value will be displayed. press the up or down button to change the set value. if there is no button operation for more than 2 seconds after changing the set value, the display mode returns to displaying and the current measured value. press the set button to display the adjusted value (percent). the adjusted value and will be alternately displayed. peak/bottom hold function this function constantly detects and updates the maximum and minimum pressure values and allows to hold the display v alue. to use a peak hold function, press and hold the up button f or 1 second or longer. the maximum pressure value is held and blinks repeatedly. press and hold the up button again f or 1 second or longer to release this function and return to the measuring mode. to use a bottom hold function, press the down button for 1 second or longer. the minimum pressure value is held and b links repeatedly. press and hold down button again for 1 second or longer to release this function and return to the measuring mode. key lock function this function prevents incorrect operations such as changing the set value accidentally. press the set button and hold for 4 seconds or longer to display the current or setting. press the up or down button to select the setting and set this function with the set button. use the mode to avoid accidental button operation. to release a key lock function, press the set button and hold for 4 seconds or longer to display the current setting, and select the mode. zero out (zero adj) function this function clears and resets the displayed value as long as the measuring pressure is within 70 digits of the atmospheric pressure. (due to individual product differences, the setting range varies 10% f.s.) this function is effective in detecting pressure fluctuations that e xceed a certain amount without being affected by the supply pressure. press and hold the up and down buttons simultaneously to reset the display. release the buttons to return to the measuring mode. press the set button to return to the normal measuring mode. alternately displayed alternately displayed pressure out pressure out pressure out pressure out pressure out for vacuum/low pressure pa ? kgf/cm 2 ? bar ? psi ? inchhg ? mmhg for positive pressure mpa ? kgf/cm 2 ? bar ? psi current measured value adjusted value (percent) + lock selection of lock and unlock unlock press the button and hold for 4 sec. or longer set set displayed unit pa kgf/cm 2 bar psi mmhg inchhg ise30 0.001 mpa 0.01 0.01 0.2 ZSE30 0.2 kpa 0.002 0.002 0.05 2 0.2 indication of units this function eliminates slight differences in the output values and allows uniformity in the numbers displayed. displayed values of the pressure sensor can be calibrated to within 5% for series ise and 2.5% for series zse. note) when the display calibration function is used, the regulating pressure v alue may change 1 digit. press and hold for 1 second or longer. measuring mode measuring mode measuring mode when not selecting ??for unit specification desired display unit can be selected. press the up or down button to switch the unit, and the set value is automatically converted. the conversion order is: pa ? gf ? bar ? psi ? inh ? mmh press the set button to set the unit and proceed to the display color setting. unit conversion function 16-2-8 series ZSE30/ise30
error description ov er- current error residual pressure error applied pressure error system error lcd display condition solution ta ke the following corrective solutions when errors occur. load current of switch output is more than 80 ma. pressure is applied during the z ero out operation as follows: when the switch for positive pressure is used: 0.071 mpa or more. when the switch positive pressure is used: 7.1 kpa or more. after displaying for 3 seconds, it will return to the measuring mode. due to the individual product difference, the setting r ange varies 10% f.s. supply pressure exceeds the maximum regulating pressure. supply pressure is below the minimum regulating pressure. shut off the power supply. after eliminating the output factor that caused the excess current, turn the power supply back on. bring the pressure back to atmospheric pressure and try using the zero out function. reduce/increase supply pressure to within the regulating pressure range. shut off the power supply. turn the power supply back on. if the power should not come back on, please contact smc f or an inspection. set mpa pressure out description error correction example of internal circuit and wiring indication light (green) lcd display down button displays the switch operation status. up button set button -25 npn open collector output maximum 30 v, 80 ma residual voltage: 1 v or less -26 analog output type 1 to 5 v ( 2.5% f.s.) output impedance: 1 k ? -28 analog output type 4 to 20 ma ( 2.5% f.s.) maximum load impedance: po w er supply voltage 12 v: 300 ? po w er supply voltage 24 v: 600 ? minimum load impedance: 50 ? -65 pnp open collector maximum 80 ma + + + + load brown dc(+) black out blue dc(? load brown dc(+) black out (analog output) blue dc(? main circuit load brown dc(+) black out (analog output) blue dc(? brown dc(+) black out blue dc(? load 12 to 24 vdc displays the current pressure condition, setting mode conditions, selected display unit, and error codes. a display color type can be selected from either a single color display with red or g reen, or 2-color display in which g reen and red are switched according to the output. use this button to change the mode or increase the on/off set v alue. it also allows you to switch to the peak value display mode. use this button to switch the mode and set the set value. use this button to change the mode or decrease the on/off set value. it also allows you to s witch to the bottom value display mode. main circuit main circuit main circuit internal data error internal data error internal data error internal data error 12 to 24 vdc 12 to 24 vdc 12 to 24 vdc 16-2-9 zse ise pse z i se3 ps z i se 1 2 zsp isa2 is zsm pf2 if data series ZSE30/ise30 high precision, 2-color display digital pressure switch
dimensions set mpa pressure out smc 1.5 width across flats 12 8 3.6 9.5 25 10 30 20 0.1 20 0.1 01: r 1/8 t1: npt 1/8 2-m3 x 0.5 thread depth 4 lead wire with connector m5 x 0.8 a b c a b with one-touch fitting straight elbow one-touch fitting size ?, ?/32" ? ?/4" straight a 14.4 b 11.2 a 20 22.4 22.8 b 10.4 12.8 13.2 c 18 20 20.5 (mm) elbow with bracket 20 20 30 35 35 1.8 45 42.5 10 3 22 15 4.2 smc 25 30 16-2-10 series ZSE30/ise30
dimensions panel mount adapter + front protective cover r4.5 r4.5 34.5 47.8 21 made in japan 8 17.8 7.2 8.75 9.5 panel thickness 0.5 to 6 set mpa pressure out 11 34.5 42.4 panel thickness 0.5 to 6 17.8 8 9.5 panel mount 16-2-11 zse ise pse z i se3 ps z i se 1 2 zsp isa2 is zsm pf2 if data series ZSE30/ise30 high precision, 2-color display digital pressure switch
set mpa pressure out set mpa pressure out set mpa pressure out set mpa pressure out set mpa pressure out set mpa pressure out dimensions panel fitting dimension made in japan made in japan made in japan made in japan made in japan made in japan 31 x n pcs. + 3.5 x (n pcs. ?1) 31 24 and up 0 ?.4 31 24 and up 31 x n pcs. + 3.5 x (n pcs. ?1) 0 ?.4 0 ?.4 31 1-pc. mounting multiple (2 pcs. or more) horizontal mounting multiple (2 pcs. or more) vertical mounting 16-2-12 series ZSE30/ise30
1. do not drop, bump, or apply excessive impacts (980 m/s 2 ) while handling. although the body of the sensor may not be damaged, the internal parts of the sensor could be damaged and lead to a malfunction. 2. the tensile strength of the cord is 35 n. applying a greater pulling force on it can cause a malfunction. when handling, hold the body of the sensordo not dangle it from the cord. 3. do not exceed the screw-in torque of 7 to 9 n ? m when installing piping. exceeding this v alue may cause malfunctioning of the sensor. 4. do not use pressure sensors with corrosive and/or flammable gases or liquids. 5. allow a sufficient margin of tube length in piping in order to prevent application of torsional, tensile or moment load to the tubes and fittings. 6. when a brand of tubing other than smc is used, make sure that the tolerance of the tubes o.d. satisfies the following specifications. 1) nylon tubing: 0.1 mm or less 2) soft nylon tubing: 0.1 mm or less 3) polyurethane tubing: +0.15 mm or less, ?.2 mm or less 7. the applicable fluid is air. please consult with smc if the switch is to be used with other types of fluids. w arning handling 1. incorrect wiring can damage the switch and cause a malfunction or erroneous switch output. connections should be done while the power is turned off. 2. do not attempt to insert or pull the pressure sensor or its connector when the power is on. a switch output malfunction may occur. 3. wire separately from power lines and high v oltage lines, avoiding wiring in the same conduit with these lines. malfunctions may occur due to noise from these other lines. 4. if a commercial switching regulator is used, make sure that the f.g. terminal is grounded. connection w arning 1. our pressure switches are ce marked; however, they are not equipped with surge protection against lightning. lightning surge countermeasures should be applied directly to system components as necessary. 2. our pressure switches do not have an e xplosion proof rating. never use in the presence of an explosive gas as this may cause a serious explosion. 3. do not use in an environment where static electricity can cause problems, otherwise system failure or malfunction may result. operating environment w arning 2. mounting with bracket mount a bracket to the body using two m3 x 5l mounting screws and install on piping with hexagon socket head cap screws. the switch can be installed horizontally depending on the installation location. caution mounting tightening torque for bracket mounting screw should be 0.5 to 0.7 n ? m. 1. mounting with panel mount adapter to release push the clips outward as shown on the picture, and pull back towards you. p anel mount adapter mounting screw m3 x 5l bracket p anel mount adapter p anel claw series ZSE30/ise30 specific product precautions 1 be sure to read before handling. 16-2-13 zse ise pse z i se3 ps z i se 1 2 zsp isa2 is zsm pf2 if data
connection/removal of connector lever lead wire (brown) lead wire (black) lead wire (blue) dc polarity indicator ?to connect the connector, insert it straight while pinching the lever, and then push the lever into the jack of the housing and lock it. ?to remove the connector, pull it straight out while applying pressure with your thumb to the lever and unhooking it from the jack. ?do not attempt to insert or pull the pressure sensor or its connector when the power is on. a switch output malfunction may occur. ?cut the tube perpendicularly. ?hold the tube and insert it into the one-touch fitting carefully and securely all the way to the bottom. piping t ube one-touch fitting regulating pressure range and rated pressure range set the pressure within the rated pressure range. the regulating pressure range is the range of pressure that is possible in setting. the rated pressure range is the range of pressure that satisfies the specifications (accuracy, linearity, etc.) on the sensor. although it is possible to set a value outside the rated pressure range, the specifications will not be guaranteed even if the v alue stays within the regulating pressure range. switch ?00 kpa 0 100 kpa 500 kpa 1 mpa pressure range f or vacuum/ low pressure f or positive pressure ZSE30 ise30 rated pressure range of switch regulating pressure range of switch ?00 kpa ?01 kpa 100 kpa 101 kpa 1 mpa ?00 kpa (?.1 mpa) 1 mpa 0 caution series ZSE30/ise30 specific product precautions 2 be sure to read before handling. 16-2-14
safety instructions these safety instructions are intended to prevent a hazardous situation and/or equipment damage. these instructions indicate the level of potential hazard by labels of "caution", "warning" or "danger" . to ensure safety, be sure to observe iso 4414 note 1) , jis b 8370 note 2) and other safety practices. 1. the compatibility of pneumatic equipment is the responsibility of the person who designs the pneumatic system or decides its specifications. since the products specified here are used in various operating conditions, their compatibility for the specific pneumatic system must be based on specifications or after analysis and/or tests to meet your specific requirements. the expected performance and safety assurance will be the responsibility of the person who has determined the compatibility of the system. this person should continuously review the suitability of all items specified, referring to the latest catalog information with a view to giving due consideration to any possibility of equipment failure when configuring a system. 2. only trained personnel should operate pneumatically operated machinery and equipment. compressed air can be dangerous if an operator is unfamiliar with it. assembly, handling or repair of pneumatic systems should be performed by trained and experienced operators. 3. do not service machinery/equipment or attempt to remove components until safety is confirmed. 1. inspection and maintenance of machinery/equipment should only be performed once measures to prevent falling or runaway of the driver objects have been confirmed. 2. when equipment is to be removed, confirm the safety process as mentioned above. cut the supply pressure for this equipment and exhaust all residual compressed air in the system. 3. before machinery/equipment is restarted, take measures to prevent shooting-out of cylinder piston rod, etc. 4. contact smc if the product is to be used in any of the following conditions: 1. conditions and environments beyond the given specifications, or if product is used outdoors. 2. installation on equipment in conjunction with atomic energy, railway, air navigation, vehicles, medical equipment, food and beverages, recreation equipment, emergency stop circuits, clutch and brake circuits in press applications, or safety equipment. 3. an application which has the possibility of having negative effects on people, property, or animals, requiring special safety analysis. note 1) iso 4414: pneumatic fluid power--general rules relating to systems. note 2) jis b 8370: general rules for pneumatic equipment warning caution : operator error could result in injury or equipment damage. w arning : operator error could result in serious injury or loss of life. danger : in extreme conditions, there is a possible result of serious injury or loss of life. 16-14-3
1. confirm the specifications. products represented in this catalog are designed for use in compressed air appllications only (including vacuum), unless otherwise indicated. do not use the product outside their design parameters. please contact smc when using the products in applications other than compressed air (including vacuum). 4. use clean air if the compressed air supply is contaminated with chemicals, cynthetic materials, corrosive gas, etc., it may lead to break down or malfunction. selection mounting piping air supply maintenance operating environment w arning 1. instruction manual install the products and operate them only after reading the instruction manual carefully and understanding its contents. also keep the manual where it can be referred to as necessary. 2. securing the space for maintenance when installing the products, please allow access for maintenance. 3. tightening torque when installing the products, please follow the listed torque specifications. w arning 1. do not use in environments where the product is directly exposed to corrosive gases, c hemicals, salt water, water or steam. 2. do not expose the product to direct sunlight f or an extended period of time. 3. do not use in a place subject to heavy vibrations and/or shocks. 4. do not mount the product in locations where it is exposed to radiant heat. w arning 1. maintenance procedures are outlined in the operation manual. not following proper procedures could cause the product to malfunction and could lead to damage to the equipment or machine. 2. maintenance work if handled improperly, compressed air can be dangerous. assembly, handling and repair of pneumatic systems should be performed by qualified personnel only. 3. drain flushing remove drainage from air filters regularly. (refer to the specifications.) 4. shut-down before maintenance before attempting any kind of maintenance make sure the supply pressure is shut of and all residual air pressure is released from the system to be worked on. 5. start-up after maintenance and inspection apply operating pressure and power to the equipment and check for proper operation and possible air leaks. if operation is abnormal, please verify product set-up parameters. 6. do not make any modifications to be product. do not take the product apart. w arning 1. before piping make sure that all debris, cutting oil, dust, etc, are removed from the piping. 2. wrapping of pipe tape when screwing piping or fittings into ports, ensure that chips from the pipe threads or sealing material do not get inside the piping. also, when the pipe tape is used, leave 1.5 to 2 thread r idges exposed at the end of the threads. caution 1. operating fluid please consult with smc when using the product in applications other than compressed air (including vacuum). regarding products for general fluid, please ask smc about applicable fluids. 2. install an air dryer, aftercooler, etc. excessive condensate in a compressed air system may cause v alves and other pneumatic equipment to malfunction. installation of an air dryer, after cooler etc. is recommended. 3. drain flushing if condensate in the drain bowl is not emptied on a regular basis, the bowl will over flow and allow the condensate to enter the compressed air lines. if the drain bowl is difficult to check and remove, it is recommended that a drain bowl with the auto-drain option be installed. f or compressed air quality, refer to ?ir preparation equipment catalog. w arning common precautions be sure to read before handling. for detailed precautions on every series, refer to main text. 16-14-4
quality assurance information (iso 9001, iso 14001) reliable quality of products in the global market to enable our customers throughout the world to use our products with ev en greater confidence, smc has obtained certification for international standards ?so 9001 and ?so 14001? and created a complete structure for quality assurance and environmental controls. smc products pursue to meet its customers expectations while also considering companys contribution in society. this is an international standard for quality control and quality assurance. smc has obtained a large nu mber of certifications in japan and overseas, providing assurance to our customers throughout the world. quality management system iso 9001 this is an international standard related to environmental management systems and environmental inspections. while promoting environmentally friendly automation technology, smc is also making diligent efforts to preserve the environment. environmental management system iso 14001 sales coordination production make customers our first priority, offering them reliable and friendly service. market research product planning after service process control inspection, testing, etc. initial production control quality system education t raining of suppliers new product evaluation reliability design reliability testing new technical development education t raining research design development produce the highest quality with the participation of all employees. create new products using the latest technology, and offer the finest products in a timely manner. smcs quality control system quality policies quality control activities 16-14-5
ce mark smc product conforming to inter smc products complying with en/iso, csa/ul standards are supporting the ce mark indicates that machines and components meet essential requirements of all the ec directives applied. it has been obligatory to apply ce marks indicating conformity with ec directives when machines and components are exported to the member nations of the eu. once ? manufacturer himself?declares a product to be safe by means of ce marking (declaration of conformity by manufacturer), free distribution inside the member nations of the eu is permissible. ce mark smc provides ce marking to products to which emc and low voltage directives have been applied, in accordance with cetop (european hydraulics and pneumatics committee) guide lines. as of february 1998, the following 18 countries will be obliged to conform to ce mark legislation iceland, ireland, united kingdom, italy, austria, netherlands, greece, liechtenstein, sweden, spain, denmark, germany, norway, finland, france, belgium, portugal, luxembourg ec directives and pneumatic components ?machinery directive the machinery directive contains essential health and safety requirements for machinery, as applied to industrial machines e.g. machine tools, injection molding machines and automatic machines. pneumatic equipment is not specified in machinery directive. however, the use of smc products that are certified as conforming to en standards, allows customers to simplify preparation work of the technical construction file required for a declaration of conformity. electromagnetic compatibility (emc) directive the emc directive specifies electromagnetic compatibility. equipment which may generate electromagnetic interference or whose function may be compromised by electromagnetic interference is required to be immune to electromagnetic affects (ems/immunity) without emitting excessive electromagnetic affects (emi/emission). ?low voltage directive this directive is applied to products, which operate above 50 vac to 1000 vac and 75 vdc to 1500 vdc operating voltage, and require electrical safety measures to be introduced. ?simple pressure vessels directive this directive is applied to welded vessels whose maximum operating pressure (ps) and volume of vessel (v) exceed 50 bar/l. such vessels require ec type examination and then ce marking. 16-14-6
http://www.smcworld.com you to comply with ec directives and csa/ul standards. csa standards & ul standards ul and csa standards have been applied in north america (u.s.a. and canada) symbolizing safety of electric products, and are defined to mainly prevent danger from electric shock or fire, resulting from trouble with electric products. both ul and csa standards are acknowledged in north america as the first class certifying body. they have a long experience and ability for issuing product safety certificate. products approved by csa or ul standards are accepted in most states and governments beyond question. since csa is a test certifying body as the national recognized testing laboratory (nrtl) within the jurisdiction of occupational safety and health administration (osha), smc was tested for compliance with csa standards and ul standards at the same time and was approved for compliance with the two standards. the above csa nrtl/c logo is described on a product label in order to indicate that the product is approved by csa and ul standards. tssa (mccr) registration products tssa is the regulation in ontario state, canada. the products that the operating pressure is more than 5 psi (0.03 mpa) and the piping size is bigger than 1 inch. fall into the scope of tssa regulation. products conforming to ce standard with ce symbol for simple visual recognition in this catalog each accredited product series is indicated with a ce mark symbol. however, in some cases, every available models may not meet ce compliance. please visit our web site for the latest selection of available models with ce mark. mark of compliance for csa mark of compliance for csa/ul national standards 16-14-7 smc product conforming to international standards
america europe u.s.a. smc corporation of america 3011 north franklin road indianapolis, in 46226, u.s.a. tel: 317-899-4440 fax: 317-899-3102 canada smc pneumatics (canada) ltd. 6768 financial drive mississauga, ontario, l5n 7j6 canada tel: 905-812-0400 fax: 905-812-8686 mexico smc corporation (mexico), s.a. de c.v. carr. silao-trejo k.m. 2.5 s/n, predio san jose del duranzo c.p. 36100, silao, gto., mexico tel: 472-72-2-55-00 fax: 472-72-2-59-44/2-59-46 chile smc pneumatics (chile) s.a. av. la monta?a 1,115 km. 16,5 p. norte parque industrial valle grande, lampa santiago, chile tel: 02-270-8600 fax: 02-270-8601 argentina smc argentina s.a. teodoro garcia 3860 (1427) buenos aires, argentina tel: 011-4555-5762 fax: 011-4555-5762 bolivia smc pneumatics bolivia s.r.l. avenida beni numero 4665 santa cruz de la sierra-casilla de correo 2281, bolivia tel: 591-3-3428383 fax: 591-3-3449900 venezuela smc neumatica venezuela s.a. apartado 40152, avenida nueva granada, edificio wanlac, local 5, caracas 1040-a, venezuela tel: 2-632-1310 fax: 2-632-3871 peru (distributor) impeco automatizacion industrial s.a. av. canevaro 752, lince, lima, peru tel: 1-471-6002 fax: 1-471-0935 uruguay (distributor) bako s.a. galicia 1650 esq. gaboto c.p. 11200, montevideo, uruguay tel: 2-401-6603 fax: 2-409-4306 brazil smc pneumaticos do brasil ltda. rua. dra. maria fidelis, nr. 130, jardim piraporinha-diadema-s.p. cep: 09950-350, brasil tel: 11-4051-1177 fax: 11-4071-6636 colombia (distributor) airmatic ltda. calle 18 69-05 apart. aereo 081045 santa fe de bogot?, colombia tel: 1-424-9240 fax: 1-424-9260 u.k. smc pneumatics (u.k.) ltd. vincent avenue, crownhill, milton keynes, mk8 0an, backinghamshire, u.k. tel: 01908-563888 fax: 01908-561185 germany smc pneumatik gmbh boschring 13-15 d-63329 egelsbach, germany tel: 06103-4020 fax: 06103-402139 italy smc italia s.p.a. via garibaldi 62 i-20061 carugate milano, italy tel: 02-9271365 fax: 02-9271365 france smc pneumatique s.a. 1 boulevard de strasbourg, parc gustave eiffel, bussy saint georges, f-77600 marne la vallee cedex 3 france tel: 01-64-76-10-00 fax: 01-64-76-10-10 sweden smc pneumatics sweden ab ekhagsv?gen 29-31, s-141 05 huddinge, sweden tel: 08-603-07-00 fax: 08-603-07-10 switzerland smc pneumatik ag dorfstrasse 7, postfach 117, ch-8484 weisslingen, switzerland tel: 052-396-3131 fax: 052-396-3191 austria smc pneumatik gmbh (austria) girakstrasse 8, a-2100 korneuburg, austria tel: 0-2262-6228-0 fax: 0-2262-62285 spain smc espa?a, s.a. zuazobidea 14 pol. ind. j?ndiz 01015 vitoria, spain tel: 945-184-100 fax: 945-184-510 ireland smc pneumatics (ireland) ltd. 2002 citywest business campus, naas road, saggart, co. dublin, ireland tel: 01-403-9000 fax: 01-466-0385 netherlands (associated company) smc pneumatics bv de ruyterkade 120, nl-1011 ab amsterdam, netherlands tel: 020-5318888 fax: 020-5318880 greece (distributor) s.parianopoulos s.a. 7, konstantinoupoleos street 11855 athens, greece tel: 01-3426076 fax: 01-3455578 denmark smc pneumatik a/s knudsminde 4 b dk-8300 odder, denmark tel: 70252900 fax: 70252901 smc? global service network 16-14-20
europe finland smc pneumatics finland oy pl72, tiistinniityntie 4, sf-02231 esp00, finland tel: 09-8595-80 fax: 09-8595-8595 norway smc pneumatics norway a/s vollsveien 13c, granfoss n?ingspark n-1366 lysaker, norway tel: 67-12-90-20 fax: 67-12-90-21 belgium (distributor) smc pneumatics n.v./s.a. nijverheidsstraat 20 b-2160 wommelgem belguim tel: 03-355-1464 fax: 03-355-1466 poland smc industrial automation polska sp.z.o.o. ul. konstruktorska 11a, pl-02-673 warszawa, poland tel: 022-548-5085 fax: 022-548-5087 turkey (distributor) entek pn?matik san.ve tic. ltd. sti perpa tic. merkezi kat:11 no.1625 80270 okmeydani istanbul, t?rkiye tel: 0212-221-1512 fax: 0212-221-1519 russia smc pneumatik llc. 36/40 sredny prospect v.o. st. petersburg 199004, russia tel: 812-118-5445 fax: 812-118-5449 czech smc industrial automation cz s.r.o. hudcova 78a, cz-61200 brno, czech republic tel: 05-4121-8034 fax: 05-4121-8034 hungary smc hungary ipari automatiz?l?si kft. budafoki ut 107-113 1117 budapest tel: 01-371-1343 fax: 01-371-1344 romania smc romania s.r.l. str. frunzei, nr. 29, sector 2, bucharest, romania tel: 01-3205111 fax: 01-3261489 slovakia smc priemyseln? automatiz?ci?, s.r.o nova 3, sk-83103 bratislava tel: 02-4445-6725 fax: 02-4445-6028 slovenia smc industrijska avtomatilca d.o.o. grajski trg 15, slo- 8360 zuzemberk, slovenia tel: 07388-5240 fax: 07388-5249 south africa (distributor) hyflo southern africa (pty.) ltd. p.o.box 240 paardeneiland 7420 south africa tel: 021-511-7021 fax: 021-511-4456 egypt (distributor) saadani trading & ind. services 15 sebaai street, miami 21411 alexandria, egypt tel: 3-548-50-34 fax: 3-548-50-34 oceania/asia australia smc pneumatics (australia) pty.ltd. 14-18 hudson avenue castle hill nsw 2154, australia tel: 02-9354-8222 fax: 02-9894-5719 new zealand smc pneumatics (new zealand) ltd. 8c sylvia park road mt.wellington auckland, new zealand tel: 09-573-7007 fax: 09-573-7002 taiwan smc pneumatics (taiwan) co.,ltd. 17, lane 205, nansan rd., sec.2, luzhu-hsiang, taoyuan-hsien, taiwan tel: 03-322-3443 fax: 03-322-3387 hong kong smc pneumatics (hong kong) ltd. 29/f, clifford centre, 778-784 cheung, sha wan road, lai chi kok, kowloon, hong kong tel: 2744-0121 fax: 2785-1314 singapore smc pneumatics (s.e.a.) pte. ltd. 89 tuas avenue 1, jurong singapore 639520 tel: 6861-0888 fax: 6861-1889 philippines shoketsu smc corporation unit 201 common goal tower, madrigal business park, ayala alabang muntinlupa, philippines tel: 02-8090565 fax: 02-8090586 malaysia smc pneumatics (s.e.a.) sdn. bhd. lot 36 jalan delima1/1, subang hi-tech industrial park, batu 3 40000 shah alam selangor, malaysia tel: 03-56350590 fax: 03-56350602 south korea smc pneumatics korea co., ltd. woolim e-biz center (room 1008), 170-5, guro-dong, guro-gu, seoul, 152-050, south korea tel: 02-3219-0700 fax: 02-3219-0702 china smc (china) co., ltd. 7 wan yuan st. beijing economic & technological development zone 100176, china tel: 010-67882111 fax: 010-67881837 thailand smc thailand ltd. 134/6 moo 5, tiwanon road, bangkadi, amphur muang, patumthani 12000, thailand tel: 02-963-7099 fax: 02-501-2937 india smc pneumatics (india) pvt. ltd. d-107 to 112, phase-2, extension, noida, dist. gautaim budh nagar, u.p. 201 305, india tel: (0120)-4568730 fax: 0120-4568933 indonesia (distributor) p.t. riyadi putera makmur jalan hayam wuruk komplek glodok jaya no. 27-28 jakarta 11180 indonesia tel: 021-625 5548 fax: 021-625 5888 pakistan (distributor) jubilee corporation first floor mercantile centre, newton road near boulton market p.o. box 6165 karachi 74000 pakistan tel: 021-243-9070/8449 fax: 021-241-4589 israel (distributor) baccara automation control kvutzat geva 18915 israel tel: 04-653-5960 fax: 04-653-1445 saudi arabia (distributor) assaggaff trading est. p.o. box 3385 al-amir majed street, jeddah-21471, saudi arabia tel: 02-6761574 fax: 02-6708173 16-14-21 smcs global service network


▲Up To Search▲   

 
Price & Availability of ZSE30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X