Part Number Hot Search : 
MBR30 4805S 5Y563 4801A MBR20H STP40NF 56F83 F5N50FT
Product Description
Full Text Search
 

To Download XBP1002-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/5 xbp1002 low capacitance tvs diode array ? product name package order unit XBP1002-G * sot-363 3,000 / reel * the ?-g? suffix denotes halogen and antimony free as well as being fully rohs compliant. absolute maximum ratings ta=25 parameter symbol ratings units peak pulse power (8/20 s waveform) ppk 150 w peak pulse current (8/20 s waveform) ipp 6 a junction temperature tj -55 to 150 storage temperature tstg -55 to 150 product name etr29004-001 features terminal capacitance : 1.0pf (line-to-gnd) esd protection : 8kv contact (iec61000-4-2) environmentally friendly : eu rohs compliant, pb free a pplications usb2.0, firewire video graphics card dvi ethernet 10/100/1000 application circuit ? packaging information sot-363 unit: inch (mm)
2/5 xbp1002 electrical characteristics ta=25 limits parameter symbol test conditions min. typ. max. units stand-off voltage v rwm - - 5 v breakdown voltage v br i r =1ma, pin5 to 2 6 - - v leakage current i r v r =5v, pin5 to 2 - 1 3 a clamping voltage (8/20 s) v c i pp =1a, i/o pin to pin2 - - 15 v clamping voltage (8/20 s) v c i pp =6a, i/o pin to pin2 - - 25 v v r =0v, f=1mhz between i/o lines and gnd - - 1 pf terminal capacitance c t v r =0v, f=1mhz between i/o lines - - 0.5 pf notes on use 1. please use this ic within the absolute maximum ratings. even within the ratings, in case of high l oad use continuously such as high temperatur e, high voltage, high current and thermal stress may cause reliability degradation of the ic. 2. torex places an importance on improv ing our products and their reliability. we request that users incorporate fail-sa fe designs and post-aging protec tion treatment when using torex products in their syst ems.
3/5 xbp1002 reference pattern layout sot-363 marking
4/5 xbp1002 taping specifications sot-363 symbol mm d0 1.50 0.10 d1 1.00 0.25 e 1.75 0.10 f 3.50 0.05 p0 4.00 0.10 p1 4.00 0.10 p2 2.00 0.05 + 0.3 w 8.00 -0.1
5/5 xbp1002 1. the products and product specifications cont ained herein are subject to change without notice to improve performance characteristic s. consult us, or our representatives before use, to confirm that the informat ion in this datasheet is up to date. 2. we assume no responsibility for any infri ngement of patents, pat ent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. the products in this datasheet are not devel oped, designed, or approved for use with such equipment whose failure of malfuncti on can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. atomic energy; aerospace; transpor t; combustion and associated safety equipment thereof.) 5. please use the products listed in this datasheet within the specified ranges. should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. we assume no responsibility for damage or loss due to abnormal use. 7. all rights reserved. no part of this dat asheet may be copied or reproduced without the prior permission of torex semiconductor ltd.


▲Up To Search▲   

 
Price & Availability of XBP1002-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X