Part Number Hot Search : 
1SMA2 LM358 2SC4177W Q6270 RJP60 XA2C128 3CD6D LM7806C
Product Description
Full Text Search
 

To Download W2H11A2218AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5 5 high current feedthru capacitors w2h/w3h series how to order pinout configuration general description high current feedthru capacitors are designed as a broad- band emi filter that is specially designed to have high current handling capability. these smt feedthru filters offer an optimized frequency response with high attenuation across a wide rf spectrum due to optimized parallel and series inductances. these w2h/w3h feedthru filters can actually replace discrete l/c filter networks. features ? low parallel inductance provides significant noise reduction in circuits with operating frequencies up to 5ghz ? broad frequency response with high attenuation ? high rated current C up to 2a for 0805 and up to 5a for 0612 ? small size C 0805 and 0612 case size ? reeling in accordance with eia-481 mechanical characteristics ? available in eia 0805 and 0612 cases ? plated tin over nickel barrier ? packaged in tape & reel typical applications ? high current power (vcc) lines ? pa decoupling ? dc:dc converters ? regulators ? power supervisory circuits w2h1 size & style w2h1=0805 w3h1=0612 w=plated ni & s b l=plated snpb 5 voltage 3=25v 5=50v 1=100v c dielectric a=np0 c=x7r 473 capacitance code 8 capacitance tolerance 8=+50/-20% m=20% a failure rate a=not applicable t terminations t=plated ni & sn b=plated snpb 1a packaging 1a=7" reel 4000 pcs 3a=13" reel 4000 pcs signal/vcc signal/vcc ground ground w2h1 ? 0805 style signal/vcc si g nal/vcc ground ground w3h1 ? 0612 style lead-free compatible component
6 6 high current feedthru capacitors w2h/w3h series electrical parameters insulation resistance 1000 m minimum dc resistance <0.150 operating temperature -55c to +125c capacitor values part number size dielectric capacitance tolerance voltage current w2h13c 104 8at 0805 x7r 100,000pf +50%, -20% 25v 2a w2h15c 473 8at 0805 x7r 47,000pf +50%, -20% 50v 2a w2h15c 223 8at 0805 x7r 22,000pf +50%, -20% 50v 1a w2h15c 103 8at 0805 x7r 10,000pf +50%, -20% 50v 1a w2h15c 102 8at 0805 x7r 1,000pf +50%, -20% 50v 1a w2h11a 471 8at 0805 np0 470pf +50%, -20% 100v 0.5a w2h11a 221 8at 0805 np0 220pf +50%, -20% 100v 0.5a w2h11a 101 8at 0805 np0 100pf +50%, -20% 100v 0.5a w2h11a 470 8at 0805 np0 47pf +50%, -20% 100v 0.5a w2h11a 220 8at 0805 np0 22pf +50%, -20% 100v 0.5a w3h13c 104 8at 0612 x7r 100,000pf +50%, -20% 25v up to 5a w3h15c 473 8at 0612 x7r 47,000pf +50%, -20% 50v up to 5a w3h15c 223 8at 0612 x7r 22,000pf +50%, -20% 50v up to 4a w3h15c 103 8at 0612 x7r 10,000pf +50%, -20% 50v up to 3a w3h11a 471 8at 0612 np0 470pf +50%, -20% 100v up to 4a w3h11a 221 8at 0612 np0 220pf +50%, -20% 100v up to 4a w3h11a 101 8at 0612 np0 100pf +50%, -20% 100v up to 4a w3h11a 470 8at 0612 np0 47pf +50%, -20% 100v up to 3a w3h11a 220 8at 0612 np0 22pf +50%, -20% 100v up to 3a
7 7 high current feedthru capacitors w2h/w3h series physical dimensions pad dimensions lwtbw bl es ew x s w2h1? 0805 mm 2.01 0.20 1.25 0.20 1.14 max. 0.46 0.10 0.18 + 0.25 -0.08 na 0.25 0.13 1.02 0.10 0.23 0.05 (in.) (0.079 0.008) (0.049 0.008) (0.045 max.) (0.018 0.004) (0.007 + 0.010 -0.003) (0.010 0.005) (0.040 0.004) (0.009 0.002) w3h1? 0612 mm 1.60 0.20 3.20 0.20 1.22 max. 2.80 .127 0.18 + 0.25 -0.08 0.41 0.10 0.41 0.10 1.60 0.10 1.40 0.07 (in.) (0.063 0.008) (0.126 0.008) (0.048 max.) (0.110 0.005) (0.007 + 0.010 -0.003) (0.016 0.004) (0.016 0.004) (0.063 0.004) (0. 055 0.003) tp swl cx w2h1? 0805 mm 3.45 0.51 0.76 1.27 1.02 0.46 na (in.) (0.136) (0.020) (0.030) (0.050) (0.040) (0.018) w3h1? 0612 mm 2.54 3.05 1.12 .460 .610 .330 .710 (in.) (0.100) (0.120) (0.044) (0.018) (0.024) (0.013) (0.028) ew w w s p p l s bl bw t x l t c ew l s x w c l s bl bw t x w es p t w2h1 ? 0805 style w3h1 ? 0612 style physical dimensions and pad layout
8 8 high current feedthru capacitors w2h/w3h series performance characteristics s21 0612 ? 100v impedance 0612 ? 100v s21 0612 ? 50v / 25v impedance 0612 ? 50v / 25v 0 -10 -20 -30 -40 -50 -60 1.e+05 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 freq (0.3 mhz ? 9 ghz) s21 (db) w3h11a2208 w3h11a4708 w3h11a1018 w3h11a2218 w3h11a4718 10000 1000 100 10 1 0.1 0.01 1.e+05 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 freq (0.3 mhz ? 9 ghz) |z| (ohms) w3h11a2208 w3h11a4708 w3h11a1018 w3h11a2218 w3h11a4718 0 -10 -20 -30 -40 -50 -60 -70 1.e+05 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 freq (0.3 mhz ? 9 ghz) s21 (db) 100 10 1 0.1 0.01 1.e+05 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 freq (0.3 mhz ? 9 ghz) |z| (ohms) w3h15c1038 w3h15c2238 w3h15c4738 w3h15c1048 w3h15c1038 w3h15c2238 w3h15c4738 w3h15c1048


▲Up To Search▲   

 
Price & Availability of W2H11A2218AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X