Part Number Hot Search : 
XR16M680 TPC6503 LB123D SGD06N60 S6025R 003931 NTD20 HB100
Product Description
Full Text Search
 

To Download VY1330K31Y5SG6V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vy1 series www.vishay.com vishay bccomponents revision: 18-oct-13 1 document number: 28537 for technical questions, contact: cdc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ac line rated ceramic disc capacitors class x1, 760 v ac , class y1, 500 v ac operating temperature range - 40 c to + 125 c temperature characteristics see ordering information table climatic category 40/125/21 according to en 60068-1 coating according to ul 94 v-0 ? epoxy resin, isolating, flame retardant approvals iec 60384-14.3 ? ul 60384-14 ? din en 60384-14 ? csa e60384-1:03, csa e60384-14:09 packaging bulk, tape and reel, taped ammopack features ? complying with iec 60384-14, 3 rd edition ? high reliability ? vertical (inline) kinked or straight leads ? singlelayer ac disc capacitors ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 applications ? x1, y1 according to iec 60384-14.3 ? across-the-line ? line by-pass ? antenna coupling design the capacitors consist of a ceramic disc both sides of which are silver-plated. connection leads are made of tinned copper having a diameter of 0.6 mm. the capacitors may be supplied with vertical (inline) kinked leads having a lead spacing of 10.0 mm and 12.5 mm. encapsulation is made of flam mable resistant epoxy resin in accordance with ul 94 v-0. capacitance range 10 pf to 4700 pf rated voltage u r iec 60384-14.3: (x1): 760 v ac, 50 hz (y1): 500 v ac , 50 hz test voltage component test (100 %): 4000 v ac , 50 hz, 2 s random sampling test (destructive test): 4000 v ac , 50 hz, 60 s voltage proof of coating (destructive test): 4000 v ac , 50 hz, 60 s insulation resistance 10 000 m ? minimum tolerance of capacitance 20 % (code m); 10 % (code k) dissipation factor 2.5 % maximum quick reference data description value ceramic class 1 2 ceramic dielectric u2j u2j y5s, y5u y5s, y5u voltage (v ac ) 500 760 500 760 min. capacitance (pf) 10 33 max. capacitance (pf) 22 4700 mounting radial available
vy1 series www.vishay.com vishay bccomponents revision: 18-oct-13 2 document number: 28537 for technical questions, contact: cdc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? straight leads are available on request ? coating extension dr valid for straight leads only ? on request availabl e: 10 % tolerance (1) 15 th digit of the clear text code number to be completed with the packaging code dimensions ordering information c (pf) tol. (%) temp. coefficient body diameter d max. (mm) body thickness t max. (mm) lead spacing f (mm) clear text code 15 th digit: t = reel; u = ammo; 3 = bulk (1) rohs compliant rohs and halogen-free 10 10 u2j (n750) 8.0 5.0 10.0 vy1100k31u2jq6*v0 vy1100k31u2jg6*v0 15 vy1150k31u2jq6*v0 vy1150k31u2jg6*v0 22 vy1220k31u2jq6*v0 vy1220k31u2jg6*v0 33 y5s (2c3) vy1330k31y5sq6*v0 vy1330k31y5sg6*v0 47 vy1470k31y5sq6*v0 vy1470k31y5sg6*v0 68 vy1680k31y5sq6*v0 vy1680k31y5sg6*v0 100 vy1101k31y5sq6*v0 vy1101k31y5sg6*v0 150 vy1151k31y5sq6*v0 vy1151k31y5sg6*v0 220 vy1221k31y5sq6*v0 vy1221k31y5sg6*v0 330 vy1331k31y5sq6*v0 vy1331k31y5sg6*v0 470 20 y5u (2e3) vy1471m31y5uq6*v0 vy1471m31y5ug6*v0 680 vy1681m31y5uq6*v0 vy1681m31y5ug6*v0 1000 9.0 vy1102m35y5uq6*v0 vy1102m35y5ug6*v0 1500 10.5 vy1152m41y5uq6*v0 vy1152m41y5ug6*v0 2200 12.0 vy1222m47y5uq6*v0 vy1222m47y5ug6*v0 3300 15.0 vy1332m59y5uq6*v0 vy1332m59y5ug6*v0 3900 15.5 vy1392m61y5uq6*v0 vy1392m61y5ug6*v0 4700 16.0 vy1472m63y5uq6*v0 vy1472m63y5ug6*v0 10 10 u2j (n750) 8.0 5.0 12.5 vy1100k31u2jq6*vx vy1100k31u2jg6*vx 15 vy1150k31u2jq6*vx vy1150k31u2jg6*vx 22 vy1220k31u2jq6*vx vy1220k31u2jg6*vx 33 y5s (2c3) vy1330k31y5sq6*vx vy1330k31y5sg6*vx 47 vy1470k31y5sq6*vx vy1470k31y5sg6*vx 68 vy1680k31y5sq6*vx vy1680k31y5sg6*vx 100 vy1101k31y5sq6*vx vy1101k31y5sg6*vx 150 vy1151k31y5sq6*vx vy1151k31y5sg6*vx 220 vy1221k31y5sq6*vx vy1221k31y5sg6*vx 330 vy1331k31y5sq6*vx vy1331k31y5sg6*vx 470 20 y5u (2e3) vy1471m31y5uq6*vx vy1471m31y5ug6*vx 680 vy1681m31y5uq6*vx vy1681m31y5ug6*vx 1000 9.0 vy1102m35y5uq6*vx vy1102m35y5ug6*vx 1500 10.5 vy1152m41y5uq6*vx vy1152m41y5ug6*vx 2200 12.0 vy1222m47y5uq6*vx vy1222m47y5ug6*vx 3300 15.0 vy1332m59y5uq6*vx vy1332m59y5ug6*vx 3900 15.5 vy1392m61y5uq6*vx vy1392m61y5ug6*vx 4700 16.0 vy1472m63y5uq6*vx vy1472m63y5ug6*vx s h = 4.0 mm max. l = 30.0 mm 5.0 mm t d f ? d 0.6 mm e = 3.0 mm max. capacitor s with 10.0 mm and 12.5 mm lead s pacing
vy1 series www.vishay.com vishay bccomponents revision: 18-oct-13 3 document number: 28537 for technical questions, contact: cdc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? the capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel in ammopack straight leads packaging capacitance ? value size code body diameter d max. (mm) packaging quantities bulk reel ammo 10 pf to 2200 pf 31 to 47 12.0 1000 500 750 3300 pf to 4700 pf 51 to 63 16.0 500 500 750 d max. f d = 0.6 mm coating exten s ion r 3.0 max. 30 mm to 3.0 mm ( r) t max. a detail a d 0 f l p 1 p 2 p 0 t t 1 t d p p ? d f w 1 w 2 w 0 w h 0 h 1 e p h h lead s pacing 10.0 mm and 12.5 mm, s procket hole pitch 25.04 mm for lead s pacing
vy1 series www.vishay.com vishay bccomponents revision: 18-oct-13 4 document number: 28537 for technical questions, contact: cdc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) see ordering information table (2) cumulative pitch erro r: 1 mm/20 pitches (3) obliquity maximum 3 reel and tape data in millimeters reel with capacitors on tape am mopack with capacitors on tape dimensions of tape symbol parameter dimensions (mm) fig. 2 d (1) body diameter 16.0 max. d lead diameter 0.6 0.05 p pitch of component 25.4 1 p 0 (2) pitch of sprocket hole 12.7 0.3 p 1 (3) distance, hole center to lead 7.7 or 6.4 1.0 p 2 (3) distance, hole to center of component 12.7 1.5 f lead spacing 10.0 or 12.5 + 0.6/- 0.4 ? h average deviation across tape 1.0 max. ? p average deviation in direction of reeling 1.0 max. w carrier tape width 18.0 + 1/- 0.5 w 0 hold-down tape width 5.0 min. w 1 position of sprocket hole 9.0 + 0.75/- 0.5 w 2 distance of hold-down tape 3.0 max. h 1 maximum component height 40.0 h 0 height to seating plane (for kinked leads) 16.0 0.5 h 0 height to seating plane (for straight leads) 20.0 0.5 l length of cut leads 11.0 max. i length of lead protrusion 1.0 max. d 0 diameter of sprocket hole 4.0 0.2 t total tape thickness 0.9 max. 51 max. 355.6 2.0 45 max. 28 1.5 8.0 330 360 55
vy1 series www.vishay.com vishay bccomponents revision: 18-oct-13 5 document number: 28537 for technical questions, contact: cdc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 approvals iec 60384-14.3 - safety tests ? this approval together with cb test certificate substi tutes all nation al approvals. cb certificate y1-capacitor: cb test certificat e: us-19600-ul 10 pf to 4.7 nf 500 v ac x1-capacitor: cb test certificat e: us-19600-ul 10 pf to 4.7 nf 760 v ac vde y1-capacitor: vde marks approv al: 40012673 10 pf to 4.7 nf 500 v ac x1-capacitor: vde marks approv al: 40012673 10 pf to 4.7 nf 760 v ac din en 60384-14 vde 0565-1-1:2006-04 - safety tests underwriters laboratories inc./canadian standards association y1-capacitor: csa test certific ate: e183844 10 pf to 4.7 nf 500 v ac x1-capacitor: csa test certifi cate: e183844 10 pf to 4.7 nf 760 v ac ul 60384-14, csa e60384-1:03, csa e60384-14:09 fixed capacitors for electromagnetic interference suppression and connection to the supply mains. cqc y1-capacitor: cqc test certificate: c0042538 10 pf to 4.7 nf 500 v ac x1-capacitor: cqc test certific ate: c0042538 10 pf to 4.7 nf 760 v ac marking performance test test condition test limits visual and ? mechanical ? inspection optical inspection, dimensions measured with caliper no visible damage, marking legible capacitance ? (c) 25 c 3 c , relative humidity (rh) ? 75 %, ? 1.0 v rms 0.2 v rms at 1 khz for y5u and y5s, and 1 mhz for u2j capacitance within specified tolerance dissipation ? factor (df) df ? 0.3 % for u2j and ? df ? 2.5 % for y5s and y5u insulation ? resistance (ir) measured within 60 s 5 s after charging at 500 v dc 10 000 m ? min. dielectric ? strength 4000 v ac at 50 hz/60 hz for 1 mi n, 50 ma max. no failure temperature characteristic rh ? 75 %, 1.0 v rms 0.2 v rms at 1 khz for y5u and y5s, ? and 1 mhz for u2j u2j: -750 ppm 120 ppm ? y5s: 22 % ? y5u: +22 %/-56 % impulse ? voltage 3 pulses of 8 kv no failure vy1 472 m y1 500 ~ x1 760 ~ xxxx 250 ~ 10 4 digit date code (year/week) s ample (2 si d es)
vy1 series www.vishay.com vishay bccomponents revision: 18-oct-13 6 document number: 28537 for technical questions, contact: cdc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 leakage current vs. voltage (typical) life test 1000 h at 125 c 2 c, 850 v ac /50 hz; ? once every hour 1000 v ac for 0.1 s external appearance: no visible damage ? ? c ? 15 % df ? 0.5 % for u2j and ? 5 % for y5s and y5u ? ir ? 3000 m ?? dielectric strength: no failure humidity test 500 h at 500 v ac , 50 hz and 500 h unloaded 40 c, rh = 90 % to 95% external appearance: no visible damage ? ? c ? 10 % for u2j and ? 15 % for y5s and y5u ? df ? 0.5 % for u2j and ? 5 % for y5s and y5u ? ir ? 3000 m ?? dielectric strength: no failure robustness of termination pull test: 0.5 kg tensile weight in radial direction for 10 s 1 s ? bending strength: capacitor body ro tated by 90 in both directions no damage to capacito r body and lead wire soldering ? effect immersion of lead wire s into 260 c 5 c solder for 10 s 2 s; ? min. distance from body: 1.5 mm ? hand soldering at 400 c 10 c for 3 s to 4 s; ? min. distance from body: 1.5 mm external appearance: no visible damage ? ? c ? 5 % for u2j and ? 10 % for y5s and y5u ? dielectric strength: no failure vibration test solder the capacitor on to test jig (glass epoxy body) and use resin (adhesive) to stick the body to the test jig. ? the capacitor must be soldered firmly to the supporting lead wire. vibration change from 10 hz to 2000 hz and back to 10 hz; ? total amplitude: 1.5 mm ; acceleration: 100 m/s2; ? sweep rate: 1 oct/min, each axis 2 h (6 h in total) external appearance: no visible damage ? capacitance within specified tolerance ? df ? 0.3 % for u2j and ? 2.5 % for y5s and y5u ? ir ? 10 000 g ? performance test test condition test limits re s in (adhe s ive) 4700 pf 1000 pf 680 pf 470 pf 330 pf 150 pf 220 pf 1500 pf 2200 pf 3300 pf 0 4000 3500 3000 2500 2000 1500 1000 500 0 1000 500 1500 2000 2500 3000 3500 4000 ac voltage (v) rms leakage current (a) rms 100 pf 68 pf 47 pf 33 pf 22 pf 10 pf 22 pf 0 180 140 160 120 100 80 60 40 20 0 1000 500 1500 2000 2500 3000 3500 4000 ac voltage (v) rms leakage current (a) rms
vy1 series www.vishay.com vishay bccomponents revision: 18-oct-13 7 document number: 28537 for technical questions, contact: cdc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 impedance vs. frequency (typical) note ? the capacitors meet the essentia l requirements of eia 198. unle ss stated otherwise all electric al values apply at an ambient temperature of 25 c 3 c, at normal atmospheric conditions. related documents general in formation www.vishay.com/doc?28536 cb test certificate www.vishay.com/doc?22249 vde marks approval www.vishay.com/doc?22251 ul test certificate www.vishay.com/doc?22250 cqc test certificate www.vishay.com/doc?22248 0.1 100 10 1 110100 frequency (mhz) impedance ( ) lead configuration: - length = 30 mm - lead s pacing: s tandard - lead diameter: s tandard - inline crimp 0.68 nf 0.01 nf 1.0 nf 0.1 nf 4.7 nf 2.2 nf
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VY1330K31Y5SG6V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X