Part Number Hot Search : 
58LW064 W83321G SA24ARL 1N2441 MAX19 BL2040 PE1145MV PVD1052
Product Description
Full Text Search
 

To Download V805L15PFI9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.3 volt cmos dual syncfifo? dual 256 x 18, dual 512 x 18, dual 1,024 x 18, dual 2,048 x 18 and dual 4,096 x 18 idt72v805 idt72v815 idt72v825 idt72v835 idt72v845 1 april 2001 dsc-4295/2 ? 2001 integrated device technology, inc. all rights reserved. product specifications subject to change without notice. idt and the idt logo are trademarks of integrated device technology, inc. the syncfifo is a trademark of integrated device tech nology, inc. commercial and industrial temperature ranges functional block diagram input register output register offset register flag logic ffa / ira pafa efa / ora paea hfa /( wxoa ) read pointer read control logic write control logic write pointer expansion logic reset logic wena da 0 -da 17 lda rsa ( hfa )/ wxoa wxia rena rclka oea qa 0 -qa 17 rxoa rxia fla wclka input register output register ram array 256 x 18 512 x 18 1,024 x 18 2,048 x 18 4,096 x 18 offset register flag logic ffb / irb pafb efb / orb paeb hfb /( wxob ) read pointer read control logic write control logic write pointer expansion logic reset logic wenb db0-db17 ldb rsb ( hfb )/ wxob wxib renb rclkb oeb qb 0 -qb 17 rxob rxib flb wclkb 4295 drw 01 ram array 256 x 18 512 x 18 1,024 x 18 2,048 x 18 4,096 x 18 features: ? ? ? ? ? the idt72v805 is equivalent to two idt72v205 256 x 18 fifos ? ? ? ? ? the idt72v815 is equivalent to two idt72v215 512 x 18 fifos ? ? ? ? ? the idt72v825 is equivalent to two idt72v225 1,024 x 18 fifos ? ? ? ? ? the idt72v835 is equivalent to two idt72v235 2,048 x 18 fifos ? ? ? ? ? the idt72v845 is equivalent to two idt72v245 4,096 x 18 fifos ? ? ? ? ? offers optimal combination of large capacity (8k), high speed, design flexibility, and small footprint ? ? ? ? ? ideal for the following applications: ? network switching ? two level prioritization of parallel data ? bidirectional data transfer ? bus-matching between 18-bit and 36-bit data paths ? width expansion to 36-bit per package ? depth expansion to 8,192 words per package ? ? ? ? ? 10 ns read/write cycle time ? ? ? ? ? 5v input tolerant ? ? ? ? ? idt standard or first word fall through timing ? ? ? ? ? single or double register-buffered empty and full flags ? ? ? ? ? easily expandable in depth and width ? ? ? ? ? asynchronous or coincident read and write clocks ? ? ? ? ? asynchronous or synchronous programmable almost-empty and almost-full flags with default settings ? ? ? ? ? half-full flag capability ? ? ? ? ? output enable puts output data bus in high-impedance state ? ? ? ? ? high-performance submicron cmos technology ? ? ? ? ? available in a 128-pin thin quad flatpack (tqfp) ? ? ? ? ? industrial temperature range (?40c to +85c) is available description: the idt72v805/72v815/72v825/72v835/72v845 are dual 18-bit-wide synchronous (clocked) first-in, first-out (fifo) memories designed to run off a 3.3v supply for exceptionally low power consumption. one dual idt72v805/72v815/72v825/72v835/72v845 device is functionally equiva- lent to two idt72v205/72v215/72v225/72v235/72v245 fifos in a single package with all associated control, data, and flag lines assigned to independent pins. these devices are very high-speed, low-power first-in, first-out (fifo) memories with clocked read and write controls. these
2 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges pin configurations tqfp (pk128-1, order code: pf) top view fifos are applicable for a wide variety of data buffering needs, such as optical disk controllers, local area networks (lans), and interprocessor communication. each of the two fifos contained in these devices has an 18-bit input and output port. each input port is controlled by a free-running clock (wclk), and an input enable pin ( wen ). data is read into the synchronous fifo on every clock when wen is asserted. the output port of each fifo bank is controlled by another clock pin (rclk) and another enable pin ( ren ). the read clock can be tied to the write clock for single clock operation or the two clocks can run asynchronous of one another for dual- clock operation. an output enable pin ( oe ) is provided on the read port of each fifo for three-state control of the output. the synchronous fifos have two fixed flags, empty flag/output ready ( ef / or ) and full flag/input ready ( ff / ir ), and two programmable flags, almost-empty ( pae ) and almost-full ( paf ). the offset loading of the programmable flags is controlled by a simple state machine, and is initiated by asserting the load pin ( ld ). a half-full flag ( hf ) is available for each fifo that is implemented as a single device. there are two possible timing modes of operation with these devices: idt standard mode and first word fall through (fwft) mode. in idt standard mode, the first word written to an empty fifo will not appear on the data output lines unless a specific read operation is performed. a read operation, which consists of activating ren and enabling a rising rclk edge, will shift the word from internal memory to the data output lines. in fwft mode, the first word written to an empty fifo is clocked directly to the data output lines after three transitions of the rclk signal. a ren does not have to be asserted for accessing the first word. these devices are depth expandable using a daisy-chain technique or first word fall through (fwft) mode. the xi and xo pins are used to expand the fifos. in depth expansion configuration, fl is grounded on the first device and set to high for all other devices in the daisy chain. the idt72v805/72v815/72v825/72v835/72v845 are fabricated using idt?s high-speed submicron cmos technology. v cc lda 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 pafa rxia ffa wxoa / hfa rxoa qa0 qa1 gnd qa2 qa3 v cc qa4 gnd qa5 qa6 qa7 qa8 gnd db7 db6 db5 db4 db3 db2 db1 db0 paeb flb wclkb wenb wxib v cc pafb rxib ffb wxob / hfb rxob 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 102 101 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 oea rsa v cc gnd efa qa17 qa16 gnd qa15 v cc qa14 qa13 gnd qa12 qa11 v cc qa10 qa9 db8 db9 db10 db11 db12 db13 db14 db15 db16 db17 rclkb renb ldb oeb rsb v cc gnd efb wxia wena wclka fla paea da0 da1 da2 da3 da4 da5 da6 da7 da8 da9 da10 da11 da12 da13 da14 da16 da17 gnd rclka rena qb0 qb1 gnd qb2 qb3 v cc qb4 gnd qb5 qb6 qb7 qb8 gnd qb9 qb10 v cc qb11 qb12 gnd qb13 qb14 v cc qb15 gnd qb16 qb17 104 103 index gnd da15 4295 drw 02 description (continued)
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 3 pin description symbol name i/o description da 0 ?da 17 data inputs i data inputs for an 18-bit bus. db 0 -db 17 rsa reset i when rs is set low, internal read and write pointers are set to the first location of the ram array, ff and rsb paf go high, and pae and ef go low. a reset is required before an initial write after power-up. wclka write clock i when wen is low, data is written into the fifo on a low-to-high transition of wclk, if the fifo is not full. wclkb wena write enable i when wen is low, data is written into the fifo on every low-to-high transition of wclk. wenb when wen is high, the fifo holds the previous data. data will not be written into the fifo if the ff is low. rclka read clock i when ren is low, data is read from the fifo on a low-to-high transition of rclk, if the fifo is not rclkb empty. rena read enable i when ren is low, data is read from the fifo on every low-to-high transition of rclk. when ren renb is high, the output register holds the previous data. data will not be read from the fifo if the ef is low. oea output enable i when oe is low, the data output bus is active. if oe is high, the output data bus will be in a oeb high-impedance state. lda load i when ld is low, data on the inputs d0?d11 is written to the offset and depth registers on the low-to-high ldb transition of the wclk, when wen is low. when ld is low, data on the outputs q0?q11 is read from the offset and depth registers on the low-to-high transition of the rclk, when ren is low. fla first load i in the single device or width expansion configuration, fl together with wxi and rxi etermine if the mode is idt flb standard mode or first word fall through (fwft) mode, as well as whether the pae / paf flags are synchronous or asynchronous. (see table i.) in the daisy chain depth expansion configuration, fl is grounded on the first device (first load device) and set to high for all other devices in the daisy chain. wxia write expansion i in the single device or width expansion configuration, wxi together with fl and rxi input determine if the mode wxib is idt standard mode or fwft mode, as well as whether the pae / paf flags are synchronous or asynchronous. (see table 1.) in the daisy chain depth expansion configuration, wxi is connected to wxo (write expansion out) of the previous device. rxia read expansion i in the single device or width expansion configuration, rxi together with fl and wxi , input determine if the mode rxib is idt standard mode or fwft mode, as well as whether the pae / paf flags are synchronous or asynchronous. (see table 1.) in the daisy chain depth expansion configuration, rxi is connected to rxo (read expansion out) of the previous device. ffa / ira full flag/ o in the idt standard mode, the ff function is selected. ff indicates whether or not the fifo memory is full. ffb / irb input ready in the fwft mode, the ir function is selected. ir indicates whether or not there is space available for writing to the fifo memory. efa / ora empty flag/ o in the idt standard mode, the ef function is selected. ef indicates whether or not the fifo memory is efb / orb output ready empty. in fwft mode, the or function is selected. or indicates whether or not there is valid data available at the outputs. paea programmable o when pae is low, the fifo is almost-empty based on the offset programmed into the fifo. the default offset paeb almost-empty flag at reset is 31 from empty for idt72v805lb, 63 from empty for idt72v815lb, and 127 from empty for idt7v2825lb/ 72v835lb/72v845lb. pafa programmable o when paf is low, the fifo is almost-full based on the offset programmed into the fifo. the default offset pafb almost-full flag at reset is 31 from full for idt72v805lb, 63 from full for idt72v815lb, and 127 from full for idt72v825lb/ 72v835lb/72v845lb. wxoa / hfa write expansion o in the single device or width expansion configuration, the device is more than half full out/half-full flag wxob/ hfb when hf is low. in the depth expansion configuration, a pulse is sent from wxo to wxi of the next device when the last location in the fifo is written. rxoa read expansion o in the depth expansion configuration, a pulse is sent from rxo to rxi of the next device when the last location rxob out in the fifo is read. qa 0 ?qa 17 data outputs o data outputs for an 18-bit bus. qb 0 -qb 17 v cc power +3.3v power supply pins. gnd ground ground pins.
4 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges symbol parameter (1) conditions max. unit c in (2) input v in = 0v 10 pf capacitance c out (1,2) output v out = 0v 10 pf capacitance symbol parameter min. typ. max. unit v cc supply voltage 3.0 3.3 3.6 v commercial/industrial gnd supply voltage 0 0 0 v v ih input high voltage 2.0 ? 5.0 v commercial/industrial v il (1) input low voltage ? ? 0.8 v commercial/industrial t a operating temperature 0 ? 70 c commercial t a operating temperature -40 ? 85 c industrial note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. note: 1. 1.5v undershoots are allowed for 10ns once per cycle. symbol rating commercial unit v term terminal voltage ?0.5 to +5 v with respect to gnd t stg storage ?55 to +125 c temperature i out dc output current ?50 to +50 ma capacitance (t a = +25c, f = 1.0mhz) notes: 1. with output deselected, ( oe v ih ). 2. characterized values, not currently tested. idt72v805 idt72v815 idt72v825 idt72v835 idt72v845 commercial & industrial (1) t clk = 10, 15, 20 ns symbol parameter min. typ. max. unit i li (2) input leakage current (any input) ?1 ? 1 a i lo (3) output leakage current ?10 ? 10 a v oh output logic ?1? voltage, i oh = ?2 ma 2.4 ? ? v v ol output logic ?0? voltage, i ol = 8 ma ? ? 0.4 v i cc1 (4,5,6) active power supply current ? ? 60 ma i cc2 (4,7) standby current ? ? 10 ma dc electrical characteristics (commercial: v cc = 3.3v 0.3v, t a = 0c to +70c; industrial: v cc = 3.3v 0.3v, ta = -40 c to +85 c) notes: 1. industrial temperature range product for the 15ns speed grade is available as a standard device. 2. measurements with 0.4 v in v cc . 3. oe v ih , 0.4 v out v cc . 4. tested with outputs disabled (i out = 0). 5. rclk and wclk toggle at 20 mhz and data inputs switch at 10 mhz. 6. typical i cc1 = 2[2.04 + 0.88*f s + 0.02*c l *f s ] (in ma). these equations are valid under the following conditions: v cc = 3.3v, t a = 25c, f s = wclk frequency = rclk frequency (in mhz, using ttl levels), data switching at f s /2, c l = capacitive load (in pf). 7. all inputs = v cc ?0.2v or gnd + 0.2v, except rclk and wclk, which toggle at 20 mhz. absolute maximum ratings recommended operating dc conditions
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 5 commercial com?l & ind?l (2) commercial idt72v805l10 idt72v805l15 idt72v805l20 idt72v815l10 idt72v815l15 idt72v815l20 idt72v825l10 idt72v825l15 idt72v825l20 idt72v835l10 idt72v835l15 idt72v835l20 idt72v845l10 idt72v845l15 idt72v845l20 symbol parameter min. max. min. max. min. max. unit f s clock cycle frequency? 100 ? 66.7 ? 50 mhz t a data access time 2 6.5 2 10 2 12 ns t clk clock cycle time 10 ? 15 ? 20 ? ns t clkh clock high time 4.5 ? 6 ? 8 ? ns t clkl clock low time 4.5 ? 6 ? 8 ? ns t ds data setup time 3 ? 4 ? 5 ? ns t dh data hold time 0.5 ? 1 ? 1 ? ns t ens enable setup time 3 ? 4 ? 5 ? ns t enh enable hold time 0.5 ? 1 ? 1 ? ns t rs reset pulse width (1) 10 ? 15 ? 20 ? ns t rss reset setup time 8 ? 10 ? 12 ? ns t rsr reset recovery time 8 ? 10 ? 12 ? ns t rsf reset to flag and output time ? 15 ? 15 ? 20 ns t olz output enable to output in low-z (3) 0?0? 0 ?ns t oe output enable to output valid ? 6 3 8 3 10 ns t ohz output enable to output in high-z (3) 1638 310ns t wff write clock to full flag ? 6.5 ? 10 ? 12 ns t ref read clock to empty flag ? 6.5 ? 10 ? 12 ns t pafa clock to asynchronous programmable ? 17 ? 20 ? 22 ns almost-full flag t pafs write clock to synchronous ? 8 ? 10 ? 12 ns programmable almost-full flag t paea clock to asynchronous programmable ? 17 ? 20 ? 22 ns almost-empty flag t paes read clock to synchronous ? 8 ? 10 ? 12 ns programmable almost-empty flag t hf clock to half-full flag ? 17 ? 20 ? 22 ns t xo clock to expansion out ? 6.5 ? 10 ? 12 ns t xi expansion in pulse width 3 ? 6.5 ? 8 ? ns t xis expansion in setup time 3 ? 5 ? 8 ? ns t skew1 skew time between read clock & 5 ? 6 ? 8 ? ns write clock for ff / ir and ef / or t skew2 (4) skew time between read clock & 14 ? 18 ? 20 ? ns write clock for pae and paf ac electrical characteristics (commercial: v cc = 3.3v 0.3v, t a = 0c to +70c; industrial: v cc = 3.3v 0.3v, ta = -40 c to +85 c) notes: 1. pulse widths less than minimum values are not allowed. 2. industrial temperature range product for the 15ns speed grade is available as a standard device. 3. values guaranteed by design, not currently tested. 4. t skew2 applies to synchronous pae and synchronous paf only. 30pf* 330 ? 3.3v 510 ? d.u.t. 4295 drw 03 figure 1. output load * includes jig and scope capacitances. ac test conditions input pulse levels gnd to 3.0v input rise/fall times 3ns input timing reference levels 1.5v output reference levels 1.5v output load see figure 1
6 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges functional description timing modes: idt standard vs first word fall through (fwft) mode the idt72v805/72v815/72v825/72v835/72v845 support two different timing modes of operation. the selection of which mode will operate is determined during configuration at reset ( rs ). during a rs operation, the first load ( fl ), read expansion input ( rxi ), and write expansion input ( wxi ) pins are used to select the timing mode per the truth table shown in table 3. in idt standard mode, the first word written to an empty fifo will not appear on the data output lines unless a specific read operation is performed. a read operation, which consists of activating read enable ( ren ) and enabling a rising read clock (rclk) edge, will shift the word from internal memory to the data output lines. in fwft mode, the first word written to an empty fifo is clocked directly to the data output lines after three transitions of the rclk signal. a ren does not have to be asserted for accessing the first word. various signals, both input and output signals operate differently depend- ing on which timing mode is in effect. idt standard mode in this mode, the status flags, ff , paf , hf , pae , and ef operate in the manner outlined in table 1. to write data into to the fifo, write enable ( wen ) must be low. data presented to the data in lines will be clocked into the fifo on subsequent transitions of the write clock (wclk). after the first write is performed, the empty flag ( ef ) will go high. subsequent writes will continue to fill up the fifo. the programmable almost-empty flag ( pae ) will go high after n + 1 words have been loaded into the fifo, where n is the empty offset value. the default setting for this value is stated in the footnote of table 1. this parameter is also user programmable. see section on programmable flag offset loading. if one continued to write data into the fifo, and we assumed no read operations were taking place, the half-full flag ( hf ) would toggle to low once the 129th (72v805), 257th (72v815), 513th (72v825), 1,025th (72v835), and 2,049th (72v845) word respectively was written into the fifo. continuing to write data into the fifo will cause the programmable almost-full flag ( paf ) to go low. again, if no reads are performed, the paf will go low after (256-m) writes for the idt72v805, (512-m) writes for the idt72v815, (1,024-m) writes for the idt72v825, (2,048?m) writes for the idt72v835 and (4,096?m) writes for the idt72v845. the offset ?m? is the full offset value. this parameter is also user programmable. see section on programmable flag offset loading. if there is no full offset specified, the paf will be low when the device is 31 away from completely full for idt72v805, 63 away from completely full for idt72v815, and 127 away from completely full for the idt72v825/72v835/72v845. when the fifo is full, the full flag ( ff ) will go low, inhibiting further write operations. if no reads are performed after a reset, ff will go low after d writes to the fifo. d = 256 writes for the idt72v805, 512 for the idt72v815, 1,024 for the idt72v825, 2,048 for the idt72v835 and 4,096 for the idt72v845, respectively. if the fifo is full, the first read operation will cause ff to go high. subsequent read operations will cause paf and the half-full flag ( hf ) to go high at the conditions described in table 1. if further read operations occur, without write operations, the programmable almost-empty flag ( pae ) will go low when there are n words in the fifo, where n is the empty offset value. if there is no empty offset specified, the pae will be low when the device is 31 away from completely empty for idt72v805, 63 away from completely empty for idt72v815, and 127 away from completely empty for idt72v825/72v835/72v845. continuing read operations will cause the fifo to be empty. when the last word has been read from the fifo, the ef will go low inhibiting further read operations. ren is ignored when the fifo is empty. first word fall through mode (fwft) in this mode, the status flags, ir , paf , hf , pae , and or operate in the manner outlined in table 2. to write data into to the fifo, wen must be low. data presented to the data in lines will be clocked into the fifo on subsequent transitions of wclk. after the first write is performed, the output ready ( or ) flag will go low. subsequent writes will continue to fill up the fifo. pae will go high after n + 2 words have been loaded into the fifo, where n is the empty offset value. the default setting for this value is stated in the footnote of table 2. this parameter is also user program- mable. see section on programmable flag offset loading. if one continued to write data into the fifo, and we assumed no read operations were taking place, the hf would toggle to low once the 130th (72v805), 258th (72v815), 514th (72v825), 1,026th (72v835), and 2,050th (72v845) word respectively was written into the fifo. continuing to write data into the fifo will cause the paf to go low. again, if no reads are performed, the paf will go low after (257-m) writes for the idt72v805, (513-m) writes for the idt72v815, (1,025-m) writes for the idt72v825, (2,049?m) writes for the idt72v835 and (4,097?m) writes for the idt72v845, where m is the full offset value. the default setting for this value is stated in the footnote of table 2. when the fifo is full, the input ready ( ir ) flag will go high, inhibiting further write operations. if no reads are performed after a reset, ir will go high after d writes to the fifo. d = 257 writes for the idt72v805, 513 for the idt72v815, 1,025 for the idt72v825, 2,049 for the idt72v835 and 4,097 for the idt72v845. note that the additional word in fwft mode is due to the capacity of the memory plus output register. if the fifo is full, the first read operation will cause the ir flag to go low. subsequent read operations will cause the paf and hf to go high at the conditions described in table 2. if further read operations occur, without write operations, the pae will go low when there are n + 1 words in the fifo, where n is the empty offset value. if there is no empty offset specified, the pae will be low when the device is 32 away from completely empty for idt72v805, 64 away from completely empty for idt72v815, and 128 away from completely empty for idt72v825/72v835/72v845. continu- ing read operations will cause the fifo to be empty. when the last word has been read from the fifo, or will go high inhibiting further read operations. ren is ignored when the fifo is empty. programmable flag loading full and empty flag offset values can be user programmable. the idt72v805/72v815/72v825/72v835/72v845 has internal registers for these offsets. default settings are stated in the footnotes of table 1 and table 2. offset values are loaded into the fifo using the data input lines d0-d11. to load the offset registers, the load ( ld ) pin and wen pin must be held low. data present on d0-d11 will be transferred in to the empty offset register on the first low-to-high transition of wclk. by continuing to hold the ld and wen pin low, data present on d0-d11 will be transferred into the full offset register on the next transition of the wclk. the third transition again writes to the empty offset register. writing all offset registers does not have to occur at one time. one or two offset registers can be written and then by bringing the ld pin high, the fifo is returned to
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 7 number of words in fifo idt72v805 idt72v815 idt72v825 idt72v835 idt72v845 ir paf hf pae or 0 0 0 0 0 lhhlh 1 to (n + 1) (1) 1 to (n + 1) (1) 1 to (n + 1) (1) 1 to (n + 1) (1) 1 to (n + 1) (1) lhhll (n + 2) to 129 (n + 2) to 257 (n + 2) to 513 (n + 2) to 1,025 (n + 2) to 2,049 l h h h l 130 to (257-(m+1)) (2) 258 to (513-(m+1)) (2) 514 to (1,025-(m+1)) (2) 1,026 to (2,049-(m+1)) (2) 2,050 to (4,097-(m+1)) (2) lhlhl (257-m) to 256 (513-m) to 512 (1,025-m) to 1,024 (2,049-m) to 2,048 (4,097-m) to 4,096 lllhl 257 513 1,025 2,049 4,097 h l l h l normal read/write operation. when the ld pin and wen are again set low, the next offset register in sequence is written. the contents of the offset registers can be read on the data output lines q0-q11 when the ld pin is set low and ren is set low. data can then be read on the next low-to-high transition of rclk. the first transition of rclk will present the empty offset value to the data output lines. the next transition of rclk will present the full offset value. offset register content can be read out in the idt standard mode only. it cannot be read in the fwft mode. synchronous vs asynchronous programmable flag timing selection the idt72v805/72v815/72v825/72v835/72v845 can be configured during the "configuration at reset" cycle described in table 3 with either asynchronous or synchronous timing for pae and paf flags. if asynchronous pae / paf configuration is selected (as per table 3), the pae is asserted low on the low-to-high transition of rclk. pae is reset to high on the low-to-high transition of wclk. similarly, the paf is asserted low on the low-to-high transition of wclk and paf is reset to high on the low-to-high transition of rclk. for detail timing dia- grams, see figure 13 for asynchronous pae timing and figure 14 for asynchronous paf timing. if synchronous pae / paf configuration is selected , the pae is asserted and updated on the rising edge of rclk only and not wclk. similarly, paf is asserted and updated on the rising edge of wclk only and not rclk. for detail timing diagrams, see figure 22 for synchronous pae timing and figure 23 for synchronous paf timing. register-buffered flag output selection the idt72v805/72v815/72v825/72v835/72v845 can be configured during the "configuration at reset" cycle described in table 4 with single, double or triple register-buffered flag output signals. the various combina- tions available are described in table 4 and table 5. in general, going from single to double or triple buffered flag outputs removes the possibility of metastable flag indications on boundary states (i.e, empty or full condi- tions). the trade-off is the addition of clock cycle delays for the respective flag to be asserted. not all combinations of register-buffered flag outputs are supported. register-buffered outputs apply to the empty flag and full flag only. partial flags are not effected. table 4 and table 5 summarize the options available. table 1 status flags for idt standard mode number of words in fifo idt72v805 idt72v815 idt72v825 idt72v835 idt72v845 ff paf hf pae ef 00 0 0 0hhhll 1 to n (1) 1 to n (1) 1 to n (1) 1 to n (1) 1 to n (1) hh h lh (n + 1) to 128 (n + 1) to 256 (n + 1) to 512 (n + 1) to 1,024 (n + 1) to 2,048 h h h h h 129 to (256-(m+1)) (2) 257 to (512-(m+1)) (2) 513 to (1,024-(m+1)) (2) 1,025 to (2,048-(m+1)) (2) 2,049 to (4,096-(m+1)) (2) hh l hh (256-m) to 255 (512-m) to 511 (1,024-m) to 1,023 (2,048-m) to 2,047 (4,096-m) to 4,095 h l l h h 256 512 1,024 2,048 4,096 l l l h h table 2 status flags for fwft mode notes: 1. n = empty offset (default values : idt72v805 n=31, idt72v815 n = 63, idt72v825/72v835/72v845 n = 127) 2. m = full offset (default values : idt72v805 m=31, idt72v815 m = 63, idt72v825/72v835/72v845 m = 127) notes: 1. n = empty offset (default values : idt72v805 n = 31, idt72v815 n = 63, idt72v825/72v835/72v845 n = 127) 2. m = full offset (default values : idt72v805 m = 31, idt72v815 m = 63, idt72v825/72v835/72v845 m = 127)
8 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges output ready ( or ) input ready ( ir ) partial flags programming at reset flag timing fl rxi wxi diagrams triple double asynch 0 0 1 figure 27 triple double sync 1 0 1 figure 20, 21 empty flag ( ef ) full flag ( ff ) partial flags programming at reset flag timing buffered output buffered output timing mode fl rxi wxi diagrams single single asynch 0 0 0 figure 9, 10 single single sync 1 0 0 figure 9, 10 double double asynch 0 1 0 figure 24, 26 double double synch 1 1 0 figure 24, 26 fl rxi wxi ef / or ff / ir pae , paf fifo timing mode 0 0 0 single register-buffered single register-buffered asynchronous standard empty flag full flag 0 0 1 triple register-buffered double register-buffered asynchronous fwft output ready flag input ready flag 0 1 0 double register-buffered double register-buffered asynchronous standard empty flag full flag 0 (1) 1 1 single register-buffered single register-buffered asynchronous standard empty flag full flag 1 0 0 single register-buffered single register-buffered synchronous standard empty flag full flag 1 0 1 triple register-buffered double register-buffered synchronous fwft output ready flag input ready flag 1 1 0 double register-buffered double register-buffered synchronous standard empty flag full flag 1 (2) 1 1 single register-buffered single register-buffered asynchronous standard empty flag full flag notes: 1. in a daisy-chain depth expansion, fl is held low for the "first load device". the rxi and wxi inputs are driven by the corresponding rxo and wxo outputs of the preceding device. 2. in a daisy-chain depth expansion, fl is held high for members of the expansion other than the "first load device". the rxi and wxi inputs are driven by the corresponding rxo and wxo outputs of the preceding device. table 3 truth table for configuration at reset table 4 register-buffered flag output options idt standard mode table 5 register-buffered flag output options fwft mode
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 9 note: 1. the same selection sequence applies to reading from the registers. ren is enabled and read is performed on the low-to-high transition of rclk. empty offset register 17 11 0 001fh (idt72v805) 003fh (idt72v815): 007fh (idt72v825/72v835/72v845) full offset register 17 11 0 default value default value 001fh (idt72v805) 003fh (idt72v815): 007fh (idt72v825/72v835/72v845) 4295 drw 04 note: 1. any bits of the offset register not being programmed should be set to zero. signal descriptions inputs: data in (d0 - d17) data inputs for 18-bit wide data. controls: reset ( rsa / rsb ) reset is accomplished whenever the reset ( rsa / rsb ) input is taken to a low state. during reset, both internal read and write pointers are set to the first location. a reset is required after power-up before a write operation can take place. the half-full flag ( hfa / hfb ) and programmable almost- full flag ( pafa / pafb ) will be reset to high after t rsf . the programmable almost-empty flag ( paea / paeb ) will be reset to low after t rsf . the full flag ( ffa/ffb ) will reset to high. the empty flag ( efa / efb ) will reset to low in idt standard mode but will reset to high in fwft mode. during reset, the output register is initialized to all zeros and the offset registers are initialized to their default values. write clock (wclka/wclkb) a write cycle is initiated on the low-to-high transition of the write clock (wclka/wclkb). data setup and hold times must be met with respect to the low-to-high transition of wclk. the write and read clocks can be asynchronous or coincident. write enable ( wena / wenb ) when the wena / wenb input is low, data may be loaded into the fifo ram array on the rising edge of every wclk cycle if the device is not full. data is stored in the ram array sequentially and independently of any ongoing read operation. when wen is high, no new data is written in the ram array on each wclk cycle. to prevent data overflow in the idt standard mode, ff will go low, inhibiting further write operations. upon the completion of a valid read cycle, ff will go high allowing a write to occur. the ff flag is updated on the rising edge of wclk. to prevent data overflow in the fwft mode, input ready ( ira , irb ) will go high, inhibiting further write operations. upon the completion of a valid read cycle, ir will go low allowing a write to occur. the ir flag is updated on the rising edge of wclk. wen is ignored when the fifo is full in either fwft or idt standard mode. read clock (rclka/rclkb) data can be read on the outputs on the low-to-high transition of the read clock (rclka/rclkb), when output enable ( oea / oeb ) is set low. the write and read clocks can be asynchronous or coincident. read enable ( rena / renb ) when read enable ( rena / renb ) is low, data is loaded from the ram array into the output register on the rising edge of every rclk cycle if the device is not empty. when the ren input is high, the output register holds the previous data and no new data is loaded into the output register. the data outputs q0- qn maintain the previous data value. figure 2. writing to offset registers figure 3. offset register location and default values in the idt standard mode, every word accessed at qn, including the first word written to an empty fifo, must be requested using ren . when the last word has been read from the fifo, the empty flag ( efa / efb ) will go low, inhibiting further read operations. ren is ignored when the fifo is empty. once a write is performed, ef will go high allowing a read to occur. the ef flag is updated on the rising edge of rclk. in the fwft mode, the first word written to an empty fifo automatically goes to the outputs qn, on the third valid low to high transition of rclk + t skew after the first write. ren does not need to be asserted low. in order to access all other words, a read must be executed using ren . the rclk low to high transition after the last word has been read from the fifo, output ready ( ora / orb ) will go high with a true read (rclk with ren = low), inhibiting further read operations. ren is ignored when the fifo is empty. ld wen wclk selection 0 0 writing to offset registers: empty offset full offset 0 1 no operation 1 0 write into fifo 1 1 no operation
10 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges output enable ( oea / oeb ) when output enable ( oea / oeb ) is enabled (low), the parallel output buffers receive data from the output register. when oe is disabled (high), the q output data bus is in a high-impedance state. load ( lda / ldb ) the idt72v805/72v815/72v825/72v835/72v845 devices contain two 12-bit offset registers with data on the inputs, or read on the outputs. when the load ( lda / ldb ) pin is set low and wen is set low, data on the inputs d0-d11 is written into the empty offset register on the first low-to- high transition of the write clock (wclk). when the ld pin and wen are held low then data is written into the full offset register on the second low-to-high transition of wclk. the third transition of wclk again writes to the empty offset register. however, writing all offset registers does not have to occur at one time. one or two offset registers can be written and then by bringing the ld pin high, the fifo is returned to normal read/write operation. when the ld pin is set low, and wen is low, the next offset register in sequence is written. when the ld pin is low and wen is high, the wclk input is disabled; then a signal at this input can neither increment the write offset register pointer, nor execute a write. the contents of the offset registers can be read on the output lines when the ld pin is set low and ren is set low; then, data can be read on the low-to-high transition of the read clock (rclk). the act of reading the control registers employs a dedicated read offset register pointer. (the read and write pointers operate independently). offset register content can be read out in the idt standard mode only. it is inhibited in the fwft mode. a read and a write should not be performed simultaneously to the offset registers. first load ( fla / flb ) for the single device mode, see table i for additional information. in the daisy chain depth expansion configuration, fla / flb is grounded to indicate it is the first device loaded and is set to high for all other devices in the daisy chain. (see operating configurations for further details.) write expansion input ( wxia / wxib ) this is a dual purpose pin. for single device mode, see table i for additional information. wxia / wxib is connected to write expansion out ( wxoa / wxob ) of the previous device in the daisy chain depth expan- sion mode. read expansion input ( rxia / rxib ) this is a dual purpose pin. for single device mode, see table i for additional information. rxia / rxib is connected to read expansion out ( rxoa / rxob ) of the previous device in the daisy chain depth expansion mode. outputs: full flag/input ready ( ffa / ira , ffb / irb ) this is a dual purpose pin. in idt standard mode, the full flag ( ffa / ffb ) function is selected. when the fifo is full, ff will go low, inhibiting further write operations. when ff is high, the fifo is not full. if no reads are performed after a reset, ff will go low after d writes to the fifo. d = 256 writes for the idt72v805, 512 for the idt72v815, 1,024 for the idt72v825, 2,048 for the idt72v835 and 4,096 for the idt72v845. in fwft mode, the input ready ( ira / irb ) function is selected. ir goes low when memory space is available for writing in data. when there is no longer any free space left, ir goes high, inhibiting further write operations. ir will go high after d writes to the fifo. d = 257 writes for the idt72v205lb, 513 for the idt72v215lb, 1,025 for the idt72v225lb, 2,049 for the idt72v235lb and 4,097 for the idt72v245lb. note that the additional word in fwft mode is due to the capacity of the memory plus output register. ff / ir is synchronous and updated on the rising edge of wclk. empty flag/output ready ( efa / ora , efb / orb ) this is a dual purpose pin. in the idt standard mode, the empty flag ( efa / efb ) function is selected. when the fifo is empty, ef will go low, inhibiting further read operations. when ef is high, the fifo is not empty. in fwft mode, the output ready ( ora /o rb ) function is selected. or goes low at the same time that the first word written to an empty fifo appears valid on the outputs. or stays low after the rclk low to high transition that shifts the last word from the fifo memory to the outputs. or goes high only with a true read (rclk with ren = low). the previous data stays at the outputs, indicating the last word was read. further data reads are inhibited until or goes low again. ef / or is synchronous and updated on the rising edge of rclk. programmable almost-full flag ( pafa / pafb ) the programmable almost-full flag ( pafa / pafb ) will go low when fifo reaches the almost-full condition. in idt standard mode, if no reads are performed after reset ( rs ), the paf will go low after (256-m) writes for the idt72v805, (512-m) writes for the idt72v815, (1,024-m) writes for the idt72v825, (2,048?m) writes for the idt72v835 and (4,096-m) writes for the idt72v845. the offset ?m? is defined in the full offset register. in fwft mode, if no reads are performed, paf will go low after (257- m) writes for the idt72v805, (513-m) writes for the idt72v815, (1,025-m) writes for the idt72v825, (2,049-m) writes for the idt72v835 and (4,097- m) writes for the idt72v845. the default values for m are noted in table 1 and 2. if asynchronous paf configuration is selected, the paf is asserted low on the low-to-high transition of the write clock (wclk). paf is reset to high on the low-to-high transition of the read clock (rclk). if synchronous paf configuration is selected (see table i), the paf is updated on the rising edge of wclk. programmable almost-empty flag ( paea / paeb ) the pae flag will go low when the fifo reads the almost-empty condition. in idt standard mode, pae will go low when there are n words or less in the fifo. in fwft mode, the pae will go low when there are n+1 words or less in the fifo. the offset ?n? is defined as the empty offset. the default values for n are noted in table 1 and 2. if asynchronous pae configuration is selected, the pae is asserted low on the low-to-high transition of the read clock (rclk). pae is reset to high on the low-to-high transition of the write clock (wclk). if synchronous pae configuration is selected (see table i), the pae is updated on the rising edge of rclk.
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 11 write expansion out/half-full flag ( wxoa / hfa , wxob / hfb ) this is a dual-purpose output. in the single device and width expansion mode, when write expansion in ( wxia / wxib ) and/or read expansion in ( rxia / rxib ) are grounded, this output acts as an indication of a half-full memory. after half of the memory is filled, and at the low-to-high transition of the next write cycle, the half-full flag goes low and will remain set until the difference between the write pointer and read pointer is less than or equal to one half of the total memory of the device. the half-full flag ( hfa / hfb ) is then reset to high by the low-to-high transition of the read clock (rclk). the hf is asynchronous. in the daisy chain depth expansion mode, wxi is connected to wxo of the previous device. this output acts as a signal to the next device in the daisy chain by providing a pulse when the previous device writes to the last location of memory. read expansion out ( rxoa / rxob ) in the daisy chain depth expansion configuration, read expansion in ( rxia / rxib ) is connected to read expansion out ( rxoa / rxob ) of the previous device. this output acts as a signal to the next device in the daisy chain by providing a pulse when the previous device reads from the last location of memory. data outputs (q 0 -q 17 , qb 0 -qb 17 ) q 0 -q 17 are data outputs for 18-bit wide data.
12 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges notes: 1. t skew1 is the minimum time between a rising rclk edge and a rising wclk edge to guarantee that ff will go high during the current clock cycle. if the time between the rising edge of rclk and the rising edge of wclk is less than t skew1 , then ff may not change state until the next wclk edge. 2. select this mode by setting ( fl , rxi , wxi ) = (0,0,0), (0,1,1), (1,0,0) or (1,1,1) during reset. wclk d 0 - d 17 wen ff t clk t clkh t clkl t ds t ens t dh t enh t wff t wff data in valid no operation rclk skew1 t (1) ren 4295 drw 06 notes: 1. single device mode ( fl , rxi , wxi ) = (0,0,0), (0,0,1), (0,1,0), (1,0,0), (1,0,1) or (1,1,0). fl , rxi , wxi should be static (tied to v cc or gnd). 2. the clocks (rclk, wclk) can be free-running asynchronously or coincidentally. 3. after reset, the outputs will be low if oe = 0 and tri-state if oe = 1. rs ren , wen , ld pae paf , wxo / hf , rxo t rsr q 0 - q 17 oe = 0 oe = 1 (1) 4295 drw 05 t rss configuration setting t rsr fl , rxi , wxi rclk, wclk ff / ir rsf t ef / or fwft mode idt standard mode (3) (2) rsf t rsf t rsf t rsf t t rs figure 5. reset timing (2) figure 6. write cycle timing with single register-buffered ff (idt standard mode)
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 13 no operation rclk ren ef t ens t enh valid data t olz q 0 - q 17 oe wclk wen 4295 drw 07 t clk t clkh t clkl t ref t ref t a t oe t ohz skew1 t (1) notes: 1. t skew1 is the minimum time between a rising wclk edge and a rising rclk edge to guarantee that ef will go high during the current clock cycle. if the time between the rising edge of wclk and the rising edge of rclk is less than t skew1 , then ef may not change state until the next rclk edge. 2. select this mode by setting ( fl , rxi , wxi ) = (0,0,0), (0,1,1), (1,0,0) or (1,1,1) during reset. wclk d 0 - d 17 wen rclk ef q 0 - q 17 ren t ds t ens t ref 0 12 3 d ddd 01 dd (first valid write) oe d 4 t ens 4295 drw 08 t skew1 t frl (1) t olz t oe t a t a notes: 1. when t skew1 minimum specification, t frl (maximum) = t clk + t skew1 . when t skew1 < minimum specification, t frl (maximum) = either 2*t clk + t skew1 or t clk + t skew1 . the latency timing applies only at the empty boundary ( ef = low). 2. the first word is available the cycle after ef goes high, always. 3. select this mode by setting ( fl , rxi , wxi ) = (0,0,0), (0,1,1), (1,0,0) or (1,1,1) during reset. figure 8. first data word latency with single register-buffered ef (idt standard mode) figure 7. read cycle timing with single register-buffered ef (idt standard mode)
14 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges wclk d 0 - d 17 wen rclk ef q 0 - q 17 oe t ds t ens t a t skew1 data write 1 data read t enh t ref t ds t ens data write 2 t enh t ref ren data in output register t frl (1) low 4295 drw 10 t ref t skew1 t frl (1) notes: 1. when t skew1 minimum specification, t frl (maximum) = t clk + t skew1 . when t skew1 < minimum specification, t frl (maximum) = either 2 * t clk + t skew1 , or t clk + t skew1 . the latency timing apply only at the empty boundary ( ef = low). 2. select this mode by setting ( fl , rxi , wxi ) = (0,0,0), (0,1,1), (1,0,0) or (1,1,1) during reset. notes: 1. t skew1 is the minimum time between a rising rclk edge and a rising wclk edge to guarantee that ff will go high during the current clock cycle. if the time between the rising edge of rclk and the rising edge of wclk is less than t skew1 , then ff may not change state until the next wclk edge. 2. select this mode by setting ( fl , rxi , wxi ) = (0,0,0), (0,1,1), (1,0,0) or (1,1,1) during reset. data read wclk d 0 - d 17 wen rclk ff q 0 - q 17 t a t wff data write ren t wff t enh t ens t ds t wff t ds data write next data read t a no write no write data in output register oe low t skew1 (1) t skew1 (1) t enh t ens 4295 drw 09 figure 9. single register-buffered full flag timing (idt standard mode) figure 10. single register-buffered empty flag timing (idt standard mode)
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 15 wclk t clkh t clkl t ens t enh wen pae t ens t paea n + 1 words in fifo (2) , n + 2 words in fifo (3) n words in fifo (2) , n + 1 words in fifo (3) rclk t paea ren 4295 drw 13 n words in fifo (2) , n + 1 words in fifo (3) notes: 1. n = pae offset. 2. for idt standard mode. 3. for fwft mode. 4. pae is asserted low on rclk transition and reset to high on wclk transition. 5. select this mode by setting ( fl , rxi , wxi ) = (0,0,0), (0,0,1), (0,1,0), (0,1,1) or (1,1,1) during reset. rclk t clk t ens t enh ld ren q 0 ?q 15 pae offset paf offset pae offset unknown t a t ens 4295 drw 12 t clkh t clkl wclk t clkh t clkl t clk t ens t enh ld wen d 0 ?d 15 t ds t dh pae offset paf offset d 0 ?d 11 pae offset t ens 4295 drw 11 figure 13. asynchronous programmable almost-empty flag timing (idt standard and fwft modes) figure 11. write programmable registers (idt standard and fwft modes) figure 12. read programmable registers (idt standard mode)
16 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges notes: 1. d = maximum fifo depth. in idt standard mode: d = 256 for the idt72v805, 512 for the idt72v815, 1,024 for the idt72v825, 2,048 for the idt72v835 and 4 ,096 for the idt72v845. in fwft mode: d = 257 for the idt72v805, 513 for the idt72v815, 1,025 for the idt72v825, 2,049 for the idt72v835 and 4,097 for the idt72v845. 2. for idt standard mode. 3. for fwft mode. 4. select this mode by setting ( fl , rxi , wxi ) = (0,0,0), (0,0,1), (0,1,0), (1,0,0), (1,0,1) or (1,1,0) during reset. wclk t ens t enh wen hf t ens rclk ren 4295 drw 15 d/2 words in fifo (2) , [ + 1 ] words in fifo (3) d-1 2 d/2 + 1 words in fifo (2) , [ + 2 ] words in fifo (3) d-1 2 d/2 words in fifo (2) , [ + 1 ] words in fifo (3) d-1 2 t hf t hf t clkl t clkh notes: 1. m = paf offset. 2. d = maximum fifo depth. in idt standard mode: d = 256 for the idt72v805, 512 for the idt72v815, 1,024 for the idt72v825, 2,048 for the idt72v835 and 4 ,096 for the idt72v845. in fwft mode: d = 257 for the idt72v805, 513 for the idt72v815, 1,025 for the idt72v825, 2,049 for the idt72v835 and 4,097 for the idt72v845. 3. paf is asserted to low on wclk transition and reset to high on rclk transition. 4. select this mode by setting ( fl , rxi , wxi ) = (0,0,0), (0,0,1), (0,1,0), (0,1,1) or (1,1,1) during reset. wclk t clkh t clkl t ens t enh wen paf t ens t pafa d - (m + 1) words in fifo rclk t pafa ren (1) 4295 drw 14 d - m words in fifo d - (m + 1) words in fifo figure 14. asynchronous programmable almost-full flag timing (idt standard and fwft modes) figure 15. half-full flag timing (idt standard and fwft modes)
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 17 rxi rclk t t xi xis 4295 drw 19 wxi wclk t xi t xis 4295 drw 18 note: 1. read from last physical location. rclk ren rxo note 1 4295 drw 17 t xo t xo t clkh t ens note: 1. write to last physical location. wclk wen wxo note 1 4295 drw 16 t xo t clkh t ens t xo figure 17. read expansion out timing figure 16. write expansion out timing figure 18. write expansion in timing figure 19. read expansion in timing
18 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges figure 20. write timing with synchronous programmable flags (fwft mode) w 1 w 2 w 4 w [n +2] w [d-m-1] w [d-m-2] w [d-1] w d w [n+3] w [n+4] w [d-m] w [d-m+1] wclk wen d 0 - d 17 rclk t dh t ds t ens t skew1 ren q 0 - q 17 paf hf pae ir t ds t ds t ds t skew2 t a t ref or t paes t hf t wff w [d-m+2] w 1 t enh 4295 drw 20 data in output register (2) w 3 1 2 3 1 1 d-1 2 +1 ] [ w d-1 +2 ] [ w 2 d-1 +3 ] [ w 2 t pafs notes: 1. t skew1 is the minimum time between a rising wclk edge and a rising rclk edge for or to go low after two rclk cycles plus t ref . if the time between the rising edge of wlck and the rising edge of rclk is less than t skew1 , then the or deassertion may be delayed one extra rclk cycle. 2. t skew2 is the minimum time between a rising wclk edge and a rising rclk edge for pae to go high during the current clock cycle. if the time between the rising edge of wclk and the rising edge of rclk is less tha n t skew2 , then the pae deassertion may be delayed one extra rclk cycle. 3. ld = high, oe = low 4. n = pae offset, m = paf offset, d = maximum fifo depth = 257 words for the idt72v805, 513 words for the idt72v815, 1,025 words for the idt72v825, 2,04 9 words for the idt72v835 and 4,097 words for the idt72v845. 5. select this mode by setting ( fl , rxi , wxi ) = (1,0,1) during reset.
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 19 figure 21. read timing with synchronous programmable flags (fwft mode) wclk 12 wen d 0 - d 17 rclk t ens ren q 0 - q 17 paf hf pae ir or w 1 w 1 w 2 w 3 w m+2 w [m+3] t ohz t skew1 t enh t ds t dh t oe t a t a t a t pafs t wff t wff t ens oe t skew2 w d 4295 drw 21 t paes w [d-n] w [d-n-1] t a t a t hf t ref w [d-1] w d t a w [d-n+1] w [m+4] w [d-n+2] (1) (2) 1 t ens d-1 + 1 ] [ w 2 d-1 + 2 ] [ w 2 notes: 1. t skew1 is the minimum time between a rising rclk edge and a rising wclk edge to guarantee that ir will go low after one wclk plus t wff . if the time between the rising edge of rlck and the rising edge of wclk is less than t skew1 , then the ir assertion may be delayed an extra wclk cycle. 2. t skew2 is the minimum time between a rising rclk edge and a rising wclk edge for paf to go high during the current clock cycle. if the time between the rising edge of rclk and the rising edge of wclk is less th an t skew2, then the paf deassertion time may be delayed an extra wclk cycle. 3. ld = high 4. n = pae offset, m = paf offset, d = maximum fifo depth = 257 words for the idt72v805, 513 words for the idt72v815, 1,025 words for the idt72v825, 2,04 9 words for idt72v835 and 4,097 words for idt72v845. 5. select this mode by setting ( fl , rxi , wxi ) = (1,0,1) during reset.
20 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges wclk t enh wen pae rclk ren 4295 drw 22 t ens t enh t ens n + 1 words in fifo (2) , n + 2 words in fifo (3) t skew2 t paes n words in fifo (2) , n + 1 words in fifo (3) (4) t paes n words in fifo (2) , n + 1words in fifo (3) t clkh t clkl wclk t enh wen paf rclk ren 4295 drw 23 t ens t enh t ens d - m words in fifo d -(m+1) words in fifo t skew2 (3) t pafs t pafs d-(m+1) words in fifo t clkl t clkh figure 22. synchronous programmable almost-empty flag timing (idt standard and fwft modes) notes: 1. n = pae offset. 2. for idt standard mode. 3. for fwft mode. 4. t skew2 is the minimum time between a rising wclk edge and a rising rclk edge for pae to go high during the current clock cycle. if the time between the rising edge of wclk and the rising edge of rclk is less than t skew2 , then the pae deassertion may be delayed one extra rclk cycle. 5. pae is asserted and updated on the rising edge of rclk only. 6. select this mode by setting ( fl , rxi , wxi ) = (1,0,0), (1,0,1), or (1,1,0) during reset. notes: 1. m = paf offset. 2. d = maximum fifo depth. in idt standard mode: d = 256 for the idt72v805, 512 for the idt72v815, 1,024 for the idt72v825, 2,048 for the idt72v835 and 4 ,096 for the idt72v845. in fwft mode: d = 257 for the idt72v805, 513 for the idt72v815, 1,025 for the idt72v825, 2,049 for the idt72v835 and 4,097 for the idt72v845. 3. t skew2 is the minimum time between a rising rclk edge and a rising wclk edge for paf to go high during the current clock cycle. if the time between the rising edge of rclk and the rising edge of wclk is less than t skew2 , then the paf deassertion time may be delayed an extra wclk cycle. 4. paf is asserted and updated on the rising edge of wclk only. 5. select this mode by setting ( fl , rxi , wxi ) = (1,0,0), (1,0,1), or (1,1,0) during reset. figure 23. synchronous programmable almost-full flag timing (idt standard and fwft modes)
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 21 d 0 - d 17 wen rclk ff ren t enh t enh q 0 - q 17 data read next data read data in output register low oe data write 4295 drw 24 wclk no write 1 2 1 2 t ds no write t wff t wff t wff t a t ens t ds t a wd (1) (1) t ens t skew1 t skew1 wclk d 0 - d 17 wen ff rclk ren t wff t wff datain valid no operation (1) t skew1 4295 drw 25 t enh 1 2 t clkh t clkl t clk t ds t dh t ens figure 25. write cycle timing with double register-buffered ff (idt standard mode) notes: 1. t skew1 is the minimum time between a rising rclk edge and a rising wclk edge to guarantee that ff will go high after one wclk cycle plus t wff . if the time between the rising edge of rclk and the rising edge of wclk is less than t skew1 , then the ff deassertion time may be delayed an extra wclk cycle. 2. ld = high. 3. select this mode by setting ( fl , rxi , wxi ) = (0,1,0) or (1,1,0) during reset. figure 24. double register-buffered full flag timing (idt standard mode) notes: 1. t skew1 is the minimum time between a rising rclk edge and a rising wclk edge to guarantee that ff will go high after one wclk cycle plus t rff . if the time between the rising edge of rclk and the rising edge of wclk is less than t skew1 . then the ff deassertion may be delayed an extra wclk cycle. 2. ld = high 3. select this mode by setting ( fl , rxi , wxi ) = (0,1,0) or (1,1,0) during reset.
22 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges notes: 1. t skew1 is the minimum time between a rising wclk edge and a rising rclk edge to guarantee that ef will go high after one rclk cycle plus t ref . if the time between the rising edge of wclk and the rising edge of rclk is less than t skew1 . then the ef deassertion may be delayed an extra rclk cycle. 2. ld = high 3. select this mode by setting ( fl , rxi , wxi ) = (0,1,0) or (1,1,0) during reset. figure 26. read cycle timing with double register-buffered ef (idt standard timing) no operation rclk ren ef t clkl t enh t ref last word t a t olz t oe q 0 - q 17 oe wclk (1) wen 4295 drw 26 d 0 - d 17 t ens t ens t enh t ds first word t ohz 12 t clk t clkh t ref t skew1 t dh w 1 w 2 w 4 w [n +2] w [n+3] wclk wen d 0 - d 17 rclk t dh t ds t skew1 ren q 0 - q 17 t ds t a t ref or w 1 data in output register (1) w 3 1 2 3 t enh t ref 4295 drw 27 t ens notes: 1. t skew1 is the minimum time between a rising wclk edge and a rising rclk edge for or to go high during the current cycle. if the time between the rising edge of wlck and the rising edge of rclk is less than t skew1 , then the or deassertion may be delayed one extra rclk cycle. 2. ld = high, oe = low 3. select this mode by setting ( fl , rxi , wxi ) = (0,0,1) or (1,0,1) during reset. figure 27. or flag timing and first word fall through when fifo is empty (fwft mode)
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 23 figure 29. block diagram of the two fifos contained in one idt72v805/72v815/72v825/72v835/72v845 configured for a 36-bit width expansion write clock (wclk) write enable ( wen ) read clock (rclk) read enable ( ren ) load ( ld ) output enable ( oe ) data in (d) data out (q) full flag/input ready ( ff / ir ) programmable ( pae ) half full flag ( hf ) empty flag/output ready ( ef / or ) programmable ( paf ) reset ( rs ) fifo a fifo b reset ( rs ) 36 36 18 18 18 18 ff / ir ef / or 4295 drw 29 fl wxi rxi fl wxi rxi ff / ir ef / or write clock (wclk) write enable ( wen ) read clock (rclk) read enable ( ren ) load ( ld ) output enable ( oe ) data in (d 0 - d 17 ) data out (q 0 - q 17 ) full flag/input ready ( ff / ir ) programmable ( pae ) half-full flag ( hf ) empty flag/output ready ( ef / or ) programmable ( paf ) reset ( rs ) idt 72v805 72v815 72v825 72v835 72v845 4295 drw 28 fl rxi wxi operating configurations single device configuration each of the two fifos contained in a single idt72v805/72v815/ 72v825/72v835/72v845 may be used as a stand-alone device when the application requirements are for 256/512/1,024/2,048/4,096 words or less. these fifos are in a single device configuration when the first load ( fl ), write expansion in ( wxi ) and read expansion in ( rxi ) control inputs are configured as ( fl , rxi , wxi = (0,0,0), (0,0,1), (0,1,0), (1,0,0), (1,0,1) or (1,1,0) during reset (figure 28). figure 28. block diagram of single 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, 4,096 x 18 synchronous fifo (one of the two fifos contained in the idt72v805/72v815/72v825/72v835/72v845) note: 1. do not connect any output control signals directly together. width expansion configuration word width may be increased simply by connecting together the control signals of fifo a and b. status flags can be detected from any one device. the exceptions are the empty flag/output ready and full flag/input ready. because of variations in skew between rclk and wclk, it is possible for flag assertion and deassertion to vary by one cycle between fifos. to avoid problems the user must create composite flags by gating the empty flags/output ready of every fifo, and separately gating all full flags/input ready. figure 29 demonstrates a 36-word width by using two idt72v805/72v815/72v825/72v835/72v845s. any word width can be attained by adding additional idt72v805/72v815/72v825/72v835/72v845s. these fifos are in a single device configuration when the first load ( fl ), write expansion in ( wxi ) and read expansion in ( rxi ) control inputs are configured as ( fl , rxi , wxi = (0,0,0), (0,0,1), (0,1,0), (1,0,0), (1,0,1) or (1,1,0) during reset (figure 29). please see the application note an-83.
24 idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges figure 30. block diagram of 8,192 x 18 synchronous fifo memory with programmable flags used in depth expansion configuration depth expansion configuration ? daisy chain technique (with programmable flags) these devices can easily be adapted to applications requiring more than 256/512/1,024/2,048/4,096 words of buffering. figure 30 shows depth expansion using one idt72v805/72v815/72v825/72v835/72v845s. maxi- mum depth is limited only by signal loading. follow these steps: 1. the first device must be designated by grounding the first load ( fl ) control input. 2. all other devices must have fl in the high state. 3. the write expansion out ( wxo ) pin of each device must be tied to the write expansion in ( wxi ) pin of the next device. see figure 30. 4. the read expansion out (rxo) pin of each device must be tied to the read expansion in ( rxi ) pin of the next device. see figure 30 5. all load ( ld ) pins are tied together. 6. the half-full flag ( hf ) is not available in this depth expansion configuration. 7. ef , ff , pae , and paf are created with composite flags by oring together every respective flags for monitoring. the composite pae and paf flags are not precise. 8. in daisy chain mode, the flag outputs are single register-buffered and the partial flags are in asynchronous timing mode. depth expansion configuration (fwft mode) in fwft mode, the fifos can be connected in series (the data outputs of one fifo connected to the data inputs of the next) with no external logic necessary. the resulting configuration provides a total depth equivalent to the sum of the depths associated with each single fifo. figure 31 shows a depth expansion using one idt72v805/72v815/72v825/72v835/72v845 devices. care should be taken to select fwft mode during master reset for all fifos in the depth expansion configuration. the first word written to an empty configuration will pass from one fifo to the next (?ripple down?) until it finally appears at the outputs of the last fifo in the chain?no read operation is necessary but the rclk of each fifo must be free-running. each time the data word appears at the outputs of one fifo, that device?s or line goes low, enabling a write to the next fifo in line. load write clock write enable read clock read enable output enable data in data out reset first load ( fl ) vcc wxoa wxia rxoa rxia wxob wxib rxob rxib idt72v845 ffa / ira pafa efa / ora paea pafb paeb ef pae ff paf 4295 drw 30 rclkb renb oeb wclkb wenb rsb fla rclka rena oea wclka wena rsa lda dan qan dbn qbn ldb fifo a 4,096 x 18 fifo b 4,096 x 18 ffa / ira efa / ora
idt72v805/72v815/72v825/72v835/72v845 3.3 v cmos dual syncfifo? 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18 commercial and industrial temperature ranges 25 dn input ready write enable write clock wen wclk ir data in rclk read clock rclk ren oe output enable output ready qn dn ir gnd wen wclk or ren oe qn read enable or data out transfer clock 4295 drw 31 n n n rxi hf 72v805 72v815 72v825 72v835 72v845 wxi fl v cc gnd (0,1) 72v805 72v815 72v825 72v835 72v845 rxi wxi fl v cc gnd (0,1) paf hf pae figure 31. block diagram of 512 x 18, 1,024 x 18, 2,048 x 18, 4,096 x 18, 8,192 x 18 synchronous fifo memory with programmable flags used in depth expansion configuration for an empty expansion configuration, the amount of time it takes for or of the last fifo in the chain to go low (i.e. valid data to appear on the last fifo?s outputs) after a word has been written to the first fifo is the sum of the delays for each individual fifo: (n ? 1)*(4*transfer clock) + 3*t rclk where n is the number of fifos in the expansion and t rclk is the rclk period. note that extra cycles should be added for the possibility that the t skew1 specification is not met between wclk and transfer clock, or rclk and transfer clock, for the or flag. the ?ripple down? delay is only noticeable for the first word written to an empty depth expansion configuration. there will be no delay evident for subsequent words written to the configuration. the first free location created by reading from a full depth expansion configuration will ?bubble up? from the last fifo to the previous one until it finally moves into the first fifo of the chain. each time a free location is created in one fifo of the chain, that fifo?s ir line goes low, enabling the preceding fifo to write a word to fill it. for a full expansion configuration, the amount of time it takes for ir of the first fifo in the chain to go low after a word has been read from the last fifo is the sum of the delays for each individual fifo: (n ? 1)*(3*transfer clock) + 2 t wclk where n is the number of fifos in the expansion and t wclk is the wclk period. note that extra cycles should be added for the possibility that the t skew1 specification is not met between rclk and transfer clock, or wclk and transfer clock, for the ir flag. the transfer clock line should be tied to either wclk or rclk, whichever is faster. both these actions result in data moving, as quickly as possible, to the end of the chain and free locations to the beginning of the chain.
corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 408-360-1753 san jose, ca 95138 fax: 408-284-2775 email: fifohe lp@idt.com www.idt.com 26 ordering information idt xxxxx device type x power xx speed x package x blank commercial (0 c to +70 c) industrial (-40 c to +85 c) clock cycle time (t clk ) speed in nanoseconds process / temperature range 4295 drw 32 com?l & ind?l i (1) pf thin quad flatpack (tqfp, pk128-1) 10 15 20 commercial only commercial only l low power 72v805 72v815 72v825 72v835 72v845 256 x 18 ? 3.3v dual synchronous fifo 512 x 18 ? 3.3v dual synchronous fifo 1,024 x 18 ? 3.3v dual synchronous fifo 2,048 x 18 ? 3.3v dual synchronous fifo 4,096 x 18 ? 3.3v dual synchronous fifo note: 1. industrial temperature range product for the 15ns speed grade is available as a standard device. datasheet doucument history 04/26/2001 pgs. 1, 4, 5 and 26.


▲Up To Search▲   

 
Price & Availability of V805L15PFI9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X