Part Number Hot Search : 
4SXIT STB1277 2SD18 4744A 52B17S UM5109 UMA10 C1101
Product Description
Full Text Search
 

To Download UWX1C010MCL2GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors u 1 w 2 x 3 1 4 c 5 1 6 0 7 0 8 m 9 c 10 l 11 1 12 g 13 b 14 configuration taping code size code capacitance tolerance ( 20%) rated capacitance ( 10f ) rated voltage ( 16v ) series name type d 3 4 to 8 code 2 1 1. voltage mark for 6.3v is 6v . in case of marking for 3 units, v for rated voltage is omitted. 2. in case of marking for 3 units, lot no.is expressed by a digit (month code). 0.5 to 0.8 capacitance 1 voltage 2 lot no. a2 10 16v plastic platform 0.3 max. 5.4 +0.1 0.2 d 0.5 b 0.2 c 0.2 0.5 max. a 0.2 a 0.2 e positive negative d 3 a b c e 1.5 3.3 3.3 0.8 1.8 4.3 4.3 1.0 2.1 5.3 5.3 1.3 2.4 6.6 6.6 2.2 45 (mm) 6.3 3.3 8.3 8.3 2.3 8 wx series 5.5mml chip type chip type with 5.5mm height. designed for surface mounting on high density pc board. applicable to automatic mounting machine fed with carrier tape. load life of 2000 hours at 85 c . compliant to the rohs directive (2011/65/eu). chip type type numbering system (example : 16v 10 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance resistance to soldering heat marking performance characteristics item 40 to +85c 4 to 50v 0.1 to 330f 20% at 120hz, 20 c after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a) ,whichever is greater. black print on the case top. values in ( ) applicable to wr, 3 case size. measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 85 c. shelf life after storing the capacitors under no load at 85c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20c. rated voltage (v) tan (max.) 6.3 0.26 (0.30) 10 0.20 (0.24) 16 0.16 (0.19) 25 0.14 (0.16) 35 0.12 (0.14) 50 0.12 (0.14) z 25 c / z+20c z 40 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 4 7 15 6.3 4 8 10 3 8 16 2 4 25 2 4 35 2 3 50 2 3 wx wt bi-polarized wp measurement frequency : 120hz at 20 c 4 0.35 (0.40) high temperature capacitance change leakage current tan within 20% of the initial capacitance value (within 25% for 4 v and 3,wr series units) 200 % or less than the initial specified value less than or equal to the initial specified value capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value dimension table in next page. wj high te m p reflow in the case of size 3 in ( ),parentheses, use wx in the 2nd and 3rd digit and put a in the 12th digit of type numbering system. 2 zs smaller cat.8100c
wx series dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 56 100 150 220 330 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 560 101 151 221 331 3 4 4 5 5 6.3 6.3 8 019 028 033 042 056 079 096 145 4 (3) 5 5 6.3 6.3 6.3 8 8 28 (21) 37 (34) 45 (40) 52 (46) 70 (47) 71 110 (74) 170 5 5 6.3 6.3 6.3 8 8 33 (30) 41 (34) 52 (47) 57 (50) 76 (54) 111 (76) 135 4 (3) 5 6.3 6.3 6.3 6.3 23 (18) 37 (30) 49 (44) 58 (52) 63 (57) 86 4 (3) 5 6.3 6.3 8 8 8 16 (12) 27 (24) 42 (38) 52 (46) 70 (60) 76 (65) 110 3 3 4 5 6.3 8 8 8.4 10 18 29 (24) 46 (39) 62 (53) 80 4(3) 4(3) 4(3) 4(3) 4(3) 4(3) 4 5 6.3 8 8 1.0 2.0 2.8 4.0 8.4 (8.0) 13 (10) 17 20 (18) 33 (30) 52 (43) 71 rated ripple 4 0g 6.3 0j 10 1a 16 1c 25 1e 35 1v 50 1h v code cap. (f) ( ) is also available with 3mm upon request. rated ripple current (marms) at 85 c 120hz ( ) = 3 units and wr series size 4 is available for capacitors marked. " " size 5 is available for capacitors marked. " " in such a case, will be put at 2nd and 3rd digit of type numbering system. size 6.3 is available for capacitors marked. " " r w aluminum electrolytic capacitors } in the case of size 3 in ( ),parentheses, use wx at 2nd and 3rd digit and put at the 12th digit of type numbering system. 2 case size d (mm) taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please select ur(p.154), ug(p.162) series if high c/v products are reqired. please refer to page 3 for the minimum order quantity. frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.70 1.00 1.17 1.36 1.50 cat.8100c


▲Up To Search▲   

 
Price & Availability of UWX1C010MCL2GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X