d p d 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 22 10.0 10.0 1.0 1.0 u 1 v 2 y 3 1 4 a 5 3 6 3 7 1 8 m 9 e 10 d 11 configuration capacitance tolerance (20%) rated capacitance (330f) rated voltage (10v) series name type 25 12.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 (l < 20) 1.5 (l 20) 2.0 d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd hd configuration rd 12.5 to 18 20 to 25 pressure relief vent 15 min 4 min d d + max p 0.5 (6.3up) l + max sleeve ( p.e.t. ) (mm) vy vz vk aluminum electrolytic capacitors vy series wide temperature range one rank smaller case sizes than vz series. compliant to the rohs directive (2011/65/eu). radial lead type specifications type numbering system (example : 10v 330f) category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 55 to +105?c (6.3 to 100v), 40 to +105?c (160 to 400v), 25 to +105?c (450v) 6.3 to 450v 0.1 to 68000f 20% at 120hz, 20 ?c printed with white color letter on black sleeve. after storing the capacitors under no load at 105 ?c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. rated voltage (v ) 6.3 to 100 160 to 450 after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a), whichever is greater. after 1 minute's application of rated voltage, cv < = 1000 : i = 0.1cv+40 (a) or less after 1 minute's application of rated voltage, cv > 1000 : i = 0.04cv+100 (a) or less measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 105 c. rated voltage ( v ) tan ( max. ) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 160 to 250 0.20 350 to 450 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f . measurement frequency : 120hz at 20?c leakage current tan capacitance change less than or equal to the initial specified value 200% or less than the initial specified value within 20% of the initial capacitance value please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. please refer to page 20 about the end seal configuration. smaller high temperature dimension table in next page. z 25? c / z + 20?c z 40? c / z + 20?c rated voltage ( v) impedance ratio zt / z20 (max.) 450 15 6.3 5 10 10 4 8 16 3 6 25 2 4 35 to 50 2 3 63 to 100 2 3 250 to 350 4 8 400 6 10 160 to 200 3 4 cat.8100c
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 680 101 221 331 471 102 222 332 472 682 103 153 223 333 473 683 0j 1a 1c 1e 1v 1h 1j 6 . 31 01 62 53 55 06 3 8 11.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 20 40 22 50 25 50 390 635 840 1090 1350 1650 1820 2280 2500 2780 3070 5 11 6.3 11 6.3 11 10 12.5 10 16 12.5 20 12.5 25 16 25 16 31.5 16 35.5 18 40 22 50 25 50 155 210 250 460 705 1000 1260 1570 1820 2050 2420 3210 3570 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 25 16 25 16 25 16 35.5 18 40 22 40 25 50 190 225 315 500 710 1170 1500 1600 1930 2210 2710 3450 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 25 16 25 16 25 16 35.5 18 40 22 50 25 50 125 200 275 380 610 1090 1400 1570 1850 2000 2750 3250 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 16 25 16 31.5 16 35.5 18 40 22 50 25 50 93 110 150 250 350 460 810 1260 1500 1780 2000 2650 3100 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 16 31.5 18 35.5 20 40 22 50 25 50 1.3 2.9 4.3 7 13 20 25 30 46 68 90 115 150 190 300 410 540 950 1410 1770 2100 2500 2850 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 16 10 20 12.5 20 16 25 18 35.5 20 40 22 50 25 50 case size d l (mm) 71 100 120 155 200 335 510 640 930 1650 1950 2450 2800 rated ripple cap.(f) 0.1 to 68 0 100 to 470 1000 to 68000 0.1 to 220 330 to 1000 6.3 to 100 v 160 to 450 50hz 120hz 300hz 1 khz 10 khz or more 0.75 1.00 1.35 1.57 2.00 0.80 1.00 1.23 1.34 1.50 0.85 1.00 1.10 1.13 1.15 0.80 1.00 1.25 1.40 1.60 0.90 1.00 1.10 1.13 1.15 frequency 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 680 101 221 331 471 102 222 332 2a 2c 2d 2e 2v 2g 2w 100 160 200 250 350 400 450 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 25 18 35.5 22 50 25 50 1.5 3.4 5.0 7.1 15 21 29 32 50 93 130 140 190 240 390 540 715 960 1750 2070 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 31.5 18 35.5 18 40 25 50 41 92 125 150 250 310 410 570 855 1350 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 8 11.5 10 16 10 20 12.5 20 12.5 25 16 25 16 35.5 18 40 22 40 1.5 3.3 5 11 16 25 30 35 57 105 140 195 250 320 500 675 925 6.3 11 6.3 11 10 12.5 10 20 10 20 12.5 20 16 25 16 25 18 35.5 20 40 22 50 28 35 71 105 140 190 270 310 485 710 1000 6.3 11 8 11.5 8 11.5 10 12.5 12.5 20 12.5 25 16 25 16 25 18 35.5 22 50 25 50 21 30 39 64 105 170 210 285 370 540 710 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 12.5 25 16 25 16 25 16 31.5 18 35.5 22 50 8.5 14 27 34 42 64 140 170 200 240 310 460 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 35.5 18 40 25 50 case size d l (mm) 20 28 32 56 100 125 155 185 200 250 rated ripple rated ripple current (marms) at 105?c 120hz vy series aluminum electrolytic capacitors dimensions frequency coefficient of rated ripple current cap.(f) code v cap.(f) code v cat.8100c
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: nichicon: ? uvy0j103mhd? uvy0j153mhd? uvy0j222mpd? uvy1a222mpd? uvy1a223mhd? uvy0j102mpd? uvy0j473mrd? uvy0j682mhd? uvy0j683mrd? uvy0j223mhd? uvy0j332mpd? uvy0j333mrd? uvy0j472mhd ? uvy1a331med? uvy1a332mhd? uvy1a333mrd? uvy1c221med? uvy1c222mpd? uvy1c223mrd? uvy1e103mhd? uvy1e153mrd? uvy1e221med? UVY1E221MED1TA? uvy1h100mdd? uvy1h101mpd? uvy1h3r3mdd? uvy1h470med? uvy1a102mpd? uvy1a103mhd? uvy1a153mhd? uvy1a221mdd? uvy1a682mhd? uvy1c102mpd? uvy1c103mhd? uvy1c153mhd? uvy1c682mhd? uvy1e101mdd? uvy1e101mdd1ta? uvy1e102mpd? uvy1e682mhd? uvy1h010mdd? uvy1h0r1mdd? uvy1a471med? uvy1a472mhd? uvy1a473mrd? uvy1c471mpd? uvy1c472mhd? uvy1e332mhd? uvy1e471mpd? uvy1e472mhd? uvy1h221mpd? uvy1h222mhd? uvy1h2r2mdd? uvy1c331med? uvy1c332mhd? uvy1c333mrd? uvy1e222mhd? uvy1e223mrd? uvy1e331mpd? uvy1h102mhd? uvy1h103mrd? uvy1h220mdd? uvy1h471mpd? uvy1h472mrd? uvy1h4r7mdd? uvy1j101mpd? uvy1j102mhd? uvy1j220mdd? uvy1j682mrd? uvy1v101med? uvy1v472mhd? uvy1v680med? uvy1v682mhd? uvy2a2r2mdd? uvy2a330mpd? uvy2a331mhd? uvy1h330mdd? uvy1h331mpd? uvy1h332mhd? uvy1hr33mdd? uvy1hr47mdd? uvy1j471mhd? uvy1j472mrd? uvy1j680mpd? uvy1v470mdd? uvy1v471mpd? uvy1h680med? uvy1h682mrd? uvy1hr22mdd? uvy1j331mpd? uvy1j332mrd? uvy1j470med? uvy1v222mhd? uvy1v331mpd? uvy1v332mhd? uvy2a100mdd? uvy2a101mpd? uvy2a102mhd? uvy1j221mpd? uvy1j222mhd
|