Part Number Hot Search : 
OP213FP ON1453 SK32A1 L6375STR MC74HC20 MT7D5 2N695 DS4125
Product Description
Full Text Search
 

To Download UHE1A562MHD3CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  performance characteristics ltem aluminum electrolytic capacitors he series miniature sized, low impedance,high reliability low impedance and high reliability withstanding 4000 hours to 10000 hours. compliant to the rohs directive (2011/65/eu). specifications approved by reliability center for electronic component, japan-certification no. rcj-03-23c please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. radial lead type type numbering system (example : 10v 1000f) u 1 h 2 e 3 1 4 a 5 1 6 0 7 2 8 m 9 p 10 d 11 12 capacitance tolerance ( 20%) size code rated capacitance (1000f) rated voltage (10v) configuration series name type (mm) d p d 10 5.0 0.6 5 2.0 0.5 12.5 5.0 16 7.5 0.6 0.8 18 7.5 0.8 6.3 2.5 0.5 0.6 8 3.5 in case l > 25 for the 12.5 dia. unit, lead dia. d = 0.8mm (l < 20) 1.5 (l 20) 2.0 pressurerelief vent (6.3up) d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd 12.5 to 18 hd configuration 15 min 4 min d + 0.5 max. d sleeve (p.e.t.) l + max. p 0.5 0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08 category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance 40 to +105?c 6.3 to 100v 0.47 to 18000f 20% at 120hz, 20 ?c after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a), whichever is greater. rated voltage (v) rated voltage (v) case size d < = 6.3 d = 8 , 10 d > = 12.5 tan (max.) for capacitance of more than 1000f, add 0.02 for every increase of 1000f. z 25?c / z+20?c 6.3 to 10wv 4000 hours 6000 hours 8000 hours 5000 hours 7000 hours 10000 hours z 40?c / z+20?c 16 to 100wv impedance ratio zt / z20 (max.) rated voltage (v) 6.3101625355063100 43222222 86433333 6.3101625355063100 the following specifications shall be met when the capacitors are restored to 20 ?c after d.c. bias plus rated ripple current is applied at 105 ?c , the peak voltage shall not exceed the rated voltage. marking printed with white color letter on black sleeve. capacitance change within 25% of the initial capacitance value tan 200% or less than the initial specified value leakage current less than or equal to the initial specified value 120hz 20?c 120hz he hd 0.47 to 33 39 to 330 390 to 1000 1200 to 18000 0.55 0.70 0.75 0.80 50hz 120hz 300hz 1khz 0.45 0.60 0.65 0.75 0.70 0.85 0.90 0.95 0.90 0.95 0.98 1.00 10khz or more 1.00 1.00 1.00 1.00 cap. (f) frequency frequency coefficient of rated ripple current dimension table in next page. long life please refer to page 20 about the end seal configuration. cat.8100c
aluminum electrolytic capacitors he series 100 150 220 330 470 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 101 151 221 331 471 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 183 5 11 6.3 11 8 11.5 10 12.5 8 15 8 20 10 16 10 20 12.5 15 10 25 10 31.5 16 15 12.5 20 12.5 25 18 15 12.5 31.5 12.5 35.5 16 20 12.5 40 16 25 18 20 16 31.5 16 35.5 18 25 16 40 18 31.5 18 35.5 18 40 0.58 0.22 0.13 0.080 0.087 0.069 0.060 0.046 0.049 0.042 0.031 0.042 0.035 0.027 0.043 0.024 0.020 0.027 0.017 0.021 0.026 0.017 0.015 0.019 0.013 0.015 0.014 0.012 2.3 0.87 0.52 0.32 0.35 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.089 0.11 0.078 0.065 0.078 0.056 0.060 0.067 0.050 0.044 0.049 0.038 0.040 0.038 0.032 210 340 640 865 840 1050 1210 1400 1450 1650 1910 1940 1900 2230 2210 2650 2880 2530 3350 2930 2860 3450 3610 3140 4080 4170 4220 4280 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 15 10 31.5 12.5 20 16 15 18 15 12.5 25 12.5 31.5 16 20 12.5 35.5 12.5 40 16 25 18 20 16 31.5 18 25 16 35.5 18 31.5 16 40 18 35.5 18 40 0.58 0.22 0.13 0.087 0.080 0.069 0.060 0.046 0.042 0.049 0.031 0.035 0.042 0.043 0.027 0.024 0.027 0.020 0.017 0.021 0.026 0.017 0.019 0.015 0.015 0.013 0.014 0.012 2.3 0.87 0.52 0.35 0.32 0.27 0.24 0.18 0.17 0.16 0.12 0.12 0.12 0.11 0.089 0.078 0.078 0.065 0.056 0.060 0.067 0.050 0.049 0.044 0.040 0.038 0.038 0.032 210 340 640 840 865 1050 1210 1400 1650 1450 1910 1900 1940 2210 2230 2650 2530 2880 3350 2930 2860 3450 3140 3610 4170 4080 4220 4280 case size d l (mm) rated ripple (marms) 105?c / 100khz 20?c / 100khz 10?c / 100khz impedance (?) max. 6.3 (0j) case size d l (mm) rated ripple (marms) 105?c / 100khz 20?c / 100khz 10?c / 100khz impedance (?) max. 10 (1a) v (code) item cap.( f) : in this case, 6 will be put at 12th digit of type numbering system. : in this case, 3 will be put at 12th digit of type numbering system. code standard ratings cat.8100c
aluminum electrolytic capacitors he series 47 56 100 120 220 330 470 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 470 560 101 121 221 331 471 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 12.5 15 10 25 10 31.5 12.5 20 16 15 12.5 25 18 15 12.5 31.5 16 20 12.5 35.5 12.5 40 16 25 16 20 16 31.5 18 25 16 35.5 18 31.5 16 40 18 35.5 18 40 0.58 0.22 0.13 0.087 0.080 0.069 0.060 0.046 0.049 0.042 0.031 0.035 0.042 0.027 0.043 0.024 0.027 0.020 0.017 0.021 0.026 0.017 0.019 0.015 0.015 0.013 0.014 0.012 2.3 0.87 0.52 0.35 0.32 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.089 0.11 0.078 0.078 0.065 0.056 0.060 0.067 0.050 0.049 0.044 0.040 0.038 0.038 0.032 210 340 640 840 865 1050 1210 1400 1450 1650 1910 1900 1940 2230 2210 2650 2530 2880 3350 2930 2860 3450 3140 3610 4170 4080 4220 4280 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 12.5 15 10 25 10 31.5 12.5 20 16 15 18 15 12.5 25 12.5 31.5 16 20 12.5 35.5 18 20 12.5 40 16 25 16 31.5 18 25 16 35.5 18 31.5 16 40 18 35.5 18 40 0.58 0.22 0.13 0.087 0.080 0.069 0.06 0.046 0.049 0.042 0.031 0.035 0.042 0.043 0.027 0.024 0.027 0.020 0.026 0.017 0.021 0.017 0.019 0.015 0.015 0.013 0.014 0.012 2.3 0.87 0.52 0.35 0.32 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.11 0.089 0.078 0.078 0.065 0.067 0.056 0.060 0.050 0.049 0.044 0.040 0.038 0.038 0.032 210 340 640 840 865 1050 1210 1400 1450 1650 1910 1900 1940 2210 2230 2650 2530 2880 2860 3350 2930 3450 3140 3610 4170 4080 4220 4280 case size d l (mm) rated ripple (marms) 105?c / 100khz 20?c / 100khz 10?c / 100khz impedance (?) max. 16 (1c) case size d l (mm) rated ripple (marms) 105?c / 100khz 20?c / 100khz 10?c / 100khz impedance (?) max. 25 (1e) v (code) item code cap.( f) : in this case, 6 will be put at 12th digit of type numbering system. : in this case, 3 will be put at 12th digit of type numbering system. standard ratings cat.8100c
case size d l (mm) rated ripple (marms) 105?c / 100khz 20?c / 100khz 10?c / 100khz impedance (?) max. 35 (1v) case size d l (mm) rated ripple (marms) 105?c / 100khz 20?c / 100khz 10?c / 100khz impedance (?) max. 50 (1h) standard ratings v (code) item code cap.( f) : in this case, 6 will be put at 12th digit of type numbering system. : in this case, 3 will be put at 12th digit of type numbering system. 0.47 1 2.2 3.3 4.7 10 22 33 47 56 100 120 150 180 220 270 330 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 r47 010 2r2 3r3 4r7 100 220 330 470 560 101 121 151 181 221 271 331 471 561 681 821 102 122 152 182 222 272 332 392 5 11 6.3 11 6.3 11 8 11.5 8 11.5 8 15 10 12.5 8 20 10 16 10 20 12.5 15 10 25 10 31.5 12.5 20 16 15 12.5 25 18 15 12.5 31.5 16 20 12.5 35.5 12.5 40 16 25 18 20 16 31.5 18 25 16 35.5 18 31.5 16 40 18 35.5 18 40 0.58 0.22 0.22 0.13 0.13 0.087 0.080 0.069 0.060 0.046 0.049 0.042 0.031 0.035 0.042 0.027 0.043 0.024 0.027 0.020 0.017 0.021 0.026 0.017 0.019 0.015 0.015 0.013 0.014 0.012 2.3 0.87 0.87 0.52 0.52 0.35 0.32 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.089 0.11 0.078 0.078 0.065 0.056 0.060 0.067 0.050 0.049 0.044 0.040 0.038 0.038 0.032 210 250 340 640 640 840 865 1050 1210 1400 1450 1650 1910 1900 1940 2230 2210 2650 2530 2880 3350 2930 2860 3450 3140 3610 4170 4080 4220 4280 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 12.5 15 10 25 10 20 10 31.5 12.5 20 16 15 12.5 25 18 15 12.5 31.5 12.5 35.5 16 20 12.5 40 16 25 18 20 16 31.5 18 25 16 35.5 16 40 18 31.5 18 35.5 18 40 5.5 4 2.5 2.2 1.9 1.5 0.70 0.30 0.30 0.30 0.17 0.12 0.12 0.091 0.084 0.060 0.061 0.055 0.060 0.043 0.045 0.055 0.034 0.054 0.030 0.025 0.034 0.021 0.025 0.036 0.022 0.026 0.019 0.016 0.021 0.017 0.014 22 16 10 8.8 7.6 6 2.8 1.2 1.2 1.2 0.68 0.48 0.48 0.36 0.34 0.24 0.20 0.22 0.24 0.17 0.15 0.17 0.11 0.15 0.10 0.083 0.10 0.069 0.075 0.097 0.066 0.070 0.057 0.048 0.057 0.046 0.038 17 30 43 53 88 100 180 295 295 295 555 730 760 910 1050 1220 1260 1440 1220 1690 1660 1690 1950 1930 2310 2510 2210 2920 2555 2490 3010 2740 3150 3710 3635 3680 3800 aluminum electrolytic capacitors he series cat.8100c
6.8 15 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 6r8 150 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 5 11 6.3 11 8 11.5 8 11.5 8 15 10 12.5 8 20 10 16 10 20 12.5 15 10 25 10 31.5 12.5 20 16 15 12.5 25 18 15 12.5 31.5 16 20 12.5 35.5 16 25 12.5 40 18 20 16 31.5 18 25 16 35.5 18 31.5 16 40 18 35.5 18 40 2.3 1.2 0.63 0.63 0.45 0.43 0.33 0.31 0.21 0.23 0.20 0.15 0.16 0.14 0.12 0.12 0.10 0.091 0.083 0.073 0.071 0.080 0.054 0.057 0.045 0.047 0.040 0.040 0.036 9.3 5.0 2.8 2.8 2.1 1.8 1.6 1.5 0.94 1.1 0.84 0.71 0.64 0.66 0.45 0.50 0.42 0.38 0.35 0.27 0.30 0.30 0.20 0.21 0.17 0.17 0.15 0.15 0.13 62 126 260 260 335 325 408 400 518 527 595 740 765 895 875 1030 1010 1130 1140 1350 1280 1300 1650 1560 1900 1720 2130 1890 2470 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 12.5 15 10 25 12.5 20 10 31.5 12.5 20 16 15 12.5 25 18 15 12.5 31.5 16 20 12.5 35.5 16 25 12.5 40 18 20 16 31.5 18 25 16 35.5 18 31.5 16 40 18 35.5 18 40 2.3 1.2 0.63 0.45 0.43 0.33 0.31 0.21 0.23 0.20 0.20 0.15 0.16 0.14 0.12 0.12 0.10 0.091 0.083 0.073 0.071 0.080 0.054 0.057 0.045 0.047 0.040 0.040 0.036 9.3 5.0 2.8 2.1 1.8 1.6 1.5 0.94 1.1 0.84 0.84 0.71 0.64 0.66 0.45 0.50 0.42 0.38 0.35 0.27 0.30 0.30 0.20 0.21 0.17 0.17 0.15 0.15 0.13 62 126 260 335 325 408 400 518 527 595 740 740 765 895 875 1030 1010 1130 1140 1350 1280 1300 1650 1560 1900 1720 2130 1890 2470 case size d l (mm) rated ripple (marms) 105?c / 100khz 20?c / 100khz 10?c / 100khz impedance (?) max. 63 (1j) case size d l (mm) rated ripple (marms) 105?c / 100khz 20?c / 100khz 10?c / 100khz impedance (?) max. 100 (2a) standard ratings v (code) item code cap.( f) : in this case, 6 will be put at 12th digit of type numbering system. : in this case, 3 will be put at 12th digit of type numbering system. aluminum electrolytic capacitors he series cat.8100c
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: nichicon: ? uhe0j152mpd? uhe0j153mhd? uhe0j182mhd? uhe0j122mpd? uhe0j102mpd? uhe0j103mhd? uhe0j103mhd6? uhe0j183mhd? uhe0j222mpd? uhe0j272mhd? uhe0j472mhd? uhe0j562mhd? uhe0j562mhd6? uhe0j681mpd? uhe1a103mhd? uhe1a103mhd6? uhe1a122mpd? uhe1a332mhd? uhe1a392mhd? uhe1a471mpd? uhe1a822mhd? uhe1a822mhd6? uhe1c102mhd6? uhe0j123mhd? uhe0j123mhd6? uhe0j151mdd? uhe0j332mhd? uhe0j392mhd? uhe0j392mhd6? uhe1a101mdd? uhe1a101mdd1td? uhe1a102mpd? uhe1a102mpd6? uhe1a222mpd? uhe1a272mhd? uhe0j272mpd6? uhe0j331med? uhe0j821mpd? uhe0j822mhd? uhe1a221med? uhe1a222mhd3? uhe1a681mpd? uhe1a681mpd6? uhe0j682mhd? uhe1a123mhd? uhe1a152mhd6? uhe1a152mpd? uhe1a472mhd? uhe1a562mhd? uhe1a562mhd3? UHE1A562MHD3CC? uhe1a562mhd6? uhe1c102mpd? uhe1c103mhd? uhe1c121med? uhe1c272mhd? uhe1c272mhd6? uhe1c331mpd? uhe1c560mdd? uhe1c562mhd? uhe1c562mhd6? uhe1e152mhd? uhe1e182mhd? uhe1e182mhd6? uhe1e392mhd? uhe1e392mhd6? uhe1a682mhd? uhe1a682mhd6? uhe1c152mpd? uhe1c222mhd? uhe1c222mhd6? uhe1c472mhd? uhe1c472mhd6? uhe1e102mhd3? uhe1e102mhd6? uhe1e102mpd? uhe1e122mhd? uhe1c122mpd? uhe1c152mhd3? uhe1c152mhd6? uhe1c471mpd? uhe1c471mpd6? uhe1c822mhd? uhe1e101med? uhe1e101med1td? uhe1e272mhd? uhe1c332mhd? uhe1c392mhd? uhe1c392mhd3? uhe1c392mhd6? uhe1c681mpd? uhe1c681mpd6? uhe1c682mhd? uhe1e221mpd? uhe1e221mpd1ta? uhe1e221mpd1td? uhe1e222mhd? uhe1e222mhd6? uhe1e470mdd? uhe1e470mdd1td


▲Up To Search▲   

 
Price & Availability of UHE1A562MHD3CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X