Part Number Hot Search : 
T1200 P5N60 2SC560 M155N USD750C ES8380 BYV26A 5R190
Product Description
Full Text Search
 

To Download TXC3XGHI2C00020G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s0369. rev.02. (web) 2014-02-10 pb txc3xghi2x the txc3xghi2x cwdm xfp multi-rate fber optic transceivers with digital diagnostics monitoring functionality provide a quick and reliable interface for 10gbps cwdm applications. the diagnostic functions, alarm and warning features as described in the xfp multi-source agreement (msa) are provided via standard i 2 c serial interface. the transceivers are designed to support the xfp multi-source agreement, and multiple data rates from 9.95gb/s to 11.09gb/s for oc-192, 10g ethernet, 10g fiber channel and fec applications. each transceiver utilizes an electro-absorption modulated laser with an operating wavelength selectable to itu-t standards covering cwdm grid wavelengths. they satisfy class i laser safety requirements in accordance with the u.s. fda/cdrh and international iec-60825 standards. the transceivers connect to standard 30-pad xfp connectors for hot plug capability. this allows the system designer to make confguration changes or maintenance by simply plugging in diferent types of transceivers without removing the power supply from the host system. the transmitter and receiver data interfaces are ac coupled current mode logic (cml). lv-ttl transmitter disable control input and loss of signal output interfaces are also provided. the transceivers operate from +3.3v and +5.0v power supplies over a operating case temperature range of -5c to +70c (commercial), -5c to +85c (extended), or -40c to +85c (industrial). the housing is made of metal for emi immunity. product description ? lead free design & fully rohs compliant ? compliant with xfp msa ? compliant with oc-192/stm-64 ? compliant with itu-t g.709 ? support 10g ethernet applications ? support 10g fiber channel applications ? compatible with itu-t g.695 ? digital diagnostics monitoring ? temperature-stabilized eml transmitter ? low power consumption ? wide case operating temperature range ? distance up to 40km with g.652 fiber features parameter symbol minimum maximum units storage temperature range t st - 40 + 85 c case operating temperature 1 commercial t op - 5 + 70 c extended - 5 + 85 industrial - 40 + 85 supply voltage v cc 3 - 0.2 + 3.6 v v cc 5 - 0.2 + 6.0 operating relative humidity 2 rh 0 85 % input voltage v in 0 v cc v 1 case temperature is measured on top side of xfp module. 2 non condensing absolute maximum ratings multi-rate 10-gigabit cwdm 40km xfp transceivers with digital diagnostics
oplink communications, inc s0369. rev.02. (web) 2014-02-10 2 txc3xghi2x oplink communications, inc. this product complies with 21 cfr 1040.10 and 1040.11 meets class i laser safety requirements laser safety: all transceivers are class 1 laser products per fda/cdrh and iec-60825 standards. they must be operated under specifed operating conditions. transmitter performance characteristics (over operating case temperature range) parameter symbol minimum typical maximum units operating data rate b 9.95 - 11.09 gb/s average optical output power (50% duty cycle) p o - 1.0 - + 3.0 dbm transmitter off power p off - - - 45.0 dbm extinction ratio @ 9.95gb/s to 10.7gb/s er 8.2 - - db center wavelength 1 see ordering information table nm spectral width ? - - 1.0 nm side mode suppression ratio smsr 30 - - db relative intensity noise rin - - - 130 db/hz refectance tolerance ref t - - - 27 db jitter generation 2 20 khz C 80 mhz jg 20 - - 0.3 ui pp 4 mhz C 80 mhz jg 4m - - 0.1 ui pp dispersion penalty dp - - 2.5 db optical output eye compliant with gr253-core, ieee 803.3ae , and itu-t g.959 1 maximum wavelength deviation: +/-6.5nm 2 jiter generation is compliant with gr-253 and g.8251. receiver performance characteristics parameter symbol minimum typical maximum units operating data rate b 9.95 - 11.09 gb/s wavelength of operation 1450 - 1620 nm receiver sensitivity (1471~1551nm) @ 9.95gb/s (10 -12 ber) p min - - - 16.0 dbm @ 11.09gb/s (10 -4 ber) - - - 19.0 receiver sensitivity (1571~1611nm) @ 9.95gb/s (10 -12 ber) p min - - - 14.0 dbm @ 11.09gb/s (10 -4 ber) - - - 17.0 maximum input power (10 -12 ber) p max + 0.5 - - dbm los thresholds increasing light input p los+ - - - 19.0 dbm decreasing light input p los- - 28.0 - - los hysteresis - 0.5 - - db receiver refectance - - - - 27 db (over operating case temperature range)
oplink communications, inc 3 s0369. rev.02. (web) 2014-02-10 txc3xghi2x xfp transceiver electrical pad layout host board connector pad layout 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 bottom of xfp boar d (as viewed thru top of board) t op of xfp boar d gnd rx_l os mod_nr mod_ab s sd a scl v cc 3 v cc 3 gnd v cc 5 tx _ dis in terrup t mod_dese l v ee 5 gnd gnd td+ td - gnd gnd refclk - refclk+ gnd v cc 2 tp_down/rs v cc 2 gnd rd+ rd - gnd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 gnd interrupt v cc 3 sda mod_abs gnd gnd tx_dis rx_los mod_nr scl v cc 3 v cc 5 mod_desel v ee 5 gnd v cc 2 gnd refclk+ gnd p_down/rst rd- gnd td- gnd refclk- td+ rd+ v cc 2 gnd to ward bezel to ward asic electrical power supply characteristics (over operating case temperature range) parameter symbol minimum typical maximum units power supply voltage v cc 3 3.13 3.3 3.47 v v cc 5 4.75 5.0 5.25 supply current i cc 3 - - 750 ma i cc 5 - - 500 power dissipation pw - 2 3.5 w p_down power dissipation pdw - - 1.5 w electrical interface (over operating case temperature range) parameter symbol minimum typical maximum units diferential impedance z d - 100 - diferential input voltage swing v pp, dif_in 120 - 820 mv diferential output voltage swing v pp, dif_out 340 550 850 mv output rise/fall time (20 to 80%) t r /t f 24 - - ps tx_dis, p_down/rst v il - 0.3 - 0.8 v v ih 2.0 - v cc + 0.3 xfp interrupt, mod_nr, rx_los v ol 0 - 0.4 v v oh host_v cc - 0.5 - host_v cc + 0.3
oplink communications, inc 4 s0369. rev.02. (web) 2014-02-10 txc3xghi2x module pin description pin logic symbol description 1 - gnd module ground 2 - v ee 5 optional -5.2v power supply (not required) 3 lvttl-i mod_desel module de-select; when held low allows module to respond to 2-wire serial interface 4 lvt tl-o interrupt interrupt; indicates presence of an important condition which can be read over the 2-wire serial interface 5 lvttl-i tx_dis transmitter disable; turns of transmitter laser output 6 - v cc 5 +5v power supply 7 - gnd module ground 8 - v cc 3 +3.3v power supply 9 - v cc 3 +3.3v power supply 10 lvttl-i/o scl 2-wire serial interface clock 11 lvttl-i/o sda 2-wire serial interface data line 12 lvt tl-o mod_abs indicates module is not present. grounded in the module 13 lvt tl-o mod_nr module not ready; indicating module operational fault 14 lvt tl-o rx_los receiver loss of signal indicator 15 - gnd module ground 16 - gnd module ground 17 cml-o rd- receiver inverted data output 18 cml-o rd+ receiver non-inverted data output 19 - gnd module ground 20 - v cc 2 not used 21 lvttl-i p_down/rst power down; when high, requires the module to limit power consumption to 1.5w or below. 2-wire serial interface must be functional in the low power mode. reset; the falling edge initiates a complete reset of the module including the 2-wire serial interface, equivalent to a power cycle. 22 - v cc 2 not used 23 - gnd module ground 24 pecl-i refclk+ reference clock non-inverted input (not required) 25 pecl-i refclk- reference clock inverted input (not required) 26 - gnd module ground 27 - gnd module ground 28 cml-i td- transmitter inverted data input 29 cml-i td+ transmitter non-inverted data input 30 - gnd module ground
oplink communications, inc 5 s0369. rev.02. (web) 2014-02-10 txc3xghi2x application notes electrical interface: all signal interfaces are compliant with the xfp msa specifcation. the high speed data interface is diferential ac-coupled internally and can be directly connected to a 3.3v serdes ic. rx_los: the loss of signal circuit monitors the level of the incoming optical signal and generates a logic high when an insufcient photocurrent is produced. tx_dis: when the tx disable pin is at logic high, the transmitter optical output is disabled. (less than -45dbm). p_down: the power down function pin, when held high by the host, places the module in the standby (low power) mode with a maximum power dissipation of 1.5w. this protects hosts which are not capable of cooling higher power modules which may be accidentally inserted. the modules 2-wire serial interface and all laser safety functions must be fully functional in this low power mode. during p_down, the module shall still support the completion of reset interrupt, as well as maintain functionality of the variable power supply. mod_nr: the mod_nr is an output pin that when high, indicates that the module has detected a condition that renders transmitter and or receiver data invalid, shall consist of logical or of the following signals: ? transmit signal conditioner loss of lock ? transmitter laser fault ? receiver signal conditioner loss of lock other conditions deemed valuable to the detection of fault may be added to the mod_nr. the mod_nr output pin is an open collector and must be pulled to host_vcc on the host board. p_down/rst: the negative edge of reset function signal initiates a complete module reset. module behavior during p_down and rst: during execution of a reset (t_init) or while held in power down mode, a module may be unable to determine the correct value for mod_nr and rx_los. these outputs as well as all interrupt related fags, except completion of reset fag, shall be disregarded by the host. when the module completes a reset and is not in power down mode, the module must represent the correct value of both signals on its outputs before posting a completion of reset interrupt to the host. at no time shall a module cause spurious assertion of the interrupt pin. when a host initially applies power to a module with the p_down/rst signal asserted, a module comes up in power down mode. the module shall only assert the interrupt signal pin to inform the host it has completed a reset. the completion of reset fag shall be the only interrupt source fag set during power down mode. the host is expected to clear this interrupt before releasing the module from the power down mode. the transition from power down mode to normal mode will trigger a reset of the module and result in a 2nd module reset and a 2nd reset completion interrupt to the host. power supply and grounding: the power supply line should be well-fltered. all 0.1f power supply bypass capacitors should be as close to the transceiver module as possible. host board termination & coupling r: 4.7 to 10k all caps are in units of f 50 line 50 line 50 line 50 line td - td + rd + rd - as ic / serde s cm l in pu ts cm l ou tp ut s +3 .3 v +3 .3 v +3 .3 v sc l, sd a, mod_abs, mo d_nr , r r r xfp inte rr upt, rx _l os 6 + +5 .0 v + +3.3 v 8, 9 1h coil or fe rr it e in du ctor 1h coil or fe rr it e in du ctor 0.1 10 0. 1 0.1 10 0. 1
oplink communications, inc 6 s0369. rev.02. (web) 2014-02-10 txc3xghi2x dimension in millimeters notes: unless otherwise specified package outline
oplink communications, inc. reserves the right to make changes in equipment design or specifcations without notice. information supplied by oplink commu - nications, inc. is believed to be accurate and reliable. however, no responsibility is assumed by oplink communications, inc. for its use nor for any infringements of third parties, which may result from its use. no license is granted by implication or otherwise under any patent right of oplink communications, inc. ? 2014, oplink communications, inc. 46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com 7 txc3xghi2x s0369. rev.02. (web) 2014-02-10 ordering information oplink part number operating temperature center wavelength distance latch color txc3xghi2c00010g - 5c to +70c commercial 1471nm 40km red TXC3XGHI2C00020G - 5c to +70c commercial 1491nm 40km red txc3xghi2c00030g - 5c to +70c commercial 1511nm 40km red txc3xghi2c00040g - 5c to +70c commercial 1531nm 40km red txc3xghi2c00050g - 5c to +70c commercial 1551nm 40km red txc3xghi2c00060g - 5c to +70c commercial 1571nm 40km red txc3xghi2c00070g - 5c to +70c commercial 1591nm 40km red txc3xghi2c00080g - 5c to +70c commercial 1611nm 40km red txc3xghi2e00010g - 5c to +85c extended 1471nm 40km red txc3xghi2e00020g - 5c to +85c extended 1491nm 40km red txc3xghi2e00030g - 5c to +85c extended 1511nm 40km red txc3xghi2e00040g - 5c to +85c extended 1531nm 40km red txc3xghi2e00050g - 5c to +85c extended 1551nm 40km red txc3xghi2e00060g - 5c to +85c extended 1571nm 40km red txc3xghi2e00070g - 5c to +85c extended 1591nm 40km red txc3xghi2e00080g - 5c to +85c extended 1611nm 40km red txc3xghi2i00010g - 40c to +85c industrial 1471nm 40km red txc3xghi2i00020g - 40c to +85c industrial 1491nm 40km red txc3xghi2i00030g - 40c to +85c industrial 1511nm 40km red txc3xghi2i00040g - 40c to +85c industrial 1531nm 40km red txc3xghi2i00050g - 40c to +85c industrial 1551nm 40km red txc3xghi2i00060g - 40c to +85c industrial 1571nm 40km red txc3xghi2i00070g - 40c to +85c industrial 1591nm 40km red txc3xghi2i00080g - 40c to +85c industrial 1611nm 40km red


▲Up To Search▲   

 
Price & Availability of TXC3XGHI2C00020G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X