Part Number Hot Search : 
64T1280 1344178 IRF634NL BZX2C30V LVG25030 BK2C5 KRA521T RN2912FS
Product Description
Full Text Search
 

To Download TSRN1-0525SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 4 dc/dc converters tsrn-1sm series, 1 a switching regulator features compact smd package suitable for positive & negative output circuit adjustable output voltage wide input up to 42 vdc remote on/off input built in flter capacitors operation temp. range C40c to +85c no heat-sink required over-temperature protection short circuit protection excellent line / load regulation low standby current moisture sensitivity level (msl) 1 qualifed for leadfree refow solder process 3-year product warranty the new tsrn-1sm series are step-down nonCisolated switching regulators in com - pact smd package. they are an ideal solution to replace ineffcient linear regula - tors. the high effciency up to 95 % allows full load operation up to +55c (+85c with derating) ambient temperature without the need of forced aircooling. the tsrn-1sn switching regulators provide other signifcant features over linear regulators, i.e. better output accuracy (2 %), lower standby current of ~4 ma and no requirement of external capacitors. they are suitable for positive or negative output circuits and offer a trim input for output voltage adjustment. the high ef - fciency, low standby power consumption and remote on/off function make these regulators an ideal solution for energy sensitive applications. order code 1) input voltage output voltage output current effciency typ. range 2) / (nominal) nominal trim range 3) max. @ vin min. @ vin 36vdc positive output circuit tsrn 1-0525sm 3.0 C 5.5 vdc (5 vdc) 2.5 vdc 1.2 C 3.6 vdc 95.5 % 95 % (at 5.5vdc) tsrn 1-2433sm 4.6 C 42 vdc (12 v d c ) 3.3 vdc 1.5 C 5.5 vdc 8 7. 5 % 80 % tsrn 1-2450sm 6.5 C 42 vdc (12 v d c ) 5.0 vdc 2.5 C 8.0 vdc 91.5 % 83.5 % tsrn 1-2490sm 10.5 C 42 vdc (12 v d c ) 9.0 v d c 4.5 C 12.6 vdc 1.0 a 94.5 % 89 % tsrn 1-24120sm 13.5 C 42 vdc (24 vdc) 12 vd c 4.5 C 13.5 vdc 95.0 % 91 % tsrn 1-24150sm 16.5 C 42 vdc (24 vdc) 15 vd c 4.5 C 15.5 vdc 95.5 % 92.5 % negative output circuit tsrn 1-2433sm 4.6 C 32 vdc (12 v d c ) -3.3 vdc -1.5 C -5.5 vdc 0.6 a 74 % 77 % tsrn 1-2450sm 4.6 C 31 vdc (12 v d c ) -5.0 vdc -2.5 C -8.0 vdc 0.4 a 80 % 78 % tsrn 1-2490sm 7 C 27 vdc (12 v d c ) -9.0 v d c -4.5 C -12.6 vdc 0.3 a 85 % 82 % tsrn 1-24120sm 7 C 24 vdc (12 v d c ) -12 vd c -4.5 C -13.5 vdc 0.3 a 84 % 86 % tsrn 1-24150sm 7 C 21 vdc (12 v d c ) -15 vd c -4.5 C -15.5 vdc 0.2 a 85 % 84 % models 1) same order code for positive and negative output operation, see page 3 for circuits. 2) for input voltage higher 36 vdc an input capacitor 22 f/ 50 v is required. 3) for positive output circuit, input voltage must be higher than output voltage set: >0.5 v for TSRN1-0525SM and >1.5 v for other models. for negative output circuit, input voltage plus absolute output voltage set must not exceed 36 vdc (vin + |vout| < 36 vdc) http://www.tracopower.com
input specifications no load input current C positive output circuit tsrn 1- 0525sm: 6 ma typ. tsrn 1-2433sm : 1.5 ma typ. other models: 4 ma typ. C negative output circuit -3.3 / -5.5 vout models: 3 ma typ. -9.0 / -12 vout models: 7 ma typ. tsrn 1-24150sm : 10 ma typ. reflected ripple current 100 ma typ. input filter internal capacitors output specifications voltage set accuracy 2 % (at full load) regulation C input variation 0.2 % C load variation 0 C 100 % 0.6 % C load variation 10 C 90 % 0.3 % startup voltage overshoot 1.0 % max. minimum load not required ripple and noise C |vout| = 1.2v C 8v 50 mvpk-pk max . (20 mhz bandwidth) C |vout| = 8.1v C 15v 75 mvpk-pk max . temperature coefficient 0.015 % / c max. dynamic load response (change of 50% to 100% load) 150 mv max. peak variation 250 s max. response time startup time C start up time at nominal vin, constant resistive load 5 ms typ. short circuit protection continuous, automatic recovery current limitation tsrn 1- 0525sm: at 4.0 a typ. other models: at 2.0 a typ. capacitive load 470 f max. general specifications temperature ranges C operating C40c to +85c C case temperature +130c. max. C storage C55c to +125c derating C positive output circuit 1.7 %/k above +55c C negative output circiut 2.5 %/k above +65c thermal shock, mechanical shock & vibration en 61373, mil-std-810f C test conditions www.tracopower.com/products/mil810.pdf overtemperature protection at +170c (on internal ic) humidity (non condensing) 90 % rel h max. reliability, calculated mtbf (mil-hdbk-217f, at +25c, ground benign) >4500000 h isolation voltage none switching frequency tsrn 1- 0525sm: 410 khz typ. tsrn 1-2433sm : 300 khz typ. other models: 580 khz typ. safety standards (designed to meet) ul/cul 60950-1, iec/en 60950-1 remote on/off C control pin referance for positive output circuit gnd C control pin referance for negative output circuit -vout C on: 2 C 5 vdc or open circuit. C off: 0 C 0.8 vdc or short circuit C off idle current: 1.2 ma typ. environmental compliance C reach www.tracopower.com/products/tsrn1sm-reach.pdf C rohs rohs directive 2011/65/eu dc/dc converters tsrn-1sm series 1 a all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. page 2 of 4 http://www.tracopower.com
page 3 of 4 physical specifications casing material non-conductive plastic (ul94v-0 rated) potting material epoxy, (ul 94v-0 rated) weight 1.7 g (0.06 oz) lead-free reflow solder process as per j-std-020d.01 (to find at: www.jedec.org - free registration rqueired) C max. peak body temperature 245c moisture sensitivity level (msl) level 1 as per ipc j-std-033b.1 (to find at: www.jedec.org - free registration required) washing baking after washing: 100c for 30 min. packaging www.tracopower.com / products / tsrn1sm-pack.pdf dc/dc converters tsrn-1sm series 1 a applications notes positive output operation: negative output operation (not for model tsrn 1-0525sm) : c1 = 10 f / 50 v, 1210 x5r mlcc c2 = 10 f / 25 v, 1206 x5r mlcc output voltage adjustment: 15 7,9 tsrn 1sm +v in gnd +v out gnd 10 remote on/o  c1 c1 15 7,9 +v in tsrn 1sm c2 gnd -v out gnd 10 remote on/o  7, 9 ru 6 tr im up 6 rd 5 tr im do wn model ru [kohm] rd [kohm] tsrn 1-0525sm 40.75 / (vo C 2.5) (vo . 50.75 C 40.75) / (2.5 C vo) tsrn 1-2433sm 26.4 / (vo C 3.3) (vo . 33 C 26.4) / (3.3 C vo) tsrn 1-2450sm 160 / (vo C 5) (vo . 200 C 160) / (5 C vo) tsrn 1-2490sm 80 / (vo C 9) (vo . 100 C 80) / (9 C vo) tsrn 1-24120sm 240 / (vo C 12) (vo . 300 C 240) / (12 C vo) tsrn 1-24150sm 240 / (vo C 15) (vo . 300 C 240) / (15 C vo) vo = output voltage to be adjusted. calculate with absolute values for negative output circuit open trim = nominal output voltage (open remote on/off input = on) (open remote on/off input = on) c1 = 22 f/ 50 v (required only if input voltage is higher than 36 v) http://www.tracopower.com
outline dimensions dc/dc converters tsrn-1sm series 1 a rev. february 07. 2014 pin pos. neg. 1 +vin +vin 5 +vout gnd 6 trim 7 gnd -vout 9 gnd -vout 10 remote on/off pin-out page 4 of 4 dimensions in [mm], () = inch pin pitch tolerances: 0.25 (0.01) pin profile tolerance: 0.1 (0.004) other tolerances: 0.5 (0.02) top view 15 6 7 9 10 9. 3 (0.3 7) 11.8 2 (0.4 7) 2. 54 10.16 (0.10) (0.40) 2. 54 2. 54 5. 08 (0.10) (0.10) (0.20) 15 .2 (0.60) 0. 30 (0. 01) 7. 3 (0.2 9) 0.5 (0.02) (0.51) 9.7 (0.38) 1 5 6 7 9 10 9.3 (0.37) 10.16 (0.40) 2.54 (0.10) 1.5 5.08 (0.20) (0.006) 12.92 solder pad dimension sp ec i?cati ons can be changed wi thout noti ce! make sure you are using the latest documentation, downloadable at www.tracopower. com www .tracopower. com


▲Up To Search▲   

 
Price & Availability of TSRN1-0525SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X