Part Number Hot Search : 
RD36P 0MB100 LTM455DU TM9714 ILX718K R12N12 LTM455DU BZX6VX
Product Description
Full Text Search
 

To Download SR48DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mhz band ceramic resonators (smd) ssr-d series features ?miniature size (2.5 2.0 1.0 mm) ?wide frequency range ?high precision type is available for full speed usb. applications ?cd-r/w ?hdd ?dvd-rom ?md ?printer ?cellular (cdma/pcs) ?portable electronic equipment ?memory card ?usb notice ?non washable how to order ssr 33.86 d r q series w oscillating frequency(mhz) e type r packaging : tape & reel 2000pcs/reel w qe r dimensions packaging : taping recommended reflow profile recommended land pattern (unit : mm) (unit : mm) (unit : mm) test circuit v dd fosc r 3 1 2 v dd : 5v r : 1m ? ic : mc74hcu04 4.0 2.0 1.5 2.5 8.0 3.5 1.75 4.0 (0.3) (5? 1.2 0.25 1.0 2.8 (0.3) (0.3) (5? (0.3) time (sec.) peak 230 5? over 200? 20sec. max 0 50 100 150 200 250 temperature (?) pre-heat 150 to 180? 60sec. min 0.5 0.5 0.5 0.95 1.1 1.1 3.2 0.95 frequency range ic standard frequency (mhz) mc74hcu04 20.00 to 60.0mhz 0.5% 0.3% 20.00, 33.86, 48.0 (motorola) temperature stability ( ? 20 to 80 c) frequency tolerance (25 c) ? high precision type frequency range aging ic standard frequency (10 years) (mhz) 0.18% mc74hcu04 30.00 to 60.0mhz 0.06% 0.01% 48.0 ( option 0.08% ) (motorola) temperature stability ( ? 20 to 70 c) frequency tolerance (25 c) please contact your local avx office for ic matching. 2.2 0.2 2.0 0.1 1 2.5 0.1 3-0.4 0.1 0.95 0.1 0.95 0.1 1.0max 0.4 0.2 2 3 q e input/output w gnd specifications ? standard type ? standard type q output w gnd e input ? high precision typ rohs conforming


▲Up To Search▲   

 
Price & Availability of SR48DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X