Part Number Hot Search : 
STPS20 H11A2S SRA255 1MD03002 FMB1100 MSM7603 TLA0814 74LVX163
Product Description
Full Text Search
 

To Download SFF1006GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss sff1001ga ito-220ab 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol sff 1001 ga sff 1002 ga sff 1003 ga sff 1004 ga sff 1005 ga sff 1006 ga sff 1007 ga sff 1008 ga unit v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a trr ns cj pf r jc o c/w t j o c t stg o c note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. version:c13 35 1.7 v maximum instantaneous forward voltage (note 1) @ 5a v f 0.975 1.3 - 55 to + 150 typical junction capacitance (note 3) note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a note 1: pulse test with pw=300 usec, 1% duty cycle operating temperature range storage temperature range - 55 to + 150 8 70 50 features maximum rms voltage maximum dc blocking voltage maximum average forward rectified current maximum repetitive peak reverse voltage ? polarity: as marked ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case ? mounting torque: 5 in - lbs. max. ? case: ito-220ab molded plastic ? epoxy: ul 94v-0 rate flame retardant ua i fsm sff1001ga - sff1008g a 10.0amps isolated glass pa ssivated super fast rectifier ito-220ab 125 a i r 10 400 ? terminals: pure tin plat ed, lead free, solderable per mil-std-202, method 208 guaranteed ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application mechanical data ? weight: 1.77 grams typical thermal resistance parameter maximum reverse current @ rated vr t a =25 t a =100 maximum reverse recovery time (note 2) 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) ordering information (example) part no. package packing packing code packing code (green) c0g
version:c13 ratings and characteristic curves (sff1001ga thru sff1008ga) 0 2 4 6 8 10 12 0 25 50 75 100 125 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resister or inductive load with heatsink 0 30 60 90 120 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method ta=25 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current(ua) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics ta=25 ta=100 ta=75 40 50 60 70 80 90 100 1 10 100 capacitance (pf) reverse voltage (v) fig. 4 typical junction capacitance ta=25 sff1001g a -sff1004g a sff1005ga-sff1008ga 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 5 typical forward characteristics ta=25 pulse width=300us 1% duty cycle sff1001ga-04ga sff1005ga-06ga sff1007ga-08ga
ito-220ab dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code f = factory code version:c13 c0 c0g ordering information part no. package bulk packing packing code packing code (green) dim. unit(mm) unit(inch) marking diagram sff100xga 50 / tube note: "x" is device code from "1" thru "8".


▲Up To Search▲   

 
Price & Availability of SFF1006GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X