Part Number Hot Search : 
3C101 03203 C2000 SC945 NCV8769 EP8705 FBR2506W SR5040
Product Description
Full Text Search
 

To Download SFF1006G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : -55 to +150 symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg 200 140 200 400 280 400 600 420 600 10.0 10.0 100 1.3 1.7 0.98 35 250 65 2.2 unit v v v v a a ua ua o c pf o cw ns maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 5.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) r jc temperature range (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. (3) thermal resistance junction to case. ? ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 pb free plating product sff1004g thru sff1008g pb 10.0 ampere isolated dual commom cathode super fast rectifiers sff1004g sff1004ga sff1004gd rev.04/2014 sff1004g thru sff1008g features low forward voltage drop fast switching for high efficiency high current capability case: ito-220ab isolated full plastic pkg high surge current capability weight: 2.0 gram approximately polarity: as marked on diode body method 208 mounting position: any terminals: solderable per mil-std-202 mechanical data low reverse leakage current epoxy: ul 94v-0 rate flame retardant application automotive inverters/solar inverters plating power supply,adaptor,smps and ups car audio amplifiers and sound device systems SFF1006G SFF1006Ga SFF1006Gd sff1008g sff1008ga sff1008gd ito-220ab unit : inch (mm) .189(4.8) .406(10.3) .130(3.3) .114(2.9) .071(1.8) .055(1.4) .035(0.9) .011(0.3) (2.55) (2.55) .1 .1 .032(.8) .112(2.85) .272(6.9) .606(15.4) .543(13.8) .161(4.1)max .134(3.4) .165(4.2) .381(9.7) .114(2.9) .098(2.5) .055(1.4) .039(1.0) max .100(2.55) .248(6.3) .583(14.8) .512(13.0) .118(3.0) positive negative common cathode case case case common anode suffix "ga" suffix "g" doubler suffix "gd" tandem polarity
fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 10 6 4 2 8 iinstantaneous forward current, amperes 1 5 50 0.1 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 20 40 60 80 100 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p sff1004g SFF1006G sff1008g ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 rev.04/2014 ? sff1004g thru sff1008g


▲Up To Search▲   

 
Price & Availability of SFF1006G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X