Part Number Hot Search : 
CLV1225A 4N65F MX339H BFP181W 8B100 MAX301 BTB04D NTX1N
Product Description
Full Text Search
 

To Download RU3710R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 www. ruichips .com ru 3710 n - channel advanced power mosfet features pin description symbol parameter rating unit common ratings ( t a =25c unless otherwise noted) v dss drain - source voltage 100 v gss gate - source voltage 25 v t j maximum junction temperature 175 c t s tg storage temperature range - 55 to 175 c i s diode continuous forward current t c =25c 60 a mounted on large heat sink i dp 300 m s pulsed drain current tested t c = 25c 250 t c =25c 6 0 i d continue drain current t c = 100 c 55 a t c =25c 250 p d maximum power d issipation t c = 100 c 150 w r q jc thermal resistance - junction to case 0.5 r q j a thermal resistance - junction to ambient 62 c/w drain - source avalanche ratings storage temperature range - 55 to 150 e as avalanche energy , single pulsed 800 mj absolute maximum ratings ? 100 v/ 60 a r ds ( on ) = 14 m w ( typ.) @ v gs = 10 v ? ultra low on - resistance ? exceptional dv/dt capability ? fast switching and fully avalanche rated ? 100% avalanche tested ? lead free and green available applications switching a pplication systems to - 220 to - 220f to - 247 to - 263 n - channel mosfe t
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 2 www. ruichips .com ru 3710 electrical characteristics ( t a =25 c unless otherwise noted) ru 3710 symbol parameter test condition min. typ. max. unit static characteristics bv dss drain - source breakdown v oltage v gs =0v, i ds = 250 m a 100 v v ds = 100 v, v gs =0v 1 i dss zero gate voltage drain current t j =85 c 30 m a v gs ( th) gate threshold voltage v ds =v gs , i ds = 250 m a 2 3 4 v i gss gate leakage current v gs = 25 v, v ds =0v 10 0 n a r ds ( on ) drain - source on - state resistance v gs = 10 v, i ds = 40 a 14 1 6 m w notes : current limited by wire bond . pulse test ; p ulse width 3 00 m s, duty cycle 2% . guaranteed by design, not subject to production testing . d iode characteristics v sd diode forward voltage i sd = 40 a, v gs =0v 0.8 1.3 v t rr reverse recovery time 90 ns q rr reverse recovery charge i sd = 40 a, dl sd /dt=100a/ m s 180 nc dynamic c haracteristics r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz 1.5 w c iss input capacitance 3600 c oss output capacitance 510 c rss reverse transfer capacitance v gs =0v, v ds = 30 v, frequency=1.0mhz 210 pf t d ( on ) turn - on delay time 13 25 t r turn - on rise time 25 50 t d ( off ) turn - off delay time 72 1 3 0 t f turn - off fall time v dd = 35 v, r l = 35 w , i ds = 1a, v gen = 10v, r g =6 w 80 1 5 0 ns gate charge characteristics q g total gate charge 8 5 120 q gs gate - source c harge 20 q gd gate - drain charge v ds = 80 v, v gs = 10v, i ds = 80 a 30 nc
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 3 www. ruichips .com ru 3710 typical characteristics power dissipation drain curr ent ptot - power(w) i d - drain current (a) tj - junction temperature (c) t j - junction temperature ( c) safe operation area thermal transient impedance i d - drain current (a) normalized effective transient v ds - drain - source voltage (v) square wave pulse duration ( sec)
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 4 www. ruichips .com ru 3710 typical characteristics output characteristics drain - source on resistance i d - drain current (a) r ds(on) - on resistance ( m ) v ds - drain - source voltage (v) i d - drain current (a) drain - source on resistance gate threshold voltage rds(on) - on - resistance (mw) vgs - gate - source voltage ( v) vgs - gate - source voltage (v) tj - junction temperature (c)
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 5 www. ruichips .com ru 3710 typical characteristics drain - source on resistance source - drain diode forward normalized on resistance i s - source current (a) t j - junction temperature (c) v sd - source - drain voltage (v) capacitance gate charge c - capacitance ( pf ) v gs - gate - source voltage (v) v ds - drain - source voltage (v) q g - gate charge (nc)
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 6 www. ruichips .com ru 3710 avalanche test circuit and waveforms switching time test circuit and waveforms
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 7 www. ruichips .com ru 3710 ordering and marking information ru 3710 package (available) r : to - 220; s: to - 263 ; p: to - 220f q:to - 247 operating temperature range c : - 55 to 175 oc assembly material g : green & lead free device packaging t : tube tr : tape & reel
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 8 www. ruichips .com ru 3710 package info rmation to - 220fb - 3l all dimensions refer to jedec standard do not include mold flash or protrusions mm inch mm inch symbol min nom max min nom max symbol min nom max min nom max a 4.40 4.57 4.70 0.173 0.180 0.185 ?p1 1.40 1.50 1.60 0.055 0.059 0.063 a1 1.27 1.30 1.33 0.050 0.051 0.052 e 2.54bsc 0.1bsc a2 2.35 2.40 2.50 0.0 93 0.094 0.098 e1 5.08bsc 0.2bsc b 0.77 - 0.90 0.030 - 0.035 h1 6.40 6.50 6.60 0.252 0.256 0.260 b2 1.23 - 1.36 0.048 - 0.054 l 12.75 - 13.17 0.502 - 0.519 c 0.48 0.50 0.52 0.019 0.020 0.021 l1 - - 3.95 - - 0.156 d 15.40 15.60 15.80 0.606 0.614 0.622 l 2 2.50ref . 0.098ref . d1 9.00 9.10 9.20 0.354 0.358 0.362 ?p 3.57 3.60 3.63 0.141 0.142 0.143 dep 0.05 0.10 0.20 0.002 0.004 0.008 q 2.73 2.80 2.87 0.107 0.110 0.113 e 9.70 9.90 10.10 0.382 0.389 0.398 1 5 7 9 5 7 9 e 1 - 8.70 - - 0.343 - 2 1 3 5 1 3 5 e 2 9.80 10.00 10.20 0.386 0.394 0.401
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 9 www. ruichips .com ru 3710 to - 263 - 2l all dimensions refer to jedec standard do not include mold flash or protrusions mm inch mm inch symbol min nom max min nom max symbol min nom max min nom max a 4.40 4.57 4.70 0.173 0.180 0.185 l 2.00 2.30 2.60 0.079 0.090 0.102 a1 0 0.10 0.25 0 0.004 0.010 l3 1.17 1.27 1.40 0.046 0.050 0.055 a2 2.59 2.69 2.79 0.102 0.106 0.110 l1 - - 1.70 - - 0.067 b 0.77 - 0.90 0.030 - 0.035 l4 0.25bsc 0.01bsc b1 1.23 - 1.36 0.048 - 0.052 l 2 2.50ref. 0.098ref. c 0.34 - 0.47 0.013 - 0.019 0 - 8 0 - 8 c1 1.22 - 1.32 0.048 - 0.052 1 5 7 9 5 7 9 d 8.60 8.70 8.80 0.338 0.343 0.346 2 1 3 5 1 3 5 e 10.00 10.16 10.26 0.394 0.4 0.404 dep 0.05 0.10 0.20 0.002 0.004 0.008 e 2. 54bsc 0.1bsc ?p1 1.40 1.50 1.60 0.055 0.059 0.063 h 14.70 15.10 15.50 0.579 0.594 0.610
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 10 www. ruichips .com ru 3710 to - 220f - 3l all dimensions refer to jedec standard do not include mold flash o r protrusions mm inch mm inch symbol min nom max min nom max symbol m in nom max min nom max e 9.96 10.16 10.36 0.392 0.400 0.408 ?p 3 - 3.450 - - 0.136 - a 4.50 4.70 4.90 0.177 0.185 0.193 1 5 7 9 5 7 9 a 1 2.34 2.54 2.74 0.092 0.100 0.108 2 - 45 - - 45 - a2 0.95 1.05 1.15 0.037 0.041 0.045 dep 0.05 0.10 0.15 0.002 0.004 0.006 a3 0.42 0.52 0.62 0.017 0.020 0.024 f1 1.90 2.00 2.10 0.075 0.079 0.083 a4 2.65 2.75 2.85 0.104 0.108 0 .112 f2 13.61 13.81 14.01 0.536 0.544 0.552 c - 0.50 - - 0.020 - f3 3.20 3.30 3.40 0.126 0.130 0.134 d 15.67 15.87 16.07 0.617 0.625 0.633 g 3.25 3.45 3.65 0.128 0.136 0.144 q 8.80 9.00 9.20 0.346 0.354 0.362 g1 5.90 6.00 6.10 0.232 0.236 0.240 h 1 6.48 6.68 6.88 0.255 0.263 0.271 g2 6.90 7.00 7.10 0.272 0.276 0.280 e 2.54bsc 0.1bsc b1 1.17 1.20 1.24 0.046 0.047 0.048 ?p - 3.183 - - 0.125 - b2 0.77 0.8 0.85 0.030 0.031 0.033 l 12.78 12.98 13.18 0.503 0.511 0.519 b3 1.10 1.30 1.50 0.043 0.051 0.059 d1 8.99 9.19 9.39 0.354 0.362 0.370 e1 9.8 10.00 10.20 0.386 0.394 0.412 ?p1 1.40 1.50 1.60 0.055 0.059 0.063 k1 0.75 0.8 0.85 0.030 0.031 0.033 ?p 2 1.15 1.20 1.25 0.045 0.047 0.049
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 11 www. ruichips .com ru 3710 to - 247 all dimensions refer to jedec standard do not include mold flash or protrusions mm inch mm inch symbol min max min max symbol min max min max a 4.850 5.150 0,191 0.200 e 2 3.600 ref 0.142 ref a1 2.200 2.600 0.087 0.102 l 40.900 41.300 1.610 1.626 b 1.000 1.400 0.039 0.055 l1 24.800 25.100 0.976 0.988 b1 2.800 3.200 0.110 0.126 l2 20.300 20.600 0.799 0.811 b2 1.800 2.200 0.071 0.087 7.100 7.300 0.280 0.287 c 0.500 0.700 0.020 0.028 e 5.450 typ 0.215 typ c 1 1.900 2.100 0.075 0.083 h 5.980 ref. 0.235 ref. d 15.450 15.750 0.608 0.620 h 0.000 0.300 0. 000 0.012 e1 3.500 ref. 0.138 ref.
c opyright ruichips semiconductor co . , ltd rev. c C j an ., 2009 12 www. ruichips .com ru 3710 customer service worldwide sales and service : sales@ru i chips.com technical s upport : technical@ruichips.com inves tor relations contacts : investor@ruichips.com marcom contact: marcom@ruichips.com editorial contact : editorial@ruichips.com hr conta c t: hr@ruichips. com legal contact: legal@ruichips.com shen zhen ruichips semiconductor co., ltd room 501, the 5floor an tong industrial bui l ding, n o.207 mei hua road fu tian area shen zhen city , chi na tel: ( 86 - 755) 8311 - 5334 f ax : (86 - 755) 8311 - 4278 e - mail: sales - sz@ruichips.com


▲Up To Search▲   

 
Price & Availability of RU3710R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X