Part Number Hot Search : 
03929 AN618 HCTS10MS FP205 LTC1049C T240010 18812I 01906
Product Description
Full Text Search
 

To Download RC0100JR-070RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.yageo.com data sheet thick film chip resistor rc 01005 (rohs compliant & halogen free) yageo corporation 350, zhongzheng rd., dashe shiang, kaohsiung 815, taiwan tel: 886-7-351-4117 fax: 886-7-351-2075 headquarters: 3f., 233-1, baoqiao rd., xindian, taipei 231, taiwan tel: 886-2-2917-7555 fax: 886-2-2917-4286
chip resistor surface mount rc series 01005(rohs compliant & halogen free) www.yageo.com 1 6 scope this specification describes size of rc01005 series chip resistors with lead-free terminations made by thick film process. features products with lead free terminations meet rohs requirements. small size and lightweight saving of pcb space halogen free epoxy ordering information part number is identified by the series name, size code, tolerance, packing style, temperature coefficient of resistance, taping reel and resistance value. yageo ordering code marking global part number (preferred) rc01005 rc 0100 x r 07 xxxx l (1) (2) (3) (4) (5) (6) (7) fig.1 no marking (1) size code construction 0100= size 01005 (2) tolerance f = 1% j = 5% (3) packing style r = press pocket paper the resistors are constructed on top of a high- grade ceramic body. internal metal electrodes are added at each end and connected by the resistive glaze. the resistive glaze is covered by a leadfree glass. the composition of the glaze is adjusted to give the approximate required resistance value and laser trimming of this resistive glaze achieves the value inside tolerance. the whole element is covered by a protective epoxycoat. finally, the two external terminations (ni / matte tin) are added. see fig. 2. (4) temperature coefficient of resistance = base on spec. (5) taping reel 07 = 7 inch dia. reel fig.2 ordering example (6) resistance value 10r to 1m the ordering code of a rc0100 chip resistor, value 10 with 5% tolerance, supplied in 7-inch tape reel is: rc0100jr-0710rl. (7) default code letter l is system default code for order only (note) note 1. all our rsmd products meet rohs compliant and halogen free. "lfp" of the internal 2d reel label mentions "lead free process". 2. on customized label, "lfp" or specific symbol can be printed.
chip resistor surface mount rc series 01005(rohs compliant & halogen free) www.yageo.com 2 6 dimension table 1 for dimension see table 1 type rc01005 l (mm) w (mm) h (mm) i1 (mm) i2 (mm) 0.40 0.02 0.20 0.02 0.13 0.02 0.10 0.03 0.10 0.03 fig.3 chip resistor outlines power rating electrical characteristics rc01005 rated power at 70 c is 1/32w table 2 characteristics rc01005 1/32 w operating temperature range C 55 c to +125 c maximum working voltage 15v maximum overload voltage 30v dielectric withstanding voltage 30v resistance range 5% (e24) 10 to 1m 1% (e24) 10 to 1m zero ohm jumper <50m temperature coefficient 250ppm/ rated voltage: the dc or ac (rms) continuous working voltage corresponding to the rated power is determined by the following formula: u= ) * ( r p where u=continuous rated dc or ac (rms) working voltage p=rated power r=resistance value
chip resistor surface mount rc series 01005(rohs compliant & halogen free) www.yageo.com 3 6 taping reel table 3 dimension rc01005 ? a (mm) 180.0+0/ C 3.0 ? n (mm) 60.0+1/ C 0 ? c (mm) 13.0 0.2 ? d (mm) 21.0 0.8 w1 (mm) 9.0 0.3 w2 (mm) 11.4 1.0 for dimension see table 3 fig.5 reel paper tape specification table 4 dimension rc01005 a (mm) 0.24 0.03 b (mm) 0.45 0.03 w (mm) 8.0 0.2 e (mm) 1.75 0.1 f (mm) 3.5 0.05 p 0 (mm) 4.0 0.05 p 1 (mm) 2.0 0.1 p 2 (mm) 2.0 0.05 ? d 0 (mm) 1.5+0.1/ C 0 t (mm) 0.31 0.1 fig.6 paper tape specification packing method leader/trailer tape specification fig.7 leader/trailer tape table 5 packing style and packaging quantity. packing style reel dimension rc01005 press pocket paper 7" (178 mm) 20,000 units 5
chip resistor surface mount rc series 01005(rohs compliant & halogen free) www.yageo.com 4 6 tests and requirements test test method procedure requirement life/endurance iec 60115-1 4.25.1 at 70 5 for 1,000 hours; rcwv applied for 1.5 hours on and 0.5 hour off, still air required (3%+0.05 ) <100m for jumper high temperature exposure iec 60068-2-2 1,000 hours at 125 5 c,unpowered (1%+0.05 ) <50m for jumper moisture resistance mil-std-202 method 106g each temperature / humidity cycle is defined at 8 hours (method 106f), 3 cycles / 24 hours for 10d with 25 c / 65 c 95% r.h, without steps 7a & 7b, unpowered parts mounted on test-boards, without condensation on parts (2%+0.05 ) <100m for jumper thermal shock mil-std-202g method 107g -55/+125 note number of cycles required is 300 devices unmounted maximum transfer time is 20 seconds dwell time is 15 minutes. air - air (1%+0.05 ) <50m for jumper short time overload iec 60115-1 4.13 2.5 times rcwv or maximum overload voltage which is less for 5 seconds at room temperature (2%+0.05 ) <50m for jumper no visible damage board flex/ bending iec 60068-2-21 device mounted or as described only 1 board bending required 2 mm bending time: 60 5 seconds (1%+0.05 ) <50m for jumper no visible damage solderability - wetting ipc/jedec j-std-002b test b electrical test not required magnification 50x smd conditions: 1st step: method b, aging 4 hours at 155 c dry heat 2nd step: leadfree solder bath at 245 3 c dipping time: 3 0.5 seconds well tinned (> 95% covered) no visible damage -leaching ipc/jedec j-std-002b test d solder bath at 260 5 dipping time : 30 1 seconds no visible damage -resistance to soldering heat iec 60068-2-58 condition b, no pre-heat of samples leadfree solder, 260 c 5 , 10 1 seconds immersion time procedure 2 for smd: devices fluxed and cleaned with isopropanol (1%+0.05 ) <50m for jumper no visible damage
chip resistor surface mount rc series 01005(rohs compliant & halogen free) www.yageo.com 5 6 type procedure size footprint dimension requirements recommended footprint dimensions size footprint dimensions code unit :mm rc01005 a b c d 0.48 0.12 0.18 0.18 ~ 0.23 fig.8 recommended footprint dimensions 2
chip resistor surface mount rc series 01005(rohs compliant & halogen free) www.yageo.com 6 6 revision history revision date change notification description version 0 2008-06-20 - first issue of this specification


▲Up To Search▲   

 
Price & Availability of RC0100JR-070RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X