yageo corporation dip / smd inductors features halogen free products shielded construction lowest dcr/h, in this package size handles high transient current spikes without saturation applications excellent for power lines used on dc-dc conversion applications i.e. power switching, personal computers and handheld devices. dip power inductors pmf series shapes and dimensions unit: mm type a b c d e f g a b c pmf0806 8.2 +0 8.2 +0 3.5 0.5 6.0 +0 4.4 0.5 4.4 0.5 0.7 0.1 4.9 4.4 1.0 pmf1008 11.7 +0 9.7 +0 3.5 0.5 8.5 +0 6.6 0.5 4.2 0.5 1.4 0.1 7.1 4.2 1.8 pmf107 11.5 +0 11.5 +0 3.4 0.5 8.0 +0 6.5 0.5 6.0 0.5 1.1 0.1 8.5 6.0 1.5 pmf109 11.5 +0 11.5 +0 3.4 0.5 10.5 +0 6.8 0.5 6.8 0.5 1.1 0.1 9.6 6.8 1.5 pmf118 12.0 +0 12.0 +0 3.4 0.5 9.0 +0 6.3 0.5 5.7 0.5 1.5 0.1 7.8 7.0 1.9 pmf129 14.0 +0 13.0 +0 3.4 0.5 9.5 +0 7.8 0.5 7.0 0.5 1.0 0.1 7.8 7.0 1.4 e f land pattern a xxx d c g b a b c tolerance: j = 5%, k = 10%, l = 15%, m = 20%, p = 25%, n = 30%, y = min product identification pmf 107 - 1r0 - m hf halogen free tolerance inductance dimensions product symbol
9 electrical characteristics ferrite cores part no. inductance tolerance test frequency dc resistance isat irms (h) (%) (khz) (m ) 10% (a) max. (a) max. pmf107-1r0m 1.00 20 100 4.39 22.00 20.00 pmf107-1r2m 1.20 20 100 1.66 15.00 14.00 pmf107-330m 33.00 20 100 87.65 1.50 3.00 pmf109-220m 22.00 20 200 58.83 4.50 3.80 pmf109-330m 33.00 20 200 60.04 4.00 3.60 pmf109-500m 50.00 20 200 91.23 2.00 1.80 pmf109-101m 100.00 20 200 139.30 2.00 1.80 pmf109-121m 120.00 20 200 200.83 2.00 1.80 pmf109-151m 150.00 20 100 208.71 2.00 1.80 pmf109-221m 220.00 20 200 305.00 1.50 1.35 pmf118-r30m 0.30 20 100 0.76 30.00 50.00 pmf129-1r0m 1.00 20 100 0.99 35.00 27.00 pmf129-1r2m 1.20 20 100 1.35 35.00 31.50 pmf129-3r3m 3.30 20 100 4.04 22.00 21.00 pmf129-101m 100.00 20 100 124.00 3.00 2.70 note: isat: dc current at which the inductance drops 20% from its value without current irms: the actual current when temperature of coil becomes t = 40 c
10 electrical characteristics iron cores part no. inductance tolerance test frequency dc resistance isat irms (h) (%) (khz) (m ) 10% (a) max. (a) max. pmf0806-r47m 0.47 20 100 1.90 38.00 22.00 pmf0806-r60m 0.60 20 100 1.90 34.00 21.00 pmf0806-r80m 0.80 20 100 2.90 27.00 17.00 pmf0806-1r0m 1.00 20 100 4.30 22.00 14.00 pmf1008-r25m 0.25 20 100 0.65 50.00 43.00 pmf1008-r30m 0.30 20 100 0.65 45.00 43.00 pmf118-r47m 0.47 20 100 0.80 50.00 38.00 pmf118-r60m 0.60 20 100 0.80 50.00 38.00 pmf118-r80m 0.80 20 100 1.30 45.00 31.00 pmf118-1r0m 1.00 20 100 1.30 35.00 31.00 pmf118-1r5m 1.50 20 100 1.80 25.00 26.00 pmf118-2r0m 2.00 20 100 3.30 30.00 20.00 pmf118-3r3m 3.30 20 100 6.30 25.00 14.00 note: isat: dc current at which the inductance drops 20% from its value without current irms: the actual current when temperature of coil becomes t = 40 c
11 type bulk qty/plate plate/grip grip box pmf107 v 60 8 2 960 pmf109 v 60 5 2 600 pmf118 v 60 8 2 960 pmf129 v 60 8 2 960 type a b c pmf107 251 138 13.00 pmf109 251 138 13.00 pmf118 251 138 13.00 pmf129 250 138 17.00 plate dimensions unit: mm packaging quantity b a c plate grip
|