Part Number Hot Search : 
ST3353 P7N50 BR1632A 7101P2 1N2837B M54566WP IRFIZ PI3B1
Product Description
Full Text Search
 

To Download PPM10-B-0505DLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  telefon: +49 (0) 6135 7026 -0 telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de ppm-series ppmxx-x-xxdlf 5 - 20 w ac/dc converter triple output input specifications input voltage range 85- 264vac, 120- 370vdc input frequency 47- 63hz input current ppm05 ppm10 ppm15 ppm20 ppm25 110vac 230vac 120ma , typ. 70ma , typ. 230ma , typ. 120ma , typ. 250ma , typ. 140ma , typ. 330ma , typ. 180ma , typ. 420ma , typ. 230ma , typ. inrush current ppm05 ppm10 ppm15 ppm20/ppm25 110vac 230vac 10a, typ. 20a, typ. 10a, typ. 20a, typ. 10a, typ. 20a, typ. 16a, typ. 30a, typ. external input fuse(recommended) ppm05 ppm10/ppm15 ppm20/ppm25 1a/250v slow blow 2a/250v slow blow 3.15a/250v slow blow output specifications voltage set accuracy 2%(main out) input variation 0.5% (main output) 1.5% (supplement output) load variation (10-100%) isolated triple out put (balanced load) vo1 3% (main output) vo2 5% (supplement output) ripple& noise(p-p) 20mhz bandwidth 100mv short circuit protection continuous, and auto resume over current protection 110% io over output voltage protection 3.3 / 5vdc models 9vdc model 12 / 15vdc model s 24vdc model 48vdc model 6.5vdc 12vdc 20vdc 30vdc 60vdc general specifications temperature ranges operating : power derating above 55c: storage: case temperature: -25c to +70c 3.75% / c -25c to +105c +90c max weight ppm05, ppm10, ppm15, ppm20/25 ~50g, ~70g , ~80g, ~120g hold-up time (vin=230vac) 80m s(typ.) humidity (non condensing) 85%(max) temperature coefficient 0.02% /c switching frequency 150khz max efficiency see table i/o-isolation voltage 3000vac/1min leakage current 0.3ma rms typ.. 230vac/50hz case material ul 94v-0 rated install pcb mtbf >200,000h @25c rohs compliant soldering 260c / max. 10 sec.
note: unit: mm pin section: 1.00mm pin tolerances: +/- 0.1mm general tolerances: +/- 0.5mm ppm-series ppmxx-x-xxdlf 5 - 20 w ac/dc converter triple output examples of partnumbers/modelcode part no. power (watt) input current (ma, typ.) 110v / 230v output (vo1 / io1) output (vo2 / io2) ripple and noise (typ.) efficiency (% min.) ppm05-a-0505dlf 5 120 / 70 5v / 800ma 5v / 100ma 50mv 76 ppm05-a-0512dlf 5 120 / 70 5v / 600ma 12v / 100ma 50mv 76 ppm05-a-0515dlf 5 120 / 70 5v / 600ma 15v / 80ma 50mv 76 ppm05-a-0524dlf 5 120 / 70 5v / 600ma 24v / 50ma 50mv 76 PPM10-B-0505DLF 10 230 / 120 5v / 1200ma 5v / 400ma 50mv 78 ppm10-b-0512dlf 10 230 / 120 5v / 1000ma 12v / 200ma 50mv 78 ppm10-b-0515dlf 10 230 / 120 5v / 900ma 15v / 200ma 50mv 78 ppm10-b-0524dlf 10 230 / 120 5v / 1000ma 24v / 100ma 50mv 78 ppm15-c-0505dlf 15 250 / 140 5v / 2000ma 5v / 500ma 50mv 80 ppm15-c-0512dlf 15 250 / 140 5v / 2000ma 12v / 200ma 50mv 80 ppm15-c-0515dlf 15 250 / 140 5v / 1800ma 15v / 200ma 50mv 80 ppm15-c-0524dlf 15 250 / 140 5v / 2000ma 24v / 100ma 50mv 80 ppm20-d-0505dlf 20 330 / 180 5v / 2500ma 5v / 500ma 50mv 82 ppm20-d-0512dlf 20 330 / 180 5v / 2000ma 12v / 400ma 50mv 82 ppm20-d-0515dlf 20 330 / 180 5v / 2000ma 15v / 300ma 50mv 82 ppm20-d-0524dlf 20 330 / 180 5v / 2000ma 24v / 200ma 50mv 82 other specifications please enquire. dimensions / pinning no. ppmxx- a no. ppmxx- b no. ppmxx- c no. ppmxx- d a 12.5 a 17.5 a 17.5 a 20.0 b 48.5 b 55.0 b 62.0 b 70.0 c 40.5 c 47.0 c 54.0 c 62.0 d 4.0 d 5.0 d 5.0 d 5.75 e 16.0 e 20.0 e 20.0 e 23.0 f 36.0 f 45.0 f 45.0 f 48.0 g 20.5 g 20.5 g 22.5 g 23.5 h 6.0 h 6.0 h 6.0 h 6.0 # triple out 1 ground 2 ac (n) 3 ac (l) 4 - v output 1 5 + v output 1 6 - v output 2 7 com 8 + v output 2 trim omitted pinning ppmxx-x-xxdlf
ppm-series ppmxx-x-xxdlf 5 - 20 w ac/dc converter triple output app notes remarks : 1.ripple and noise were measured by the method of p arallel lines; 2.unless otherwise specified, all specifications ab ove are measured at rated input voltage and rated o utput load, ta=25c, humidity < 75%; 3.all specifications stated in this datasheet are s ubject to the above listed model only. for specific ations of non-standard model, please contact our technical support team. parallel lines measure 2 c1 c2 copper sheet load 25.4m m 25.4m m connect oscillograph probe fuse typical applications ppm-series ppmxx-x-xxelf (single output) l +vo -vo l n n c1 c2 fuse fg fg tvs 1 rl nt c ppmxx-x-xxzslf (isolate twin output) + - c1 c 4 c3 c 2 - vo 1 vo 2 tv s1 tv s2 r l rl fuse l ln n fg fg nt c + ppmxx-x-xxzlf (dual output) fuse +vo l ln -vo n com c 4 c 2 c 1 c3 r l tvs1 tv s2 rl fg fg ntc ppmxx-x-xxdlf (triple output) +vo1 -vo2 com c6 c2 c5 c1 +vo2 tv s1 tvs3 rl rl c4 c3 tvs 2 rl n n fg fg fuse l l n tc -vo1 external typical value vout c1/c3/c5 c2/c4/c6 tvs 3.3v 330 - 10 00uf/16v p6ke6.8a 5v 330 - 1000uf/16v p6ke6.8a 12v 47 - 220uf/25v p6ke16a 15v 47 - 220uf/25v p6ke20a 24v 10 - 120uf/35v p6ke33a 48v 10 - 68uf/63v 0.1uf/50-100v (ceramic capacitor) p6ke62a remarks 1.output filtering capacitor c5, c3 and c1 are elec trolytic capacitor. it is recommended to use high f requency and low resistance electrolytic capacitor. for capa citance and current of the capacitor please refer t o suppliers? specifications. voltage derating of capa citor should be 80% or above. c2, c4 and c6 elim inate high frequency noise. tvs is a recommended componen t to protect post-circuits (when converter fails). 2. external input ntc is recommended to use 5d-9 (o nly ppm10 model and ppm15 model) specification can be changed without notice. copyright peak electronics gmbhcs rev old: jan. 08 rev new: oct. 08 changed: new models


▲Up To Search▲   

 
Price & Availability of PPM10-B-0505DLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X