characteristic typical min/max ta= 25 oc ta = -55 oc to +100 oc frequency 80 - 120 mhz 80 - 120 mhz legend +25 oc +100 oc - - - - - - -55 oc typical intermodulation performance at 25 o c second order harmonic intercept point ....... +56 dbm (typ.) second order two tone intercept point ........ +50 dbm (typ.) third order two tone intercept point ............ +45 dbm (typ.) power vdc +11 +11 ma 170 180 max. rf amplifier model tm3035 available as: tm3035, 4 pin to-8 (t4) tn3035, 4 pin surface mount (0.450? sq.) fp3035, 4 pin flatpack (0.500? sq.) PN3035, 4 pin surface mount (0.375? sq.) bx3035, connectorized housing (h1l) features ? ? ? ? ? high output power: +28.5 dbm typical ? ? ? ? ? medium gain: 16 db typical ? ? ? ? ? operating temp. -55 oc to +100 oc ? ? ? ? ? environmental screening available note: care should always be taken to effectively ground the case of each unit. noise figure (db) 3.0 5.0 max. vswr in 1.8:1 2.0:1 max. out 1.25:1 2.0:1 max. reverse isolation (db) -22.5 -21.5 max. power @ 1 db comp. (dbm) +28.5 +27 min. gain (db) 16 15 min. specifications typical performance data absolute maximum (no damage) ratings ambient operating temperature ................ -55oc to +110 oc storage temperature ................................. -62oc to +125 oc case temperature .................................................. +125 oc dc voltage .......................................................... +15 volts continuous rf input power .................................. +20 dbm short term rf input power.... 200 milliwatts (1 minute max.) maximum peak power.................... 0.5 watt (3 sec max.) revision 4/11/2012 spectrum microwave 2144 franklin drive n.e. palm bay, florida 32905 ph (888) 553-7531 fax (888) 553-7532 spectrum microwave 2707 black lake place philadelphia, pennsylvania 19154 ph (215) 464-4000 fax (215) 464-4001 www.spectrummicrowave.com start 80 mhz stop 120 mhz start 80 mhz stop 120 mhz start 80 mhz stop 120 mhz start 80 mhz stop 120 mhz start 80 mhz stop 120 mhz start 80 mhz stop 120 mhz 23 21 20 2.0 1.5 1.0 2.0 1.5 1.0 5 4 3 1 16 15 13 +29 +28 +27 2 17 14 gain (db) noise figure (db) 1 db comp. (dbm) input vswr output vswr reverse isolation (db)
|