Part Number Hot Search : 
T5001 T0810 74ALS10A CA12060 74ALS10A BC328BU 01010 MB96F
Product Description
Full Text Search
 

To Download PCA-6743VE-Q0A2E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ultra low power, fanless dm&p vortex86dx processor and 512/256 mb onboard ddr2 memory ? vga+lcd dual video outputs ? fdd/ pc/104/ com supported ? optional module for 4 com485 w/auto-fow control pca-6743 dm&p vortex86dx isa half-size sbc with vga/ ttl/ lan/ usb/ pc/104/ cfc/ com specifcations processor system cpu dm&p vortex86dx max. speed 800 mhz l1 cache 16 kb i/d-cache l2 cache 256 kb chipset dm&p vortex86dx bios award integrated in dm&p vortex86dx bus isa full 16-bit isa bus signal memory technology default onboard ddr2 256mb (for ve sku) default onboard ddr2 512mb (for f sku) socket - graphics controller chipset integrated vga controller vga mode: sm712 graphics chip supports 1024 x 768 @ 24-bit true color lcd mode: smi sm712 2d graphics chip supports 1024 x 768 @ 18/24 bit tft vram shared 4 mb lvds 18/24 bit lvds (optional) ttl up to 24-bit ttl for tft lcd dual display supports vga+lcd simultaneous display ethernet interface 10/100 mbps controller lan on vortex86dx connector rj-45 x 1 eide mode udma 100 channel 1 (2 ide devices from secondary ide) sata (150 mb/s) port 1 (f sku) i/o interface usb 4 (usb 2.0 ports) serial f sku: 2 rs-232/422/485 (1 real i/o and 1 pin header) + 2 rs-232 (with pin header) ve sku: 2 rs-232 (1 real i/o and 1 pin header) optional: pca-com485; add 4 rs-422/485 with auto-flow control (need to check if irq is available or not) parallel 1 (epp/ecp/spp) fdd 1 gpio 8-bit 4 in/4 out ps/2 1 (6-pin din socket on bracket for ps/2 keyboard and mouse, 6-pin wafer box connector for keyboard only) watchdog timer output system reset/irq11 interval programmable, 1~255 sec/min miscellaneous audio output - solid state disk compact flash socket (type i/ii) from primary master power requirement voltage +12 v +5 v current 0.04 a 1.44 a environment operating non-operating temperature 0 ~ 60 c (32 ~ 140 f) (operating humidity: 40 c @ 85% rh non-condensing) -40 c ~ 85 c and 60 c @ 95% rh non-condensing physical dimensions 185 mm (l) x 122 mm (w) (7.3" x 4.8") rohs compliant 2002/95/ec jfp1 usb12 jbk1 gpio1 fdd1 ide1 usb34 inv1 lpt1 com34 jcase1 jir1+ jwdt1 + jobs vga1 lan1 com1 com2 kbs2 kbs1 pc/104 dmp vortex 86 dx sysfan1 pwr1 cmos sata1 lcd1 slot sbc & passive backplanes features all product specifications are subject to change without notice last updated : 19-feb-2013
pca-6743 optional accessories part number description pca-com485-00a1e 4 x rs-422/485 com module * please check the irq resource availability before add on the module. packing list part number description quantity 1700008762 dual-com port cable kit for com3-4 (2.00 mm) (for f sku) x 1 1700014398 4-port usb cable kit (2.0 mm pitch) x 1 1700060202 y cable for ps/2 keyboard, ps/2 mouse x 1 1701260305 com2 (2.54 mm) +lpt (2.54 mm) cable (for f sku) x 1 1700003194 sata hdd data cable x 1 1703150102 sata hdd power cable x 1 bracket view PCA-6743VE-Q0A2E pca-6743f-q0a2e ordering information p/n vga ttl lvds sata com pc104 lpt fdd onboard ram PCA-6743VE-Q0A2E 1 1 optional - 2 rs-232 - 1 1 256 mb pca-6743f-q0a2e 1 1 optional 1 2 rs-232 2 rs-232/422/485 1 1 1 512 mb dm&p vortex86dx581 pbga800 mhz ddr2 333 m h z 256/512 m b o nboard 333 mhz s uper i/o w83627-dh g-p vg a 2 4 b i t ttl ir da f dd 4 com rs-422/485 (optional) lan on chip cf primary ide vga pc/104 isa lpc k b/m s g p io lpc module s m 7 1 2 4 u s b usb 2.0 2m bio s 2 co m rs-232/422/485 2 co m rs-2 3 2 10/100m l vds t r a n s. lvds (optional) lvds l p c h e a d e r s at a p r i ma r y i d e sata trans. secondary ide 1 ide l p t www.advantech.com/products online download block diagram


▲Up To Search▲   

 
Price & Availability of PCA-6743VE-Q0A2E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X