Part Number Hot Search : 
EMK13G2 MBR2540 N2136 1N5948C 21N10 2SJ346 R1173 DT54FCT
Product Description
Full Text Search
 

To Download NCB3312K900TR500F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change features ? standard eia 0402 ~ 1812 case sizes ? effective em/rfi suppression up to 1 ghz ? current ratings up to 6 amps ? high impedance over a wide frequency range ? compatible with automatic pick and place equipment ? both flow and reflow soldering applicable high current ferrite chip beads ncb-h series operating temperature range: -40c to +125c for impedance ( z ) over frequency curves see www.rfpassives.com eia size nic p/n impedance at 100mhz (25% tol.) dc resistance max. ( ) dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 0402 ncb-h0402p100tr200f 10 0.1 2000 1 1.0 0.1 0.5 0.1 0.5 0.1 0.25 0.1 ncb-h0402p300tr200f 30 0.1 2000 ncb-h0402p600tr200f 60 0.1 2000 ncb-h0402p800tr200f 80 0.1 2000 ncb-h0402p900tr200f 90 0.1 2000 ncb-h0402p101tr200f 100 0.1 2000 ncb-h0402p121tr200f 120 0.1 2000 ncb-h0402p221tr150f 220 0.15 1500 ncb-h0402p301tr150f 300 0.15 1500 0603 ncb-h0603r100tr400f 10 0.02 4000 1 1.6 0.2 0.8 0.15 0.8 0.15 0.4 0.2 ncb-h0603r270tr400f 27 0.03 4000 ncb-h0603r300tr300f 30 0.035 3000 ncb-h0603r300tr500f 30 0.02 5000 ncb-h0603r500tr250f 50 0.04 2500 ncb-h0603r680tr100f 68 0.2 1000 ncb-h0603r800tr300f 80 0.04 3000 ncb-h0603r101tr200f 100 0.2 2000 ncb-h0603r101tr300f 100 0.04 3000 ncb-h0603r121tr200f 120 0.1 2000 ncb-h0603r121tr250f 120 0.05 2500 ncb-h0603r121tr300f 120 0.04 3000 ncb-h0603r151tr200f 150 0.1 2000 ncb-h0603r181tr100f 180 0.2 1000 ncb-h0603r181tr150f 180 0.15 1500 ncb-h0603r181tr200f 180 0.1 2000 ncb-h0603r221tr200f 220 0.1 2000 ncb-h0603r260tr600f 260 0.01 6000 ncb-h0603r301tr100f 300 0.2 1000 ncb-h0603r331tr200f 330 0.1 2000 ncb-h0603r391tr200f 390 0.1 2000 ncb-h0603r471tr100f 470 0.2 1000 ncb-h0603r471tr200f 470 0.1 2000 ncb-h0603r601tr100f 600 0.2 1000 0805 ncb-h0805a220tr600f 22 0.01 6000 1 2.0 0.2 1.25 0.2 0.9 0.2 0.5 0.3 ncb-h0805a300tr500f 30 0.01 5000 ncb-h0805a390tr400f 39 0.03 4000 ncb-h0805a400tr150f 40 0.15 1500 ncb-h0805a420tr400f 42 0.03 4000 ncb-h0805a600tr300f 60 0.025 3000 ncb-h0805a800tr300f 80 0.04 3000 ncb-h0805a800tr400f 80 0.03 4000 ncb-h0805a101tr400f 100 0.02 4000 ncb-h0805a121tr200f 120 0.1 2000 continued on page 2 note: other values and case sizes available. *see part number system for details rohs compliant includes all homogeneous materials new values
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change note: other values and case sizes available. *style 2 types, temperature range -25c ~ +85c eia size nic p/n impedance at 100mhz (25% tol.) dc resistance max. ( ) dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 0805 ncb-h0805a121tr400f 120 0.1 4000 1 2.0 0.2 1.25 0.2 0.9 0.2 0.5 0.3 ncb-h0805a121tr500f 120 0.02 5000 ncb-h0805a151tr200f 150 0.1 2000 ncb-h0805a221tr300f 220 0.04 3000 ncb-h0805a251tr100f 250 0.2 1000 ncb-h0805a301tr100f 300 0.2 1000 ncb-h0805a331tr250f 330 0.05 2500 ncb-h0805a471tr200f 470 0.08 2000 ncb-h0805a601tr150f 600 0.1 1500 ncb-h0805a102tr150f 1000 0.15 1500 1206 ncb-h1206b300tr300f 30 0.04 3000 1 3.2 0.2 1.6 0.2 1.1 0.2 0.5 0.3 ncb-h1206b310tr150f 31 0.15 1500 ncb-h1206b320tr600f 32 0.02 6000 ncb-h1206b500tr400f 50 0.02 4000 ncb-h1206b600tr200f 60 0.1 2000 ncb-h1206b680tr300f 68 0.012 3000 ncb-h1206b800tr300f 80 0.04 3000 ncb-h1206b101tr300f 100 0.04 3000 ncb-h1206b121tr200f 120 0.1 2000 ncb-h1206b121tr300f 120 0.04 3000 ncb-h1206b121tr400f 120 0.03 4000 ncb-h1206b121tr500f 120 0.02 5000 ncb-h1206b151tr200f 150 0.1 2000 ncb-h1206b161tr600f 160 0.018 6000 ncb-h1206b301tr250f 300 0.05 2500 ncb-h1206b391tr200f 390 0.1 2000 ncb-h1206b471tr100f 470 0.2 1000 ncb-h1206b501tr300f 500 0.04 3000 ncb-h1206b601tr200f 600 0.1 2000 1806 ncb-h1806e600tr600f 60 0.01 6000 1 4.5 0.25 1.6 0.2 1.6 0.2 0.5 0.3 ncb-h1806e750tr300f 75 0.04 3000 ncb-h1806e800tr300f 80 0.04 3000 ncb-h1806e181tr300f 180 0.04 3000 ncb-h1806e471tr250f 470 0.05 2500 ncb-h1806e102tr150f 1000 0.15 1500 1812 ncb-h1812d800tr600f 80 0.01 6000 1 4.5 0.25 3.2 0.2 1.5 0.2 0.5 0.3 ncb-h1812d125tr150f 125 0.05 1500 ncb-h1812d131tr300f 130 0.04 3000 ncb-h1812d151tr500f 150 0.02 5000 ncb-h1812d601tr300f 600 0.04 3000 ncb-h1812d681tr400f 680 0.03 4000 ncb-h1812d132tr300f 1300 0.06 3000 1612 ncb1612k480tr500f 48 0.001 5000 2* 4.2 0.4 3.1 0.2 2.6 0.2 1.3 0.3 3312 NCB3312K900TR500F 90 0.001 5000 8.6 0.4 3.2 0.3 2.6 0.2 1.3 0.3 3119 ncb3119l950tr500f 95 0.001 5000 7.8 0.4 4.7 0.3 2.9 0.2 1.3 0.3 high current ferrite chip beads ncb-h series operating temperature range: -40c to +125c* part number system a 200 part thickness max; a=1.1mm, b=1.3mm, c=1.5mm, d=1.7mm, e=1.8mm, k=2.8mm, l=3.1mm, n=0.33, p=0.65mm, r=0.95mm packaging: tr = tape and reel 0805 size ncb-h series 121 impedance at 100mhz 3 digit code; rst two digits are signi cant third digit is no. of zeros f rohs compliant tr dc current rating (see standard values and case size table) new values
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change high current ferrite chip beads ncb-h series for impedance ( z ) over frequency curves see www.rfpassives.com style 2 1.27mm b c d a style 1 (eia size chips) termination: (nickel barrier with sn plate finish) d d a b c ncb-h tape dimensions (mm) dimensions ncb-h0402p ncb-h0603r ncb-h0805a a 0.62 0.03 1.05 0.03 1.50 0.05 b 1.12 0.03 1.85 0.03 2.30 0.05 t 0.60 0.03 0.95 0.05 0.95 0.05 w 8.0 0.1 e 1.75 0.1 f 3.5 0.1 p1 2.0 0.1 4.0 0.1 p2 2.0 0.1 chips/reel 10,000 4,000 4,000 fig. 1 1 1 figure 1 (pressed paper carrier) t f w e a b p1 p2 6 5 4 3 2 1 6a 5a 4a 3a 2a 1a 1.5a 85c 125c derated current (amps) ambient temperature + component temperature rise current derating vs. temperature
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change ferrite chip beads ncb-h series ncb-h reel dimensions ncb-h land pattern dimensions (mm) size a b c 0402 0.80 0.55 0.50 0603 1.00 0.60 0.80 0805 1.00 1.20 1.20 1206 1.00 1.80 2.00 1806 1.05 1.80 3.30 1812 1.05 3.50 3.30 1612 1.70 2.00 2.20 3312 1.70 2.00 6.60 3119 1.70 2.00 5.80 dim size: 0402, 0603, 0805 & 1206 size: 1806, 1812 &1612 size: 3312 & 3319 a 178 2.0 b 60 1.0 c 13.0 0.5 d 21.0 0.8 e 2.0 0.5 w 10.0 1.0 14.0 1.0 18.0 1.0 t 2.0 0.5 r 1.0 b a a c e w b c d a t r dimensions ncb-h1206b ncb-h1206e ncb-h1806e ncb-h1812d ncb1612k ncb3312k ncb3119l a 1.94 0.1 1.94 0.1 1.94 0.1 3.64 0.1 3.65 0.1 3.45 0.1 5.25 0.1 b 3.54 0.1 3.64 0.1 4.94 0.1 4.94 0.1 5.40 0.1 9.30 0.1 8.75 0.1 t 1.29 0.05 1.90 0.05 1.90 0.05 1.80 0.05 3.05 0.05 3.05 0.05 3.70 0.05 w 8.0 12.0 16.0 e 1.75 2.0 f 3.5 5.5 7.5 g 2.0 0.05 4.0 0.05 p 4.0 0.1 8.0 0.1 chips/reel 3,000 2,000 2,000 1,000 500 500 500 fig. 2222222 figure 2 (embossed plastic carrier) g 4.00.1 f 0.1 e 0.05 w0.2 p a b +0.1 1.5-0 0.30 0.05 t ncb-h tape dimensions (mm)


▲Up To Search▲   

 
Price & Availability of NCB3312K900TR500F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X