1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors naws series features ? cylindrical v-chip construction for surface mounting ? low profile 4mm height ? load life (1,000 hours @ +105c) ? designed for automatic mounting and reflow soldering characteristics rated voltage rating 6.3 ~ 50vdc rated capacitance range 1.0 ~ 100 f operating temp. range -40 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater dissipation factor w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 tan @ 120hz/20c 0.38 0.32 0.20 0.16 0.14 0.14 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 z-25c/z+20c 4 3 2 2 2 2 z-40c/z+20c 10 8 6 4 4 4 load life test @ 105c 1,000 hours capacitance change within 30% of initial measured value tan less than 300% of the speci ed maximum value leakage current less than the speci ed maximum value naws 101 m 6.3v 6.3x4 j b f rohs compliant termination/packaging code re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 1.01r0-----5x4 2.22r2-----5x4 3.33r3-----5x4 4.7 4r7 - - - 5x4 5x4 5x4 10 100 - - 5x4 5x4 5x4 6.3x4 22 220 5x4 5x4 5x4 6.3x4 6.3x4 - 6.3x4 33 330 5x4 5x4 6.3x4 6.3x4 - - 6.3x4 47 470 5x4 6.3x4 6.3x4 - - - 6.3x4 68 680 6.3x4 ----- 100 101 6.3x4 ----- dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.2 qty/reel 5x4 5.0 4.0 5.3 5.3 2.3 0.5 ~ 0.8 1.4 1,000 6.3x4 6.3 4.0 6.6 6.6 2.6 0.5 ~ 0.8 2.2 1,000 0.3mm max. d l + - i i w p a b code peak re ow temperature j 240c code finish & reel size b sn-bi finish & 13" reel peak reflow temperature codes standard values and case sizes (mm) termination finish & packaging options codes sac alloy compatible 240c *see part number system for details pnb s fd il rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change diameter peak temperature duration time above 200c time above 217c time above 230c number of re ow passes 5 ~ 6.3mm +240c time > 240c 5 sec. 50 sec. 40 sec. 20 sec. 2 peak reflow temperature, duration and number of reflow passes allowed case size a b c 5x4 1.4 3.0 1.8 6x3x4 1.8 3.6 1.8 a c b recommended land pattern dimensions (mm) time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) time above 217c (see table) nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. esr ( ) 120hz, +20c max. ripple current (ma) +105c, 120hz load life hours @ +105c naws220m6.3v5x4jbf 22 6.3 0.38 28.65 23 1000 naws330m6.3v5x4jbf 33 0.38 19.10 28 1000 naws470m6.3v5x4jbf 47 0.38 13.41 34 1000 naws470m6.3v6.3x4jbf 0.38 13.41 42 1000 naws680m6.3v6.3x4jbf 68 0.38 9.27 49 1000 naws101m6.3v6.3x4jbf 100 0.38 6.30 52 1000 naws220m10v5x4jbf 22 10 0.32 24.13 25 1000 naws330m10v5x4jbf 33 0.32 16.08 30 1000 naws330m10v6.3x4jbf 0.32 16.08 35 1000 naws470m10v6.3x4jbf 47 0.32 11.29 38 1000 naws100m16v5x4jbf 10 16 0.20 33.17 18 1000 naws220m16v5x4jbf 22 0.20 15.08 26 1000 naws220m16v6.3x4jbf 0.20 15.08 31 1000 naws330m16v6.3x4jbf 33 0.20 10.05 35 1000 naws470m16v6.3x4jbf 47 0.20 7.06 38 1000 naws4r7m25v5x4jbf 4.7 25 0.16 56.47 13 1000 naws100m25v5x4jbf 10 0.16 26.54 21 1000 naws220m25v6.3x4jbf 22 0.16 12.06 35 1000 naws330m25v6.3x4jbf 33 0.16 8.04 42 1000 naws4r7m35v5x4jbf 4.7 35 0.14 49.41 13 1000 naws100m35v5x4jbf 10 0.14 23.22 22 1000 naws220m35v6.3x4jbf 22 0.14 10.56 34 1000 naws1r0m50v5x4jbf 1.0 50 0.14 232.22 6 1000 naws2r2m50v5x4jbf 2.2 0.14 105.55 10 1000 naws3r3m50v5x4jbf 3.3 0.14 70.37 12 1000 naws4r7m50v5x4jbf 4.7 0.14 49.41 16 1000 naws100m50v6.3x4jbf 10 0.14 23.22 23 1000 standard values, case sizes and specifications surface mount aluminum electrolytic capacitors naws series precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com frequency 120hz 1khz 10khz 100khz ~ 1.0 ~ 3.3 f 1.0 1.30 1.50 1.80 >4.7 ~ 33 f 1.0 1.20 1.30 1.45 >33 f 1.0 1.10 1.20 1.30 ripple current frequency correction factor
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors naws series review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl carrier tape case size a 0.2 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 5x4 5.7 5.7 12.0 5.5 12.0 4.5 6.3x4 7.0 7.0 16.0 7.5 12.0 4.5 case size w 1.0 quantity per reel 13" reel 5x4 14.0 1,000 pcs 6.3x4 18.0 1,000 pcs tr13 330mm (13") reel 13 ? 0.5 3.0 0.5 330 mm 50 ? min. 21 0.8 2.00.5 w reel t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 0.4 + 0.2 4 + 0.1 carrier taping specifications (mm) 1. both leader and trailer tape: minimum 10 empty pockets and 20cm of cover tape. 3. connection: maximum 3 connections (slices) per reel.
|