Part Number Hot Search : 
B23N20 LTC1415I DS9094FS BGY885B D16312 TS1937 N74F823D ASPDF5T0
Product Description
Full Text Search
 

To Download NATU101M35V8X108NLBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors natu series features ? extended temperature +125 o c & long life (4,000 hours) ? cylindrical v-chip construction for surface mounting ? designed for automatic mounting and reflow soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 25 ~ 35vdc rated capacitance range 100 ~ 330 f operating temp. range -40 ~ +125c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c 0.01cv tan @ 120hz/20c w.v. (vdc) 25 35 s.v. (vdc) 32 44 tan @ 120hz/20c 0.16 0.14 low temperature stability impedance ratio @ 120hz w.v. (vdc) 25 35 z -25c/z +20c 22 z -40c/z +20c 33 load life test at w.v. @ 125c all case sizes: 4,000 hours capacitance change within 30% of initial measured value tan less than 300% of speci ed max. value leakage current less than speci ed max. value standard product and case size d xl (mm) 0.3mm max. d l + - i i w p a b case size d 0.5 l max. a, b 0.2 i 0.3 p 0.3 w 8 x 10.8 8.0 10.8 8.3 2.9 3.2 0.7 ~ 1.0 10 x 10.8 10.0 10.8 10.3 3.2 4.6 1.0 ~ 1.4 dimensions (mm) cap.( f) code working voltage (vdc) 25 35 100 101 - 8x10.8 150 151 8x10.8 - 220 221 - 10x10.8 330 331 10x10.8 - re ow code l = +250c n = +260c termination / packaging code b = sn-bi / 13" reel lb = sn-bi / 15" reel natu 101 m 35v 8x10.8 n b y f rohs compliant termination/packaging code: b = sn-bi, 13" reel lb = sn-bi, 15" reel re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl diameter time above 200c time above 217c time above 230c peak temperature 5 seconds 8mm 80 sec. max. 70 sec. max. 40 sec. max. 260c 10mm 70 sec. max. 60 sec. max. 40 sec. max. 250c peak reflow temperatures and duration case size a b c 8x10.8 2.8 4.1 2.1 10x10.8 4.3 4.4 2.5 a c b land pattern dimensions (mm) capacitors can withstand two re ow passes under the speci ed conditions. capacitors must be allowed to cool to room temperature before the second re ow pass. time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) time above 217c (see table) surface mount aluminum electrolytic capacitors natu series ripple current frequency correction factor frequency (hz) 100 < f <1k 1k < f <10k 10k < f <100k 100k < f 100f ~ 330 f 0.6 0.85 0.93 1.00 part number cap. (f) working voltage dissipaton factpr @120hz/20c max. esr () at 100khz/20c max. ripple current (ma rms) at 100khz/125c load life hours @ +125c natu151m25v8x10.8nbyf 150 25 0.16 0.30 300 4,000 natu331m25v10x10.8lbyf 330 0.16 0.20 500 4,000 natu101m35v8x10.8nbyf 100 35 0.14 0.30 300 4,000 natu221m35v10x10.8lbyf 220 0.14 0.20 500 4,000 standard values, case sizes & specifications
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change case size a 0.2 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 t max. 8x10.8 8.7 8.7 24.0 11.5 16.0 11.1 0.6 10x10.8 10.7 10.7 24.0 11.5 16.0 11.2 0.6 case size w 1.0 qty per reel 13" (330mm) 15" (380mm) 8x10.8 26 300 500 10x10.8 26 300 500 tr13 330mm (13") reel tr15 380mm (15") reel taping specifications (mm) 1. both leader and trailer tape: minimum 10 empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm carrier tape carrier reel surface mount aluminum electrolytic capacitors natu series t a p feeding 1.5? +0.1/- 1.75 d b c 1.5+0.1/-0 1.75 + 0.15 t 4 + 0.1


▲Up To Search▲   

 
Price & Availability of NATU101M35V8X108NLBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X