Part Number Hot Search : 
F2015 T8100 25ETTT C24FJ64G 25ETTT S29BDS 2400YZ ADUM3210
Product Description
Full Text Search
 

To Download MPO-200S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input parameter conditions min. typ. max. units input voltage range universal 90 264 vac 127 373 vdc input frequency 47 63 hz input filter meets en 55022 class b; fcc class b input current see model selection guide inrush current cold start, 115 vac 36.0 a pk cold start, 230 vac 100.0 safety ground leakage current 264 vac 3.5 ma output parameter conditions min. typ. max. units output voltage/current see model selection guide output voltage tolerance see note 1 ?.0 % line regulation vin = min to max ?.5 % load regulation iout = 10% to 100% ?.0 % ripple & noise (20 mhz) see note 2 ?.0 % hold-up time see note 3 10 msec temperature coef cient ?.05 %/? short circuit protection continuous (autorecovery) over voltage protection see note 3 130 % general parameter conditions min. typ. max. units isolation voltage input to output 3,000 vac isolation resistance 500 vdc 1,000 m isolation capacitance 5,845 pf emi/rfi conducted en 55022; en 61000-3-2, -3 emc compliance electrostatic discharge (esd) iec/en 61000-4-2, -6, -8, -11 rf field susceptibility iec/en 61000-4-3 electrical fast transients/bursts on mains iec/en 61000-4-4 surge iec/en 61000-4-5 switching frequency fixed 90 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -20 +25 +80 ? storage temperature range -20 +85 ? cooling see derating curve humidity rh, non-condensing 93 % physical size 5.00 x 3.00 x 1.44 inches (127.00 x 76.20 x 34.00 mm) weight 14.10 oz (0.400 kg) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25?, gnd benign 110 khours safety standards ul 60950, en 60950 vibration sinusoidal 50~500 hz, 3.0 grms, period of 30 min each along x, y & z axis single output, 200w miniature, open frame ac/dc power supplies key features: 200w output power pfc to en 61000-3-2,3 ? universal 90-264 ac input en 60950 approved (ul) miniature 3 x 5 in package meets en 55022 b ef ciency to 92% >110 khour mtbf MPO-200S series electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com
model selection guide mechanical dimensions input connector (cn1): tkp pvh1-3n2 or equivalent (one pin removed) mating housing: jst vhr-3n or equivalent mating terminal: svh-21t-ph1 or equivalent pin function 1 ac-line 2 removed 3 ac-neutral safety ground: the unit should be mounted using metal standoffs. the input side mounting hole marked ?g provides the safety earth ground for the unit. this point should be connected to the system earth ground via a metal spacer or a cable. this connection should be locked to prevent possible loosening. connecting the output side mounting holes to earth ground improves emi (this connection will also put the rear heatsink at ground potential). output connector (cn2): tkp pvh1-08 or equivalent mating housing: jst-vhr-8n or equivalent mating terminal: svh-21t-ph1 or equivalent pin function pin function 1+v out 5-v out 2+v out 6-v out 3+v out 7-v out 4+v out 8-v out fan drive connector (cn3): lcu p205dg-02 or equivalent mating housing: molex 5051-02 or equivalent mating terminal: molex 5159 or equivalent pin function 1 +fan out 2 -fan out t he fan drive provides 12vdc @ 300 ma. remote sense connector (cn4): lcu p205dg-02 or equivalent mating housing: molex 5051-02 or equivalent mating terminal: molex 5159 or equivalent pin function 1 +rs 2 -rs the remote sense outputs may be used to compensate for up to a 0.5v line drop. connections derating curve notes: 1. output voltage tolerance is measured at nominal input and 60% load. 2. output ripple is measured at 20 mhz bandwidth using 0.1 f and 10 f capacitors connected in parallel as close to the power supply terminals as possible. 3. hold-up time is typical for 115 vac and 230 vac inputs. 4. these units will operate at no load without damage. for most applications however, mpd recommends that a minimum load always be used. contact the factory for more information. 5. the remote sense outputs may be used to com- pensate for up to a 0.5v line drop. 6. the fan drive provides 12vdc @ 300 ma. 7. each unit includes an input fuse (250v/5a). since this fuse is not eld replaceable, it is recom- mended that an external fuse of the same size be used on the input of the power supply for protection. notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.02 ( 0.50) micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com model number input output output power (max. w) max output capacitance (f) ef ciency (%, typ) current (a) voltage (vdc) current (a) with 19 cfm convection 115 vac 230 vac maximum (with 19 cfm) maximum (convection) % min. MPO-200S-12 3.0 1.5 12.0 16.67 12.50 0.00 200 150 6,000 89 MPO-200S-24 3.0 1.5 24.0 8.34 6.25 0.00 200 150 6,000 90 MPO-200S-36 3.0 1.5 36.0 5.56 4.17 0.00 200 150 4,450 91 MPO-200S-48 3.0 1.5 48.0 4.17 3.13 0.00 200 150 3,700 92


▲Up To Search▲   

 
Price & Availability of MPO-200S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X