Part Number Hot Search : 
DG308ACJ 2SK36 3M250 AO471212 1772175 SB107 MPM3530 AN44066A
Product Description
Full Text Search
 

To Download MBRF10H150CT-E345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr10h150ct, mbrf10h150ct & sb10h150ct-1 1 dual common-cathode high-voltage schottky rectifier features ? guardring for overvoltage protection ? low power loss, high efficiency ? low forward voltage drop ? high frequency operation ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in high frequency inverters, freewheeling and polarity protection applications. mechanical data case: to-220ab, ito-220ab, to-262aa epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test mounting torque: 10 in-lbs maximum polarity: as marked primary characteristics i f(av) 2 x 5 a v rrm 150 v i fsm 160 a v f 0.72 v t j 175 c ito-220ab to-262aa mbrf10h150ct sb10h150ct-1 case pin 2 pin 1 pin 3 1 2 3 1 2 3 maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbr10h150ct unit maximum repetitive peak reverse voltage v rrm 150 v working peak reverse voltage v rwm 150 v maximum dc blocking voltage v dc 150 v maximum average forward rectified current (fig. 1) total device per diode i f(av) 10 5 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode i fsm 160 a peak repetitive reverse current per diode at t p = 2 s, 1 khz i rrm 1.0 a peak non-repetitive reverse surge energy per diode (8/20 s waveform) e rsm 10 mj non-repetitive avalanche energy per diode at 25 c, i as = 1.5 a, l = 10 mh e as 11.25 mj voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction and storage temperature range t j , t stg - 65 to + 175 c isolation voltage (ito-220ab only) fr om terminals to heatsink t = 1 min v ac 1500 v www.kersemi.com
mbr10h150ct, mbrf10h150ct & sb10h150ct-1 2 note: (1) pulse test: 300 s pulse width, 1 % duty cycle ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol value unit maximum instantaneous forward voltage per diode (1) i f = 5.0 a i f = 5.0 a i f = 10 a i f = 10 a t j = 25 c t j = 125 c t j = 25 c t j = 125 c v f 0.88 0.72 0.96 0.80 v maximum reverse current per diode at working peak reverse voltage (1) t j = 25 c t j = 125 c i r 5.0 1.0 a ma thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical thermal resistance per diode r jc 2.4 4.5 2.4 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ab mbr10h150ct-e3/45 2.06 45 50/tube tube ito-220ab mbrf10h150ct-e3/45 2.20 45 50/tube tube to-262aa sb10h150ct-1e3/45 1.58 45 50/tube tube figure 1. forward derating curve (total) 0 2 4 6 8 10 12 25 50 75 100 125 150 175 mbrf mbr, mbrb a v erage for w ard c u rrent (a) case temperat u re (c) figure 2. maximum non-repetitive peak forward surge current per diode 0 20 40 60 8 0 200 1 8 0 160 140 120 100 10 1 100 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) t j = t j max. 8 .3 ms single half sine- w a v e www.kersemi.com
mbr10h150ct, mbrf10h150ct & sb10h150ct-1 3 figure 3. typical instantaneous forw ard characteristics per diode figure 4. typical reverse characteristics per diode 0.1 0.3 0.2 0.4 0.6 0. 8 1.0 0.5 0.7 0.9 1.1 1.2 100 10 0.1 1 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 125 c t j = 175 c t j = 25 c t j = 75 c 0.1 0.01 1 10 100 1000 10 000 10 20 30 50 70 100 40 60 8 090 percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent ( a) t j = 125 c t j = 175 c t j = 25 c t j = 75 c figure 5. typical juncti on capacitance per diode figure 6. typical transient thermal impedance per diode 10 1 100 100 1000 10 000 0.1 10 re v erse v oltage ( v ) j u nction capacitance (pf) 0.01 10 1 100 10 100 0.1 0.1 1 mbrf mbr, mbrb t - p u lse d u ration (s) transient thermal impedance (c/ w ) www.kersemi.com
mbr10h150ct, mbrf10h150ct & sb10h150ct-1 4 package outline dimensions in inches (millimeters) to-220ab 0.39 8 (10.10) 0.3 8 2 (9.70) 0.055 (1.40) 0.047 (1.20) 0.343 ( 8 .70) typ. 0.067 (1.70) typ. 0.331 ( 8 .40) typ. 0.150 (3. 8 0) 0.139 (3.54) dia. 0.114 (2.90) 0.106 (2.70) 0.634 (16.10) 0.61 8 (15.70) pin 2 3 1 0.11 8 (3.00) typ. 0.035 (0.90) 0.02 8 (0.70) 0.064 (1.62) 0.056 (1.42) 0.200 (5.0 8 ) typ. 0.100 (2.54) typ. 0.63 8 (16.20) 0.59 8 (15.20) 0.055 (1.40) 0.049 (1.25) 0.1 8 5 (4.70) 0.169 (4.30) 0.154 (3.90) 0.13 8 (3.50) 0.370 (9.40) 0.354 (9.00) 0.523 (13.2 8 ) 0.507 (12. 88 ) 0.102 (2.60) 0.0 8 7 (2.20) 1.161 (29.4 8 ) 1.106 (2 8 .0 8 ) 0.024 (0.60) 0.01 8 (0.45) 0.024 (0.60) 0.01 8 (0.45) 0.13 8 (3.50) 0.122 (3.10) 1.29 (3.2 8 ) 1.21 (3.0 8 ) 0.100 (2.54) typ. 0.200 (5.0 8 ) typ. 0.05 8 (1.47) max. 0.024 (0.60) 0.039 (1.00) 0.10 8 (2.74) 0.092 (2.34) 0.117 (2.96) 0.101 (2.56) 0.633 (16.07) 0.601 (15.67) 0.630 (16.00) 0.614 (15.60) dia. 0.320 ( 8 .12) 0.304 (7.72) 0.396 (10.05) 0.372 (9.45) 12 3 pin 0.40 8 (10.36) 0.392 (9.96) ito-220ab 0.270 (6. 88 ) 0.255 (6.4 8 ) 0.264 (6.70) 0.24 8 (6.50) 0.193 (4.90) 0.177 (4.50) 0.370 (9.40) 0.354 (9.00) 0.523 (13.2 8 ) 0.507 (12. 88 ) 0.425 (10. 8 0) 0.393 (10.00) 0.102 (2.60) 0.0 8 7 (2.20) 0.1 8 5 (4.70) 0.169 (4.30) 0.055 (1.40) 0.049 (1.25) 0.024 (0.60) 0.01 8 (0.45) 0.405 (10.2 8 ) 0.3 8 9 (9. 88 ) 0.062 (1.57) 0.054 (1.37) 0.055 (1.40) 0.039 (1.00) 0.4 88 (12.4) 0.472 (12.00) 12 k 3 pin 0.100 (2.54) typ. 0.200 (5.0 8 )typ. 0.02 8 (0.70) 0.035 (0.90) 0.39 8 (10.10) 0.3 8 2 (9.70) to-262aa www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBRF10H150CT-E345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X