Part Number Hot Search : 
BR1060CT SMN7105 1N4936GP LC87F BDX53BG AP430 AAT250 AP430
Product Description
Full Text Search
 

To Download LQM2HPN1R0MGCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s speci? cations are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical speci? cations because there is no space for detailed speci? cations. therefore, please approve our product speci? cations or transact the approval sheet for product speci? cations before ordering. http://www.murata.com/ 1 inductors (coils) > chip inductor (chip coil) > power inductor (multilayer type) 2011.11.2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. chip inductor (chip coil) power inductor (multilayer type) lqm2hp_gc series (1008 size) c dimensions 2.50.2 0.60.2 2.00.2 (in mm) 0.90.1 c packaging code packaging minimum quantity l 180mm embossed tape 3000 b bulk(bag) 1000 c rated value ( p : packaging code) part number inductance rated current dc resistance self resonance frequency (min.) operating temperature range lqm2hpn1r0mgc p 1.0h 20% 1500ma 0.08ohm 25% 50mhz -30 to +85c lqm2hpn3r3mgc p 3.3h 20% 1000ma 0.16ohm 25% 30mhz -55 to +125c lqm2hpn4r7mgc p 4.7h 20% 800ma 0.18ohm 25% 25mhz -55 to +125c test frequency: 1mhz class of magnetic shield: magnetic shield of ferrite c inductance-frequency characteristics (typ.) frequency (mhz) inductance (h) 0.1 1 10 1 10 100 4.7h 1.0h 3.3h c inductance-current characteristics (typ.) 0.1 1 10 1 10 100 1000 10000 current (ma) inductance (h) 4.7h 1.0h 3.3h continued on the following page.
2 data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s speci? cations are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical speci? cations because there is no space for detailed speci? cations. therefore, please approve our product speci? cations or transact the approval sheet for product speci? cations before ordering. http://www.murata.com/ 2 inductors (coils) > chip inductor (chip coil) > power inductor (multilayer type) 2011.11.2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. continued from the preceding page. c temperature rise characteristics (typ.) current (ma) temperature rise (c) 0 10 20 30 40 0 500 1000 1500 2000 4.7h 1.0h 3.3h c ! caution/notice ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering pro le where peak solder temperature is below the tin melting point is used. please con rm the solderability of tin plating termination chip before use.


▲Up To Search▲   

 
Price & Availability of LQM2HPN1R0MGCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X